Part Number Hot Search : 
MJE521 UDA133 2SC50 0EVKI SD101 AA101 UDA133 SMBJ75A
Product Description
Full Text Search
 

To Download SJ78M15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SJ78M15 3-terminal positive voltage regulator 08-mar-2013 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen and lead-free description the SJ78M15 series of three-terminal positive regul ators are available in the to-252 package and with 5vfixe d output voltage, making it useful in a wide range of applic ations. this regulator can provide local on-card regulation , eliminating the distribution problems associated wi th single point regulation. it employs internal current limit ing, thermal shut-down and safe operating area protection, makin g it essentially indestructible. if adequate heat sinkin g is provided, they can deliver over 0.5a output current. although designed primarily as fixed voltage regulators, these device s can be used with external components to obtain adjustable voltages and currents. package information package mpq leader size to-252 2.5k 13 inch typical application absolute maximum ratings parameter symbol value units input voltage v in 35 v output current i o 500 ma operating temperature range t j 0~+125 c storage temperature range t stg -65~+150 c total power dissipation @ t a =25 c p d 1.25 w to-252 a c d n o p g e f h k j m b millimeter millimeter ref. min. max. ref. min. max. a 6. 4 6.8 j 2.3 0 ref. b 5.20 5.50 k 0.70 0.90 c 2.20 2.40 m 0.50 1.1 d 0.45 0.58 n 0.9 1. 6 e 6.8 7.3 o 0 0.15 f 2.40 3.0 p 0.43 0.58 g 5.40 6.2 h 0.8 1.20
elektronische bauelemente SJ78M15 3-terminal positive voltage regulator 08-mar-2013 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (refer to the test circuits, t j =25 c, i o =350ma, v in =23v, c in =0.33 f, c o =0.1 f unless otherwise specified) symbol test conditions min typ max unit i o =350ma, v in =23v 14.4 15 15.6 v o 17.5v v Q in Q 30v, 5ma i Q o 350ma, Q p o Q 15w, t j =0~125c 14.25 15 15.75 v 17.5v v Q in Q 30v, i o =200ma, - - 100 ? ?? ? v o (line regulation) 20v v Q in 2 Q 6v, i o =200ma, - - 50 mv 5ma i Q o 500ma, Q - - 300 ? ?? ? v o (load regulation) 5ma i Q o 200ma, Q - - 150 mv i q i o =350ma, v in =23v - - 6 ma 17.5v v Q in Q 30v, i o =200ma, t j =0~125c - - 0.8 i q v in =23v, 5ma i Q o 350ma Q , t j =0~125c - - 0.5 ma v n 10hz f 100khz Q Q - 90 - v rr 18.5v v Q in Q 28.5v, f=120hz, i o =300ma, t j =0~125c 54 - - db v d - 2 - v


▲Up To Search▲   

 
Price & Availability of SJ78M15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X