Part Number Hot Search : 
TA8210H AD100 AS006 00SCM 78R12PI DMD1010 5225B 10D471
Product Description
Full Text Search
 

To Download SBW3320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SBW3320 copyright@semiwell semiconductor co., ltd., all rights are reserved semiwell semiconductor 2.collector 3.emitter 1.base symbol to-3p absolute maximum ratings (t j = 25 unless otherwise specified) parameter symbol ma ximum rating unit collector-base voltage vcbo 500 v collector-emitter voltage vceo 400 v emitter-base voltage vebo 7 v collector current(dc) ic 15 a base current ib 5 a collector dissipation(tc=25 ) pc 80 w junction temperature tj 150 storage temperature tstg -65 ~ 150 switch mode series npn silicon power transistor features high voltage, high speed power switching low vce(sat) general description this device is designed for high voltage, high speed switching characteristic required such as switching regulator, inverters, motor controls. . 1 2 3 1/4 jun 2007. rev. 0
SBW3320 electrical characteristics ( tc = 25 unless otherwise noted) parameter symbol test condition min typ max unit collector-emitter breakdown voltage v ceo ic=10ma, ib=0 400 v collector-emitter breakdown voltage v ceo(sus) ic=0.2a 400 v collector cut-off current i cbo vcb=500v, ie=0 1 ma emitter cutoff current i ebo veb=7v, ic=0 1 ma dc current gain h fe vce=5v, ic=6a 10 40 - collector-emitte r saturation voltage v ce(sat) ic=6a, ib=1.2a 1 v base-emitter saturation voltage v be(sat) ic=6a, ib=1.2a 1.5 v storage time t stg 1 4 ? fall time t f vcc=5v, ic=0.5a (ui9600) 0.8 ? 2/4
SBW3320 fig. 1 static characteristics fig. 2 dc current gain fig. 3 saturation voltage fig. 4 safe operation area fig. 5 power derating 0 25 50 75 100 125 150 175 200 0 10 20 30 40 50 60 70 80 90 100 3/4 v ce (v) collector emitter voltage i c (a) collector current i c (a) collector current v ce (v) collector emitter voltage t c ( ) case temperature i c (a) collector current h fe dc current v be(s) , v ce(s) , saturation voltage i c (a) collector current p c (w) power dissipation
SBW3320 to-3p package dimension corresponding symbol measurement a(mm) 15.600.20 a1(mm) 13.600.20 a2(mm)dia. 9.600.20 b(mm) 19.900.20 b1(mm) 13.900.20 b2(mm) 12.760.20 b3(mm) 3.800.20 c(mm) 20.000.30 c1(mm) 3.500.20 c2(mm) 16.500.30 d(mm) 5.45(typ) d1 2.0 0.20 d2 3.00.20 d3 1.000.20 e(mm) 4.800.20 +0.15 e1(mm) 1.50 -0.05 e2(mm) 1.400.20 f(mm) 18.700.20 +0.15 g(mm) 0.60 -0.05 (mm) 3.200.10 4/4


▲Up To Search▲   

 
Price & Availability of SBW3320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X