Part Number Hot Search : 
DU1113 AP3125A LM3440 4805S D4UB40 LTC4096 P1011 G8912BE
Product Description
Full Text Search
 

To Download SBW3320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol parameter t e s t conditions v a lue units v ces collector-emitter voltage v be = 0 500 v v ceo collector-emitter voltage i b = 0 400 v v ebo emitter-base voltage i c = 0 7.0 v i c collector current 15 a i cp collector pulse current 30 a i b base current 5.0 a i bm base peak current t p = 5ms 10 a p c total dissipation at tc = 2 5 80 w t j operation junction temperature 150 t stg storage temperature -65 ~ 150 SBW3320 SBW3320 SBW3320 SBW3320 c o p y r igh t @ w i n s em i microelectronics c o . , lt d . , a l l ri g h t r e s er v ed . high high high high voltage voltage voltage voltage fast-swit fast-swit fast-swit fast-swit c c c c hing hing hing hing npn npn npn npn power power power power transistor transistor transistor transistor features very high switching speed high voltage capability wide re v erse bias soa general description this de v ice is designed for high v oltage, high speed switching characteristics required such as lighting system, switching mode power supply. absolute maximum ratings thermal c h aracteristics symbol parameter v a lue units r j c thermal resistance junction to case 1.56 /w r j a thermal resistance junction to ambient 62.5 /w j a l 20 11 . rev. 2 t02-1 SBW3320 SBW3320 SBW3320 SBW3320 to3p to3p to3p to3p to247 to247 to247 to247 SBW3320 SBW3320 SBW3320 SBW3320 w w w w
2 / 7 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance SBW3320 SBW3320 SBW3320 SBW3320 electrical characte r istics (t c =2 5 unless other w ise noted) symbol parameter t e s t conditions v a lue units min t y p max v ceo( s u s ) collector-emitter breakdown voltage ic=10ma,ib=0 400 - - v v ce( s at) collector-emitter saturation voltage ic=6.0a,ib=1.2a - - 1.0 v ic=8.0a,ib=1.6a tc=100 - - 2.0 v v be( s at) base-emitter saturation voltage ic=6.0a,ib=1.2a - - 1.2 v ic=8.0a,ib=1.6a tc=100 - - 1.5 v i ebo emitter-base cutoff current veb=7v,ic=0v - - 1 ma i c bo collector-base cutoff current vcb=500v,ic=0v - - 1 ma h fe dc current gain vce=5v, ic=5.0a vce=5v, ic=8.0a 10 6 - - 40 30 ts storage time v c c =5.0v , ic=0.5a (ui9600) 4 - - 6 0.8 ? tf fall time f t current gain band with prouct vce=10 v , ic=0.5a 4 mhz note: note: note: note: pulse test : pulse width 300, duty cycle 2%
3 / 7 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance SBW3320 SBW3320 SBW3320 SBW3320
4 / 7 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance SBW3320 SBW3320 SBW3320 SBW3320 resistive resistive resistive resistive load load load load switching switching switching switching t t t t e e e e s s s s t t t t ci ci ci ci r r r r cuit cuit cuit cuit inductive inductive inductive inductive load load load load s s s s w w w w itching itching itching itching & & & & rbsoa rbsoa rbsoa rbsoa t t t t e e e e s s s s t t t t ci ci ci ci r r r r c c c c uit uit uit uit
5 / 7 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance SBW3320 SBW3320 SBW3320 SBW3320 t t t t o o o o 3p(b) 3p(b) 3p(b) 3p(b) packa packa packa packa g g g g e e e e di di di di m m m m e e e e n n n n si si si si o o o o n n n n
6 / 7 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance SBW3320 SBW3320 SBW3320 SBW3320 t t t t o o o o 3p( 3p( 3p( 3p( n n n n ) ) ) ) package package package package dimension dimension dimension dimension unit :mm
7 / 7 steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance SBW3320 SBW3320 SBW3320 SBW3320 to to to to 247 247 247 247 package package package package dimension dimension dimension dimension unit:mm


▲Up To Search▲   

 
Price & Availability of SBW3320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X