Part Number Hot Search : 
MGF4919E C1210 16N50 E170CA G0906 L7805A PYQ28 SG256
Product Description
Full Text Search
 

To Download PSF74100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tel: 310-325-1043 fax: 310-325-1044 www.mpsind.com sales@mpsind.com psf74 series ? magnetic shielding using magnetic epoxy resin results in lower costs as compared to traditional ferrite shielded inductors ? size: 7.5mm length x 7.0mm width x 4.5mm height ? operating temperature -40oc to +120oc ? rohs compliant product ? custom design available electrical parameters @ 25c part number psf74- inductance (h) 20% isat (adc) max dcr () max 100m 10 1.84 0.049 150m 15 1.47 0.081 220m 22 1.23 0.11 330m 33 0.96 0.17 390m 39 0.91 0.23 470m 47 0.88 0.26 560m 56 0.75 0.35 680m 68 0.69 0.38 101m 100 0.60 0.61 151m 150 0.46 0.88 181m 180 0.42 0.98 221m 220 0.36 1.17 271m 270 0.34 1.64 331m 330 0.32 1.86 391m 390 0.29 2.85 471m 470 0.26 3.01 102m 1000 0.18 6.00 502m 5200 0.14 20.0 note: 1. inductance measured at 100khz, 0.1vrms 2. isat: ?l drops 25% max from its initial value product performance is limited to specifed parameters. data is subject to change without prior notice. magnetic epoxy shielded smt power inductor
tel: 310-325-1043 fax: 310-325-1044 www.mpsind.com sales@mpsind.com product performance is limited to specifed parameters. data is subject to change without prior notice. dimensions unless otherwise specifed, all tolerances are: inch: .xx : 0.015 .xxx : 0.004 mm: x,x : 0,38 x,xx : 0,10 dimensions (mm) psf74 series magnetic epoxy coated smt power inductor


▲Up To Search▲   

 
Price & Availability of PSF74100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X