Part Number Hot Search : 
1E121 12800 T6K53 R5F213 KBL400 SDA004 74LS139 8HC908A
Product Description
Full Text Search
 

To Download PM300CLA120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  powerex, inc., 200 e. hillis street, youngwood, pennsylvania 15697-1800 (724) 925-7272 intellimod? l-series three phase igbt inverter 300 amperes/1200 volts PM300CLA120 1 rev. 12 /05 description: powerex intellimod? intelligent power modules are isolated base modules designed for power switching applications operating at frequencies to 20khz. built-in control circuits provide optimum gate drive and protection for the igbt and free-wheel diode power devices. features: complete output power circuit gate drive circuit protection logic C short circuit C over temperature using on-chip temperature sensing C under voltage low loss using 5th generation igbt chip low emi/rfi applications: inverters ups motion/servo control power supplies ordering information: example: select the complete part number from the table below -i.e. PM300CLA120 is a 1200v, 300 ampere intellimod? intelligent power module. type current rating v ces amperes volts (x 10) pm 300 120 outline drawing and circuit diagram v cc s i gnd gnd out f o in ot v cc s i gnd gnd out f o in ot v cc s i gnd gnd out f o in ot v cc s i gnd gnd out f o in ot p u v w n v cc s i gnd gnd out f o in ot v cc s i gnd gnd out f o in ot u n v wp c w p w pfo v wp 1 v un1 v vpc v p v pfo v vp1 v upc u p u pfo v up1 v unc u nfo v n v vn1 v vnc v nfo w n v wn 1 v wn c w nfo 17 v unc 14 u pfo 11 u 8 w 2 p 6 p 5 n 3 n 7 w 9 v 10 v 12 u 1 n 4 p 16 v up1 15 u p 18 u nfo 13 v upc 35 w n 32 v wp 1 29 v wp c 26 v nfo 20 v un1 24 v vp1 23 v p 21 v vpc 25 v vnc 27 v n 28 v vn1 30 w pfo 19 u n 22 v pfo 34 w nfo 33 v wn c 36 v wn 1 31 w p terminal code k (8 pla ces) r (12 pla ces) a n d l m l m l j j 1 2 3 4 5 6 12 11 10 9 8 7 q ab ab ad ac y ae ab h h h z p v w u aa 13 21 28 29 36 20 f g s e c t j af x y b dimensions inches millimeters a 6.77 172.0 b 5.90 150.0 c 5.39 137.0 d 6.38 162.0 e 4.84 123.0 f 4.33 110.0 g 3.90 99.0 h 1.97 50.0 j 0.236 6.0 k 5.5 metric m5.5 l 0.866 22.0 m 1.10 28.0 n 0.55 14.0 p 0.945 24.0 q 0.43 11.0 r m6 metric m6 dimensions inches millimeters s 0.217 5.5 t 0.79 20.0 u 0.08 2.0 v 0.67 17.0 w 0.62 15.8 x 0.025 sq. sq. 0.64 y 0.1 dia dia. 2.5 z 1.40 35.5 aa 1.44 36.6 ab 0.36 9.08 ac 0.10 2.54 ad 0.40 10.16 ae 0.127 3.22 af 0.53 13.5 ag 0.256 6.5
PM300CLA120 intellimod? l-series three phase igbt inverter 3 00 amperes/1200 volts powerex, inc., 200 e. hillis street, youngwood, pennsylvania 15697-1800 (724) 925-7272 2 rev. 12 /05 absolute maximum ratings, t j = 25c unless otherwise speci?ed characteristics symbol PM300CLA120 units power device junction temperature t j -20 to 150 c storage temperature t stg -40 to 125 c mmounting torque, m5 mounting screws 31 in-lb mounting torque, m6 main terminal screws 40 in-lb module weight (typical) 1250 grams supply voltage, surge (applied between p - n) v cc(surge) 1000 volts self-protection supply voltage limit (short circuit protection capability)* v cc(prot.) 800 volts isolation voltage, ac 1 minute, 60hz sinusoidal v iso 2500 volts *v d = 13.5 ~ 16.5v, inverter part, tj = 125c igbt inverter sector collector-emitter voltage (v d = 15v, v cin = 15v) v ces 1200 volts collector current (t c = 25c) i c 300 amperes peak collector current (t c = 25c) i cp 600 amperes collector dissipation (t c = 25c) p c 1562 watts control sector supply voltage (applied between v up1 -v upc , v vp1 -v vpc , v d 20 volts v wp1 -v wpc , v un 1 -v un c , v wn1 -v wnc , v n1 -v nc ) input voltage (applied between u p -v upc , v p -v vpc , w p -v wpc , v cin 20 volts u n -v un c , v n -v v n c , w n -v w n c ) fault output supply voltage (applied between u pf o -v upc , v pf o -v vpc , v fo 20 volts w pf o -v wpc , u nf o -v un c , v nf o -v v n c , w nf o -v w n c ) fault output sink current at u pf o , v pf o , w pf o , u nf o , v nf o , w nf o terminals i fo 20 ma
PM300CLA120 intellimod? l-series three phase igbt inverter 3 00 amperes/1200 volts powerex, inc., 200 e. hillis street, youngwood, pennsylvania 15697-1800 (724) 925-7272 3 rev. 12 /05 electrical and mechanical characteristics, t j = 25c unless otherwise speci?ed characteristics symbol test conditions min. typ. max. units igbt inverter sector collector-emitter cutoff current i ces v ce = v ces , v cin = 15v, t j = 25c 1.0 ma v ce = v ces , v cin = 15v, t j = 125c 10 ma diode forward voltage v ec -i c = 300a, v cin = 15v, v d = 15v 2.8 3.9 volts collector-emitter saturation voltage v ce(sat) v d = 15v, v cin = 0v, i c = 300a, 1.8 2.3 volts t j = 25c v d = 15v, v cin = 0v, i c = 300a, 1.9 2.4 volts t j = 125c inductive load switching times t on 0.5 1.0 2.5 s t rr v d = 15v, v cin = 0 1 15v 0.5 0.8 s t c(on) v cc = 600v, i c = 300a 0.4 1.0 s t off t j = 125c 2.3 3.5 s t c(off) 0.7 1.2 s control sector short circuit trip level sc -20c t j 125c, v d = 15v 600 amperes short circuit current delay time t off(sc) v d = 15v 0.2 s over temperature protection ot trip level 135 145 c (detect t j of igbt chip) ot r reset level 125 c supply circuit under-voltage protection uv trip level 11.5 12.0 12.5 volts (-20 t j 125c) uv r reset level 12.5 volts circuit current i d upper arm v d = 15v, v cin = 15v 20 27 ma lower arm v d = 15v, v cin = 15v 20 27 ma input on threshold voltage v th(on) applied between u p -v upc , v p -v vpc , 1.2 1.5 1.8 volts input off threshold voltage v th(off) w p -v wpc , u n -v un c , v n -v vn c , w n -v wn c 1.7 2.0 2.3 volts fault output current* i fo(h) v d = 15v, v fo = 15v 0.01 ma i fo(l) v d = 15v, v fo = 15v 10 15 ma fault output pulse width* t fo v d = 15v 1.0 1.8 ms *fault output is given only when the internal sc, ot and uv protection of either upper or lower arms is tripped.
PM300CLA120 intellimod? l-series three phase igbt inverter 3 00 amperes/1200 volts powerex, inc., 200 e. hillis street, youngwood, pennsylvania 15697-1800 (724) 925-7272 4 rev. 12 /05 thermal characteristics characteristics symbol test conditions min. typ. max. units junction to case thermal resistance r th(j-c)q igbt (per 1/6 module) (note 1) 0.08 c/watt r th(j-c)d fwdi (per 1/6 module) (note 1) 0.13 c/watt contact thermal resistance r th(c-f) case to fin per module, 0.014 c/watt thermal grease applied note 1: if you use this value, r th(f-a) should be measured just under the chips. recommended conditions for use characteristic symbol condition value units supply voltage v cc applied across p-n terminals 800 volts control supply voltage* v d applied between v up1 -v upc , v vp1 -v vpc , 15.0 1.5 volts v wp1 -v wpc , v un 1 -v un c , v vn 1 -v vn c , v wn 1 -v wn c input on voltage v cin(on) applied between u p -v upc , u n -v un c , 0.8 volts input off voltage v cin(off) v n -v vn c , v p -v v p c , w n -v wn c , w p -v wpc 9.0 volts pwm input frequency f pwm 20 khz arm shoot-through blocking time t dead input signal 3.0 s *with ripple satisfying the following conditions: dv/dt swing 5v/s, variation 2v peak to peak.
PM300CLA120 intellimod? l-series three phase igbt inverter 3 00 amperes/1200 volts powerex, inc., 200 e. hillis street, youngwood, pennsylvania 15697-1800 (724) 925-7272 5 rev. 12 /05 v cc = 600v v d = 15v t j = 25 o c t j = 125 o c v cc = 600v v d = 15v t j = 25c t j = 125c v cc = 600v v d = 15v t j = 25c t j = 125c collect or current , -i c , (amperes) reverse reco ver y current , i rr , (amperes) reverse recovery time, t rr , (s) 10 1 10 2 10 3 10 1 10 2 10 3 collector current, -i c , (amperes) collector current, i c , (amperes) switching loss, e sw(on) , (mj/pulse) 10 1 10 2 10 3 10 1 10 2 10 3 switching loss (on) vs. collector current (typical - inverter part) collector current, i c , (amperes) switching loss, e sw(o ff ) , (mj/pulse) switching loss (off) vs. collector current (typical - inverter part) reverse recovery characteristics (typical - inverter part) emitter-collector voltage, v ec , (volts) collector current, -i c , (amperes) free-wheel diode forward characteristics (typical - inverter part) 0 2.0 2.5 1.5 1.0 0.5 10 3 10 2 10 1 v d = 15v t j = 25 c t j = 125 o c supply voltage, v d , (volts) collector-emitter saturation voltage, v ce(sat ) , (volts) collector-emitter saturation voltage vs. supply voltage characteristics (typical - inverter part) 12 16 18 17 i c = 300a t j = 25 o c t j = 125 o c 15 14 13 0 400 320 80 160 240 reverse recovery characteristics (typical - inverter part) collector-emitter voltage, v ce , (volts) collector current, i c , (amperes) output characteristics (typical - inverter part) v d = 17v 15 13 t j = 25 c 10 1 10 2 10 3 10 -1 collector current, i c , (amperes) switching times, t on , ( s) switching time vs. collector current (typical - inverter part) 10 0 10 1 collector-current, i c , (amperes) collector-emitter saturation voltage, v ce(sat ) , (volts) collector-emitter saturation voltage characteristics (typical - inverter part) v d = 15v t j = 25 c t j = 125 o c v cc = 600v v d = 15v t j = 25 c t j = 125 c inductive load inductive load inductive load 1.5 0.5 0 1.0 2.5 2.0 80 160 240 0 400 320 1.5 0.5 0 1.0 2.5 2.0 0 2.0 3.0 2.5 1.5 1.0 0.5 10 1 10 0 10 -1 10 -2 10 2 10 1 10 0 10 3 10 2 10 1 10 0 10 2 10 1 10 0 v cc = 600v v d = 15v t j = 25 c t j = 125 o c inductive load
PM300CLA120 intellimod? l-series three phase igbt inverter 3 00 amperes/1200 volts powerex, inc., 200 e. hillis street, youngwood, pennsylvania 15697-1800 (724) 925-7272 6 rev. 12 /05 10 1 10 2 10 3 10 -1 collector current, i c , (amperes) switching times, t c(on) , ( s) switching time vs. collector current (typical - inverter part) 10 0 10 1 10 1 10 2 10 3 10 -1 collector current, i c , (amperes) switching times, t c(off ) , ( s) switching time vs. collector current (typical - inverter part) 10 0 10 1 10 1 10 2 10 3 10 -1 collector current, i c , (amperes) switching times, t of f , ( s) switching time vs. collector current (typical - inverter part) 10 0 10 1 v cc = 600v v d = 15v t j = 25c t j = 125 o c inductive loa d v cc = 600v v d = 15v t j = 25c t j = 125 o c inductive loa d v cc = 600v v d = 15v t j = 25c t j = 125 o c inductive load single pulse t c = 25c p er unit base = r th(j-c) = 0.08c/w (igbt) time, (s ) normalized transient thermal impedance, z th(j-c) transient thermal impedance characteristics (igbt) 10 0 10 -5 10 - 4 10 -3 10 -1 10 -2 10 -3 10 -3 10 -2 10 -1 10 0 10 1 10 -1 10 -2 10 -3 z th = r th ? (normalized value) single pulse t c = 25 c p er unit base = r th(j-c) = 0.13 c/w (fwdi ) time, (s ) normalized transient thermal impedance, z th(j-c) transient thermal impedance characteristics (fwdi) 10 0 10 -5 10 -4 10 -3 10 -1 10 -2 10 -3 10 -3 10 -2 10 -1 10 0 10 1 10 -1 10 -2 10 -3 z th = r th ? (normalized value)


▲Up To Search▲   

 
Price & Availability of PM300CLA120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X