Part Number Hot Search : 
10330 4N27A 71256 S3U7809 C74LVX BFY56A ST16SF4F 3KP12
Product Description
Full Text Search
 

To Download NSP220M10D2ATRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount specialty polymer solid aluminum electrolytic capacitors nsp series characteristics standard products and specifications features ? new x, y, "z", "u" & "v" type high ripple current/very low esr ? replaces multiple tantalum chips in high current power supplies and voltage regulators ? fits eia (7343) d and e tantalum chip land patterns ? pb-free and compatible with reflow soldering low esr component solid polymer electrolyte for performance data see www.lowesr.com rated working range 2.0 ~ 16vdc rated capacitance range 2.2 ~ 560f operating temperature range -40 ~ +105c capacitance tolerance 20% (m) max. leakage current ( a) after 2 minutes (+20c) all case sizes see standard products and specif cations tables max. tan , 120hz, +20c high temperature load life 1,000 hours @ 105c at rated working voltage capacitance change within 10% of initial measured value tan less than specif ed max. value leakage current less than specif ed max. value damp heat test 500 hours @ +60c at 90 ~ 95% rh and rated working voltage capacitance change 8v ~ 16v within -20%/+40% of initial measured value 6.3v within -20%/+50% of initial measured value 4v within -20%/+60% of initial measured value 2v, 2.5v within -20%/+70% of initial measured value tan less than 200% of specif ed max. value leakage current less than specif ed max. value nic part number wv cap. max. lc tan max. ripple current +105c & 100khz (marms) max. esr +20c & 100khz (?) height h (vdc) (f) (a) nsp101m2d2atrf 2.0 100 20.0 0.06 2,500 0.018 1.80.1 nsp101m2d2xatrf 100 20.0 0.06 2,700 0.015 1.80.1 nsp101m2d2zatrf 100 20.0 0.06 3,000 0.009 1.80.1 nsp121m2d2atrf 120 24.0 0.06 2,500 0.018 1.80.1 nsp121m2d2xatrf 120 24.0 0.06 2,700 0.015 1.80.1 nsp121m2d2zatrf 120 24.0 0.06 3,000 0.009 1.80.1 nsp151m2d2atrf 150 30.0 0.06 2,500 0.018 1.80.1 nsp151m2d2zatrf 150 30.0 0.06 3,000 0.009 1.80.1 nsp181m2d2atrf 180 36.0 0.06 2,500 0.018 1.80.1 nsp181m2d2zatrf 180 36.0 0.06 3,000 0.009 1.80.1 nsp181m2d6zatrf 180 36.0 0.06 3,000 0.009 1.90.2 nsp221m2d2atrf 220 26.4 0.06 2,500 0.018 1.80.1 nsp221m2d2zatrf 220 44.0 0.06 3,000 0.009 1.80.1 nsp221m2d6atrf 220 44.0 0.06 2,700 0.015 1.90.2 nsp221m2d6zatrf 220 44.0 0.06 3,000 0.009 1.90.2 nsp271m2d6xatrf 270 54.0 0.06 3,000 0.012 1.90.2 nsp271m2d6zatrf 270 37.5 0.06 3,000 0.009 1.90.2 nsp271m2d6yatrf 270 37.5 0.06 3,500 0.006 1.90.2 nsp271m2d6uatrf 270 37.5 0.06 3,800 0.0045 1.90.2 nsp331m2d6atrf 330 66.0 0.06 2,700 0.015 1.90.2 nsp331m2d6xatrf 330 66.0 0.06 3,000 0.012 1.90.2 nsp331m2d6zatrf 330 45.0 0.10 3,000 0.009 1.90.2 nsp331m2d6yatrf 330 45.0 0.06 3,500 0.006 1.90.2 nsp331m2d6uatrf 330 45.0 0.06 3,500 0.0045 1.90.2 nsp331m2d6vatrf 330 66.0 0.06 4,000 0.003 1.90.2 nsp391m2d6atrf 390 78.0 0.06 2,700 0.015 1.90.2 nsp391m2d6zatrf 390 78.0 0.06 3,000 0.009 1.90.2 nsp391m2d6yatrf 390 78.0 0.06 3,500 0.006 1.90.2 nsp391m2d6uatrf 390 78.0 0.06 3,800 0.0045 1.90.2 nsp471m2d6atrf 470 94.0 0.06 2,700 0.015 1.90.2 nsp471m2d6zatrf 470 94.0 0.06 3,000 0.009 1.90.2 nsp471m2d6yatrf 470 94.0 0.06 3,500 0.006 1.90.2 ***expanded*** new ultra low esr 3.0m? new values
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nsp series nic part number wv cap. max. lc tan max. ripple current +105c & 100khz (marms) max. esr +20c & 100khz (?) height h (vdc) (f) (a) nsp471m2d6uatrf 2.0 470 94.0 0.06 3,800 0.0045 1.90.2 nsp471m2d6vatrf 470 94.0 0.06 4,000 0.003 1.90.2 nsp561m2d6atrf 560 112.0 0.06 2,700 0.015 1.90.1 nsp561m2d6uatrf 560 112.0 0.06 3,800 0.0045 1.90.1 nsp561m2d6vatrf 560 112.0 0.06 4,000 0.003 1.90.1 nsp820m2.5d2atrf 2.5 82 20.5 0.06 2,500 0.018 1.80.1 nsp820m2.5d2xatrf 82 20.5 0.06 2,700 0.015 1.80.1 nsp101m2.5d2atrf 100 25.0 0.06 2,500 0.018 1.80.1 nsp101m2.5d2xatrf 100 25.0 0.06 2,700 0.015 1.80.1 nsp101m2.5d2zatrf 100 25.0 0.06 3,000 0.009 1.80.1 nsp121m2.5d2atrf 120 30.0 0.06 2,500 0.018 1.80.1 nsp121m2.5d2zatrf 120 30.0 0.06 3,000 0.009 1.80.1 nsp151m2.5d2atrf 150 37.5 0.06 2,500 0.018 1.80.1 nsp151m2.5d2zatrf 150 37.5 0.06 3,000 0.009 1.80.1 nsp151m2.5d6zatrf 150 37.5 0.06 3,000 0.009 1.90.2 nsp181m2.5d6zatrf 180 45.0 0.06 3,000 0.009 1.90.2 nsp221m2.5d6atrf 220 55.0 0.06 2,700 0.015 1.90.2 nsp221m2.5d6zatrf 220 55.0 0.06 3,000 0.009 1.90.2 nsp221m2.5d6yatrf 220 55.0 0.06 3,500 0.007 1.90.2 nsp271m2.5d6yatrf 270 67.5 0.06 3,500 0.007 1.90.2 nsp331m2.5d6atrf 330 82.5 0.06 2,700 0.015 1.90.2 nsp331m2.5d6zatrf 330 82.5 0.06 3,000 0.009 1.90.2 nsp331m2.5d6yatrf 330 82.5 0.06 3,500 0.006 1.90.2 nsp331m2.5d6uatrf 330 82.5 0.06 3,800 0.0045 1.90.2 nsp391m2.5d6atrf 390 97.5 0.06 2,700 0.015 1.90.2 nsp391m2.5d6zatrf 390 97.5 0.06 3,000 0.009 1.90.2 nsp391m2.5d6yatrf 390 97.5 0.06 3,500 0.006 1.90.2 nsp391m2.5d6uatrf 390 97.5 0.06 3,800 0.0045 1.90.2 nsp471m2.5d6atrf 470 117.5 0.06 2,700 0.015 1.90.2 nsp471m2.5d6zatrf 470 117.5 0.06 3,500 0.009 1.90.2 nsp471m2.5d6yatrf 470 117.5 0.06 3,500 0.006 1.90.2 nsp471m2.5d6uatrf 470 117.5 0.06 3,800 0.0045 1.90.2 nsp471m2.5d6vatrf 470 117.5 0.06 4,000 0.003 1.90.2 nsp560m4d2atrf 4.0 56 22.4 0.06 2,500 0.018 1.80.1 nsp560m4d2xatrf 56 22.4 0.06 2,700 0.015 1.80.1 nsp680m4d2atrf 68 27.2 0.06 2,500 0.018 1.80.1 nsp680m4d2xatrf 68 27.2 0.06 2,700 0.015 1.80.1 nsp820m4d2atrf 82 32.8 0.06 2,500 0.018 1.80.1 nsp820m4d2xatrf 82 32.8 0.06 2,700 0.015 1.80.1 nsp820m4d2zatrf 82 32.8 0.06 3,000 0.009 1.80.1 nsp820m4d6zatrf 82 32.8 0.06 3,000 0.009 1.90.2 nsp101m4d2atrf 100 40.0 0.06 1,800 0.018 1.80.1 nsp101m4d6zatrf 100 40.0 0.06 3,000 0.009 1.90.2 nsp151m4d6atrf 150 60.0 0.06 2,700 0.015 1.90.2 nsp151m4d6zatrf 150 60.0 0.06 3,000 0.009 1.90.2 nsp151m4d6yatrf 150 60.0 0.06 3,500 0.007 1.90.2 nsp181m4d6atrf 180 72.0 0.06 2,700 0.015 1.90.2 nsp181m4d6xatrf 180 72.0 0.06 3,000 0.012 1.90.2 nsp181m4d6zatrf 180 72.0 0.06 3,000 0.009 1.90.2 nsp221m4d6atrf 220 88.0 0.06 2,700 0.015 1.90.2 nsp221m4d6xatrf 220 88.0 0.06 3,000 0.012 1.90.2 nsp221m4d6zatrf 220 88.0 0.06 3,000 0.009 1.90.2 nsp271m4d6atrf 270 108.0 0.06 2,700 0.015 1.90.2 nsp331m4d4atrf 330 132.0 0.10 3,700 0.012 4.20.1 nsp100m6.3d2atrf 6.3 10 6.3 0.06 1,400 0.055 1.80.1 nsp220m6.3d2atrf 22 13.9 0.06 1,600 0.040 1.80.1 nsp330m6.3d2atrf 33 20.8 0.06 2,000 0.028 1.80.1 nsp470m6.3d2atrf 47 29.6 0.06 2,500 0.018 1.80.1 nsp470m6.3d2xatrf 47 29.6 0.06 2,700 0.015 1.80.1 nsp680m6.3d2atrf 68 42.8 0.06 2,500 0.018 1.80.1 nsp680m6.3d2xatrf 68 42.8 0.06 2,700 0.015 1.80.1 surface mount specialty polymer solid aluminum electrolytic capacitors new values standard products and specifications
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount specialty polymer solid aluminum electrolytic capacitors nsp series d2 - d6, d2x - d6x, d3y, d4y sizes base: fe (~ 100m) under plating: cu (~ 5m) finish plating: sn (5 ~ 9 m) d2z - d6z, d6y, d6u, d6v sizes base: cu (~ 105m) finish plating: sn (5 ~ 9 m) termination material: new values nic part number (refow 260c) wv cap. max. lc tan max. ripple current +105c & 100khz (marms) max. esr +20c & 100khz (?) height h (vdc) (f) (a) nsp101m6.3d6atrf 6.3 100 63.0 0.06 2,700 0.015 1.90.2 nsp121m6.3d6atrf 120 75.6 0.06 2,700 0.015 1.90.2 nsp121m6.3d6zatrf 120 75.6 0.06 3,500 0.007 1.90.2 nsp151m6.3d6atrf 150 94.5 0.06 2,700 0.015 1.90.2 nsp151m6.3d6xatrf 150 75.6 0.06 3,000 0.012 1.90.2 nsp151m6.3d6zatrf 150 94.5 0.06 3,000 0.009 1.90.2 nsp181m6.3d6atrf 180 113.4 0.06 2,700 0.015 1.90.2 nsp221m6.3d4atrf 220 138.6 0.10 3,000 0.015 4.20.1 nsp8r2m8d2atrf 8.0 8.2 6.3 0.06 1,400 0.055 1.80.1 nsp150m8d2atrf 15 12.0 0.06 1,600 0.040 1.80.1 nsp220m8d2atrf 22 17.6 0.06 2,000 0.028 1.80.1 nsp330m8d2atrf 33 26.4 0.06 2,500 0.018 1.80.1 nsp470m8d2atrf 47 37.6 0.06 1,800 0.025 1.80.1 nsp680m8d3atrf 68 54.4 0.10 3,000 0.015 2.80.2 nsp101m8d3atrf 100 80.0 0.10 2,500 0.018 2.80.2 nsp151m8d4atrf 150 120.0 0.10 3,000 0.015 4.20.1 NSP220M10D2ATRF 10 22 22.0 0.06 1,600 0.030 1.80.1 nsp330m10d2atrf 33 33.0 0.06 1,800 0.025 1.80.1 nsp390m10d2atrf 39 39.0 0.06 1,800 0.025 1.80.1 part numbering system nsp 101 m 12.5 d2 x a tr f rohs compliant tape and reel peak refow temperature code (a = +260c, no code = +240c) performance code case size working voltage tolerance code m=20%, k=10% capacitance code in f, frst 2 digits are signifcant, third digits no. of zeros series precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nics electrolytic capacitor catalog. also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your specifc application - process details with nics technical support personnel: tpmg@niccomp.com standard products and specifications
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nic part number (refow 240c) nic part number (refow 260c) wv cap. max. lc (a) tan max. ripple current +105c & 100khz (marms) max. esr +20c & 100khz (?) height h (vdc) (f) 240c 260c nsp680m2d5trf n/a 2.0 68 8.1 - 0.06 2,000 0.028 1.10.1 n/a nsp271m2d4atrf 270 - 54.0 0.10 3,300 0.012 4.20.1 n/a nsp271m2d4xatrf 270 - 54.0 0.10 3,500 0.010 4.20.1 n/a nsp331m2d3atrf 330 - 66.0 0.10 3,000 0.015 2.80.2 n/a nsp331m2d3xatrf 330 - 66.0 0.10 3,300 0.012 2.80.2 n/a nsp331m2d3yatrf 330 - 66.0 0.10 3,400 0.009 2.80.2 n/a nsp331m2d4atrf 330 - 66.0 0.10 3,300 0.012 4.20.1 n/a nsp331m2d4xatrf 330 - 66.0 0.10 3,500 0.010 4.20.1 n/a nsp391m2d3atrf 390 - 78.0 0.10 3,000 0.015 2.80.2 n/a nsp391m2d3yatrf 390 - 78.0 0.10 3,400 0.009 2.80.2 n/a nsp391m2d4atrf 390 - 78.0 0.10 3,300 0.012 4.20.1 n/a nsp391m2d4xatrf 390 - 78.0 0.10 3,500 0.010 4.20.1 n/a nsp391m2d4yatrf 390 - 78.0 0.10 3,700 0.007 4.20.1 n/a nsp471m2d4atrf 470 - 94.0 0.10 3,300 0.012 4.20.1 n/a nsp471m2d3yatrf 470 - 94.0 0.10 3,400 0.009 2.80.1 n/a nsp471m2d4xatrf 470 - 94.0 0.10 3,500 0.010 4.20.1 n/a nsp471m2d4yatrf 470 - 94.0 0.10 3,700 0.007 4.20.1 n/a nsp561m2d4atrf 560 - 112.0 0.10 3,300 0.012 4.20.1 n/a nsp561m2d4yatrf 560 - 112.0 0.10 3,700 0.007 4.20.1 nsp560m2.5d5trf n/a 2.5 56 8.4 - 0.06 2,000 0.028 1.10.1 n/a nsp221m2.5d3atrf 220 - 55.0 0.10 3,000 0.015 2.80.2 n/a nsp221m2.5d3xatrf 220 - 55.0 0.10 3,300 0.012 2.80.2 n/a nsp221m2.5d3yatrf 220 - 78.0 0.10 3,400 0.009 2.80.2 n/a nsp221m2.5d4atrf 220 - 55.0 0.10 3,300 0.012 4.20.1 n/a nsp221m2.5d4xatrf 220 - 55.0 0.10 3,500 0.010 4.20.1 n/a nsp271m2.5d3atrf 270 - 67.5 0.10 3,000 0.015 2.80.2 n/a nsp271m2.5d3yatrf 270 - 78.0 0.10 3,400 0.009 2.80.2 n/a nsp271m2.5d4atrf 270 - 67.5 0.10 3,300 0.012 4.20.1 n/a nsp271m2.5d4xatrf 270 - 67.5 0.10 3,500 0.010 4.20.1 n/a nsp331m2.5d4atrf 330 - 82.5 0.10 3,300 0.012 4.20.1 n/a nsp331m2.5d4xatrf 330 - 82.5 0.10 3,500 0.010 4.20.1 n/a nsp331m2.5d4yatrf 330 - 82.5 0.10 3,700 0.007 4.20.1 n/a nsp391m2.5d4atrf 390 - 97.5 0.10 3,300 0.012 4.20.1 n/a nsp391m2.5d4yatrf 390 - 97.5 0.10 3,700 0.007 4.20.1 n/a nsp471m2.5d4atrf 470 - 117.5 0.10 3,300 0.012 4.20.1 n/a nsp471m2.5d4yatrf 470 - 117.5 0.10 3,700 0.007 4.20.1 nsp390m4d5trf n/a 4 39 9.3 - 0.06 2,000 0.028 1.10.1 nsp470m4d5trf n/a 47 11.3 - 0.06 2,000 0.028 1.10.1 n/a nsp121m4d3atrf 120 - 48.0 0.10 3,000 0.015 2.80.2 n/a nsp121m4d3xatrf 120 - 48.0 0.10 3,300 0.012 2.80.2 n/a nsp151m4d3atrf 150 - 60.0 0.10 3,000 0.015 2.80.2 n/a nsp151m4d3xatrf 150 - 60.0 0.10 3,300 0.012 2.80.2 n/a nsp151m4d3yatrf 150 - 60.0 0.10 3,400 0.009 2.80.2 n/a nsp181m4d3atrf 180 - 72.0 0.10 2,500 0.018 2.80.2 n/a nsp181m4d4atrf 180 - 72.0 0.10 3,300 0.012 4.20.1 n/a nsp181m4d3yatrf 180 - 72.0 0.10 3,400 0.009 2.80.2 n/a nsp181m4d4xatrf 180 - 72.0 0.10 3,500 0.010 4.20.1 n/a nsp221m4d4atrf 220 - 88.0 0.10 3,300 0.012 4.20.1 n/a nsp221m4d4xatrf 220 - 88.0 0.10 3,500 0.010 4.20.1 n/a nsp221m4d4yatrf 220 - 88.0 0.10 3,700 0.007 4.20.1 n/a nsp271m4d4atrf 270 - 108.0 0.10 3,300 0.012 4.20.1 n/a nsp271m4d4yatrf 270 - 108.0 0.10 3,700 0.007 4.20.1 nsp330m6.3d5trf n/a 6.3 33 8.3 - 0.06 2,000 0.028 1.10.1 nsp560m6.3d2ztrf n/a 56 14.1 - 0.06 3,000 0.009 1.80.1 n/a nsp101m6.3d3atrf 100 - 63.0 0.10 3,000 0.015 2.80.2 n/a nsp101m6.3d3xatrf 100 - 63.0 0.10 3,300 0.012 2.80.2 n/a nsp121m6.3d3atrf 120 - 75.6 0.10 3,000 0.015 2.80.2 n/a nsp121m6.3d3xatrf 120 - 75.6 0.10 3,300 0.012 2.80.2 n/a nsp151m6.3d3atrf 150 - 94.5 0.10 2,500 0.018 2.80.2 not recommended for new designs note: the following parts are supported but not recommended for new designs
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nic part number (refow 240c) nic part number (refow 260c) wv cap. max. lc (a) tan max. ripple current +105c & 100khz (marms) max. esr +20c & 100khz (?) height h (vdc) (f) 240c 260c n/a nsp151m6.3d4atrf 6.3 150 - 94.5 0.10 3,300 0.012 4.20.1 n/a nsp151m6.3d4xatrf 150 - 94.5 0.10 3,500 0.010 4.20.1 n/a nsp181m6.3d4atrf 180 - 113.4 0.10 3,300 0.012 4.20.1 n/a nsp181m6.3d4xatrf 180 - 113.4 0.10 3,500 0.010 4.20.1 nsp181m6.3d4ytrf n/a 180 45.4 - 0.10 3,700 0.007 4.20.1 nsp181m6.3d4ztrf n/a 180 45.4 - 0.10 4,000 0.005 4.20.1 nsp220m8d5trf n/a 8.0 22 7.0 - 0.06 2,000 0.028 1.10.1 nsp101m8d4trf nsp101m8d4atrf 100 32.0 80.0 0.10 3,300 0.012 4.20.1 nsp4r7m12.5d2trf n/a 12.5 4.7 3.0 - 0.06 1,000 0.080 1.80.1 nsp100m12.5d2trf n/a 10 5.0 - 0.06 1,000 0.060 1.80.1 nsp150m12.5d5trf n/a 15 7.5 - 0.06 1,400 0.040 1.10.1 nsp150m12.5d2trf n/a 15 7.5 - 0.06 1,300 0.050 1.80.1 nsp220m12.5d2trf n/a 22 11.0 - 0.06 1,600 0.030 1.80.1 nsp2r2m16d2trf n/a 16 2.2 3.0 - 0.06 1,000 0.110 1.80.1 nsp4r7m16d2trf n/a 4.7 3.0 - 0.06 1,000 0.080 1.80.1 nsp6r8m16d2trf n/a 6.8 4.4 - 0.06 1,000 0.070 1.80.1 nsp8r2m16d2trf n/a 8.2 5.2 - 0.06 1,300 0.045 1.80.1 not recommended for new designs note: the following parts are supported but not recommended for new designs if peak soldering temperature is maximum time above +200c is 240c, 5 seconds max. 30 seconds 230c, 5 seconds max. 40 seconds if peak soldering temperature is maximum time above +230c is 260c, 10 seconds max. 40 seconds 255c, 10 seconds max. 50 seconds 250c, 10 seconds max. 60 seconds component surface temp. ( o c) recommended 240c reflow soldering profile (2d5~12.5d5, 12.5d2 ~ 16d2, 121m6.3d3z, 151m6.3d3z, 181m6.3d4y, 221m6.3d4y ) 150 o c ~ 200c natural cooling 240 o c max. 250 200 150 100 50 time above 200c 120 seconds 5 seconds max. time (seconds) component surface temp. ( o c) recommended 260c reflow soldering profile (d2a, d2xa, d2za, d3a, d3xa, d3ya, d4a, d4xa, d4ya, d6a, d6za, d6ua, d6va ) natural cooling 260 o c max. 10 seconds max. 230 time above 230c 120 seconds 150 o c ~ 200c preheat time (seconds) 250 150 200 50 100 duration above 200c (for 240c reflow parts) duration above 230c (for 260c reflow parts) notes: 1. sac alloy (+217c) refow soldering compatible 2. soldering heat limits apply to the top surface of component 3. if you have concerns about your refow soldering profle review them with nic to insure compatible [tpmg@niccomp.com] 4. two passes through the refow process are allowed (cooling down period between process).
6 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change surface mount specialty polymer solid aluminum electrolytic capacitors nsp series recommended land patterns (mm) dimensions (mm) please note the nsp series will ft on standard d and e size (7343) tantalum chip capacitor land patterns part marking capacitance ( f) anode polarity indicator voltage code date code j 10 64721 w w1 h l s voltage codes a c b case code l 0.4 w 0.3 h w1 0.2 s 0.3 d2 ~ d6 7.3 4.3 see values table 2.4 1.3 voltage code 2.0vdc d 2.5vdc e 4.0vdc g 6.3vdc j 8vdc k 10vdc a 12.5vdc b 16vdc c case code a b c d2 ~ d6 2.8 4.0 8.8 carrier tape dimensions (mm) reel dimensions (mm) e c d a w t b t r:1.0 case code a0.2 b0.2 d e0.1 f0.1 p o 0.1 p 1 0.1 t0.2 w0.3 d5 7.7 4.6 1.5 +0.1 1.75 5.5 4.0 8.0 1.5 12.0 d2, d6 2.1 d3 3.4 d4 4.5 a2.0 b min. c0.5 d0.8 e0.5 t1.0 t w1.0 330 50 13.0 21.0 2.0 20.0 3.0 14 case code reel quantity d5, d6, d2 3,500 d3, d4 2,000


▲Up To Search▲   

 
Price & Availability of NSP220M10D2ATRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X