Part Number Hot Search : 
30L30C 2SD140 KT831W55 AD568 2A1210 D1001 07028 FRK160D
Product Description
Full Text Search
 

To Download NRC02ZO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change thick film chip resistors nrc series features ? eia standard sizing 01005(1/32w) , 0201(1/20w), 0402(1/16w), 0603(1/10w), 0805(1/8w), 1206(1/4w), 1210(1/3w), 2010(3/4w) and 2512(1w) ? metal glazed thick film on high purity alumina substrate .. (cermet) provides uniform quality and high reliability ? double glass overcoat assures strong mechanical .. contruction and long life, nickel barrier prevents leaching ? both flow solder and reflow soldering are applicable ? zero ohm (jumper) chip and trimmable type are available *4 type eia size power rating at 70c max.*1 working voltage max.*2 overload voltage resistance tolerance (code) temperature coef cient (ppm/c) resistance range ( ) resistance value operating temperature range (c) nrc01 01005 1/32 (0.031) w 15v 30v 1% (f) 300 10 ~ 91 e-24,e-96 -55 ~ +125 1% (f) 200 100 ~ 1.62m e-24,e-96 5% (j) +600/-200 1.0 ~ 9.1 e-24 5% (j) 300 10 ~ 91 e-24 5% (j) 200 100 ~ 10m e-24 nrc02 0201 1/20 (0.05) w 25v 50v 1% (f) +600/-200 1.0 ~ 9.96 e-24,e-96 -55 ~ +125 1% (f) 250 10 ~ 91 e-24,e-96 1% (f) 100 100 ~ 1m e-24,e-96 1% (f) 200 1.02m ~ 10m e-24,e-96 5% (j) +600/-200 1.0 ~ 9.1 e-24 5% (j) 200 10 ~ 10m e-24 10% (k) e-12 nrc04 0402 1/16 (0.063) w 50v 100v 1% (f) +500/-200 1.0 ~ 9.96 e-24,e-96 -55 ~ +155 1% (f) 100 10 ~ 1m e-24,e-96 1% (f) 300 1.02m ~ 10m e-24,e-96 5% (j) 200 10 ~ 1m e-24 5% (j) 350 1.0 ~ 9.1 & 1.1m ~ 10m *3 e-24 nrc06 0603 1/10 (0.10) w 50v 100v 1% (f) 400 1.0 ~ 9.96 e-24,e-96 -55 ~ +155 1% (f) 100 33.2 ~ 1m e-24,e-96 1% (f) 200 10 ~ 32.4 & 1.1m ~ 10m *3 e-24,e-96 5% (j) 200 10 ~ 1m e-24 5% (j) 350 1.0 ~ 9.1 & 1.1m ~ 10m *3 e-24 nrc10 0805 1/8 (0.125) w 150v 300v 1% (f) 400 1.0 ~ 9.96 e-24,e-96 -55 ~ +155 1% (f) 100 33.2 ~ 1m e-24,e-96 1% (f) 200 10 ~ 32.4 & 1.1m ~ 10m *3 e-24,e-96 5% (j) 200 10 ~ 1m e-24 5% (j) 350 1.0 ~ 9.1 & 1.1m ~ 10m *3 e-24 nrc12 1206 1/4 (0.250) w 200v 400v 1% (f) 400 1.0 ~ 9.96 e-24,e-96 1% (f) 100 33.2 ~ 1m e-24,e-96 1% (f) 200 10 ~ 32.4 & 1.1m ~ 10m *3 e-24,e-96 5% (j) 200 10 ~ 1m e-24 5% (j) 350 1.0 ~ 9.1 & 1.1m ~ 10m *3 e-24 nrc25 1210 1/3 (0.33) w 200v 400v 1% (f) 100 10 ~ 1m e-24,e-96 5% (j) 200 e-24 5% (j) 350 1.0 ~ 9.1 & 1.1m ~ 10m *3 e-24 nrc50 2010 3/4 (0.75) w 200v 400v 1% (f) 100 10 ~ 1m e-24,e-96 5% (j) 250 e-24 350 1.0 ~ 9.1 & 1.1m ~ 10m *3 e-24 nrc100 2512 1w 250v 500v 1% (f) 100 10 ~ 1m e-24,e-96 250 2.0 ~ 9.76 *3 350 1.0 ~ 1.96 *3 5% (j) 250 10 ~ 1m e-24 350 1.0 ~ 9.1 *3 nrc01zo 01005 zero ohm jumper rated current 0.5a (0.05 max. dc resistance) -55 ~ +125 NRC02ZO 0201 rated current 0.5a (0.05 max. dc resistance) nrc04zo 0402 rated current 1.0a (0.05 max. dc resistance) -55 ~ +155 nrc06zo 0603 rated current 1.0a (0.05 max. dc resistance) nrc10zo 0805 rated current 2.0a (0.05 max. dc resistance) nrc12zo 1206 rated current 2.0a (0.05 max. dc resistance) nrc25zo 1210 rated current 2.0a (0.05 max. dc resistance) nrc50zo 2010 rated current 2.0a (0.05 max. dc resistance) nrc100zo 2512 rated current 2.0a (0.05 max. dc resistance) new 01005 case sizes
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change thick film chip resistors nrc series dimensions (mm) type power rating eia size lwht t nrc01 1/32w 01005 0.40 0.02 0.20 0.02 0.13 0.02 0.10 0.03 0.10 0.03 nrc02 1/20w 0201 0.6 0.03 0.3 0.03 0.25 0.05 0.1 0.05 0.15 0.05 nrc04 1/16w 0402 1.0 +0.1/-0.05 0.5 +0.1/-0.05 0.3 0.05 0.2 0.1 0.25 0.1 nrc06 1/10w 0603 1.6 0.15 0.8 0.15 0.45 0.1 0.3 0.15 0.3 0.15 nrc10 1/8w 0805 2.0 0.20 1.25 0.10 0.5 0.10 0.35 0.20 0.35 0.15 nrc12 1/4w 1206 3.1 0.15 1.55 0.15 0.55 0.10 0.45 0.20 0.35 0.15 nrc25 1/3w 1210 3.1 0.15 2.50 0.20 0.55 0.10 0.50 0.20 0.50 0.25 nrc50 3/4w 2010 5.0 0.20 2.50 0.15 0.60 0.10 0.60 0.20 0.50 0.30 nrc100 1w 2512 6.3 0.20 3.20 0.20 0.60 0.10 0.70 0.20 0.70 0.30 nrc01zo jumper 01005 same as nrc01 NRC02ZO jumper 0201 same as nrc02 nrc04zo jumper 0402 same as nrc04 nrc06zo jumper 0603 same as nrc06 nrc10zo jumper 0805 same as nrc10 nrc12zo jumper 1206 same as nrc12 nrc25zo jumper 1210 same as nrc25 nrc50zo jumper 2010 same as nrc50 nrc100zo jumper 2512 same as nrc100 note *2 - maximum allowable overload voltage is two times the maximum working voltage (see note *1 above). note *5 - please note, nic?s nrc series products are capable of meeting the following speci cations: jis-c 5202, eiaj rc-2690, eia575, eia pdp-100, mil-r-5542d and ul94v-0. note *4 - please contact nic for availability of laser trimmable versions of 0805 and 1206 sizes parts. note *3 - made to order. contact nic for leadtime. power rating (watts) x resistance (ohms) note *1 - maximum allowable continuous working voltage for all resistors is the lower of the two values: ?maximum working voltage? as speci ed above (or) power derating curve: for operation above 70 c, power rating must be derated according to the following chart: o c rate (%) 100 80 60 40 20 0 -20 20 60 100 140 160 125 155 0402/0603/0805/1206/1210/2010/2512 0201 construction nrc01 (01005)
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change marking (no marking on 0201 and 0402 size). 1. for e-12 & e-24 series (1%=f, 2% = g, 5% = j, (std) tolerance in 0603, 0805, 1206, 1210, 2010 and 2512 sizes: 3 digit system - first two digits are signi cant and third digit is multiplier, ?r? indicates decimal on values under 10 ohms. examples: r10 = .10 ohms 1r0 = 1.0 ohms 102 = 1k ohms 470 = 47 ohms 103 = 10k ohms 101 = 100 ohms 104 = 100k ohms 105 = 1 megohms 2. for e-96 series ( 1%-f tolerance) in 0805, 1206 and 1210 sizes: 4 digit system - first 3 digits are signi cant and fourth digit is multiplier, ?r? indicates decimal on values under 100 ohms. examples: 0r10 = .10 ohms 1r00 = 1.0 ohms 10r0 = 10 ohms 1003 = 100 kohms 1000 = 100 ohms 1004 = 1 megohms 1001 = 1k ohms 1052 = 10.5k ohms 1002 = 10k ohms 2213 = 221k ohms 3. for e-96 series ( 1% -f tolerance) in 0603 size 3 digit system (due to space restrictions) thick film chip resistors nrc series examples of resistance code: 10r0 = 10 ohms 1004 = 1meg ohms 47r5 = 47.5 ohms 1050 = 105 ohms 1000 = 100 ohms 1501 = 1.5k ohms 1001 = 1k ohms 1052 = 10.5k ohms 1002 = 10k ohms 1153 = 115k ohms 1003 = 100k ohms 1214 = 1.21meg ohms part number system (e-96 values) nrc10 f 1003 tr 10 f rohs compliant optional 10,000 piece reel tape & reel packaging resistance code: first 3 gures are sig ni cant, 4th digit is the multiplier, ?r? indicates a decimal point. tolerance code: f=1% (std) series and size examples of resistance code: 4r7 = 4.7 ohms 103 = 10k ohms 100 = 10 ohms 104 = 100k ohms 101 = 100 ohms 105 = 1 meg ohms 102 = 1k ohms 106 = 10meg ohms construction part number system (e-24 values) nrc12 j 103 tr 10 f rohs compliant optional 10,000 piece reel tape & reel packaging resistance code: first 2 gures are sig ni cant, 3rd digit is the multiplier, ?r? indicates a decimal point. tolerance code: j=5% (std), g=2% (optional) series and size nrc02 ~ nrc12 nrc25 ~ nrc100
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change taping specifications (1) availability thick film chip resistors nrc series type power rating eia size carrier tape qty per 7" reel qty per 10" reel fig. material width (mm) nrc01 1/32w 01005 a paper 8 20,000 n/a nrc02 1/20w 0201 a paper 8 10,000 n/a nrc04 1/16w 0402 a paper 8 10,000 n/a nrc06 1/10w 0603 a paper 8 5,000 10,000 nrc10 1/8w 0805 a paper 8 5,000 10,000 nrc12 1/4w 1206 a paper 8 5,000 10.000 nrc25 1/3w 1210 b plastic 12 4,000 n/a nrc04zo jumper 0402 a paper 8 10,000 n/a nrc06zo jumper 0603 a paper 8 5,000 10,000 nrc10zo jumper 0805 a paper 8 5,000 10,000 nrc12zo jumper 1206 a paper 8 5,000 10.000 nrc25zo jumper 1210 b plastic 12 4,000 n/a standard e-12, e-24, e-96 values and 0603 1% tolerance resistance codes note: 0603 1% resistor values that are exclusive to e-12 or e-24 (ex. 12k) are marked with the three character 5% tolerance cod e multiplier code resistance code xx coding formula multiplier code x marking examples 10 = 01x 7.5k = 85b or 85b 150k = 18d or 18d 1 meg = 01e 0603 1% e-12/e-24 values 160 = 161 12k = 123 8.2m = 825 example: 10.2k = 102 x 10 2 = 02c 33.2 = 332 x 10 -1 = 51x 02 c 51 x e-12 e-24 e-96 value value value code value code value code value code 10 100 100 01 102 02 105 03 107 04 12 110 110 05 113 06 115 07 118 08 15 120 121 09 124 10 127 11 130 12 18 130 133 13 137 14 140 15 143 16 22 150 147 17 150 18 154 19 158 20 27 160 162 21 165 22 169 23 174 24 33 180 178 25 182 26 187 27 191 28 39 200 196 29 200 30 205 31 210 32 47 220 215 33 221 34 226 35 232 36 56 240 237 37 243 38 249 39 255 40 68 270 261 41 267 42 274 43 280 44 82 300 287 45 294 46 301 47 309 48 91 330 316 49 324 50 332 51 340 52 360 348 53 357 54 365 55 374 56 390 383 57 392 58 402 59 412 60 430 422 61 432 62 442 63 453 64 470 464 65 475 66 487 67 499 68 510 511 69 523 70 536 71 549 72 560 562 73 576 74 590 75 604 76 620 619 77 634 78 649 79 665 80 680 681 81 698 82 715 83 732 84 750 750 85 768 86 787 87 806 88 820 825 89 845 90 866 91 887 92 910 909 93 931 94 953 95 976 96 code a b,b c d,d e f g h x y z multiplier 10 0 10 1 10 2 10 3 10 4 10 5 10 6 10 7 10 -1 10 -2 10 -3
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change thick film chip resistors nrc series (3) embossed plastic tape specification fig. b. p 1 a f 1.1 max. w b d p 0 0.2 0.05 cover tape e * same for jumper (zo) types. 1. leader tape : approximately 250 m/m (160mm for 0201 case size)leader shall be provided at each end of the tape. 2. accumulative tolerance of feeding hole and chip pocket shall not exceed 0.2mm over 10 pitches. ( 4) reel specifications fig. c. 21 0.8 2.0 0.5 2.0 0.5 178 ? or 254 ? 2 60 ?, 80 ? or 100 ? 2 13 ? 0.5 l type eia size l (mm) nrc01* 01005 9.0 0.3 nrc02* 0201 10.0 1.5 nrc04* 0402 10.0 1.5 nrc06* 0603 10.0 1.5 nrc10* 0805 10.0 1.5 nrc12* 1206 10.0 1.5 nrc25 1210 10.0 1.5 nrc50 2010 13.5 1.5 nrc100* 2512 13.5 1.5 (2) paper tape dimensions (mm) fig. a * same for jumper (zo) types. p 2 p 1 a f t1 w b d p 0 t2 cover tape e p 3 type eia size a b d e f p o p 1 p 2 p 3 t 1 t 2 w nrc01* 01005 0.25 0.05 0.45 0.05 1.5 + 0.1 1.75 0.1 3.5 0.05 4.0 0.1 2.0 0.05 n/a 2.0 0.05 0.39 max. 0.31 0.03 8.0 0.2 nrc02* 0201 0.41 0.1 0.71 0.1 2.0 0.1 2.0 0.1 1.0 max. 0.5 max. nrc04* 0402 0.65 0.1 1.15 0.1 2.0 0.05 2.0 0.05 1.1 max. 1.0 max. nrc06* 0603 1.135 0.05 1.95 0.05 n/a 4.0 0.05 4.0 0.05 nrc10* 0805 1.65 0.2 2.4 0.2 nrc12* 1206 2.0 0.2 3.6 0.2 type eia size a b d e f p 0 p 1 w qty per 7" reel nrc25* 1210 2.9 0.2 3.6 0.2 1.5 0.1 1.5 0.1 5.65 0.05 4.0 0.1 4.0 0.05 12.0 0.1 4,000 nrc50* 2010 2.9 0.1 5.4 0.1 4,000 nrc100* 2512 3.6 0.1 6.9 0.1 4,000 * same for jumper (zo) types.
6 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change paper carrier dimensions (mm) p 1 a fw b d p 0 t cover tape e p 2 type eia size a b d e f p o p 1 p 2 t w quantity/reel nrc04 0402 0.70.5 1.20.05 1.5 +0.1/-0 1.750.1 3.50.05 4.00.1 2.00.05 2.00.05 0.450.1 8.00.2 30,000 pieces thick film chip resistors nrc series reel dimensions (mm) 253 ? 1.0 100 ? 0.5 13.0 ? 1. 0 13.5 ? 1. 0 9.0 ? 1. 0


▲Up To Search▲   

 
Price & Availability of NRC02ZO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X