Part Number Hot Search : 
SK1060D1 SMA6F12A TIC22 SK353 044RSH 1N6165US SS4036G 71MP35
Product Description
Full Text Search
 

To Download NLEL14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  82 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nle-l series low leakage current and long life aluminum electrolytic capacitors, polarized, radial leads features ? low leakage current & low noise ? new reduced sizes (alternate sizes on request) characteristics precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog. also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 10 ~ 50vdc capacitance range 1.0 ~ 2200f operating temperature range -40 ~ +85c capacitance tolerance 20%(m) max. leakage current after 2 minutes at +20c 0.002cv or 0.4 a, whichever is greater surge voltage & max. tan @ 120hz/+20c w.v. (vdc) 10 16 25 35 50 s.v. (vdc) 13 20 32 44 63 tan 0.16 0.13 0.12 0.10 0.08 low temperature stability (impedance ratio @ 120hz) z-25c/z+20c 2 1.5 1.5 1.5 1.5 z-40c/z+20c 54333 load life test at rated w.v. & +85c 2,000 hours for 5 ~ 10mm diameter 4,000 hours for 12.5mm & up capacitance change within 20% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value s rohs compliant includes all homogeneous materials *see part number system for details standard product and case size table d x l (mm) cap. (f) working voltage (vdc) 10 16 25 35 50 1 . 01 r 0---- 5x11 2 . 22 r 2---- 5x11 3 . 33 r 3---- 5x11 4.7 4r7 - - 5x11 5x11 5x11 10 100 - 5x11 5x11 5x11 5x11 22 220 - 5x11 5x11 6.3x11 6.3x11 33 330 - 5x11 6.3x11 6.3x11 8x11.5 47 470 5x11 6.3x11 6.3x11 8x11.5 8x11.5 100 101 6.3x11 8x11.5 8x11.5 10x12.5 10x16 220 221 8x11.5 10x12.5 10x16 10x20 12.5x20 330 331 10x12.5 10x16 10x20 12.5x25 12.5x25 470 471 10x16 10x16 12.5x20 12.5x25 16x25 1000 102 12.5x20 12.5x20 16x25 16x25 - 2200 222 16x25 16x25 - - - lead spacing and diameter (mm) dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking case dia. (d ) 5 6.3 8 10 12.5 16 lead dia. (d ) 0.5 0.5 0.6 0.6 0.6 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 7.5 dim. 0.5 0.5 0.5 0.5 0.5 0.5
83 ? nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com part number system nle-l size (d? x l) 5x11 series 1r0 capacitance code m tolerance code 50v rated voltage f rohs compliant miniature aluminum electrolytic capacitors nle-l series part number cap. (f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz max. esr () +20c/120hz load life hours @ +85c nle-l470m10v5x11f 47 10 0.16 110 5.29 2,000 nle-l101m10v6.3x11f 100 0.16 180 2.49 2,000 nle-l221m10v8x11.5f 220 0.16 300 1.13 2,000 nle-l331m10v10x12.5f 330 0.16 400 0.76 2,000 nle-l471m10v10x16f 470 0.16 500 0.53 2,000 nle-l102m10v12.5x20f 1000 0.16 800 0.25 4,000 nle-l222m10v16x25f 2200 0.16 1200 0.12 4,000 nle-l100m16v5x11f 10 16 0.13 65 19.9 2,000 nle-l220m16v5x11f 22 0.13 95 9.05 2,000 nle-l330m16v5x11f 33 0.13 100 6.03 2,000 nle-l100m16v6.3x11f 47 0.13 140 4.23 2,000 nle-l101m16v8x11.5f 100 0.13 230 1.99 2,000 nle-l221m16v10x12.5f 220 0.13 350 0.91 2,000 nle-l331m16v10x16f 330 0.13 450 0.61 2,000 nle-l471m16v10x16f 470 0.13 550 0.43 2,000 nle-l102m16v12.5x20f 1000 0.13 900 0.20 4,000 nle-l222m16v16x25f 2200 0.13 1300 0.09 4,000 nle-l4r7m25v5x11f 4.7 25 0.12 45 26.2 2,000 nle-l100m25v5x11f 10 0.12 65 13.3 2,000 nle-l220m25v5x11f 22 0.12 100 6.03 2,000 nle-l330m25v6.3x11f 33 0.12 140 4.02 2,000 nle-l470m25v6.3x11f 47 0.12 170 2.82 2,000 nle-l101m25v8x11.5f 100 0.12 280 1.33 2,000 nle-l221m25v10x16f 220 0.12 400 0.61 2,000 nle-l331m25v10x20f 330 0.12 500 0.41 2,000 nle-l471m25v12.5x20f 470 0.12 650 0.29 4,000 nle-l102m25v16x25f 1000 0.12 1000 0.14 4,000 nle-l4r7m35v5x11f 4.7 35 0.10 45 28.2 2,000 nle-l100m35v5x11f 10 0.10 70 13.3 2,000 nle-l220m35v6.3x11f 22 0.10 110 6.03 2,000 nle-l330m35v6.3x11f 33 0.10 140 4.02 2,000 nle-l470m35v8x11.5f 47 0.10 190 2.82 2,000 nle-l101m35v10x12.5f 100 0.10 300 1.33 2,000 nle-l221m35v10x20f 220 0.10 450 0.41 2,000 nle-l331m35v12.5x25f 330 0.10 550 0.41 4,000 nle-l471m35v12.5x25f 470 0.10 700 0.29 4,000 nle-l102m35v16x25f 1000 0.10 1100 0.14 4,000 nle-l1r0m50v5x11f 1.0 50 0.08 11 133 2,000 nle-l2r2m50v5x11f 2.2 0.08 23 60.3 2,000 nle-l3r3m50v5x11f 3.3 0.08 40 40.2 2,000 nle-l4r7m50v5x11f 4.7 0.08 45 28.2 2,000 nle-l100m50v5x11f 10 0.08 70 13.3 2,000 nle-l220m50v6.3x11f 22 0.08 110 6.03 2,000 nle-l330m50v8x11.5f 33 0.08 170 4.02 2,000 nle-l470m50v8x11.5f 47 0.08 200 2.82 2,000 nle-l101m50v10x16f 100 0.08 350 1.33 2,000 nle-l221m50v12.5x20f 220 0.08 500 0.41 4,000 nle-l331m50v12.5x25f 330 0.08 600 0.41 4,000 nle-l471m50v16x25f 470 0.08 800 0.29 4,000 standard product, specifications and case sizes d x l (mm)
91 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors taping speci cations taping dimensions (mm) taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?tbn?. standard radial taping (5mm lead spacing, formed leads) tb case dia. (d) 10 12.5 case size all all dim. d 0.05 0.6 0.6 h 0.75 19.0 19.0 f +0.8 ~ -0.2 5.0 5.0 p 1.0 25.4* p 0 12.7 0.2 p 1 3.85 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) *optional taping speci cations 10mm diameter available with p dim. = 12.7mm (p/n suf x: tb12.7mmp) 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d 0.05 0.45 0.45 0.5 0.45 0.5 0.6 h 0.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 5.0 -02 ~ +0.8 p 12.7 1.0 p 0 12.7 0.2 p 1 3.85 0.5 (at end of tape) p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min. w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) standard radial taping (5mm lead spacing, straight leads) tb p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h h 0 1max t h 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h
92 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com taping dimensions (mm) special straight lead taping tbst special radial taping (2.5mm lead spacing, formed leads) tbf1 case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d 0.05 0.45 0.45 0.5 0.45 0.5 0.6 h 0.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 2.0* 2.0 2.0 2.5 2.5 3.5 p 1.0 12.7 0.2 p 0 12.7 0.2 p 1 5.1 5.1 5.1 5.1 5.1 4.6 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min. w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) * parts with 4mm diameter are taped with a slight are in the lead and a 2.0mm lead-space. miniature aluminum electrolytic capacitors taping speci cations case dia. (d) 45 case size 4x5 4x7 5x5 5x7 5x11 dim. d 0.05 0.45 0.45 0.5 h 0.75 17.5 17.5 18.5 h 0 0.5 16.0 - - f 2.5 -02 ~ +0.8 p 12.7 1.0 p 0 12.7 0.2 p 1 5.1 0.5 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min. w 1 9.0 0.5 w 2 0 ~ 1.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 t 0.7 0.2 taping dimensions (mm) 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h 1max t h h 0
93 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial taped packaging taping speci cations ammo box (tape & box) tb, tbf1, tbst size of box and component quantity *special taping consult factory for availability ammo box dimensions (mm) scored corner l h w label - case dia (d ) or case size q'ty per box (pcs) dim. l dim. h dim. w 4x5, 4x7 2,000 331 175 43 5x5, 5x7 2,000 331 220 43 5x11 2,000 340 255 55 6.3x5, 6.3x7 2,000 331 280 43 6.3x11 2,000 331 280 48 8x11.5, 8x12.5 1,000 335 235 53 10x12.5* 500 335 190 53 10x16* 500 335 300 53 10x20* 500 335 300 55 12.x20* 500 335 300 55 12.5x25* 500 335 300 61


▲Up To Search▲   

 
Price & Availability of NLEL14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X