Part Number Hot Search : 
0524S GLZJ56 APL5620 104K00 64V32 UR2020CT AQV101AZ 64V32
Product Description
Full Text Search
 

To Download NEDZN105Z27V8X12F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change radial leaded & snap-in back-up capacitors nedzn series nic p/n case size (mm) capacitance (f) max. leakage current after 24 hours (ma) max. esr @ 1khz (m ) typical esr @ 1khz (m ) lead style nedzn704z2.5v8x15f 8x15 0.7 0.1 400 200 radial nedzn904z2.5v6.3x14f 6.3x14 0.9 0.1 400 300 radial nedzn105z2.5v8x12f 8x12 1.0 0.1 300 150 radial nedzn275z2.5v8x22f 8x22 2.7 0.2 300 120 radial nedzn335z2.5v10x20f 10x20 3.3 0.2 200 60 radial nedzn475z2.5v10x20f 10x20 4.7 0.3 100 70 radial nedzn685z2.5v10x30f 10x30 6.8 0.4 100 40 radial nedzn106z2.5v10x35f 10x35 10 0.5 100 35 radial nedzn206z2.5v18x35f 18x35 20 0.8 100 25 radial nedzn306z2.5v18x40f 18x40 30 0.8 100 20 radial nedzn506z2.5v25x40f 25x40 50 1.0 80 15 snap-in nedzn107z2.5v25x50f 25x50 100 1.0 80 15 snap-in nedzn207z2.5v35x50f 35x50 200 2.0 80 8 snap-in features ? high power and low internal resistance ? high capacitance (up to 200f) ? ideal as power supply back-up standard values and specifications characteristics precautions washing is not recommended. additional guidelines and precautions can be found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com series nedzn rated voltage range 2.5 & 2.7vdc rated capacitance range 0.7f ~ 200f (700,000 f ~ 200,000,000 f) operating temp. range -25c ~ +70c capacitance tolerance +80%/-20% (z) load life test @ +70c 1,000 hours c = less than 30% of initial measured value max. esr = less than 400% of the speci ed max. temperature characteristics -25c & +70c c = within +30% of 20c value max. esr = less than 500% of 20c value shelf life @ +70c 1,000 hours c = less than 30% of initial measured value max. esr = less than 400% of the speci ed max. value radial lead d 0.05 sleeve 5mm min. 15mm min. l + max. polarity marking can top vent markings 6.3 1.0 d + 1.0 max. l + 2.0 max. sleeving snap-in lead
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nic p/n case size (mm) capacitance (f) max. leakage current after 24 hours (ma) max. esr @ 1khz (m ) typical esr @ 1khz (m ) lead style nedzn704z2.7v8x15f 8x15 0.7 0.1 400 200 radial nedzn105z2.7v8x12f 8x12 1.0 0.1 300 150 radial nedzn275z2.7v8x22f 8x22 2.7 0.2 300 120 radial nedzn305z2.7v8x22f 8x22 3.0 0.2 300 120 radial nedzn335z2.7v10x20f 10x20 3.3 0.2 200 90 radial nedzn475z2.7v10x20f 10x20 4.7 0.3 100 70 radial nedzn685z2.7v10x30f 10x30 6.8 0.4 100 40 radial nedzn106z2.7v10x35f 10x35 10 0.5 100 35 radial nedzn206z2.7v18x35f 18x35 20 0.8 100 25 radial drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. radial lead dimensions (mm) case dia. (d ) 5 6.3 8 10 12.5 16 18 lead space (f) 2.0 2.5 3.5 5.0 7.5 lead dia. (d ) 0.6 0.8 dim. 2.0 d 0.05 sleeve f 0.5 d 5mm min. 15mm min. l + max. polarity marking can top vent markings 6.3 1.0 10 1 10 d + 1.0 max. l + 2.0 max. sleeving polarity marking (- negative terminal marked by cross notch) snap-in lead dimensions (mm) radial leaded & snap-in back-up capacitors nedzn series nedzn 106 z 2.7v 10x35 f rohs compliant size in mm working voltage tolerance code z = +80%/-20% capacitance code in f, rst 2 digits are signi cant, third digit is no. of zeros series part number system
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change radial leaded & snap-in back-up capacitors nedzn series nedzn275z2.5v8x22f esr vs. time nedzn207z2.5v35x50f esr vs. time nedzn275z2.5v8x22f capacitance vs. time nedzn207z2.5v35x50f capacitance vs. time nedz vs. nedzn 275z2.5v8x22f (capacitance vs. temperature) nedz vs. nedzn 207z2.5v35x50f (capacitance vs. temperature) nedz vs. nedzn 275z2.5v8x22f (esr vs. temperature) nedz vs. nedzn 207z2.5v35x50f (esr vs. temperature) load life test (+70c, 2.5v applied) temperature characteristics


▲Up To Search▲   

 
Price & Availability of NEDZN105Z27V8X12F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X