Part Number Hot Search : 
AN8212K FQH70N10 NJM741 256P30 TS25P05 131ML4 M5817 MC3406
Product Description
Full Text Search
 

To Download MT200C08T2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mt200c18t2 document number: s-m0040 www. apt-semi .com rev.1.0, may.31, 2013 1 module type maximum ratings thermal characteristics thyristor modules v rrm / v drm 800 to 1800v i tav 200a features y international standard package y high surge capability y glass passivated chip y simple mounting y heat transfer through aluminum oxide dbc ceramic isolated metal baseplate y ul recognized applied for file no. e360040 type v rrm v rsm MT200C08T2 mt200c12t2 mt200c16t2 mt200c18t2 800v 1200v 1600v 1800v 900v 1300v 1700v 1900v symbol conditions values units i tav sine 180 o ;tc=85 200 a i tsm t vj =45 t=10ms, sine t vj =125 t=10ms, sine 5500 5000 a i 2 t t vj =45 t=10ms, sine t vj =125 t=10ms, sine 151000 125000 a2s visol a.c.50hz;r.m.s.;1min 3000 v tvj -40 to 130 tstg -40 to 125 mt to terminals(m6) 3 15% nm ms to heatsink(m6) 5 15% nm di/dt t vj = t vjm , 2/3v drm ,i g =500ma tr<0.5us,tp>6us 200 a/us dv/dt t j = t vjm ,2/3v drm , linear voltage rise 1000 v/us a maximum allowable acceleration 50 m/s 2 weight module(approximately) 165 g symbol conditions values units rth(j-c) cont.;per thyristor / per module 0.16/0.08 /w rth(c-s) per thyristor / per module 0.1/0.05 /w circuit applications y power converters y lighting control y dc motor control and drives y heat and temperature control
mt200c18t2 document number: s-m0040 www. apt-semi .com rev.1.0, may.31, 2013 2 electrical characteristics symbol conditions values units min. typ. max. v tm t=25 i tm =620a 1.7 v i rrm /i drm t vj =t vjm ,v r =v rrm ,v d =v drm 40 ma v to for power-loss calculations only (t vj =125 ) 0.85 v r t t vj =t vjm 1.5 m ? v gt t vj =25 , v d =6v 3 v i gt t vj =25 , v d =6v 200 ma v gd t vj =125 , v d =2/3v drm 0.25 v i gd t vj =125 , v d =2/3v drm 10 ma i l t vj =25 , r g = 33 ? 300 1000 ma i h t vj =25 , v d =6v 150 400 ma tgd t vj =25 , i g =1a, di g /dt=1a/us 1 us tq t vj =t vjm 100 us
mt200c18t2 document number: s-m0040 www. apt-semi .com rev.1.0, may.31, 2013 3 performance curves fi g 1. power dissi p ation fig2.forward current derating curve 0 i tav 50 100 150 a 200 300 w 200 100 p tav 0 rec.30 rec.60 rec.120 sin.180 dc fig3. transient thermal impedance fig4. max non-repetitive forward surge current fig5. forward characteristics 0.001 t 0.01 0.1 1 10 s 100 0.30 / w 0.1 0 z th(j- c ) z th(j- s ) 10 100 ms 1000 50hz 6000 a 3000 0 0 v tm 0.5 1.0 1.5 v 2.0 900 a 600 300 i t 0 max . typ . dc sin.180 rec.120 rec.60 rec.30 i tavm 300 a 240 180 120 60 0 0 tc 50 100 130 25 - - - 125
mt200c18t2 document number: s-m0040 www. apt-semi .com rev.1.0, may.31, 2013 4 package outline information case: t2 dimensions in mm fig6. gate trigger characteristics 1/2 mt200c18t2 v gd125 i gd125 i gt v gt 20v;20 ? pg(tp) 0.001 i g 0.01 0.1 1 10 a 100 100 v 10 1 v g 0.1 -40 25 125 t vj


▲Up To Search▲   

 
Price & Availability of MT200C08T2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X