Part Number Hot Search : 
TSOP4156 ALD7556 ALD7556 200PC EST7502B MAX4780 T9340 LM358
Product Description
Full Text Search
 

To Download MSO5054B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mixed signal oscilloscopes mso5000b, dpo5000b series datasheet designing with todays faster data rates and tighter timing margins requires an oscilloscope with outstanding signal acquisition performance and analysis capabilities. tektronix mso/dpo5000b series oscilloscopes provide exceptional signal fidelity, with 2 ghz bandwidth and 10 gs/s sample rate, along with advanced analysis and math capabilities, on your bench and in your lab. run windows ? -based analysis software right on the oscilloscope. point and click visual triggers enable you to capture complex signals with ease. mso models include 16 digital timing channels, and all models can be equipped to decode common serial protocols, providing a comprehensive view of your systems. key performance specifications 2 ghz, 1 ghz, 500 mhz, and 350 mhz bandwidth models up to 10 gs/s real-time sample rate on one or two channels and up to 5 gs/s on all four channels up to 250 megapoint record length with multiview zoom ? >250,000 wfms/s maximum waveform capture rate with fastacq ? acquisition fastframe ? segmented memory acquisition mode with up to 290,000 segments and >310,000 waveforms per second capture rate standard 10 m passive voltage probes with less than 4 pf capacitive loading and 500 mhz or 1 ghz analog bandwidth >11 bits vertical resolution using hires sampling user-selectable bandwidth limit and dsp filters for lower noise and better measurement accuracy key analysis features wave inspector ? controls provide easy navigation and automated search of waveform data suite of advanced triggers, with standard visual trigger and search 53 automated measurements, selectable filtering, waveform math and fft analysis waveform histogram, eye diagram, tie (jitter/timing) measurement and analysis user-definable math using matlab, visual studio and excel optional analysis for memory, advanced jitter, serial data, power and wideband rf key protocol features trigger and decode options for mid-speed (100 mb/s to 1 gb/s) buses trigger and decode options for low-speed (<10 mb/s) buses compliance test options for usb2.0, ethernet, usb power, most, broadr-reach mask testing on communication, computing and video standards mixed signal design and analysis (mso series) 16 digital channels (user upgradeable) magnivu ? high-speed acquisition provides 60.6 ps timing resolution on all digital channels automated triggering, decode, and search on parallel buses per-channel threshold settings www.tektronix.com 1
see the performance difference with up to 2 ghz analog bandwidth and sampling rates up to 10 gs/s, the mso/dpo5000b series ensures you have the performance you need to capture waveforms with the best possible signal fidelity and resolution for seeing small waveform details. performance - with up to 2 ghz bandwidth and 10 gs/s sample rate capture usb2.0 480 mb/s differential signals with true fidelity and 100 ps resolution. accurate high-speed probing the tpp series probes, included standard with every mso/dpo5000b series oscilloscope, provide up to 1 ghz of analog bandwidth, and less than 4 pf of capacitive loading. the extremely low capacitive loading minimizes adverse effects on your circuits and is more forgiving of longer ground leads. and with the probe's wide bandwidth, you can see the high frequency components in your signal, which is critical for high-speed applications. the tpp series passive voltage probes offer all the benefits of general-purpose probes like high dynamic range, flexible connection options, and robust mechanical design, while providing the performance of active probes. probing - up to 1 ghz bandwidth and less than 4 pf capacitive loading provides active probe performance and superior performance over passive probes included with other mid-range oscilloscopes. fast discovery to debug a design problem, first you must know it exists. every design engineer spends time looking for problems in their design, a time- consuming and difficult task without the right debug tools. the mso/ dpo5000b series offers the industry's most complete performance to capture and isolate events, providing fast insight into the real operation of your device. tektronix proprietary fastacq ? technology delivers a fast waveform capture - greater than 250,000 waveforms per second - that enables you to see glitches and other infrequent transients within seconds, revealing the true nature of device faults. a digital phosphor display with color intensity grading shows the history of a signal's activity by using color to identify areas of the signal that occur more frequently, providing a visual display of just how often anomalies occur across all channels. discover C fast waveform capture rate - over 250,000 wfm/s - maximizes the probability of capturing elusive glitches and other infrequent events. datasheet 2 www.tektronix.com
high vertical resolution if the measurement requirement is to capture high-amplitude signals while seeing smaller signal details the mso/dpo5000b provides the acquisition flexibility needed to capture the signals of interest while removing the effects of unwanted noise. with hires acquisition vertical resolution can be increased to over 11 bits while reducing signal noise. signal fidelity can be further increased by using channel input filters or applying a wide choice of dsp filters. capture - hires acquisition - increased vertical resolution to >11 bits while removing noise on a 650 v pk-pk signal while seeing the smaller details of less than 1 v pk-pk with or without apply low-pass filtering. long record length with up to a 250 m point record length, you can capture many events of interest, even thousands of serial packets, in a single acquisition for further analysis while maintaining high resolution to zoom in on fine signal details. for complex analysis like time interval error (tie) measurements the longer record length ensures you have enough data captured for handling clock recovery and creating jitter profiles. unlike other oscilloscopes in its class, the mso/dpo5000b provides flexible setup of both record length and sampling rate to ensure optimum resolution. capture - 100 meg point acquisition with hires acquisition - increase vertical resolution to >11 bits with dual zoom of waveform details. segmented memory for more efficient data capture, partitioning of memory can extend the total time captured. fastframe ? segmented memory mode enables you to select up to 290,000 memory segments with a trigger capture rate of over 310,000 triggers per second. beyond memory flexibility, segments are time stamped and can be viewed individually or as an overlay and analyzed using advanced features like protocol decoding. mixed signal oscilloscopes - mso5000b, dpo5000b series www.tektronix.com 3
fastframe ? - user selectable memory segments allow for efficient memory management with time stamped capture of spi bus data along with analysis of serial bus decoding on multiple data packets. frames 1, 2, and 9 are shown here. mixed signal design and analysis (mso series) the mso5000b series mixed-signal oscilloscopes provide 16 digital channels. these channels are tightly integrated into the oscilloscope's user interface, simplifying operation and making it possible to solve mixed-signal issues easily. mso functionality can also be added later as a user upgrade. color-coded digital waveform display the mso5000b series has redefined the way you view digital waveforms. one common problem with other mixed-signal oscilloscopes is determining if data is a one or a zero when zoomed in far enough that the digital trace stays flat all the way across the display. to avoid this problem, the mso5000b series has color-coded digital traces, displaying ones in green and zeros in blue. with the color-coded digital waveform display, low values are shown in blue and high values are shown in green, enabling instant understanding of the bus value whether transitions are visible or not. the multiple transition detection hardware of the mso5000b series will show you when the system detects more than one transition. this indicates that more information is available by zooming in or acquiring at faster sampling rates. in most cases zooming in will reveal a glitch that was not viewable with the previous settings. magnivu ? high-speed acquisition the main digital acquisition mode on the mso5000b series will capture up to 40 m points at 500 ms/s (2 ns resolution). in addition to the main record, the mso5000b provides an ultra high-resolution record called magnivu which acquires 10,000 points at up to 16.5 gs/s (60.6 ps resolution). both the main and magnivu waveforms are acquired on every trigger and either can be displayed at any time, running or stopped. magnivu provides significantly finer timing resolution than comparable mixed-signal oscilloscopes on the market, instilling confidence when making critical timing measurements on digital waveforms. datasheet 4 www.tektronix.com
the magnivu high-resolution record provides 60.6 ps timing resolution, enabling you to make critical timing measurements on your digital waveforms. versatile trigger and search discovering a device fault is only the first step. next, you must capture the event of interest to identify root cause the mso/dpo5000b series provides a complete set of triggers - including runt, glitch, width, timeout, transition, pattern, state, setup/hold violation, serial packet, and parallel data - to help quickly find your event. visual trigger finding the right characteristic of a complex signal can require hours of collecting and sorting through thousands of acquisitions for the event of interest. defining a trigger that isolates the desired event and shows data only when the event occurs speeds up this process. visual trigger and search makes the identification of the desired waveform events quick and easy by scanning through all waveform acquisitions and comparing them to on-screen areas (geometric shapes). areas can be created using a variety of shapes including triangles, rectangles, hexagons, trapezoids, and user- specified shapes to fit the area to the particular trigger behavior desired. set up to eight areas and condition based on boolean logic conditions. visual trigger- capture signals on two channels with visual triggering with multiple defined areas and markers showing repeat occurrences. navigation and search finding your event of interest in a long waveform record can be time consuming without the right search tools. with today's record lengths pushing beyond a million data points, locating your event can mean scrolling through thousands of screens of signal activity. the mso/dpo5000b series offers the industry's most comprehensive search and waveform navigation with its innovative wave inspector ? controls. these controls speed panning and zooming through your record. with a unique force-feedback system, you can move from one end of your record to the other in just seconds. user marks allow you to mark any location that you may want to reference later for further investigation. or, automatically search your record for criteria you define. wave inspector will instantly search your entire record, including analog, digital, and bus data. along the way it will automatically mark every occurrence of your defined event so you can quickly move between events. the standard advanced search and mark capability of the mso/dpo5000b series can even search for up to eight different events simultaneously and stop a live acquisition when it finds an event of interest, saving even more time. mixed signal oscilloscopes - mso5000b, dpo5000b series www.tektronix.com 5
search - results of an advanced search for a runt pulse or a narrow glitch within a long waveform record. comprehensive analysis verifying that your prototype's performance matches simulations and meets the project's design goals requires analyzing its behavior. tasks can range from simple checks of rise times and pulse widths to sophisticated power loss analysis, characterization of system clocks, and investigation of noise sources. the mso/dpo5000b series offers a comprehensive set of integrated analysis tools including waveform- and screen-based cursors, 53 automated measurements, advanced waveform math including arbitrary equation editing, waveform histograms, and fft analysis. analyze - waveform histogram of the rising and falling edge of a 622 mb/s signal showing the distribution of edge position (jitter) over time. included are numeric measurements made on the waveform histogram data. the standard limit test package enables long-term signal monitoring, characterizing signals during design, and production line testing. limit test compares a tested signal to a known good or "golden" version of the same signal with user-defined vertical and horizontal tolerances. you can tailor a limit test to your specific requirements by defining test duration in a number of waveforms, setting a violation threshold that must be met before considering a test a failure, counting hits with statistical information, and setting actions upon violations, test failure, and test complete. custom analysis when signal analysis needs extend beyond the standard or optional analysis features, the windows 7 based mso/dpo5000b series has the flexibility to support custom analysis. apply your custom algorithms using custom matlab and .net math plug-ins for analysis functions that are integrated in the oscilloscope user interface for more seamless operation. custom analysis - waterfall display generated from oscilloscope data using matlab. jitter analysis every mso/dpo5000b series oscilloscope includes the dpojet essentials jitter and eye pattern analysis software package, extending the oscilloscope's measurement capabilities to take measurements over contiguous clock and data cycles in a single-shot real-time acquisition. this enables measurement of key jitter and timing analysis parameters such as time interval error and phase noise to help characterize possible system timing issues. analysis tools such as plots for time trends and histograms quickly show how timing parameters change over time, and spectrum analysis quickly shows the precise frequency and amplitude of jitter and modulation sources. datasheet 6 www.tektronix.com
jitter analysis - tie jitter/timing analysis of 622 mb/s signal extend jitter/timing analysis with the optional dpojet advanced software package (option dja). dpojet advanced adds advanced tools such as rj/dj separation, eye diagram masks, and pass/fail limits for conformance testing. dpojet advanced is also a measurement framework that works with standards-specific compliance test packages for applications such as ddr memory and usb. power analysis (optional) the optional power analysis software package (option pwr) enables quick and accurate analysis of power quality, switching loss, harmonics, magnetic measurements, safe operating area (soa), modulation, ripple, and slew rate (di/dt, dv/dt). automated, repeatable power measurements are available with a touch of a button; no external pc or complex software setup is required. the package includes a report generation tool to create customizable, detailed reports to document your measurement results. power- b-h plot. ddr memory bus analysis (optional) the optional ddr memory analysis software package (option ddra) automatically identifies ddr1, ddr2, lp-ddr, and lp-ddr2 reads and writes and makes jedec conformance measurements with pass/fail results on all edges in every read and write burst, perfect for debugging and troubleshooting ddr memory buses. also provided are common measurements of clock, address, and control signals. used with dpojet (option dja), option ddra is the fastest way to debug complex memory signaling issues. vector signal analysis (optional) the optional signalvu ? vector signal analysis package (option sve) easily validates wideband designs and characterizes wideband spectral events. by combining the signal analysis engine of tektronix real-time spectrum analyzers with the wide bandwidth acquisition of tektronix digital oscilloscopes, you can now evaluate complex baseband signals directly on your oscilloscope. you get the functionality of a vector signal analyzer, a spectrum analyzer, and the powerful trigger capabilities of a digital oscilloscope - all in a single package. whether your design validation needs include wideband radar, high data-rate satellite links, or frequency hopping communications, signalvu ? vector signal analysis software can speed your time-to-insight by showing you time-variant behavior of these wideband signals. signalvu ? enables detailed analysis in multiple domains. mixed signal oscilloscopes - mso5000b, dpo5000b series www.tektronix.com 7
protocol triggering and analysis (optional) on a serial bus, a single signal often includes address, control, data, and clock information. this can make isolating events of interest difficult. the mso/dpo5000b series offers a robust set of tools for debugging serial buses with automatic trigger and decode on i 2 c, spi, can, lin, flexray, rs-232/422/485/uart, mil-std-1553, ethernet, and usb 2.0, and decode for hsic, 8b/10b, pci express, and mipi d-phy dsi-1 and csi-2 serial buses. triggering on a usb full-speed serial bus. a bus waveform provides decoded packet content including start, sync, pid, address, end point, crc, data values, and stop. serial triggering trigger on packet content such as start of packet, specific addresses, specific data content, unique identifiers, etc. on popular serial interfaces such as i 2 c, spi, can, lin, flexray, rs-232/422/485/uart, mil- std-1553, ethernet, and usb 2.0. bus display provides a higher-level, combined view of the individual signals (clock, data, chip enable, etc.) that make up your bus, making it easy to identify where packets begin and end and identifying subpacket components such as address, data, identifier, crc, etc. bus decoding tired of having to visually inspect the waveform to count clocks, determine if each bit is a 1 or a 0, combine bits into bytes, and determine the hex value? let the oscilloscope do it for you! once you've set up a bus, the mso/dpo5000b series will decode each packet on the bus, and display the value in hex, binary, decimal (usb only) or ascii (usb and rs-232/422/485/uart only) in the bus waveform. event table display in addition to seeing decoded packet data on the bus waveform itself, you can view all captured packets in a tabular view much like you would see in a software listing. packets are time stamped and listed consecutively with columns for each component (address, data, etc.). event table showing decoded spi serial packet data with bus timing waveform for a long acquisition. compliance testing serial bus compliance test (optional) software packages for automated compliance test are available for ethernet 10base-t, 10base-te, 100base-tx, and 1000base-t (option et3), most50 and most150 electrical (option most), broadr-reach (option brr), and usb 2.0 (option usb) physical-layer devices. these software packages enable you to conduct testing using the standard's specified compliance tests. datasheet 8 www.tektronix.com
mask testing the optional mask test (option mtm) software package is useful for long- term signal monitoring, characterizing signals during design, and production line testing. the mask test software includes a robust set of masks for telecommunications and computer standards for easily checking compliance to a standard. additionally, custom masks can be created and used for characterizing signals. with mask testing you can tailor a test to your specific requirements by defining test duration in a number of waveforms, setting a violation threshold that must be met before considering a test a failure, counting hits with statistical information, and setting actions upon violations, test failure, and test complete. designed to make your work easier large, high-resolution touchscreen display the mso/dpo5000b series features a 10.4 in. (264 mm) xga color display with an integrated touch screen for seeing intricate signal details. high resolution display quality with touch screen, mouse and stylus operation. dedicated front panel controls per-channel vertical controls provide simple and intuitive operation. no longer do you need to share one set of vertical controls across all four channels. floating licenses floating licenses offer an alternative method to manage your tektronix asset. floating licenses allow license-key enabled options to be easily moved among all your mso/dpo5000, dpo7000, and dpo/dsa/ mso70000 series of tektronix oscilloscopes. floating licenses are available for many license-key enabled options. to order a floating version of an option license add dpofl- prefix to the option name. (e.g. dpofl- et3) check www.tektronix.com for additional information about floating license options. easy data storage two usb 2.0 host ports on the front panel enable easy transfer of screenshots, instrument settings, and waveform data to a usb flash drive. the rear panel contains four additional usb 2.0 host ports and a usb device port for controlling the oscilloscope remotely from a pc or for connecting usb peripherals. an integrated 10/100/1000base-t ethernet port enables easy connection to networks and a video out port to drive an external monitor or projector. a standard 480 gb removable solid state disk drive makes customizing settings for different users easy and enables use in secure environments. connectivity and remote operation there are many ways to connect to your mso/dpo5000b series oscilloscope to conduct extended analysis. the first makes use of the windows remote desktop capability C connect directly to your oscilloscope and operate the user interface remotely through the built-in remote desktop. a second way to connect is through tektronix openchoice ? software which makes use of the fast embedded bus, transferring waveform data directly from acquisition to analysis applications on the windows desktop at much faster speeds than conventional gpib transfers. industry-standard protocols, such as tekvisa ? interface and activex controls are included for using and enhancing windows applications for data analysis and documentation. ivi-com instrument drivers are included to enable easy communication with the oscilloscope using gpib, serial data, and lan connections from programs running on the instrument or an external pc. or, use the software developer's kit (sdk) to help create custom software to automate multistep processes in waveform collection and analysis with visual basic, c, c++, matlab, labview, labwindows/cvi, and other common application development environments (ade). microsoft ? excel and word toolbars are included to simplify data capture and transfer directly to these programs running on the windows desktop. mixed signal oscilloscopes - mso5000b, dpo5000b series www.tektronix.com 9
tektronix mid-range oscilloscopes need more performance or have other application needs? consider the mdo/mso/dpo4000 series or the dpo7000 series. for more performance, the dpo7000c series offers: 500 mhz to 3.5 ghz bandwidth up to 40 gs/s sampling rate up to 500 m point record length 1 % accuracy more analysis and compliance support for higher data rates microsoft windows 7 for mixed-domain analysis or greater portability, the mdo/mso/ dpo4000b series offers: 100 mhz to 1 ghz bandwidth up to 5 gs/s sampling up to 20 m point record length serial data trigger and decode built-in 3 ghz or 6 ghz spectrum analyzer (mdo models) 2 or 4 analog channels and 16 digital channels (mso and mdo models) datasheet 10 www.tektronix.com
specifications all specifications apply to all models unless noted otherwise. model overview mso5034b dpo5034b MSO5054B dpo5054b mso5104b dpo5104b mso5204b dpo5204b input channels 4 bandwidth 350 mhz 500 mhz 1 ghz 2 ghz rise time (calculated) 1 ns 700 ps 350 ps 175 ps dc gain accuracy 1.5%, derated at 0.10%/c above 30 c bandwidth limits depending on instrument model: 1 ghz, 500 mhz, 350 mhz, 250 mhz, and 20 mhz effective number of bits (typical) 6 bits (10 division p-p sine wave input at instrument bandwidth, 100 mv/div, 50 input impedance, maximum sample rate, 1 k point record length) random noise (rms, typical, sample mode, full bw) 1 m (130 v + 8.0% of v/div setting) (130 v + 8.0% of v/div setting) (150 v + 8.0% of v/div setting) (180 v + 8.0% of v/div setting) 50 (130 v + 8.0% of v/div setting) (130 v + 8.0% of v/div setting) (75 v + 6.0% of v/div setting) (150 v + 6.0% of v/div setting) maximum sample rate (all channels) 5 gs/s 5 gs/s 5 gs/s 5 gs/s maximum sample rate (1 or 2 channels) C C 10 gs/s 10 gs/s maximum equivalent time sampling rate 400 gs/s maximum record length with standard configuration 25 m 25 m (4 ch) 50 m (1 or 2 ch) maximum record length with option 5rl 50 m 50 m (4 ch) 125 m (1 or 2 ch) maximum record length with option 10rl 125 m 125 m (4 ch) 250 m (1 or 2 ch) vertical system analog channels input coupling ac, dc input resistance 1 m 1%, 50 1% input sensitivity range 1 m: 1 mv/div to 10 v/div 50 : 1 mv/div to 1 v/div vertical resolution 8 bits (>11 bits with hi res) maximum input voltage, 1 m 300 v rms cat ii, with peaks 425 v for <100 mv/div derate at 20 db/decade above 100 khz to 30 v rms at 1 mhz, 10 db/decade above 1 mhz for 100 mv/div derate at 20 db/decade above 3 mhz to 30 v rms at 30 mhz, 10 db/decade above 30 mhz maximum input voltage, 50 5 v rms , with peaks 20 v position range 5 divisions mixed signal oscilloscopes - mso5000b, dpo5000b series www.tektronix.com 11
delay between any two channels (typical) 100 ps (50 , dc coupling and equal v/div at or above 10 mv/div) offset range 1 mv/div - 50 mv/div 1 m: 1 v 50 : 1 v 50.5 mv/div - 99.5 mv/div 1 m: 0.5 v 50 : 0.5 v 100 mv/div - 500 mv/div 1 m: 10 v 50 : 10 v 505 mv/div - 995 mv/div 1 m: 5 v 50 : 5 v 1 v/div - 5 v/div 1 m: 100 v 50 : 5 v 5.05 v/div - 10 v/div 1 m: 50 v 50 : na offset accuracy (0.005 |offset C position| + dc balance) note: both position and constant offset term must be converted to volts by multiplying by the appropriate volts/div term channel-to-channel isolation (any two channels at equal vertical scale settings) (typical) 100:1 at 100 mhz and 30:1 at >100 mhz up to the rated bw vertical system digital channels input channels 16 digital (d15 - d0) thresholds per-channel thresholds threshold selections ttl, ecl, user user-defined threshold range 40 v threshold accuracy (100 mv + 3% of threshold setting) maximum input voltage 42 v peak input dynamic range 30 v p-p 200 mhz 10 v p-p >200 mhz minimum voltage swing 400 mv input impedance 100 k probe loading 3 pf vertical resolution 1 bit datasheet vertical system analog channels 12 www.tektronix.com
horizontal system analog channels maximum duration at highest real-time sample rate 25 ms time base range 12.5 ps/div to 1000 s/div time resolution (in et/it mode) 2.5 ps/div time base delay time range C10 divisions to 1000 s channel-to-channel deskew range 75 ns time base accuracy 5 ppm over any 1 ms interval horizontal system digital channels maximum sample rate (main) 500 ms/s (2 ns resolution) maximum record length (main) 25 m standard up to 40 m with record length options maximum sample rate (magnivu) 16.5 gs/s (60.6 ps resolution) maximum record length (magnivu) 10k points centered around the trigger minimum detectable pulse width 1 ns channel-to-channel skew (typical) 200 ps maximum input toggle rate 500 mhz at minimum input swing; higher toggle rates can be achieved at higher amplitudes trigger system main trigger modes auto, normal, and single trigger coupling dc, ac, hf rej (attenuates >50 khz), lf rej (attenuates <50 khz), noise reject (reduces sensitivity) trigger holdoff range 250 ns to 8 s enhanced triggering user-selectable; corrects the difference in timing between the trigger path and the acquired data (not available in fastacq) trigger jitter 100 fs rms using enhanced trigger 10 ps rms without enhanced trigger and in fast acq mode 100 ps rms for non-edge-type trigger modes trigger sensitivity internal dc coupled for 1 m: 1 mv/div to 4.98 mv/div: 0.75 div from dc to 50mhz, increasing to 1.3 div at instrument bandwidth 5 mv/div: 0.40 div from dc to 50 mhz, increasing to 1 div at instrument bandwidth for 50 (mso5204, dpo5204, mso5104, dpo5104): 0.40 div from dc to 50 mhz, increasing to 1 div at instrument bandwidth for 50 (mso5054, dpo5054, mso5034, dpo5034): 1 mv/div to 4.98 mv/div: 0.75 div from dc to 50mhz, increasing to 1.3 div at instrument bandwidth 5 mv/div: 0.40 div from dc to 50 mhz, increasing to 1 div at instrument bandwidth external (auxiliary input) 1 m 200 mv from dc to 50 mhz, increasing to 500 mv at 250 mhz mixed signal oscilloscopes - mso5000b, dpo5000b series www.tektronix.com 13
trigger level range any channel 8 divisions from center of screen external (auxiliary input) 8 v line fixed at about 50% of line voltage trigger modes edge positive or negative slope on any channel or front-panel auxiliary input. coupling includes dc, ac, hf reject, lf reject, and noise reject glitch trigger on or reject glitches of positive, negative, or either polarity. programmable glitch width is 4 ns minimum to 8 s maximum runt trigger on a pulse that crosses one threshold but fails to cross a second threshold before crossing the first again width trigger on width of positive or negative pulse either within or outside selectable limits (4 ns to 8 s) timeout trigger on an event which remains high, low, or either, for a specified time period (4 ns to 8 s) transition trigger on pulse edge rates that are faster or slower than specified. slope may be positive, negative, or either setup/hold trigger on violations of both setup time and hold time between clock and data present on any two input channels pattern trigger when any logical pattern of signals goes false or stays true for specified period of time (4 ns to 1 s). pattern (and, or, nand, nor) specified for all analog and digital input channels defined as high, low, or don't care parallel bus trigger on specified data value on defined parallel bus state any logical pattern of analog channels and digital channels (mso models) clocked by edge on another channel. trigger on rising or falling clock edge video trigger on all lines, specific line number, odd, even, or all fields on ntsc, pal, secam, and hdtv 480p/60, 576p/50, 875i/60, 720p/30, 720p/50, 720p/60, 1080/24sf, 1080i/50, 1080p/25, 1080i/60, 1080p/24, 1080p/25, 1080p/50, 1080p/60, bi-level, tri-level trigger sequences main, delayed by time, delayed by events. all sequences can include separate horizontal delay after the trigger event to position the acquisition window in time a/b sequence event trigger types edge trigger delay by time 4 ns to 8 s trigger delay by events 1 to 4,000,000 events visual trigger trigger on up to 8 user-specified areas, including rectangle, triangle, trapezoid, hexagon, and user-specified shapes on any of the analog channels i 2 c (optional) provided as part of opt. sr-embd. trigger on start, repeated start, stop, missing ack, address (7 or 10 bit), data, or address and data on i 2 c buses up to 10 mb/s spi (optional) provided as part of opt. sr-embd. trigger on slave select, idle time, or data (1-16 words) on spi buses up to 10 mb/s can (optional) provided as part of opt. sr-auto. trigger on start of frame, type of frame (data, remote, error, or overload), identifier, data, identifier and data, eof, missing ack, bit stuff error, and crc error on can buses up to 1 mb/s lin (optional) provided as part of opt. sr-auto. trigger on sync, identifier, data, identifier and data, wakeup frame, sleep frame, and error on lin buses up to 1 mb/s flexray (optional) provided as part of opt. sr-auto. trigger on indicator bits (normal, payload, null, sync, startup), cycle count, header fields (indicator bits, identifier, payload length, header crc, and cycle count), identifier, data, identifier and data, end of frame, and error on flexray buses up to 10 mb/s mil-std-1553 (optional) provided as part of opt. sr-aero. trigger on sync, command word, status word, data word, idle time, and error on mil- std-1553 buses up to 1 mb/s ethernet (optional) provided as part of opt. sr-enet. trigger on start of packet, mac address, mac q-tag, mac length/type, mac data, ip header, tcp header, tcp/ipv4 data, end of packet, and fcs(crc) error on 10base-t and 100base-tx buses. rs-232/422/485/uart (optional) provided as part of opt. sr-comp. trigger on start bit, end of packet, data, and parity error up to 10 mb/s datasheet trigger system 14 www.tektronix.com
usb 2.0 low speed: (optional) provided as part of opt. sr-usb. trigger on sync, reset, suspend, resume, end of packet, token (address) packet, data packet, handshake packet, special packet, error. token packet trigger C any token type, sof, out, in, setup; address can be specified for any, out, in, and setup token types. address can be further specified to trigger on , <, =, >, , != a particular value, or inside or outside a range. frame number can be specified for sof token using binary, hex, unsigned decimal, and don't care digits. data packet trigger C any data type, data0, data1; data can be further specified to trigger on , <, =, >, , != a particular data value, or inside or outside a range. handshake packet trigger C any handshake type, ack, nak, stall. special packet trigger C any special type, reserved. error trigger C pid check, crc5 or crc16, bit stuffing. usb 2.0 full speed: (optional) provided as part of opt. sr-usb. trigger on sync, reset, suspend, resume, end of packet, token (address) packet, data packet, handshake packet, special packet, error. token packet trigger C any token type, sof, out, in, setup; address can be specified for any, out, in, and setup token types. address can be further specified to trigger on , <, =, >, , != a particular value, or inside or outside a range. frame number can be specified for sof token using binary, hex, unsigned decimal, and don't care digits. data packet trigger C any data type, data0, data1; data can be further specified to trigger on , <, =, >, , != a particular data value, or inside or outside a range. handshake packet trigger C any handshake type, ack, nak, stall. special packet trigger C any special type, pre, reserved. error trigger C pid check, crc5 or crc16, bit stuffing. usb 2.0 high speed: (optional) provided as part of opt. sr-usb. trigger on sync, reset, suspend, resume, end of packet, token (address) packet, data packet, handshake packet, special packet, error. token packet trigger C any token type, sof, out, in, setup; address can be specified for any, out, in, and setup token types. address can be further specified to trigger on , <, =, >, , != a particular value, or inside or outside a range. frame number can be specified for sof token using binary, hex, unsigned decimal, and don't care digits. data packet trigger C any data type, data0, data1, data2, datam; data can be further specified to trigger on , <, =, >, , != a particular data value, or inside our outside a range. handshake packet trigger C any handshake type, ack, nak, stall, nyet. special packet trigger C any special type, err, split, ping, reserved. split packet components that can be specified include: hub address start/complete C don't care, start (ssplit), complete (csplit) port address start and end bits C don't care, control/bulk/interrupt (full-speed device, low-speed device), isochronous (data is middle, data is end, data is start, data is all) endpoint type C don't care, control, isochronous, bulk, interrupt error trigger C pid check, crc5, crc16, any. note: usb 2.0 high-speed triggering, decoding, and search only available on 1 ghz and 2 ghz models. mixed signal oscilloscopes - mso5000b, dpo5000b series trigger system www.tektronix.com 15
acquisition system acquisition modes sample acquire sampled values peak detect captures narrow glitches as narrow as 100 ps (2 ghz and 1 ghz models) or 200 ps (500 mhz and 350 mhz models) at all real- time sampling rates averaging from 2 to 10,000 waveforms included in average envelope min-max envelope reflecting peak detect data over multiple acquisitions hi-res real-time boxcar averaging reduces random noise and increases resolution roll mode scrolls sequential waveform points across the display in a right-to-left rolling motion at sweep speeds slower than 50 ms/div. up to 20 ms/s with a maximum record length of 10 m fastacq ? fastacq optimizes the instrument for analysis of dynamic signals and capture of infrequent events maximum fastacq waveform capture rate >250,000 wfms/s on all 4 channels simultaneously waveform database accumulate waveform database providing three-dimensional array of amplitude, time, and counts fastframe ? acquisition memory divided into segments; maximum trigger rate >310,000 waveforms per second. time of arrival recorded with each event. frame finder tool helps to visually identify transients automated search and mark automatically mark events and document waveforms. search positive/negative slopes or both, glitches, runts, pulse widths, transition rate, setup and hold, timeout, windows, or find any logic or state pattern, up to 8 different event types on any of the 4 analog channels. search ddr read or write bursts with opt. ddra. event table summarizes all found events. all events are time stamped in reference to trigger position. stop acquisitions when an event is found waveform analysis waveform measurements cursors waveform and screen automatic measurements 53, of which 8 can be displayed on-screen at any one time. measurements include: period, frequency, delay, rise time, fall time, positive duty cycle, negative duty cycle, positive width, negative width, burst width, phase, positive overshoot, negative overshoot, peak-to-peak, amplitude, high, low, maximum, minimum, mean, cycle mean, rms, cycle rms, area, cycle area eye-pattern measurements extinction ratio (absolute, %, db), eye height, eye width, eye top, eye base, crossing %, jitter (p-p, rms, 6sigma), noise (p-p, rms), signal/noise ratio, cycle distortion, q-factor measurement statistics mean, minimum, maximum, standard deviation reference levels user-definable reference levels for automatic measurements can be specified in either percent or units gating isolate the specific occurrence within an acquisition to take measurements on, using either screen or waveform cursors waveform histogram a waveform histogram provides an array of data values representing the total number of hits inside a user-defined region of the display. a waveform histogram is both a visual graph of the hit distribution and a numeric array of values that can be measured. sources C channel 1, channel 2, channel 3, channel 4, ref 1, ref 2, ref 3, ref 4,math 1,math 2,math 3,math 4 types C vertical, horizontal waveform histogram measurements waveform count, hits in box, peak hits, median, maximum, minimum, peak-to-peak, mean (), standard deviation (sigma), +1sigma, +2sigma, +3sigma waveform processing/math arithmetic add, subtract, multiply, divide waveforms and scalars algebraic expressions define extensive algebraic expressions including waveforms, scalars, user-adjustable variables, and results of parametric measurements. perform math on math using complex equations. e.g. (integral (ch1 C mean(ch1)) 1.414 var1) math functions average, invert, integrate, differentiate, square root, exponential, log10, log e, abs, ceiling, floor, min, max, sin, cos, tan, asin, acos, atan, sinh, cosh, tanh relational boolean result of comparison >, <, , , ==, != frequency domain functions (fft) spectral magnitude and phase, real and imaginary spectra fft vertical units magnitude: linear, db, dbm phase: degrees, radians, group delay datasheet 16 www.tektronix.com
fft window functions rectangular, hamming, hanning, kaiser-bessel, blackman-harris, gaussian, flattop2, tek exponential waveform definition as an arbitrary math expression filtering functions user-definable filters. users specify a filter containing the coefficients of the filter. filter files provided custom math functions custom matlab and .net plug-ins can be included in the math waveform definition mask function a function that generates a waveform database pixmap from a sample waveform. sample count can be defined software ivi driver provides a standard instrument programming interface for common applications such as labview, labwindows/cvi, microsoft .net and matlab. ivi-com standard lxi class c web interface connect to the mso/dpo5000b series through a standard web browser by simply entering the oscilloscope's ip address in the address bar of the browser. the web interface enables viewing of instrument status and configuration, as well as status and modification of network settings. all web interaction conforms to lxi class c specification display system display type 10.4 in. (264 mm) liquid-crystal active-matrix color display with touch screen display resolution 1024 horizontal 768 vertical pixels (xga) waveform styles vectors, dots, variable persistence, infinite persistence color palettes normal, green, gray, temperature, spectral, and user defined display format yt, xy computer system operating system windows 7 ultimate 64-bit instrument operation verified with version 1.1 of the national institute of standards and technology (nist) dss baseline requirements, also known as the united states government configuration baseline (usgcb) cpu intel core 2 duo, 2 ghz processor pc system memory 4 gb solid state disk drive removable solid state disk drive, 480 gb mouse optical wheel mouse, usb interface keyboard order 119-7083-xx for small keyboard; usb interface and hub mixed signal oscilloscopes - mso5000b, dpo5000b series waveform analysis www.tektronix.com 17
input output ports usb 2.0 high-speed host ports supports usb mass storage devices, printers, keyboard, and mouse. two ports on front and four ports on rear of instrument. can be disabled individually usb 1.1 full-speed device port rear-panel connector allows for communication/control of oscilloscope through usbtmc or gpib (with a tek-usb-488 adapter) lan port rj-45 connector, supports 10/100/1000base-t video out port db-15 female connector, connect to show the oscilloscope display on an external monitor or projector. support for extended desktop and clone mode audio ports miniature phono jacks keyboard port ps/2 compatible mouse port ps/2 compatible auxiliary input front-panel bnc connector. input impedance 1 m. max input 300 v rms with peaks 425 v auxiliary out (software switchable) trigger out: a ttl compatible pulse when the oscilloscope triggers time base reference out: a ttl compatible output of internal 10 mhz reference oscillator external reference in time base system can phase lock to an external 10 mhz reference (10 mhz 1%) probe compensator output front-panel pins amplitude: 2.5 v frequency: 1 khz lan extensions for instrumentation (lxi) class: lxi class c version: 1.3 optional tekvpi ? external power supply required when total oscilloscope probe power usage exceeds 15 w. output voltage 12 v output current 5 a power consumption 50 w power source power source voltage 100 to 240 v 10% power source frequency 45 hz to 66 hz (85 to 264 v) 360 hz to 440 hz (100 to 132 v) power consumption 275 w maximum datasheet 18 www.tektronix.com
physical characteristics dimensions mm in. height 233 9.16 width 439 17.29 depth 206 8.12 weight kg lb. net 6.7 14.9 shipping 12.5 27.5 rackmount configuration 5u cooling clearance in. mm top 0 0 bottom 0 0 left side 2 51 right side 0 0 front 0 0 rear 2 51 emc environmental and safety temperature operating 0 c to +50 c nonoperating C20 c to +60 c humidity operating 8% to 90% relative humidity with a maximum wet-bulb temperature of 29 c at or below +50 c (upper limit de-rates to 20.6% relative humidity at +50 c). noncondensing nonoperating 5% to 98% relative humidity with a maximum wet-bulb temperature of 40 c at or below +60 c (upper limit de-rates to 29.8% relative humidity at +60 c). noncondensing altitude operating 3,000 m (9,843 ft.) nonoperating 9,144 m (30,000 ft.) regulatory electromagnetic compatibility 2004/108/ec certifications ul61010-1; csa61010-1, en61010-1; iec 61010-1 mixed signal oscilloscopes - mso5000b, dpo5000b series www.tektronix.com 19
ordering information dpo5000b models dpo5034b 350 mhz, 5 gs/s, 25 m record length, 4-channel digital phosphor oscilloscope dpo5054b 500 mhz, 5 gs/s, 25 m record length, 4-channel digital phosphor oscilloscope dpo5104b 1 ghz, 10/5 gs/s (2/4 ch), 50 m/25 m record length, 4-channel digital phosphor oscilloscope dpo5204b 2 ghz, 10/5 gs/s (2/4 ch), 50 m/25 m record length, 4-channel digital phosphor oscilloscope mso5000b models mso5034b 350 mhz, 5 gs/s, 25 m record length, 4+16 channel mixed signal oscilloscope MSO5054B 500 mhz, 5 gs/s, 25 m record length, 4+16 channel mixed signal oscilloscope mso5104b 1 ghz, 10/5 gs/s (2/4 ch), 50 m/25 m record length, 4+16 channel mixed signal oscilloscope mso5204b 2 ghz, 10/5 gs/s (2/4 ch), 50 m/25 m record length, 4+16 channel mixed signal oscilloscope standard accessories tpp0500/b one passive voltage probe per analog channel (500 mhz, 10x, 3.9 pf) for 500 mhz and 350 mhz models tpp1000 one passive voltage probe per analog channel (1 ghz, 10x, 3.9 pf) for 2 ghz and 1 ghz models 200-5130-xx front cover 119-6107-xx touch-screen stylus 071-298x-xx user manual (please specify language when ordering) advanced search and mark, dpojet essentials, visual trigger and search, limit test, and sr-cust custom serial analysis license all included standard accessory pouch mouse calibration certificate documenting measurement traceability to national metrology institute(s), z 540-1 compliance and iso9001 power cord (please specify power plug option when ordering) one-year warranty p6616 16-channel logic probe for mso models 020-2662-xx logic probe accessory kit for mso models datasheet 20 www.tektronix.com
options record length options option mso5034b dpo5034b MSO5054B dpo5054b mso5104b dpo5104b mso5204b dpo5204b opt. 5rl 50 m/ch 125 m max, 50 m/ch opt. 10rl 125 m/ch 250 m max, 125 m/ch advanced analysis options option description opt. brr broadr-reach compliance testing (requires tf-gbe-btp or tf-gbe-atp ethernet test fixture) opt. ddra ddr memory bus analysis (requires opt. dja) (available on 1 ghz and 2 ghz models only.) opt. dja jitter and eye analysis tools C advanced (dpojet) opt. et3 ethernet compliance test (requires tf-gbe-btp or tf-gbe-atp ethernet test fixture) opt. hsic usb hsic protocol decode and electrical validation (requires opt. dja) (available on 2 ghz models only.) opt. most most essentials C electrical compliance and debug test solution for most50 and most150 (requires opt. dja) opt. mtm mask testing C itu-t (64 kb/s to 155 mb/s) C ansi t1.102 (1.544 mb/s to 155 mb/s) C ethernet ieee 802.3, ansi x3.263 (125 mb/s to 1.25 gb/s) C sonet/sdh (51.84 mb/s to 622 mb/s) C fibre channel (133 mb/s to 2.125 gb/s) C fibre channel electrical (133 mb/s to 1.06 gb/s) C usb (12 mb/s to 480 mb/s) C ieee 1394b (491.5 mb/s to 1.966 gb/s) C rapid i/o serial (up to 1.25 gb/s) C rapid i/o lp-lvds (500 mb/s to 1 gb/s) C oif standards (1.244 gb/s) C cpri, v4.0 (1.228 gb/s) C video (143.18 mb/s to 360 mb/s) opt. pwr power measurement and analysis opt. sr-aero aerospace serial triggering and analysis (mil-std-1553). enables triggering on packet-level information on mil-std-1553 buses and analytical tools such as bus views, packet decoding, search tools, and packet decode tables with time stamp information. signal inputs C any ch1 - ch4 recommended probing C differential opt. sr-auto automotive serial triggering and analysis (can/lin/flexray). enables triggering on packet-level information on can, lin, and flexray buses and analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time stamp information. signal inputs C any ch1 - ch4 (and any d0 - d15 on mso models) recommended probing C lin: single-ended; can/flexray: differential opt. sr-comp computer serial triggering and analysis (rs-232/422/485/uart) enables triggering on packet-level information on rs-232/422/485/uart buses and analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time stamp information. signal inputs C any ch1 - ch4 (and any d0 - d15 on mso models) recommended probing C rs-232/uart: single ended; rs-422/485: differential opt. sr-dphy mipi ? d-phy serial analysis. enables analysis of mipi dsi-1 and csi-2 buses with analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time stamp information. signal inputs C any ch1 - ch4 recommended probing C differential mixed signal oscilloscopes - mso5000b, dpo5000b series www.tektronix.com 21
option description opt. sr-embd embedded serial triggering and analysis (i 2 c, spi) enables triggering on packet-level information on i 2 c and 2-wire and 3-wire spi buses and analytical tools such as digital views of the signal, bus views, packet decoding, search tools, and packet decode tables with time stamp information. signal inputs C i 2 c: any ch1 - ch4 (and any d0 - d15 on mso models); spi: any ch1 - ch4 (and any d0 - d15 on mso models) recommended probing C i 2 c, spi: single ended opt. sr-enet ethernet serial triggering and analysis (10base-t, 100base-tx) enables triggering on packet-level information on ethernet buses as well as analytical tools such as bus views, packet decoding, search tools, and packet decode tables with time stamp information. signal inputs C any ch1 - ch4. recommended probing C differential opt. sr-usb usb 2.0 serial triggering and analysis (ls, fs, hs) enables triggering on packet-level content for low-speed, full-speed, and high-speed usb serial buses. also enables analytical tools such as bus views, packet decoding, search tools, and packet decode tables with time stamp information for low-speed, full-speed, and high-speed usb serial buses. signal inputs C low-speed and full-speed: any ch1 - ch4 (and any d0 - d15 on mso models) for single ended, any ch1 - ch4 for differential; high-speed: any ch1 - ch4 recommended probing C low-speed and full-speed: single ended or differential; high-speed: differential (usb high-speed supported only on mso5204, dpo5204, mso5104, and dpo5104 models.) opt. sve signalvu ? essentials C vector signal analysis software opt. usb usb 2.0 compliance testing (requires tdsusbf usb test fixture. 2 ghz bandwidth required for high-speed usb) opt. usbpwr automated compliance test solution for usb power adapters opt. vnm can/lin protocol analysis software bundle options these bundled items must be purchased at the same time as the instrument purchase. option description opt. ps2 power solution bundle: dpopwr, thdp0200, tcp0030a, 067-1686-xx (deskew fixture) opt. ps3 power solution bundle: dpopwr, tmdp0200, tcp0020, 067-1686-xx (deskew fixture) floating options floating licenses offer an alternative method to manage your tektronix asset. floating licenses allow license-key enabled options to be easily moved among all your mso/ dpo5000, dpo7000, and dpo/dsa/mso70000 series tektronix oscilloscopes. floating licenses are available for the following license-key enabled options. check http://www.tek.com/products/oscilloscopes/floatinglicenses for additional information about floating license options. option description dpofl-brr broadr-reach compliance testing (requires tf-gbe-btp or tf-gbe-atp ethernet test fixture) dpofl-ddra ddr memory bus analysis (requires opt. dja) (available on 1 ghz and 2 ghz models only) dpofl-dja jitter and eye analysis tools C advanced (dpojet) dpofl-et3 ethernet compliance testing (requires tf-gbe-btp or tf-gbe-atp ethernet test fixture.) dpofl-hsic usb hsic protocol decode and electrical validation (requires opt. dja) (available on 2 ghz models only) dpofl-most most essentials C electrical compliance and debug test solution (most50, most150) (requires opt. dja) dpofl-mtm mask testing dpofl-pwr power measurement and analysis dpofl-sr-aero aerospace serial triggering and analysis (mil-std-1553) dpofl-sr-auto automotive serial triggering and analysis (can/lin/flexray) dpofl-sr-comp computer serial triggering and analysis (rs-232/422/485/uart) dpofl-sr-dphy mipi ? d-phy serial analysis datasheet 22 www.tektronix.com
option description dpofl-sr-embd embedded serial triggering and analysis (i 2 c, spi) dpofl-sr-enet ethernet serial triggering and analysis (10base-t and 100base-tx) dpofl-sr-pcie pci express serial analysis (available on 1 ghz models only) (due to large volumes of data, use of standard high-capacity hard drive rather than smaller ssd is recommended) dpofl-sr-usb usb 2.0 serial triggering and analysis (ls, fs, hs) dpofl-sr-810b 8b/10b serial analysis dpofl-sva signalvu ? am/fm/pm/direct audio measurements (requires opt. sve) dpofl-sve signalvu ? essentials C vector signal analysis software dpofl-svm signalvu ? general purpose modulation analysis (requires opt. sve) dpofl-svp signalvu ? pulse C advanced signal analysis (requires opt. sve) dpofl-svt signalvu ? settling time measurements (requires opt. sve) dpofl-usb usb 2.0 compliance testing (requires tdsusbf usb test fixture. 2 ghz bandwidth required for high-speed usb) dpofl-usbpwr automated compliance test solution for usb power adapters dpofl-vnm can/lin protocol analysis software power plug options opt. a0 north america power plug (115 v, 60 hz) opt. a1 universal euro power plug (220 v, 50 hz) opt. a2 united kingdom power plug (240 v, 50 hz) opt. a3 australia power plug (240 v, 50 hz) opt. a5 switzerland power plug (220 v, 50 hz) opt. a6 japan power plug (100 v, 110/120 v, 60 hz) opt. a10 china power plug (50 hz) opt. a11 india power plug (50 hz) opt. a12 brazil power plug (60 hz) opt. a99 no power cord mixed signal oscilloscopes - mso5000b, dpo5000b series www.tektronix.com 23
user manual options opt. l0 english manual opt. l1 french manual opt. l3 german manual opt. l5 japanese manual opt. l7 simplified chinese manual opt. l8 traditional chinese manual opt. l9 korean manual opt. l10 russian manual opt. l99 no manual service options opt. c3 calibration service 3 years opt. c5 calibration service 5 years opt. d1 calibration data report opt. d3 calibration data report 3 years (with opt. c3) opt. d5 calibration data report 5 years (with opt. c5) opt. g3 complete care 3 years (includes loaner, scheduled calibration, and more) opt. g5 complete care 5 years (includes loaner, scheduled calibration, and more) opt. r3 repair service 3 years (including warranty) opt. r5 repair service 5 years (including warranty) probes and accessories are not covered by the oscilloscope warranty and service offerings. refer to the datasheet of each probe and accessory model for its unique warranty and calibration terms. upgrade options to upgrade your mso/dpo5000b series oscilloscope, order dpo-up and an option listed below. for example, dpo-up ddra. to upgrade record length: rl25e from standard 25 m/channel configuration to opt. 5rl configuration rl210e from standard 25 m/channel configuration to opt. 10rl configuration rl510e from opt. 5rl configuration to opt. 10rl configuration to add a solid state hard disk drive: ssde add an additional removable solid state drive (customer installable) to upgrade mso/dpo5000b series with: brr add opt. brr - broadr-reach compliance testing (requires tf-gbe-btp or tf-gbe-atp ethernet test fixture) ddra add opt. ddra (requires opt. dja.) (available on 1 ghz and 2 ghz models only) djae add opt. dja C jitter and eye analysis tools - advanced (dpojet) et3 add opt. et3 C ethernet compliance testing (requires tf-gbe-btp or tf-gbe-atp ethernet test fixture) hsic add opt. hsic - usb hsic protocol decode and electrical validation (available on 2 ghz models only) (requires opt. dja) datasheet 24 www.tektronix.com
most add opt. most C most essentials - electrical compliance and debug test solution (most50, most150) (requires opt. dja) mtm add opt. mtm C mask testing pwr add opt. pwr C power measurement and analysis sr-aero add opt. sr-aero C aerospace serial triggering and analysis (mil-std-1553) sr-auto add opt. sr-auto C automotive serial triggering and analysis (can/lin/flexray) sr-comp add opt. sr-comp C computer serial triggering and analysis (rs-232/422/485/uart) sr-dphy add opt. sr-dphy C mipi d-phy serial analysis (dsi-1, csi-2) sr-embd add opt. sr-embd C embedded serial triggering and analysis (i 2 c, spi) sr-enet add opt. sr-enet C ethernet serial triggering and analysis (10base-t and 100base-tx) sr-pcie add pci express serial analysis (available on 1 ghz models only.) sr-usb add opt. sr-usb C usb 2.0 serial triggering and analysis (ls, fs, hs) sr-810b add 8b/10b serial analysis sva add signalvu am/fm/direct audio measurements (requires opt. sve) svee add opt. sve C signalvu essentials - vector signal analysis software svm add signalvu general-purpose modulation analysis (requires opt. sve) svp add signalvu pulse - advanced signal analysis (requires opt. sve) svt add signalvu settling time measurements - frequency and phase (requires opt. sve) usb add opt. usb C usb 2.0 compliance testing (requires tdsusbf usb test fixture) (2 ghz bandwidth required for high-speed usb) usbpwr add opt. usbpwr - automated compliance test solution for usb power adapters vnm add opt. vnm C can/lin serial protocol decode to upgrade dpo5000b series to mso: msoe add 16 digital channels to a dpo5000b recommended accessories accessories 077-0076-xx service manual (pdf only) 077-0010-xx programmer manual (pdf only) 077-0063-xx performance verification and specifications manual (pdf only) tpa-bnc tekvpi-to-tekprobe bnc adapter tek-dpg deskew pulse generator tek-usb-488 gpib-to-usb adapter hctek54 hard transit case rmd5000 rackmount kit 119-7083-xx mini keyboard (usb interface) 119-7275-xx mini multimedia keyboard 119-7465-00 tekvpi external power supply C required when probe power usage exceeds 15 w. power cord not included. specify power cord when ordering. 119-7766-xx external dvd r/w drive 065-0952-xx spare removable solid state drive k420 oscilloscope cart nex-hd2header mictor connector to square pin adapter cables 012-0991-xx gpib cable (1 m) 012-0991-xx gpib cable (2 m) mixed signal oscilloscopes - mso5000b, dpo5000b series www.tektronix.com 25
test fixtures 067-1686-xx probe calibration / power deskew test fixture tdsusbf test fixture for use with opt. usb tf-gbe-btp basic test package for 10/100/1000base-t ethernet tests tf-gbe-atp advanced test package for 10/100/1000base-t ethernet (includes 1000base-t jitter test channel cable) tf-gbe-ee additional test fixture for energy efficient ethernet measurements. order through crescent heart software (http://www.c-h-s.com) adapters p6701b optical/electrical converter (multi mode). requires tekvpi ? to tekprobe bnc adapter (tpa-bnc). p6703b optical/electrical converter (single mode). requires tekvpi ? to tekprobe bnc adapter (tpa-bnc). probes tektronix offers over 100 different probes to meet your application needs. for a comprehensive listing of available probes, please visit www.tektronix.com/probes. tpp0500 500 mhz, 10x tekvpi ? passive voltage probe with 3.9 pf input capacitance tpp1000 1 ghz, 10x tekvpi passive voltage probe with 3.9 pf input capacitance tpp0502 500 mhz, 2x tekvpi passive voltage probe tap2500 2.5 ghz tekvpi active single-ended voltage probe tap1500 1.5 ghz tekvpi active single-ended voltage probe tdp3500 3.5 ghz tekvpi differential voltage probe with 2 v differential input voltage tdp1500 1.5 ghz tekvpi differential voltage probe with 8.5 v differential input voltage tdp1000 1 ghz tekvpi differential voltage probe with 42 v differential input voltage tdp0500 500 mhz tekvpi differential voltage probe with 42 v differential input voltage tcp0150 20 mhz tekvpi 150 ampere ac/dc current probe tcp0030a 120 mhz tekvpi 30 ampere ac/dc current probe tcp0020 50 mhz tekvpi 20 ampere ac/dc current probe tpp0850 2.5 kv, 800 mhz tekvpi high-voltage passive probe tmdp0200 750 v, 200 mhz high-voltage differential probe thdp0200 1.5 kv, 200 mhz high-voltage differential probe thdp0100 6 kv, 100 mhz high-voltage differential probe p5100a 2.5 kv, 500 mhz, 100x high-voltage passive probe tektronix is registered to iso 9001 and iso 14001 by sri quality system registrar. product(s) complies with ieee standard 488.1-1987, rs-232-c, and with tektronix standard codes and formats. datasheet 26 www.tektronix.com
mixed signal oscilloscopes - mso5000b, dpo5000b series www.tektronix.com 27
datasheet asean / australasia (65) 6356 3900 austria 00800 2255 4835* balkans, israel, south africa and other ise countries +41 52 675 3777 belgium 00800 2255 4835* brazil +55 (11) 3759 7627 canada 1 800 833 9200 central east europe and the baltics +41 52 675 3777 central europe & greece +41 52 675 3777 denmark +45 80 88 1401 finland +41 52 675 3777 france 00800 2255 4835* germany 00800 2255 4835* hong kong 400 820 5835 india 000 800 650 1835 italy 00800 2255 4835* japan 81 (3) 6714 3010 luxembourg +41 52 675 3777 mexico, central/south america & caribbean 52 (55) 56 04 50 90 middle east, asia, and north africa +41 52 675 3777 the netherlands 00800 2255 4835* norway 800 16098 people's republic of china 400 820 5835 poland +41 52 675 3777 portugal 80 08 12370 republic of korea 001 800 8255 2835 russia & cis +7 (495) 6647564 south africa +41 52 675 3777 spain 00800 2255 4835* sweden 00800 2255 4835* switzerland 00800 2255 4835* taiwan 886 (2) 2722 9622 united kingdom & ireland 00800 2255 4835* usa 1 800 833 9200 * european toll-free number. if not accessible, call: +41 52 675 3777 updated 10 april 2013 for further information. tektronix maintains a comprehensive, constantly expanding collection of application notes, technical briefs and other resources to help engineers working on the cutting edge of technology. please visit www.tektronix.com . copyright ? tektronix, inc. all rights reserved. tektronix products are covered by u.s. and foreign patents, issued and pending. information in this publication supersedes that in all previously published material. specification and price change privileges reserved. tektronix and tek are registered trademarks of tektronix, inc. all other trade names referenced are the service marks, trademarks, or registered trademarks of their respective companies. 19 dec 2013 48w-29560-0 www.tektronix.com


▲Up To Search▲   

 
Price & Availability of MSO5054B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X