Part Number Hot Search : 
1N5242 3DD4205D 18VDC MCH6001 SS8550T MVA6A D2W230CD TX005
Product Description
Full Text Search
 

To Download MPU300S15YZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mpu-300 series input parameter conditions min. typ. max. units input voltage range universal 90 264 vac input frequency 47 63 hz input current, full load 90 vac 5 a inrush current, cold start 110 vac 35 a 220 vac 70 leakage current 240 vac 3.5 ma power factor correction meets en 61000-3-2 class d input protection f5a/350v fuse output parameter conditions min. typ. max. units output voltage adjustment by trim pot 5.0 % output regulation, see note 1 1.0 % hold time 120 vac, 80% load 16 msec ripple & noise (20 mhz) see note 2 see model selection guide overload protection foldback circuit, autorecovery 110 140 % over voltage protection >130% of rated output voltage. recycle ac input. over temperature protection autorecovery +110 oc temperature coef? cient 0.04 %/oc transient recovery time, see note 4 50% load change 2.5 ms transient response deviation 5 % overshoot/undershoot at turn on/off 5.0 % turn on delay 120 vac 1 s output short circuit continuous with autorecovery general parameter conditions min. typ. max. units isolation voltage, see note 5 input - output 3,000 vac input - fg (frame ground) 1,500 primary - core 1,500 switching frequency fixed 24 khz interface signals power supply on green led on the pcb fan fail an open collector output rated for 28v/5 ma sink current maximum. goes high if a fan failure is detected power good signal goes ttl high 100 to 500 ms after regulation. goes low at least 1 ms before the loss of regulation. will sink 100 ma. remote on/off a ttl low signal inhibits the output. hiccup mode. environmental parameter conditions min. typ. max. units operating temperature range ambient 0 +25 +70 oc output derating 2.5%/ oc from +50 oc to + 70 oc storage temperature range -20 +85 oc cooling see model selection guide operating humidity rh, non-condensing 90 % reliability speci cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 30oc, gnd benign 100 khours safety standards ul 60950, en 60950 emi compliance compliance to en 55022 (cispr22) class b; en 61000-3-2,3 ems immunity compliance en 6100-4-2,3,4,5,6,11; en 55024; ce marked (lvd) vibration sinusoidal 5~50 hz, acceleration 7.35 m/s 2 on x, y & z axis electrical speci cations speci cations typical @ +25?, nominal input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. key features: ? small 300w supply ? pfc to en 61000-3-2 ?d? ? en 60950 approved (ul) ? ce certi? ed ? fcc class b emissions ? universal ac input ? small 5? x 3.2? x 1.5? size single output 300w power factor corrected ac/dc power supplies www.micropowerdirect.com micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com
model selection guide mechanical dimensions model number output voltage (vdc) output current (max a) ripple & noise (% p-p) ef ciency (%) preset range convection with 25 cfm mpu-300s-12 yz 12 vdc 12.0 - 13.8 12.50 25.00 1% 80% mpu-300s-15 yz 15 vdc 14.0 - 16.0 10.00 20.00 1% 80% mpu-300s-24 yz 24 vdc 23.0 - 28.0 6.25 12.50 1% 80% mpu-300s-48 yz 48 vdc 44.0 - 52.0 3.12 6.25 1% 80% notes: 1. output regulation includes line & load. 2. ripple & noise is measured from 10 hz to 20 mhz. connection to the unit is made with a 0.1 ? ceramic capacitor & a 22 ? electrolytic capacitor connected in parallel. 3. a 1% minimum load is required to maintain regulation & ripple speci cations. 4. transient recovery is measured to within a 1% error band for a load step of 50% to 100%. 5. isolation speci cations are production hi-pot tested for 3 seconds. 6. the full output range (see table) is covered in the safety agency certi cation. standard models are factory set to the preset voltage, but may be set to other levels within the range without affecting the agency certi cation. for more information, contact the factory. 7. output power is given for the factory preset voltage. the maximum continuous output power level is 150w without providing 25 cfm air ow. all models provide a peak power level of 600w for a maximum duration of 500 s. for more information, contact the factory. 8. each unit includes an input fuse (350v/5a). since this fuse is not eld replaceable, it is recommended that an external fuse of the same size be used on the input of the power supply for protection. u-chassis cover (c suf x) micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 ? tel: (781) 344-8226 ? fax: (781) 344-8481 ? e-mail: sales@micropowerdirect.com notes: all dimensions are typical in inches (mm) tolerance x.xx = 0.02 ( 0.50) connections i nput connector (cn1): terminal block: howder hd-601-3p 3 pins, 6.35 mm centers molex mating part no: molex 035977-0500 or equivalent (two pins removed) pin function 1 ac-line 2 ac-neutral 3 field ground output connector (cn2): terminal block (must be used on 12 v out ): dinkle p-830n m5 screws molex mating part no: molex 035977-0600 or equivalent pin molex pin dinkle 1-v out 1-v out 2-v out 2+v out 3-v out 4+v out 5+v out 6+v out logic signal connector (cn3): mating part no: jst xhp-4 or equivalent (chyao shiunn js-21001-4) mating pins: jst sxh-002t-po.6 for awg 30 to 26 pin function 1 remote on/off 2 fan fail 3 common 4 power good fan driver connector (cn4): mating part no: jst xhp-3 or equivalent (chyao shiunn js-21001-3) 3 pins 0.98 pitch pin function 1 fan fail 2 minus 3 plus www.micropowerdirect.com model number models with other output voltage levels are available (i.e. 5 vdc, 30 vdc, etc) contact the factory for details at: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of MPU300S15YZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X