Part Number Hot Search : 
C1005CH1 MW6S010 3R3NZ GSB550 TFH44A 10502 SMBJ9V NV73A2AT
Product Description
Full Text Search
 

To Download MMSTA422 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mmsta42 npn small signal surface mount transistor features ? epitaxial planar die construction ? complementary pnp type available (mmsta92) ? ideal for low power amplification and switching ? ultra-small surface mount package ? lead free/rohs compliant (note 2) ? "green" device (note 3 and 4) mechanical data ? case: sot-323 ? case material: molded plastic, "green" molding compound, note 4. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020c ? terminal connections: see diagram ? terminals: solderable per mil-std-202, method 208 ? lead free plating (matte tin finish annealed over alloy 42 leadframe). ? marking information: k3m, see page 3 ? ordering & date code information: see page 3 ? weight: 0.006 grams (approximate) sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18 0 8 all dimens ons in mm i e b c a m j l ed b c h k g be c maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit collector-base voltage v cbo 300 v collector-emitter voltage v ceo 300 v emitter-base voltage v ebo 6.0 v collector current (note 1) i c 200 ma power dissipation (note 1) p d 200 mw thermal resistance, junction to ambient (note 1) r ja 625 c/w operating and storage temperature range t j , t stg -55 to +150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min max unit test condition off characteristics (note 5) collector-base breakdown voltage v (br)cbo 300 ? v i c = 100 a, i e = 0 collector-emitter breakdown voltage v (br)ceo 300 ? v i c = 1.0ma, i b = 0 emitter-base breakdown voltage v (br)ebo 6.0 ? v i e = 100 a, i c = 0 collector cutoff current i cbo ? 100 na v cb = 200v, i e = 0 collector cutoff current i ebo ? 100 na v ce = 6.0v, i c = 0 on characteristics (note 5) dc current gain h fe 25 40 40 ? ? i c = 1.0ma, v ce = 10v i c = 10ma, v ce = 10v i c = 30ma, v ce = 10v collector-emitter saturation voltage v ce(sat) ? 0.5 v i c = 20ma, i b = 2.0ma base-emitter saturation voltage v be(sat) ? 0.9 v i c = 20ma, i b = 2.0ma small signal characteristics output capacitance c cb ? 3.0 pf v cb = 20v, f = 1.0mhz, i e = 0 current gain-bandwidth product f t 50 ? mhz v ce = 20v, i c = 10ma, f = 100mhz notes: 1. device mounted on fr-4 pcb, 1 in ch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/ datasheets/ap02001.pdf. 2. no purposefully added lead. 3. diodes inc.'s "green" policy can be found on our webs ite at http://www.diodes.com /products/lead_free/index.php. 4. product manufactured with date code 0627 (week 27, 2006) and newer are built with green molding compound. product manufact ured prior to date code 0627 are built with non-green molding com pound and may contain halogens or sb2o3 fire retardants. 5. short duration pulse test used to minimize self-heating effect. ds30175 rev. 10 - 2 1 of 3 www.diodes.com mmsta42 ? diodes incorporated
0 50 25 50 75 100 125 150 175 200 p , p o we r dissi p a t i o n (mw) d t , ambient temperature (c) fig. 1, max power dissipation vs. ambient temperature a 100 150 200 0 11 0 100 1,000 v, c o lle c t o r t o emi t t e r saturation voltage (v) ce(sat) i , collector current (ma) fig. 2, collector emitter saturation voltage vs. collector current c t = 25c a t = -50c a t = 150c a 0.2 0 0.4 0.6 0.8 1.0 1.2 1.4 1.6 2.0 1.8 i i c b = 10 1 10 1,000 10,000 100 1 10 1,000 100 h, d c c u r r en t g ain fe i , collector current (ma) fig. 3, dc current gain vs. collector current c t = -50c a t = 25c a t = 150c a v = 5v ce 0.1 0.2 0.1 11 0 v , base emi 1 0 0 t t e r v o l t a g e (v) be(on) 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 v = 5v ce i , collector current (ma) fig. 4, base emitter voltage vs. collector current c t = -50c a t = 25c a t = 150c a 1 10 100 1 10 f, g ain bandwid t h p r o d u c t (m h z) t i , collector current (ma) fig. 5, gain bandwidth product vs. collector current c v = 5v ce ds30175 rev. 10 - 2 2 of 3 www.diodes.com mmsta42 ? diodes incorporated
ordering information (note 4 & 6) device packaging shipping mmsta42-7-f sot-323 3000/tape & reel notes: 6. for packaging details, go to our w ebsite at http://www.diodes .com/datasheets/ap02007.pdf. marking information k3m ym k3m= product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 code j k l m n p r s t u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated. ds30175 rev. 10 - 2 3 of 3 www.diodes.com mmsta42 ? diodes incorporated


▲Up To Search▲   

 
Price & Availability of MMSTA422

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X