Part Number Hot Search : 
BF1008G1 LM842 485CN DTC12 1N2SH WM8197 1N2SH MDS140L
Product Description
Full Text Search
 

To Download MG200EI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  key features: ? 2w output power ? compact minidip case ? 3,000 vdc isolation ? high ef? ciency ? single and dual outputs ? >3.5 mhour mtbf ? -40c to +85c operation ? low cost mg200xei high isolation, 2w compact minidip dc/dc con vert ers input parameter conditions min. typ. max. units input voltage range 5 vdc input 4.50 5.0 5.50 vdc 12 vdc input 10.80 12.0 13.20 15 vdc input 13.50 15.0 16.50 24 vdc input 21.60 24.0 26.40 input filter internal capacitor output parameter conditions min. typ. max. units output voltage accuracy 2.5 % line regulation for v in change of 1% 1.2 % load regulation, see note 1 see model selection guide ripple & noise (20 mhz), see note 2 output voltage <12 vdc 60 mv p - p 15 vdc, 24 vdc output 75 temperature coef? cient 0.03 %/c output short circuit 5 vdc, 12 vdc & 15 vdc input continuous (autorecovery) 24 vdc input momentary (1.0 sec.) general parameter conditions min. typ. max. units isolation voltage 60 seconds 3,000 vdc isolation resistance 500 vdc 1,000 m? isolation capacitance 100 khz, 0.1v 20 pf switching frequency 100 300 khz emi characteristics parameter conditions min. typ. max. units emi compliance, see note 4 conducted cispr22/en 55022 level b radiated cispr22/en 55022 level b emc compliance, single output electrostatic discharge (esd) en 61000-4-2 level b contact 8 kv emc compliance, dual output en 61000-4-2 level b contact 6 kv environmental parameter conditions min. typ. max. units operating temperature range ambient -40 +25 +85 c storage temperature range -55 +125 c cooling free air convection humidity rh, non-condensing 95 % physical case size 0.787 x 0.394 x 0.323 inches (20.0 x 10.0 x 8.2 mm) case material non-conductive black plastic (ul-94v0) weight 0.08 oz (2.4g) reliability speci cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25c, gnd benign 3.5 mhours absolute maximum ratings parameter conditions min. typ. max. units input voltage surge (1 sec) 5 vdc input -0.7 9.0 vdc 12 vdc input -0.7 18.0 15 vdc input -0.7 21.0 24 vdc input -0.7 30.0 lead temperature 1.5 mm from case for 10 sec 300 c caution: exceeding absolute maximum ratings may damage the module. these are not continuous operating ratings. series www.micropowerdirect.com micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com electrical speci cations speci cations typical @ +25?, nominal input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. 1.5 kv isolation models available
pin single dual pin single dual 1-v in -v in 9 no pin common 7nc nc 10-v out -v out 8+v out +v out 14 +v in +v in nc = no connection pin connections model selection guide micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 ? tel: (781) 344-8226 ? fax: (781) 344-8481 ? e-mail: sales@micropowerdirect.com www.micropowerdirect.com model number input output load regulation output capacitive load (f max) ef ciency (%, typ) fuse rating slow-blow (ma) voltage (vdc) current (ma) voltage (vdc) current (ma, max) current (ma, min) nominal range full-load no-load % typ. mg205s-05ei 5 4.5 - 5.5 500 25 5.0 400 40.0 12.0 220 80 1,000 mg205s-12ei 5 4.5 - 5.5 476 25 12.0 167 17.0 8.0 220 84 1,000 mg205s-15ei 5 4.5 - 5.5 476 25 15.0 133 13.0 7.0 220 84 1,000 mg205d-05ei 5 4.5 - 5.5 500 25 5.0 200 20.0 12.0 100 80 1,000 mg205d-12ei 5 4.5 - 5.5 476 25 12.0 83 8.0 8.0 100 84 1,000 mg205d-15ei 5 4.5 - 5.5 476 25 15.0 67 7.0 7.0 100 84 1,000 mg212s-05ei 12 10.8 - 13.2 205 15 5.0 400 40.0 12.0 220 81 500 mg212s-15ei 12 10.8 - 13.2 198 15 15.0 133 13.0 7.0 220 84 500 mg212d-15ei 12 10.8 - 13.2 198 15 15.0 67 7.0 7.0 100 84 500 mg215d-15ei 15 13.5 - 16.5 157 10 15.0 67 7.0 7.0 100 85 300 mg224s-05ei 24 21.6 - 26.4 101 8 5.0 400 40.0 12.0 220 82 250 mg224s-09ei 24 21.6 - 26.4 99 8 9.0 222 22.0 9.0 220 84 250 mg224s-15ei 24 21.6 - 26.4 99 8 15.0 133 13.0 7.0 220 84 250 mg224d-12ei 24 21.6 - 26.4 99 8 12.0 83 8.0 8.0 100 84 250 mg224d-15ei 24 21.6 - 26.4 99 8 15.0 67 7.0 7.0 100 84 250 notes: 1. output load regulation is speci ed for a load change of 10% to 100%. 2. when measuring output ripple, it is recommended that an external 1 f ceramic capacitor & 10 f electrolytic capacitor be placed in parallel from the +vout pin to the -vout pin for single output models, or from each output to common for dual output models. 3. operation at no load will not damage these units, however, they may not meet all speci cations. 4. these converters are speci ed for operation without external components. however, in some applications the addition of input/output capacitors will enhance stability and reduce output ripple. the simple connection shown below will typically meet en 55022 class b. for dual output units, a capacitor should be connected from each output to common. mechanical dimensions notes: all dimensions are typical in inches (mm) tolerance x.xx = 0.02 ( 0.50) pin 1 is marked by a ?ot or indentation on the unit derating curve v in c 1 c 2 l 1 v out c 3 5 vdc 4.7 f/50v --- 6.8 h 5 vdc 10 f 12 vdc 2.2 f/50v 470 pf/3 kv 6.8 h 9 vdc 4.7 f 15 vdc 2.2 f/50v 470 pf/3 kv 6.8 h 12 vdc 2.2 f 24 vdc 1.0 f/50v 470 pf/3 kv 6.8 h 15 vdc 1.0 f 5 vdc 4.7 f 12 vdc 1.0 f 1 5 vdc 0.47 f 5. it is recommended that a fuse be used on the input of a power supply for protection. see the model selection table above for the correct rating.


▲Up To Search▲   

 
Price & Availability of MG200EI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X