mbrf1020ct thru mbrf10100ct 10 amp schottky barrier rectifier 20 to 100 volts features low power loss high efficiency low forward voltage , high current capability high surge capacity case : ito-220ab full molded plastic package maximum ratings operating junction temperature: -5 0 c to +150 c storage temperature: -5 0 c to +150 c electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 10 a t c = 100 c peak forward surge current i fsm 150a 8.3ms, half sine maximum instantaneous forward voltage 1020ct-1045ct 1050ct-1060ct v f .55v .75v i fm = 5a; maximum dc reverse current at rated dc blocking voltage i to-220ab t j = 25 c pin 1 pin 3 pin 2 a b c k j i h g e d n m l h pin 13 2 inches mm
a . 583 .6 06 14. 80 15. 40 b --- . 4 0 6 --- 10.30 n .0 98 .11 4 2. 50 2.9 0 i r 1080ct-10100ct .85v o f c .100 .1 12 2.5 5 2.85 d .2 48 .27 2 6 . 30 6. 90 e --- . 1 6 1 - - - 4.10 f --- . 0 7 1 --- 1.80 g . 512 .5 43 13.00 13.80 h .100 2.55 i --- . 035 --- 0.90 j --- . 032 --- 0.80 k .1 18 .1 34 3.00 3.40 l --- . 189 --- 4.8 0 m --- . 130 --- 3.30 o --- . 055 --- 1.40 0.5m a t c = 25 c 50m a t c = 100 c omp onents 21201 itasca street chatsworth ! " # $ % ! " # mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mbrf1030ct f1030ct 30v 21v 30v mbrf1040ct f1040ct 40v 2 8 v 40v mbrf1020ct f1020ct 20v 14v 20v mbrf10 45 ct f10 45 ct 45 v 31.5 v 45 v mbrf10100ct f10100ct 100v 70v 100v mbrf1050ct f1050ct 50v 35v 50v mbrf1060ct f1060ct 60v 42v 60v mbrf1080ct f1080ct 80v 56v 80v www.kersemi.com
mbrf1020ct thru mbrf10100ct 10 8 6 4 2 0 0 50 100 150 c a s e t e m p e r a t u r e , j 40 20 10 8 6 4 2 1 . 0 . 8 . . 6 . 4 . 2 . 1 . 4 . 5 . 6 . 7 . 8 9 1 . 0 1 . 1 5 0 . 6 0 v 20 . 30 . 40 v t j = 2 5 j p u l s e w i d t h = 2 0 0 g s 80 . 100 v i n s t a n t a n e o u s f o r w a r d c h a r a c t e r i s t i c f i g . 1 - f o r w a rd curr e n t d e r a t i n g cur ve f i g . 2 - t y p i c a l i n s t n a t a n e o u s f o r w a rd ch a r a c t e r i s t i c 150 130 110 90 70 50 30 20 10 1 2 5 10 20 50 100 8 . 3 m s s i n g l e h a l f s i n e w av e j e d e c m e t h o d n o . o f c y c l e s a t 6 0 h z 100 10 1 . 0 . 1 . 01 0 100 200 300 t c = 100 j t c = 75 j t c = 25 j f i g . 4 - m ax i m u m n o n - r epe t i t i ve s ur g e curr e n t f i g . 3 - t y p i c a l r eve r se ch a r a c t e r i s t i c s 400 350 300 250 200 150 1 2 5 20 50 100 200 500 t j = 25 j r e v e r s e v o l t a g e , v o l t s f i g . 5 - t y p i c a l j unc t i o n c apa c i t a nc e average forward current, a m peres i n s tantaneous forward current amperes i nstantaneous reverse current, millamperes p eak forward surge current, amperes capacitance, pf www.kersemi.com
|