Part Number Hot Search : 
1S2412 2SB1626 74HCT373 GRM216 GBJ25005 2SB1626 BZV58C36 RTC6583
Product Description
Full Text Search
 

To Download MBR1545 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr1520 thru mbr15100 15 amp schottky barrier rectifier features maximum ratings operating temperature: -5 5 c to +150 c storage temperature: -5 5 c to +150 c microsemi catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mbr1520 mbr1520 20v 14v 20v mbr1530 mbr1530 30v 21v 30v mbr 1535 mbr1535 35v 24.5v 35v mbr1540 mbr1540 40v 28v 40v MBR1545 MBR1545 45v 31.5 45v mbr1560 mbr1560 60v 42v 60v mbr15100 mbr15100 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 15a t c = 125 c peak forward surge current i fsm 150a 8.3ms, half sine maximum forward voltage drop per element v f .63v i fm = 16a mper i fm = 15 amper t a = 25 c* maximum dc reverse current at rated dc blocking voltage ir   inches mm        a .595 .620 15.11 15.75 b .380 .405 9.65 10.29 g r b q h u l d c j k a f s t u ------ .050 ----- 1.27 c .160 .190 4.06 4.82 d .025 .035 0.64 0.89 f .142 .147 3.61 3.73 g .190 .210 4.83 5.33 h .110 .130 2.79 3.30 j .018 .025 0.46 0.64 k .500 .562 12.70 14.27 l .045 .060 1.14 1.52 q .100 .120 2.54 3.04 r .080 .110 2.04 2.79 s .045 .055 1.14 1.39 metal of siliconrectifier, majonty carrier conducton guard ring for transient protection low power loss high efficiency high surge capacity, high current capability to-220ac 20 to 100 volts t .235 .255 5.97 6.48 mbr1580 mbr1580 80v 56v 80v mbr1520-1545 mbr1560 . 75 v 0.2 m a t j = 25 c mbr1580-1500 .84v         
 omp onents 21201 itasca street chatsworth               !  " #   $
%         !   " #    www.kersemi.com
mbr1520 thru mbr15100 instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 25 50 100 125 150 0 0 5 7 9 single phase, half wave 60hz resistive or inductive load amps c 75 11 13 15 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps . 2 .7 .3 .4 .5 .6 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 .8 figure 2 typical reverse characteristics volts .4 .6 2 1 m amps 20 150 50 75 100 125 .001 .002 .00 4 .006 .01 .02 .04 .06 .1 .2 4 6 10 175 t j =25 c 1 100 4 0 25 5 0 7 5 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 1 00 1 25 15 0 mb r 1580 - 15 1 0 0 mb r 1520 - 1545 mb r 156 0 www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBR1545

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X