Part Number Hot Search : 
21EBZ TNP50U DTQS3 ICX25 TW2864 E70IE 74F646B PCA9541
Product Description
Full Text Search
 

To Download M30-MHWS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r 2 short barrel inductive prox e2e3-wiredc short barrel 3-wire prox sensors meet ip67 h thick nickel-plated brass barrel has wrench flats for easy installation h solid potted internal circuitry withstands shocks and water washdown to ip67 h high visibility indicator h miniature and standard sizes ordering information when ordering, please note: omron has added the suffix ?-n? to standard size e2e part numbers for ordering purposes only; the suf- fix ?-n? will not appear on the product. j prewired miniature sensors type size sensing distance output part number y p g p configuration no nc shielded 4mm 0 8 m m npn e2e-cr8c1 e2e-cr8c2 s h i e l d e d dia. 0 . 8 mm pnp e2e-cr8b1 e2e-cr8b2 m5 1 m m npn e2e-x1c1 e2e-x1c2 1 mm pnp e2e-x1b1 e2e-x1b2 5.4 mm 1 m m npn e2e-c1c1 e2e-c1c2 dia. 1 mm pnp e2e-c1b1 e2e-c1b2 j prewired shielded standard sensors type size sensing distance output part number y p g p configuration no nc shielded m8 1 5 m m npn e2e-x1r5e1-n e2e-x1r5e2-n s h i e l d e d 1 . 5 mm pnp e2e-x1r5f1-n e2e-x1r5f2-n m12 2 m m npn e2e-x2e1-n e2e-x2e2-n 2mm pnp e2e-x2f1-n e2e-x2f2-n m18 5 m m npn e2e-x5e1-n e2e-x5e2-n 5mm pnp e2e-x5f1-n e2e-x5f2-n m30 1 0 m m npn e2e-x10e1-n e2e-x10e2-n 10 mm pnp e2e-x10f1-n e2e-x10f2-n note: 1. a different oscillating frequency is available. add a ?5? to the part number (e.g., e2e-x5e15-n). 2. e2e sensors with robotic cable are available. add a ?-r? in the part number (e.g., e2e-x5e1-r-n).
e2e 3-wire dc e2e 3-wire dc 3 j prewired unshielded standard sensors type size sensing distance output part number y p g p configuration no nc unshielded m8 2 m m npn e2e-x2me1-n e2e-x2me2-n u n s h i e l d e d 2 m m pnp e2e-x2mf1-n e2e-x2mf2-n m12 5 npn e2e-x5me1-n e2e-x5me2-n 5mm pnp e2e-x5mf1-n e2e-x5mf2-n m18 1 0 m m npn e2e-x10me1-n e2e-x10me2-n 10 mm pnp e2e-x10mf1-n e2e-x10mf2-n m30 npn e2e-x18me1-n e2e-x18me2-n 18 mm pnp e2e-x18mf1-n e2e-x18mf2-n note: 1. a different oscillating frequency is available. add a ?5? to the part number (e.g., e2e-x5e15-n). 2. e2e sensors with robotic cable are available. add a ?-r? in the part number (e.g., e2e-x5e1-r-n). j sensors with built-in m12 microchange r r r r connector type size sensing distance output part number y p g p configuration no nc shielded m8 1 5 m m npn e2e-x1r5e1-m1-n e2e-x1r5e2-m1-n s h i e l d e d 1 . 5 mm pnp e2e-x1r5f1-m1-n e2e-x1r5f2-m1-n m12 2 npn e2e-x2e1-m1-n e2e-x2e2-m1-n 2mm pnp e2e-x2f1-m1-n e2e-x2f2-m1-n m18 5 npn e2e-x5e1-m1-n e2e-x5e2-m1-n 5mm pnp e2e-x5f1-m1-n e2e-x5f2-m1-n m30 1 0 m m npn e2e-x10e1-m1-n e2e-x10e2-m1-n 10 mm pnp e2e-x10f1-m1-n e2e-x10f2-m1-n unshielded m8 2 npn e2e-x2me1-m1-n e2e-x2me2-m1-n u n s h i e l d e d 2mm pnp e2e-x2mf1-m1-n e2e-x2mf2-m1-n m12 5 npn e2e-x5me1-m1-n e2e-x5me2-m1-n 5mm pnp e2e-x5mf1-m1-n e2e-x5mf2-m1-n m18 1 0 m m npn e2e-x10me1-m1-n e2e-x10me2-m1-n 10 mm pnp e2e-x10mf1-m1-n e2e-x10mf2-m1-n m30 npn e2e-x18me1-m1-n e2e-x18me2-m1-n 18 mm pnp e2e-x18mf1-m1-n e2e-x18mf2-m1-n note: connector cordsets: for microchange r models, use omron y96e-4 j d j . j sensors with built-in m8 nanochange r r r r connector type size sensing distance output part number y p g p configuration no nc shielded m8 1.5 mm npn e2e-x1r5e1-m3 e2e-x1r5e2-m3 pnp e2e-x1r5f1-m3 e2e-x1r5f2-m3 unshielded m8 2mm npn e2e-x2me1-m3 e2e-x2me2-m3 pnp e2e-x2mf1-m3 e2e-x2mf2-m3 note: connector cordsets: for nanochange r models, use omron x3sf-m42 j -40 j -r or brad harrison equivalent.
e2e 3-wire dc e2e 3-wire dc 4 j accessories description part number mounting brackets fits m8 size sensors y92e-b8 g fits m12 size sensors y92e-b12 fits m18 size sensors y92e-b18 fits m30 size sensors y92e-b30 silicone rubber covers for shielded sensors fits m12 size sensors y92e-e12-2 fits m18 size sensors y92e-e18-2 fits m30 size sensors y92e-e30-2 j replacement parts description part number mounting hardware including one pair of fits m5 size sensors m5-mhws g g p metal nuts and one washer fits m8 size sensors m8-mhws fits m12 size sensors m12-mhws fits m18 size sensors m18-mhws fits m30 size sensors M30-MHWS
e2e 3-wire dc e2e 3-wire dc 5 specifications j miniature sensors part number e2e-cr8 jj e2e-x1 jj e2e-c1 jj size 4 mm (0.16 in) dia. m5 5.5 mm (0.21 in) dia. type shielded sensing distance 0.8 mm (0.03 in) 15% 1 mm (0.04 in) 15% supply voltage 10 to 30 vdc, 10% max. permissible ripple peak to peak current consumption 17 ma max. sensing object magnetic metals setting distance 0to0.5mm(0to0.02in) 0to7mm(0to0.03in) standard object (mildsteel,lxwxh) 5x5x1mm(0.2x0.2x0.04in) 8x8x1mm(0.3x0.3x0.04in) differential travel 15% max. of effective distance response frequency 3khz control output operation c1 models: npn-no open collector c2 models: npn-nc open collector b1 models: pnp-no open collector b1 models: pnp-nc open collector max. load 100 ma switching capacity max. on-state voltage drop 2vdc circuit protection dc power supply reverse polarity indicators operation indicator (red led) ambient temperature operating -- 2 5 cto70 c(--13 f to 158 f) with no icing ambient humidity operating 35% to 95% vibration resistance 10 to 55 hz, 1.5 mm (0.06 in) double amplitude shock resistance approx. 50 g?s enclosure ul ? rating nema 1, 3, 4, 6, 12, 13 iec 144 ip67 weight with cable approx. 30 g (1.1 oz.) materials housing stainless steel nickel-plated brass nickel-plated brass sensing face plastic pbt cable sheath polyvinyl chloride
e2e 3-wire dc e2e 3-wire dc 6 j standard size sensors part number e2e-x1r5 e j /f j -n e2e-x2me j /f j -n e2e-x2e j /f j -n e2e-x5me j /f j -n e2e-x5e j /f j -n e2e-x10m e j /f j -n e2e-x10e j /f j -n e2e-x18m e j /f j -n size m8 m12 m18 m30 type shielded unshielded shielded unshielded shielded unshielded shielded unshielded sensing distance 1.5 mm (0.06 in) 10% 2 mm (0.08 in) 10% 2 mm (0.08 in) 10% 5 mm (0.20 in) 10% 5 mm (0.20 in) 10% 10 mm (0.39 in) 10% 10 mm (0.39 in) 10% 18 mm (0.71 in) 10% supply voltage (operating voltage range) (see note 1.) 12 to 24 vdc, ripple (p-p): 10% max., (10 to 40 vdc) current consumption 13 ma max. sensing object magnetic metals (refer to engineering data for non-magnetic metals) setting distance 0to1.2 mm (0 to 0.05 in) 0to1.6 mm (0 to 0.06 in) 0to1.6mm (0 to 0.06 in) 0to4.0mm (0 to 0.16 in) 0to4.0mm (0 to 0.16 in) 0to8.0mm (0 to 0.31 in) 0to8.0mm (0 to 0.31 in) 0to14.0 mm (0 to 0.55 in) standard object (mild steel) 8x8x 1 mm (0.31 x0.31x 0.04 in) 12 x 12 x 1mm (0.47 x 0.47 x0.04in) 12 x 12 x 1mm (0.47 x 0.47 x0.04in) 15 x 15 x 1mm (0.59 x 0.59 x0.04in) 18 x 18 x 1mm (0.71 x 0.71 x0.04in) 30 x 30 x 1mm (1.18 x 1.18 x0.04in) 30 x 30 x 1mm (1.18 x 1.18 x0.04in) 54 x 54 x 1mm (2.13 x 2.13 x0.04in) differential travel 10% max. of sensing distance response frequency 2.0 khz 0.8 khz 1.5 khz 0.4 khz 0.6 khz 0.2 khz 0.4 khz 0.1 khz operation (with sensing object approaching) e1 models: load on e2 models: load off control output (switching capacity) 200 ma max. circuit protection reverse connection protection, surge absorber, load short-circuit protection indicator operation indicator (red led) ambient temperature (see note 2.) operating: --40 cto85 c(--40 f to 185 f) with no icing ambient humidity operating: 35% to 95% temperature influence 15% max. of sensing distance at 23 c in temperature range of --40 cto85 c(--40 f to 185 f) 10% max. of sensing distance at 23 c in temperature range of --25 cto70 c(--13 f to 158 f) voltage influence 1% max. of sensing distance in rated voltage range 15% residual voltage 2.0 v max. (under load current of 200 ma with cable length of 2 m) insulation resistance 50 m ? min. (at 500 vdc) between current carry parts and case dielectric strength 1,000 vac for 1 min. between current carry parts and case vibration resistance 10 to 55 hz, 1.5-mm double amplitude for 2 hrs each in x, y, and z axes shock resistance 500 m/s 2 (approx. 50g) for10timeseachinx,y, and z axes 1,000 m/s 2 (approx. 50g) for 10 times each in x, y, and z axes 500 m/s 2 (approx. 50g) for e2e-x5m enclosure iec ip67 rating nema 1, 4, 6, 12, 13 weight pre-wired approx. 45 g approx. 120 g approx. 160 g approx. 270 g g connector --- approx. 25 g approx. 45 g approx. 125 g approx. 124 g material body stainless steel brass sensing face pbt note: 1. e2e models with an m18 or m30 connector operate at a non-smoothed, all-wave rectified, mean voltage range of 24 vdc 20%. 2. when using an e2e with an m8 connector at an ambient temperature range between 70 c and 85 c (158 f and 185 f), supply 10 to 30 vdc to the e2e and make sure that the e2e has a control output of 100 ma maximum.


▲Up To Search▲   

 
Price & Availability of M30-MHWS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X