Part Number Hot Search : 
LSZ51A LSZ51A 1N5629 27C256 LSZ51A P6KE200C SMBJ58A ZTX650
Product Description
Full Text Search
 

To Download M2000-109121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d-sub connectors d- sub-01 rev . 10 / 10

ntr oduction & page contents 1 intr oduction amphenol m2000 series d sub connectors are mil qualified & listed in qpl & meets the requirement of mil-dtl-24308. m2000 series d sub connectors are subminiature rack & panel type with polarized shell & having pin/socket machined contacts which provide high reliability & density for the connectors. they are used in variety of applications due to it? s versatile design where weight & dimensions are constraint factor . applications: military aerospace industrial information system communication system p a g e i n t r o d u c t i o n 1 t e c h n i c a l s p e c i f i c a t i o n 2 o r d e r i n g i n f o r m a t i o n 2 5 q p l a p p r o v e d p a r t l i s t 3 - 1 1 r e c e p t a c l e p l u g a s s e m b l y e x p l o d e d v i e w 1 1 1 3 1 4 1 5 - 1 6 i n s e r t a r r a n g e m e n t f o r s t a n d a r d d s u b c o n n e c t o r 1 2 c o n t e n t p c b l a y o u t f o r s t a n d a r d d s u b c o n n e c t o r p c b l a y o u t f o r h i g h d e n s i t y d s u b c o n n e c t o r r e c e p t a c l e & p l u g c o n n e c t o r d s u b t o o l i n g s o l d e r ty p e s t a n d a r d d s u b c o n n e c t o r ( n o n e n v i r o n m e n t a l ) c o n t a c t i n f o r m a t i o n f o r d s u b 1 7 - 1 8 1 9 - 2 0 2 2 s p e c i a l p r o d u c t s s t a n d a r d d s u b g r o m m e t ty p e c o n n e c t o r 2 3 s t r a i g h t p c t a i l d s u b c o n n e c t o r 2 4 s t a n d a r d d s u b r i g h t a n g l e p c t a i l c o n n e c t o r 2 5 s t a n d a r d d s u b r i g h t a n g l e p c t a i l c o n t a c t w i t h e x t r a l e n g t h c o n n e c t o r 2 6 d u s t c o v e r h i g h d e n s i t y d s u b r i g h t a n g l e p c t a i l c o n n e c t o r 2 8 2 7 i
echnical specifications 2 characteristics m2000-qpl-crimp v ersion standard high density shell insulator contact shell contact contact rating t est v oltage-max insulation resistance contact resistance insertion/removal force durability wire gauge t emperature salt spray damp heat steel / brass thermoset/thermoplast copper alloy cadmium, nickel, gold gold over nickel 7.5a max 1000 v rms > 5000 m ohm 7.3m ohm 5n max 500 cycles a wg 20 - 28 - 55 deg c to + 125 deg c 48 hrs 10 days steel / brass thermoset/thermoplast copper alloy cadmium, nickel, gold gold over nickel 7.5a max 1000 v rms > 5000 m ohm 7.3m ohm 5n max 500 cycles a wg 22 - 28 - 55 deg c to + 125 deg c 48 hrs 10 days material finish electrical mechanical environmental ordering information connector class (refer t able 1) a m 2000 / 2 - xxx connector t ype specification sheet number (class) military designation manufacturers logo connector t ype 2: receptacle connector with polarized shell & socket crimp contact. 4: plug connector with polarized shell & pin crimp contact.6: receptacle connector with polarized shell with socket crimp contact (non-magnetic) 8: plug connector with polarized shell & pin crimp contact (non-magnetic) t
ppr oved part list qpl - t able 1 3 sr . no. t ype i r t ool military designation manufacturers designation position crimp contact shell finish 1 23 4 5 6 7 8 9 10 1 1 1213 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 m24308/2-1f m24308/2-2fm24308/2-3f m24308/2-4f m24308/2-5f m24308/2-6f m24308/2-7f m24308/2-8f m24308/2-9f m24308/2-10f m24308/2-281fm24308/2-282f m24308/2-283f m24308/2-284f m24308/2-285f m24308/2-1 1f m24308/2-12fm24308/2-13f m24308/2-14f m24308/2-15f m24308/2-17f m24308/2-18f m24308/2-19f m24308/2-20f m24308/2-21f m24308/2-286fm24308/2-287f m24308/2-288f m24308/2-289f m2000/2-1f m2000/2-2fm2000/2-3f m2000/2-4f m2000/2-5f m2000/2-6f m2000/2-7f m2000/2-8f m2000/2-9f m2000/2-10f m2000/2-281fm2000/2-282f m2000/2-283f m2000/2-284f m2000/2-285f m2000/2-1 1f m2000/2-12fm2000/2-13f m2000/2-14f m2000/2-15f m2000/2-17f m2000/2-18f m2000/2-19f m2000/2-20f m2000/2-21f m2000/2-286fm2000/2-287f m2000/2-288f m2000/2-289f standard standardstandard standard standard standard standard standard standard standard standard standard standard standard standard high densityhigh density high density high density high density high density high density high density high density high density high density high density high density high density 9 1525 37 50 9 1525 37 50 9 1525 37 50 15 26 44 62 78 15 26 44 62 78 15 26 44 62 socket socketsocket socket socket socket socket socket socket socket nn n n n socketsocket socket socket socket socket socket socket socket socket nn n n n nn n n yy y y y nn n n n n n n n n yy y y y nn n n steel steelsteel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp n - not supplied with connector , y - supplied with connector , yp - y ellow passivation a
ppr oved part list qpl 4 sr . no. t ype i r t ool manufacturers designation position crimp contact shell finish 30 3132 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 m24308/2-290f m24308/2-516m24308/2-517 m24308/2-518 m24308/2-519 m24308/2-520 m24308/2-521 m24308/2-522 m24308/2-523 m24308/2-524 m24308/2-525 m24308/2-560 m24308/2-561 m24308/2-562 m24308/2-563 m24308/2-564 m24308/2-526 m24308/2-527 m24308/2-528 m24308/2-529 m24308/2-530 m24308/2-532 m24308/2-533 m24308/2-534 m24308/2-535 m24308/2-536 m24308/2-565 m24308/2-566 m24308/2-567 m2000/2-290f m2000/2-516m2000/2-517 m2000/2-518 m2000/2-519 m2000/2-520 m2000/2-521 m2000/2-522 m2000/2-523 m2000/2-524 m2000/2-525 m2000/2-560 m2000/2-561 m2000/2-562 m2000/2-563 m2000/2-564 m2000/2-526 m2000/2-527 m2000/2-528 m2000/2-529 m2000/2-530 m2000/2-532 m2000/2-533 m2000/2-534 m2000/2-535 m2000/2-536 m2000/2-565 m2000/2-556 m2000/2-5567 standard standardstandard standard standard standard standard standard standard standard standard standard standard standard standard standard high densityhigh density high density high density high density high density high density high density high density high density high density high density high density 78 9 1525 37 50 9 1525 37 50 9 1525 37 50 15 26 44 62 78 15 26 44 62 78 15 26 44 n socketsocket socket socket socket socket socket socket socket socket nn n n n socketsocket socket socket socket socket socket socket socket socket nn n n nn n n n yy y y y nn n n n n n n n n yy y y y nn n steel steelsteel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel cadmium yp nickelnickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel n - not supplied with connector , y - supplied with connector , yp - y ellow passivation military designation a
ppr oved part list qpl 5 sr . no. t ype i r t ool manufacturers designation position crimp contact shell finish 59 6061 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 m24308/2-568 m24308/2-569 m24308/4-1fm24308/4-2f m24308/4-3f m24308/4-4f m24308/4-5f m24308/4-6f m24308/4-7f m24308/4-8f m24308/4-9f m24308/4-10f m24308/4-259fm24308/4-260f m24308/4-261f m24308/4-262f m24308/4-263f m24308/4-1 1f m24308/4-12fm24308/4-13f m24308/4-14f m24308/4-15f m24308/4-17f m24308/4-18f m24308/4-19f m24308/4-20f m24308/4-21f m24308/4-264fm24308/4-265f m2000/2-568 m2000/2-569 m2000/4-1f m2000/4-2fm2000/4-3f m2000/4-4f m2000/4-5f m2000/4-6f m2000/4-7f m2000/4-8f m2000/4-9f m2000/4-10f m2000/4-259fm2000/4-260f m2000/4-261f m2000/4-262f m2000/4-263f m2000/4-1 1f m2000/4-12fm2000/4-13f m2000/4-14f m2000/4-15f m2000/4-17f m2000/4-18f m2000/4-19f m2000/4-20f m2000/4-21f m2000/4-264fm2000/4-265f high density high density standardstandard standard standard standard standard standard standard standard standard standard standard standard standard standard high densityhigh density high density high density high density high density high density high density high density high density high density high density 62 78 9 1525 37 50 9 1525 37 50 9 1525 37 50 15 26 44 62 78 15 26 44 62 78 15 26 n n pinpin pin pin pin pin pin pin pin pin nn n n n pinpin pin pin pin pin pin pin pin pin nn n nn n n yy y y y nn n n n n n n n n yy y y y nn n n steel steelsteel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel nickel nickel cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp n - not supplied with connector , y - supplied with connector , yp - y ellow passivation military designation a
6 sr . no. t ype i r t ool manufacturers designation position crimp contact shell finish 88 8990 91 92 93 94 95 96 97 98 99 100101 102 103 104 105 106 107 108 109 1 10 1 1 1 1 12 1 13 1 14 1 15 1 16 m24308/4-266f m24308/4-267fm24308/4-268f m24308/4-335m24308/4-336 m24308/4-337 m24308/4-338 m24308/4-339 m24308/4-340 m24308/4-341. m24308/4-342m24308/4-343 m24308/4-344 m24308/4-357 m24308/4-358 m24308/4-359 m24308/4-360 m24308/4-361 m24308/4-345 m24308/4-346 m24308/4-347 m24308/4-348 m24308/4-349 m24308/4-351 m24308/4-352 m24308/4-353 m24308/4-354 m24308/4-355 m24308/4-362 m2000/4-266f m2000/4-267fm2000/4-268f m2000/4-335m2000/4-336 m2000/4-337 m2000/4-338 m2000/4-339 m2000/4-340 m2000/4-341 m2000/4-342 m2000/4-343 m2000/4-344 m2000/4-357 m2000/4-358 m2000/4-359 m2000/4-360 m2000/4-361 m2000/4-345 m2000/4-346 m2000/4-347 m2000/4-348 m2000/4-349 m2000/4-351 m2000/4-352 m2000/4-353 m2000/4-354 m2000/4-355 m2000/4-362 high density high densityhigh density standardstandard standard standard standard standard standard standard standard standard standard standard standard high densityhigh density high density high density high density high density high density high density high density high density high density high density high density 44 6278 9 1525 37 50 9 1525 37 50 9 1525 37 50 15 26 44 62 78 15 26 44 62 78 15 n nn pinpin pin pin pin pin pin pin pin pin nn n n n pinpin pin pin pin pin pin pin pin pin n n nn n n n n n yy y y y nn n n n n n n n n yy y y y n steel steelsteel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel steel cadmium yp cadmium yp cadmium yp nickelnickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel nickel n - not supplied with connector , y - supplied with connector , yp - y ellow passivation military designation a ppr oved part list qpl
7 sr . no. t ype i r t ool manufacturers designation position crimp contact shell finish 1 17 1 18 1 19 120121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 m24308/4-363 m24308/4-364m24308/4-365 m24308/4-366 m24308/6-1fm24308/6-2f m24308/6-3f m24308/6-4f m24308/6-5f m24308/6-6f m24308/6-7f m24308/6-8f m24308/6-9f m24308/6-10f m24308/6-281fm24308/6-282f m24308/6-283f m24308/6-284f m24308/6-285f m24308/6-1 1f m24308/6-12fm24308/6-13f m24308/6-14f m24308/6-15f m24308/6-17f m24308/6-18f m24308/6-19f m24308/6-20f m24308/6-21f m2000/4-363 m2000/4-364m2000/4-365 m2000/4-366 m2000/6-1fm2000/6-2f m2000/6-3f m2000/6-4f m2000/6-5f m2000/6-6f m2000/6-7f m2000/6-8f m2000/6-9f m2000/6-10f m2000/6-281fm2000/6-282f m2000/6-283f m2000/6-284f m2000/6-285f m2000/6-1 1f m2000/6-12fm2000/6-13f m2000/6-14f m2000/6-15f m2000/6-17f m2000/6-18f m2000/6-19f m2000/6-20f m2000/6-21f high density high densityhigh density high density standardstandard standard standard standard standard standard standard standard standard standard standard standard standard standard high densityhigh density high density high density high density high density high density high density high density high density 26 4462 78 9 1525 37 50 9 1525 37 50 9 1525 37 50 15 26 44 62 78 15 26 44 62 78 n nn n socketsocket socket socket socket socket socket socket socket socket nn n n n socketsocket socket socket socket socket socket socket socket socket n nn n n n n n n yy y y y nn n n n n n n n n yy y y y steel steelsteel steel brassbrass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass nickel nickelnickel nickel cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp n - not supplied with connector , y - supplied with connector , yp - y ellow passivation military designation a ppr oved part list qpl
8 sr . no. t ype i r t ool manufacturers designation position crimp contact shell finish 146 147148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 m24308/6-286f m24308/6-287fm24308/6-288f m24308/6-289f m24308/6-290f m24308/6-502m24308/6-503 m24308/6-504 m24308/6-505 m24308/6-506 m24308/6-507 m24308/6-508 m24308/6-509 m24308/6-510 m24308/6-51 1 m24308/6-540m24308/6-541 m24308/6-542 m24308/6-543 m24308/6-544 m24308/6-512 m24308/6-513 m24308/6-514 m24308/6-515 m24308/6-516 m24308/6-518 m24308/6-519 m24308/6-520 m24308/6-521 m2000/6-286f m2000/6-287fm2000/6-288f m2000/6-289f m2000/6-290f m2000/6-502m2000/6-503 m2000/6-504 m2000/6-505 m2000/6-506 m2000/6-507 m2000/6-508 m2000/6-509 m2000/6-510 m2000/6-51 1 m2000/6-540m2000/6-541 m2000/6-542 m2000/6-543 m2000/6-544 m2000/6-512 m2000/6-513 m2000/6-514 m2000/6-515 m2000/6-516 m2000/6-518 m2000/6-519 m2000/6-520 m2000/6-521 high density high densityhigh density high density high density standardstandard standard standard standard standard standard standard standard standard standard standard standard standard standard high densityhigh density high density high density high density high density high density high density high density 15 2644 62 78 9 1525 37 50 9 1525 37 50 9 1525 37 50 15 26 44 62 78 15 26 44 62 n nn n n socketsocket socket socket socket socket socket socket socket socket nn n n n socketsocket socket socket socket socket socket socket socket n nn n n n n n n n yy y y y nn n n n n n n n n yy y y steel steelsteel steel brassbrass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp goldgold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold n - not supplied with connector , y - supplied with connector , yp - y ellow passivation military designation a ppr oved part list qpl
9 sr . no. t ype i r t ool manufacturers designation position crimp contact shell finish 175 176177 178 179 180 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 m24308/6-522 m24308/6-545m24308/6-546 m24308/6-547 m24308/6-548 m24308/6-549 m24308/8-1fm24308/8-2f m24308/8-3f m24308/8-4f m24308/8-5f m24308/8-6f m24308/8-7f m24308/8-8f m24308/8-9f m24308/8-10f m24308/8-259fm24308/8-260f m24308/8-261f m24308/8-262f m24308/8-263f m24308/8-1 1f m24308/8-12fm24308/8-13f m24308/8-14f m24308/8-15f m24308/8-17f m24308/8-18f m24308/8-19f m2000/6-522 m2000/6-545m2000/6-546 m2000/6-547 m2000/6-548 m2000/6-549 m2000/8-1fm2000/8-2f m2000/8-3f m2000/8-4f m2000/8-5f m2000/8-6f m2000/8-7f m2000/8-8f m2000/8-9f m2000/8-10f m2000/8-259fm2000/8-260f m2000/8-261f m2000/8-262f m2000/8-263f m2000/8-1 1f m2000/8-12fm2000/8-13f m2000/8-14f m2000/8-15f m2000/8-17f m2000/8-18f m2000/8-19f high density high densityhigh density high density high density high density standardstandard standard standard standard standard standard standard standard standard standard standard standard standard standard high densityhigh density high density high density high density high density high density high density 78 1526 44 62 78 9 1525 37 50 9 1525 37 50 9 1525 37 50 15 26 44 62 78 15 26 44 socket nn n n n pinpin pin pin pin pin pin pin pin pin nn n n n pinpin pin pin pin pin pin pin y nn n n n n n n n n yy y y y nn n n n n n n n n yy y steel steelsteel steel brassbrass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass gold goldgold gold gold gold cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp n - not supplied with connector , y - supplied with connector , yp - y ellow passivation military designation a ppr oved part list qpl
10 sr . no. t ype i r t ool manufacturers designation position crimp contact shell finish 204 205206 207 208 209 210 21 1 212213 214 215 216 217 218 219 220 221 222 223 224 225 226 227 228 229 230 231 232 m24308/8-20f m24308/8-21f m24308/8-264fm24308/8-265f m24308/8-266f m24308/8-267f m24308/8-268f m24308/8-335m24308/8-336 m24308/8-337 m24308/8-338 m24308/8-339 m24308/8-340 m24308/8-341 m24308/8-342 m24308/8-343 m24308/8-344 m24308/8-357 m24308/8-358 m24308/8-359 m24308/8-360 m24308/8-361 m24308/8-345 m24308/8-346 m24308/8-347 m24308/8-348 m24308/8-349 m24308/8-351 m24308/8-352 m2000/8-20f m2000/8-21f m2000/8-264m2000/8-265 m2000/8-266 m2000/8-267 m2000/8-268 m2000/8-335 m2000/8-336 m2000/8-337 m2000/8-338 m2000/8-339 m2000/8-340 m2000/8-341 m2000/8-342 m2000/8-343 m2000/8-344 m2000/8-357 m2000/8-358 m2000/8-359 m2000/8-360 m2000/8-361 m2000/8-345 m2000/8-346 m2000/8-347 m2000/8-348 m2000/8-349 m2000/8-351 m2000/8-352 high density high densityhigh density high density high density high density high density standardstandard standard standard standard standard standard standard standard standard standard standard standard standard standard high densityhigh density high density high density high density high density high density 62 7815 26 44 62 78 9 1525 37 50 9 1525 37 50 9 1525 37 50 15 26 44 62 78 15 26 pin pin nn n n n pinpin pin pin pin pin pin pin pin pin nn n n n pinpin pin pin pin pin pin y y nn n n n n n n n n yy y y y nn n n n n n n n n yy brass brassbrass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass brass cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp cadmium yp goldgold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold gold n - not supplied with connector , y - supplied with connector , yp - y ellow passivation military designation a ppr oved part list qpl
sr . no. t ype i r t ool manufacturers designation position crimp contact shell finish 233 234235 236 237 238 239 240 m24308/8-353 m24308/8-354m24308/8-355 m24308/8-362 m24308/8-363 m24308/8-364 m24308/8-365 m24308/8-366 m2000/8-353 m2000/8-354m2000/8-355 m2000/8-362 m2000/8-363 m2000/8-364 m2000/8-365 m2000/8-366 high density high densityhigh density high density high density high density high density high density 44 6278 15 26 44 62 78 pin pinpin nn n n n y yy nn n n n brass brassbrass brass brass brass brass brass gold goldgold gold gold gold gold gold n - not supplied with connector , y - supplied with connector , yp - y ellow passivation receptacle assembly exploded v iew plug assembly exploded v iew rear shell front shell front inser t rear inser t retention clip socket cont act front shell front inser t rear inser t retention clip pin cont act rear shell 1 1 military designation a ppr oved part list qpl
i nsert ar rangement for standar d d sub connectors 12 insert arrangement for high density d sub connectors
2 . 8 4 2 . 8 4 2 .7 7 6 1 .0 9 4 4 .3 2 5 0 p o s i t i o n s 3 .0 5 2 0 1 .0 2 0 1 . 4 2 1 . 4 2 2 .7 7 4 9 .8 6 6 3 .5 3 .0 5 3 7 p o s i t i o n s 2 0 1 .0 2 0 1 . 4 2 1 . 4 2 2 .7 7 4 7 .0 4 3 3 .2 4 2 5 p o s i t i o n s 3 .0 5 2 0 1 .0 2 0 1 . 4 2 1 . 4 2 2 .7 7 1 9 .3 9 3 3 .3 2 1 5 p o s i t i o n s 3 .0 5 2 0 1 .0 2 0 2 4 .9 9 1 1 .0 8 1 . 4 2 1 . 4 2 2 .7 7 9 p o s i t i o n s 3 .0 5 2 0 1 .0 2 0 ecommended pcb l ayout for standar d d sub connectors 13 mount connector with mating face positioned t o direction of arrow r
ecommended pcb layout for high density connectors 14 1.c - 00.89 hole for cont act termina tion position 2. mount connect or with ma ting f ace positioned t o direction of arrow r
eceptacle connector w ith p olarized shell & sock et crimp contact 15 plug connector w ith polarized shell & pin crimp contact r
e c e p t a c l e c o n n e c t o r w i t h p o l a r i z e d s h e l l & s o c k e t c r i m p c o n t a c t - h i g h d e n s i t y 16 plug connector w ith polarized shell & pin crimp contact-high density r
ontact information for standar d d sub 17 contact information for high density d-sub crimp contacts can be supplied in kit with connector or ordered separately . crimp contacts can be supplied in kit with connector or ordered separately . c r i m p c o n t a c t s c l o s e d c r i m p b a r r e l c o l o u r c o d e c o l o u r c o d e 0 . 0 4 0 ( 1 , 0 2 ) s t a i n l e s s s t e e l s h r o u d material - copper alloy . plating - gold flash over nickel or 0.000050 inch (1,25 ) gold over copper for military specification contacts. colour code - orange / blue / grey for military specification contacts material - brass plating - gold flash over nickel or 0.000050 inch (1,25 ) gold over copper for military specification contacts. colour code - orange / blue / white for military specification contacts f e m a l e c o n t a c t ( " c l o s e d e n t r y " ) d e s i g n ) m a l e c o n t a c t b b c c 0 . 1 7 0 ( 4 , 3 2 ) 0 . 1 7 0 ( 4 , 3 2 ) a a p ar t no. p ar t no. m2000-107687 m2000- 107688 m2000- 109979 m2000- 109980 *m39029/63-368 *m39029/64-369 20/22/24 20/22/24 26/28/30 26/28/30 20/22/24 0.538 0.550 0.538 0.550 0.538 0.550 a a b b c c 0.027 0.027 0.066 0.066 (0,5/0,3/0,25) (0,5/0,3/0,25) (0,12/0,08/0,5) (0,12/0,08/0,5) (0,5/0,3/0,25) (13,67) (13,97) (13,67) (13,97) (13,67) (13,97) (0,69) (0,69) (1,68) (1,68) wire size 2 (a wg (mm ) wire size 2 (a wg (mm ) 20/22/24 (0,5/0,3/0,25) 0.044 0.066 (1,12) (1,68) 0.044 0.066 (1,12) (1,68) 0.044 0.066 (1,12) (1,68) 0.044 0.066 (1,12) (1,68) c r i m p c o n t a c t s c l o s e d c r i m p b a r r e l material - copper alloy . plating - gold flash over nickel or 0.000050 inch (1,25 ) gold over copper for military specification contacts. colour code - orange/green/yellow for military specification contacts material - brass plating - gold flash over nickel or 0.000050 inch (1,25 ) gold over copper for military specification contacts. colour code - orange / blue / black for military specification contacts 0 . 0 3 0 ( 1 , 7 6 ) c o l o u r c o d e c o l o u r c o d e a a s t a i n l e s s s t e e l s h r o u d c b b c 0 . 1 5 0 ( 3 , 8 1 ) 0 . 1 5 0 ( 3 , 8 1 ) p ar t no. p ar t no. m2000- 107294 m2000- 105794 *m39029/57-354 *m39029/58-360 0.518 0.531 0.518 0.531 a a b b c c (13,16) (13,49) (13,16) (13,49) wire size 2 (a wg (mm ) wire size 2 (a wg (mm ) 22/24/26/28 (0,3/0,25/0,12/0,08/0,05) 22/24/26/28 (0,3/0,25/0,12/0,08/0,05) 22/24/26/28 22/24/26/28 (0,3/0,25/0,12/0,08) (0,3/0,25/0,12/0,08) 0.035 0.035 0.047 0.047 (0,89) (0,89) (1,19) (1,19) 0.035 0.035 0.047 0.047 (0,89) (0,89) (1,19) (1,19) c
rimping information f or standar d / high density series crimp contacts 18 s t r a n d s v i s i b l e b e y o n d i n s u l a t i o n s u p p o r t s t r a n d s n o t v i s i b l e t h r o u g h i n s p e c t i o n h o l e c r i m p i n d e n t s t o o c l o s e t o i n s p e c t i o n h o l e s t r i p p e d w i r e s c o m p r e s s e d f o r i m p r o v e d c o n d u c t i o n c r o s s s e c t i o n o f c o r r e c t l y c r i m p e d c o n t a c t c r i m p t o m e e t r e c o m m e n d e d t e n s i l e s t r e n g t h f o r a l l t o o l s : - s t r a n d s t o b e v i s i b l e t h r o u g h t h e i n s p e c t i o n h o l e - s t r a n d s n o t t o b e v i s i b l e b e y o n d t h e i n s u l a t i o n s u p p o r t - c h e c k f o r p e e l e d g o l d a n d b e n t c o n t a c t a m p h e n o l r e c o m m e n d e d t o o l s f o r s t a n d a r d / h i g h d e n s i t y s e r i e s c o n t a c t w i r e i n s u l a t i o n t y p . c o r r e c t l y c r i m p e d c o n t a c t 8 c r i m p i n d e n t s c
tandar d d -sub t ooling 19 insertion/removal t ool metalic miniature step adjustable tool (m22520/2-01) part no. m2000-cr t this miniature 8 step adjustable hand crimping tool produces an 8 indent crimp configuration and will 2 crimp wire sizes 18 a wg (1.0mm ) 2 through 32 a wg (0.3mm ) t o c r i m p w i r e s i z e 1 8 a w g 2 (1.0mm ), order contact positioner 2 2 k13-1. t o crimp wire size a wg (0.5mm ) through 30 a wg (0.05mm ) order contact positioner k- 13-1. each positioner is equipped with a data plate which gives the correct crimp-depth setting f o r e a c h w i r e s i z e a n d m u s t b e u s e d w i t h m 2 2 5 2 0 / 2 - 0 1 t o o l f r a m e for best results when crimping m2000 (m24308) series contacts. one end of this tool is used to insert c o n t a c t s i n t o m 2 0 0 0 ( m 2 4 3 0 8 ) series connectors. the other end is used to extract contacts. this is a c c o m p l i s h e d b y s l i d i n g t h e extraction tip down the wire into the connector until it bottoms against the contacts. a slight rotation while pushing will release the contacts, which are then extracted by simultaneously pulling on the wire. ms1969/1-02 (m2000-107689) s
igh density d -sub t ooling 20 this miniature step adjustable hand crimping tool produces an 8 indent crimp configuration and will crimp 2 w i r e s i z e s 2 0 a w g ( 0 . 5 m m ) 2 through 32 a wg (0.3mm ) t o crimp female contacts, order contact positioner k41. t o crimp male contacts, order contact positioner k42. each positioner is equipped with a data plate which gives the correct crimp-depth setting for each wire size and must be used with m22520/2-01 tool frame for best results when crimping m2000 (m24308) series contacts. miniature step adjustable tool (m22520/2-01) part no. m2000-cr t one end of this tool is used to insert co nt ac ts in to m2 00 0 (m 24 30 8) series connectors. the other end is used to extract contacts. this is a c c o m p l i s h e d b y s l i d i n g t h e extraction tip down the wire into the connector until it bottoms against the contacts. a slight rotation while pushing will release the contacts, which are then extracted by simultaneously pulling on the wire. insertion/removal t ool (ms1969/1-02) (m2000-105786) h

r d e r i n g i n f o r m a t i o n f o r s o l d e r t y p e s t a n d a r d d - s u b c o n n e c t o r ( n o n e n v i r o n m e n t a l ) 22 a m2000/ xx x x x special option (nil for standard version) finishshell size connector t ype seriesmanufacturers logo special option : 1-9 pin 2-15 pin 3-25 pin 4-37 pin 5-50 pin series: m2000 connector t ype : shell size : finish : 1 - receptacle connector with solder t ype contact ( fixed contacts) 3 - plug connector with solder t ype contact ( fixed contacts) l- launch vehicle application f- cadmium plate with yellow passivation, z - zinc plated, n - nickel plated, t - t in plated receptacle connector w ith solder contact plug connector w ith solder contact k k o
s h e l l s r . n o . s i z e ` a ' 0 . 1 3 5 5 4 4 3 3 2 2 1 1 0 . 1 3 ` b ' 0 . 1 3 ` c ' 0 . 3 8 ` d ' 0 . 2 5 ` e ' 0 . 3 8 ` f ' 0 . 2 5 ` g ' 1 6 . 3 3 2 4 . 6 6 3 8 . 3 8 5 4 . 8 4 5 2 . 4 3 1 0 . 7 4 7 . 9 0 7 . 9 0 7 . 9 0 7 . 9 0 6 1 . 1 1 6 3 . 5 0 4 7 . 0 4 3 3 . 3 2 2 4 . 9 9 6 6 . 9 3 6 9 . 3 2 5 3 . 0 4 3 9 . 1 4 3 0 . 8 1 5 5 . 3 2 5 7 . 7 1 4 1 . 3 0 2 7 . 5 1 1 9 . 2 8 1 5 . 3 7 1 2 . 5 5 1 2 . 5 5 1 2 . 5 5 1 2 . 5 5 1 3 . 5 6 1 0 . 7 2 1 0 . 7 2 1 0 . 7 2 1 0 . 7 2 c o n n e c t o r n o . a m 2 0 0 0 / 2 - 1 g f a m 2 0 0 0 / 2 - 2 g f a m 2 0 0 0 / 2 - 3 g f a m 2 0 0 0 / 2 - 4 g f a m 2 0 0 0 / 2 - 5 g f r d e r i n g i n f o r m a t i o n f o r s t a n d a r d d s u b g r o m m e t t y p e c o n n e c t o r ( c r i m p t y p e c o n t a c t ) 23 special option : 1-9 pin 2-15 pin 3-25 pin 4-37 pin 5-50 pin series: m2000 connector t ype : shell size : finish : 4 - plug connector with pin contact crimp t ype, rear release, rear removable 2 - socket connector with socket contact crimp t ype, rear release, rear removable l- launch vehicle application f-cadmium plate with yellow passivationz - zinc plated, n - nickel plated, t - t in plated plug connector w ith pin contact (with grommet) - rear removable g- silicon elastomer grommet grommet t ype : special option (nil for standard version) plating finishgrommet t ype shell sizeconnector t ype seriesmanufacturers logo m2000/ x x x x x a 1 . 7 8 m a x . s t d - t h r o u g h h o l e . 1 . 2 4 m a x . ? 3 . 0 5 0 . 1 3 m a x . m a x . 9 . 5 3 ` j ' ` h ' ` g ' ` f ' 1 5 . 1 8 ` k ' ` c ' ` d ' ( 2 h o l e s ) ? 3 . 0 5 0 . 1 3 ` b ' ` a ' 3 0 . 8 1 3 9 . 1 4 5 3 . 0 4 6 9 . 3 2 6 6 . 9 3 0 . 3 8 6 1 . 1 1 1 1 . 2 0 5 2 . 8 1 5 5 4 4 3 3 2 2 5 5 . 4 2 3 8 . 9 6 2 5 . 2 5 s i z e s h e l l s r . n o . 1 1 ` a ' 1 6 . 9 2 0 . 1 3 3 3 . 3 2 4 7 . 0 4 6 3 . 5 0 8 . 3 6 8 . 3 6 8 . 3 6 2 4 . 9 9 ` c ' 0 . 1 3 ` b ' 0 . 1 3 8 . 3 6 ` d ' 0 . 9 9 5 . 8 4 1 0 . 8 2 1 3 . 5 6 1 5 . 3 7 5 5 . 3 2 0 . 1 5 1 0 . 7 2 1 0 . 7 2 1 0 . 7 2 1 0 . 7 2 0 . 2 5 5 7 . 7 1 2 7 . 5 1 4 1 . 3 0 1 2 . 5 5 1 2 . 5 5 1 2 . 5 5 ` e ' 1 9 . 2 8 0 . 2 5 ` f ' 1 2 . 5 5 0 . 3 8 1 0 . 7 2 1 0 . 7 2 1 0 . 8 2 5 . 8 4 5 . 9 7 5 . 9 7 1 0 . 7 2 ` h ' 0 . 2 5 ` g ' ` j ' 5 . 9 7 0 . 9 9 0 . 7 6 0 . 7 6 ` k ' 0 . 7 6 0 . 2 5 c o n n e c t o r n o . a m 2 0 0 0 / 4 - 1 g f a m 2 0 0 0 / 4 - 2 g f a m 2 0 0 0 / 4 - 3 g f a m 2 0 0 0 / 4 - 4 g f a m 2 0 0 0 / 4 - 5 g f receptacle connector with socket contact (with grommet)-rear removable 1 0 . 9 0 0 . 2 5 0 . 7 6 0 . 2 5 9 . 5 3 6 . 1 7 0 . 1 3 ` f ' ` s ` m a x . s t d - t h r o u g h h o l e . 1 . 2 4 m a x . 1 . 7 8 m a x . ? 3 . 0 5 0 . 1 3 ` a ' ` c ' ` d ' ` b ' ( 2 h o l e s ) ? 3 . 0 5 0 . 1 3 ` e ' 1 5 . 1 8 m a x . ` e ' o
a m2000/ xx x x x special option (nil for standard version) finishshell size connector t ype seriesmanufacturers logo r dering information f or d sub connector (straight pc t ail t ype) 24 special option : 1-9 pin with straight pc t ail pin contact (fixed type) 2-15 pin with straight pc t ail pin contact( fixed type) 3-25 pin with straight pc t ail pin contact ( fixed type) 4-37 pin with straight pc t ail pin contact ( fixed type) 5-50 pin with straight pc t ail pin contact ( fixed type) series: m2000 connector t ype : shell size : 24 - plug connector 23 - socket connector l- launch vehicle application finish : f - cadmium plate with yellow passivation z - zinc plated, n - nickel plated, t - t in plated plug connector w ith straight pc t ail pin contact receptacle connector w ith straight pc t ail socket contact k k o
r d e r i n g i n f o r m a t i o n f o r s t a n d a r d d s u b c o n n e c t o r ( r i g h t a n g l e p c t a i l c o n t a c t ) 25 series: m2000 connector t ype : a m2000/ xx xx x l 2.84 0.99 0.76 10.82 10.72 3.96 57.71 55.32 19.28 27.51 29.59 0.10 0.25 m 0.25 n p 0.20 0.25 s x 0.25 h 15.09 12.29 0.13 61.1 1 63.50 47.04 33.33 24.99 39.14 53.04 69.32 66.93 50 5 25 3 37 4 15 2 52.81 55.42 38.96 25.25 0.38 shell size 9 1 30.81 a 0.13 16.92 b c 15.37 12.55 1 1.20 8.36 12.88 10.03 dimensions 0.38 0.38 d e 0.25 g 6.04/5.82 5.99/5.68 7.19 0.25 j k s r . n o . c o n n e c t o r n o . a m 2 0 0 0 / 2 4 - 3 1 f a m 2 0 0 0 / 2 4 - 3 2 f a m 2 0 0 0 / 2 4 - 3 3 f a m 2 0 0 0 / 2 4 - 3 4 f a m 2 0 0 0 / 2 4 - 3 5 f special option : 31 - 9 pin with right angle pc t ail contact with 3.96 mm pc t ail length from mounting bracket32 - 15 pin with right angle pc t ail contact with 3.96 mm pc t ail length from mounting bracket33 - 25 pin with right angle pc t ail contact with 3.96 mm pc t ail length from mounting bracket34 - 37 pin with right angle pc t ail contact with 3.96 mm pc t ail length from mounting bracket35 - 50 pin with right angle pc t ail contact with 3.96 mm pc t ail length from mounting bracket shell size : 24 - right angle plug connector with pc t ail contact 23 - right angle receptacle connector with pc t ail contact l- launch vehicle application finish : f - cadmium plate with yellow passivation z - zinc plated, n - nickel plated, t - t in plated special option (nil for standard version) finish shell sizeconnector t ype seriesmanufacturers logo plug connector w ith pin contact, right angle pc t ail contact s std-through hole. ? 3 . 0 5 0 . 1 3 1 . 2 4 m a x . 1 . 7 8 m a x . (50 pin) 10.03 j g e b c d a ? 0.760.02 g (09 t o 37 pin) n k p x m j h 66.93 69.32 50 37 52.43 54.84 4 5 61.1 1 10.74 63.50 15.37 12.88 15.09 a m 2 0 0 0 / 2 3 - 3 4 f a m 2 0 0 0 / 2 3 - 3 5 f 53.04 39.14 25 15 38.38 24.66 30.81 0.38 size 9 1 2 3 shell a 16.33 0.13 b 47.04 33.33 7.90 12.55 10.03 dimensions 24.99 0.13 c 0.38 d 0.38 e 0.25 g 12.29 7.19 6.30\6.04 0.25 h 0.25 j k a m 2 0 0 0 / 2 3 - 3 1 f a m 2 0 0 0 / 2 3 - 3 2 f a m 2 0 0 0 / 2 3 - 3 3 f s r . n o . c o n n e c t o r n o . 0.99 0.76 10.90 55.32 57.71 2.84 29.59 27.51 19.28 3.96 0.25 m 0.25 n 0.10 p 0.25 s 0.20 x s std-through hole. ? 3 . 0 5 0 . 1 3 1 . 2 4 m a x . 1 . 7 8 m a x . e b c d a ? 0 . 7 6 0 . 0 2 (50 pin) 10.03 j g g x (09 t o 37 pin) n k p m j h receptacle connector w ith socket contact, right angle pc t ail contact o
a m2000 xx xx x x special option (nil for standard version) plating finish shell sizeconnector t ype seriesmanufacturers logo r d e r i n g i n f o r m a t i o n f o r s t a n d a r d d s u b c o n n e c t o r ( r i g h t a n g l e p c t a i l c o n t a c t w i t h e x t r a p c t a i l l e n g t h ) 26 special option : 49 - 9pinright angle pc t ail contact with 4.78mm pc t ail length from mounting bracket50 - 15pinright angle pc t ail contact with 4.78mm pc t ail length from mounting bracket51 - 25pinright angle pc t ail contact with 4.78mm pc t ail length from mounting bracket52 - 37pinright angle pc t ail contact with 4.78mm pc t ail length from mounting bracket53 - 50pinright angle pc t ail contact with 4.78mm pc t ail length from mounting bracket shell size : 24- right angle type plug connectors with pc t ail length 23- right angle receptacle connector with pc t ail contact l- launch vehicle application finish : f - cadmium plate with yellow passivation z - zinc plated, n - nickel plated, t - t in plated series: m2000 connector t ype : receptacle connector w ith socket contact, right angle pc t ail contact s std-through hole ? 3 . 0 5 0 . 1 3 1 . 2 4 m a x . 1 . 7 8 m a x . e b c d a ? 0 . 7 6 0 . 0 2 (50 pin) 10.03 j g g (09 t o 37 pin) n k p m j x 1 h 66.93 69.32 53.04 39.14 50 25 37 15 52.43 38.38 54.84 24.66 30.81 0.38 size 9 1 2 3 4 5 shell a 16.33 0.13 b 61.1 1 10.74 47.04 63.50 33.33 7.90 15.37 12.88 12.55 10.03 dimensions 24.99 0.13 c 0.38 d 0.38 e 0.25 g 15.09 12.29 7.19 6.30\6.04 0.25 h 0.25 j k a m 2 0 0 0 / 2 3 - 4 9 f a m 2 0 0 0 / 2 3 - 5 0 f a m 2 0 0 0 / 2 3 - 5 1 f a m 2 0 0 0 / 2 3 - 5 2 f a m 2 0 0 0 / 2 3 - 5 3 f s r . n o . c o n n e c t o r n o . 0.99 0.76 10.90 55.32 57.71 2.84 29.59 27.51 19.28 0.25 m 0.25 n 0.10 p 0.25 s 0.20 4.78 x1 plug connector w ith pin contact, right angle pc t ail contact (50 pin) 10.03 j g g (09 t o 37 pin) n k p x 1 m j h s std-through hole. ? 3 . 0 5 0 . 1 3 1 . 2 4 m a x . 1 . 7 8 m a x . e b c d a ? 0.760.02 2.84 0.99 0.76 10.82 10.72 57.71 55.32 19.28 27.51 29.59 4.78 0.10 0.25 m 0.25 n p 0.25 s 0.20 x1 0.25 h 15.09 12.29 0.13 61.1 1 63.50 47.04 33.33 24.99 39.14 53.04 69.32 66.93 50 5 25 3 37 4 15 2 52.81 55.42 38.96 25.25 0.38 shell size 9 1 30.81 a 0.13 16.92 b c 15.37 12.55 1 1.20 8.36 12.88 10.03 dimensions 0.38 0.38 d e 0.25 g 6.04\5.82 5.99\5.68 7.19 0.25 j k s r . n o . c o n n e c t o r n o . a m 2 0 0 0 / 2 4 - 4 9 f a m 2 0 0 / 2 4 - 5 0 f a m 2 0 0 0 / 2 4 - 5 1 f a m 2 0 0 0 / 2 4 - 5 2 f a m 2 0 0 0 / 2 4 - 5 3 f o
27 r d e r i n g i n f o r m a t i o n f o r h i g h d e n s i t y d s u b c o n n e c t o r ( r i g h t a n g l e p c t a i l c o n t a c t ) special option : 5 -77, 78 pin right angle connector with 3.48 pc t ail length 5 -sp , 78 pin right angle connector with 5.20 pc t ail length series: m2000 connector t ype : shell size : finish : 24 - right angle plug connector with pc t ail contact & plastic mounting bracket23 - right angle receptacle connector with pc t ail contact & plastic mounting bracket l- launch vehicle application f- cadmium plate with yellow passivation, z - zinc plated, n - nickel plated, t - t in plated plug connector w ith pin contact a m2000/ xx xx x x special option (nil for standard version) finish shell size (77/sp)connector t ype seriesmanufacturers logo receptacle connector w ith socket contact o
28 m a t e r i a l : p v c p e r u l 9 4 v - 0 ? e ? ? f ? ? d ? r . 0 . 5 0 ? a ? ? c ? ? g ? t h i c k r . 2 . 6 0 0 1 0 + 0 . 0 1 1 7 . 7 0 3 5 4 2 3 9 . 7 0 5 6 . 2 0 5 3 . 6 0 2 6 . 0 s r . n o . ` a ' 9 . 1 0 9 . 1 0 1 1 . 9 0 9 . 1 0 9 . 1 0 8 . 1 8 . 2 7 . 6 8 . 1 7 . 6 7 . 7 1 2 . 0 1 2 . 0 0 1 4 . 0 0 1 0 . 1 ` d ' ` e ' 3 . 0 1 . 6 0 3 . 1 2 . 9 3 . 2 3 . 4 1 . 6 0 1 . 6 0 1 . 6 0 1 . 6 0 ` f ' ` g ' p a r t n o . m a l e - 0 9 m a l e - 2 5 m a l e - 5 0 m a l e - 3 7 m a l e - 1 5 n u m b e r o f p o s i t i o n 7 5 3 . 6 0 1 1 . 9 0 8 . 1 1 2 . 0 0 2 . 9 1 . 6 0 m a l e - 7 8 - 0 . 2 0 + 0 . 0 ` c ? - 0 . 2 0 8 5 6 . 7 0 1 3 . 5 0 8 . 1 1 2 . 0 0 2 . 9 1 . 6 0 m 2 0 0 0 - 1 0 9 1 1 8 m 2 0 0 0 - 1 0 9 1 1 9 m 2 0 0 0 - 1 0 9 1 2 0 m 2 0 0 0 - 1 0 9 1 2 1 m 2 0 0 0 - 1 0 9 1 2 2 m 2 0 0 0 - 1 0 9 1 2 3 m 2 0 0 0 - 1 0 9 1 2 4 m a l e - 1 0 4 ordering information: order on part numbers - 0 . 2 0 + - 0 . 2 0 + - 0 . 2 0 + - 0 . 2 0 + p l a s t i c d u s t c a p r e c e p t a c l e ordering information: order on part numbers + 0 . 0 1 1 6 . 1 0 3 5 4 2 3 8 . 1 0 5 4 . 5 0 5 2 . 1 0 2 4 . 5 0 s r . n o . ` a ' 7 . 6 0 7 . 6 0 1 0 . 5 0 7 . 6 0 7 . 6 0 8 . 1 8 . 0 7 . 6 8 . 1 0 7 . 8 8 . 1 1 2 . 1 1 2 . 0 1 2 . 6 1 2 . 6 ` d ' ` e ' 3 . 1 1 . 6 0 3 . 1 3 . 0 2 . 5 2 . 5 1 . 6 0 1 . 6 0 1 . 6 0 1 . 6 0 ` f ' ` g ' p a r t n o . m 2 0 0 0 - 1 0 9 1 2 5 m 2 0 0 0 - 1 0 9 1 2 6 m 2 0 0 0 - 1 0 9 1 2 7 m 2 0 0 0 - 1 0 9 1 2 8 m 2 0 0 0 - 1 0 9 1 2 9 f e m a l e - 0 9 f e m a l e - 2 5 f e m a l e - 5 0 f e m a l e - 3 7 f e m a l e - 1 5 n u m b e r o f p o s i t i o n 7 5 2 . 1 0 1 0 . 5 0 8 . 1 0 1 2 . 0 3 . 0 1 . 6 0 m 2 0 0 0 - 1 0 9 1 3 0 f e m a l e - 7 8 - 0 . 2 + 0 . 0 ` c ? - 0 . 2 8 5 5 . 2 0 1 2 . 0 0 8 . 1 0 1 2 . 0 3 . 0 1 . 6 0 m 2 0 0 0 - 1 0 9 1 3 1 f e m a l e - 1 0 4 - 0 . 2 0 + - 0 . 2 0 + - 0 . 2 0 + - 0 . 2 0 + ust cover ? e ? ? f ? ? d ? r . 0 . 5 0 ? a ? ? c ? ? g ? t h i c k r . 2 . 6 0 0 1 0 m a t e r i a l : p v c p e r u l 9 4 v - 0 notice : all information, including illustrations given herein is believed to be accurate at the time of printing. in lieu of design advances, amphenol reserves the right to change specifications without notice. this publication d sub series connectors 10/10 supercedes all existing amphenol literature on d sub series connectors. d
w w w . c z a r c o n t e n t . c o m
north america amphenol fiber systems international 1300 central expressway north suite 100 allen,t exas 75013, usa t el: +1-214-547-2400 fax: +1-214-547-9344 amphenol pcd 72 cherry hill drive beverly , ma 01915 usa t el: +1-978-624-3400 fax: +1-978-927-1513 info@amphenolpcd.com www .amphenolpcd.com www .backshellworld.com sales & product support 40-60, delaware a venue sidney , ny 13838-1395 t el: +1-607-563-501 1 fax: +1-607-563-5357 amphenol aerospace operations amphenol canada meford drive scarborough, t el: +416-291-4401 fax: +416-292-0647 on mib 2x6 france amphenol socapex s.a.s. 948,promenade de i'arve bp29, thyez cedex 7431 1, france t el: +33-4-5089-2800 fax: +33-4-5096-1941 amphenol air-lb immeuble le doublon 1 1, a venue dobonnet courbevoice-cedex 92407, france ph: +33-1-4905-3000 fax: +33-1-4905-3043 germany amphenol-air lb gmbh am kleinbahnhof 4 saarlouis d-66740, germany t el: 49-6831-9810-00 fax: 49-6831-9810-30 holland amphenol benelux zadelmaker 121 nl-2401 pd alphen aan den rijn holland t el:+31-172-444903 fax:+31-172 240254 united kingdom amphenol limited thanet w ay , whitstable kent ct5 3jf , england t el: +44-1227-773-200 fax: 44-1227-276-571 italy v ia barbaiana 5 20020 lainate (milano) italy t el :+39-02-93254.209 +39-02-93254.214 fax:+39-02-93254-444 center & east europe amphenol austria wiener gasse 68 2380 perchtoldsdorf t el: +43-699-10396071 fax: +43 699 40396071 europe asia china amphenol pcd shenzhen 3/f building, a4 songbai industrial park east road of minghuan gongming t own, baon district shenchen, china t el: +86-755-8173-8000 fax: +86-755-8173-8180 japan amphenol japan 471-1, deba, ritto city shiga 520-3041, japan t el: +81-77-553-8501 fax: +81-77-551-2200 korea amphenol daeshin electronics 558 sosa, songnae, bucheon-city kyunggi-do, korea 420-130 t el: +82-32-610-3800 fax: +92-32-673-2507 singapore amphenol east asia ltd. 72 bendemeer road # 03-33 luzerne singapore 339 941 t el: 65-6294-2128 fax: 65-6294-3522 amphenol interconnect india pvt. ltd. 61 electronics city bangalore-560 100, india ph: +9180-2852-3838 fax: +9180-2852-0418 amphenol interconnect india pvt. ltd. 105 bhosari industrial area pune-41 1026, india t el: +9120-3068-8305 fax:+9120-2712-9158 india row australia amphenol australia pty ltd 2 fiveways boulevard keysborough vic 3173 ph: +61-3-8796-8888 fax: +61-3-8796-8801 africa amphenol south africa 30 impala road 2196 sandton-chistlehurston south africa t el: +27-1 1-783-9517 fax: +27-1 1-783-9519 russia amphenol russia 8-2 y aroslavskaja str 129164 moscow , russia t el: +7-495-937-6341 fax: +7-495-937-6319 t urkey israel bar-t ec ltd. p .o. box 279 kfar sava, 44102 israel t el: +972-9-7644100 fax: +972-9-7674324 brazil amphenol do brasil ltda rua diogo moreira 132 cep 05423-010 sao paulo-sp , brazil t el: +55-1 1-3815-1003 fax: +55-1 1-3815-1629 argentina amphenol argentina a venida callao 930 2nd floor , of fice b plaza c1023aap buenos aires argentina t el: 54-1 1-4815-6886 fax: 54-1 1-4814-5779 spain amphenol iberica edificio burgosol oficina n 55 c/comunidad de madrid 35 bis - t el: +34-91-6407302 +34-91-6407306 fax:+34-91-6407307 las rozas (madrid) sweden amphenol ?ngsullsv?gen 7 s-187 51 t?by sweden t el: +46-85-1051816 +46-76-8418600 fax: +46-70- 2634677 +46-70-2203197 (nordic & baltic) amphenol international ltd. sun plaza ka:15 maslak mah. bilim sok. no:5 34398 ? sisli ? istanbul t el: +90 212 367 92 19 fax: +90 212 367 92 21


▲Up To Search▲   

 
Price & Availability of M2000-109121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X