Part Number Hot Search : 
ADUC702 4502B 2Z30UM EMK32 KMBT5551 L4614T R102G GM195
Product Description
Full Text Search
 

To Download LM3Z13VT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zener voltage regulators 200 mw sod?323 surface mount sod? 323 1 2 lm3z2v4t1 series xx m marking diagram x x = specific device code m =date code * the ?g? suffix refers to pb-free package. this series of zener diodes is packaged in a sod?323 surface mount package that has a power dissipation of 200 mw. they are designed to provide voltage regulation protection and are especially attractive in situations where space is at a premium. they are well suited for applications such as cellular phones, hand held portables, and high density pc boards. specification features:  standard zener breakdown voltage range ? 2.4 v to 75 v  steady state power rating of 200 mw  small body outline dimensions: 0.067" x 0.049"(1.7 mm x 1.25 mm) . low body height: 0.035" (0.9 mm)  package weight: 4.507 mg/unit  esd rating of class 3 (>16 kv) per human body model  pb-free package is available. mechanical characteristics: case: void-free, transfer-molded plastic finish: all external surfaces are corrosion resistant maximum case temperature for soldering purposes: 260c for 10 seconds polarity: cathode indicated by polarity band flammability rating: ul94 v-0 mounting position: any 2 anode 1 cathode maximum ratings rating symbol max unit total device dissipation fr?5 board, p d (note 1.) @ ta = 25c 200 mw derate above 25c 1.5 mw/c thermal resistance from r ja 635 c/w junction to ambient junction and storage t j , t stg ?65 to+150 c temperature range 1. fr?4 minimum pad ordering information device* package shipping lm3zxxxt1 sod-323 3000/tape&reel lm3zxxxt1g (pb-free) sod-323 3000/tape&reel product specification 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
zener voltage regulator i f v i i r i zt v r v z v f electrical characteristics (t a = 25 c unless otherwise noted, v f = 0.9 v max. @ i f = 10 ma for all types) symbol parameter v z reverse zener voltage @ i zt i zt reverse current z zt maximum zener impedance @ i zt i zk reverse current z zk maximum zener impedance @ i zk i r reverse leakage current @ v r v r reverse voltage i f forward current v f forward voltage @ i f  v z maximum temperature coefficient of v z c max. capacitance @v r = 0 and f = 1 mhz lm3z2v4t1 series product specification 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics (t a = 25 c unless otherwise noted, v f = 0.9 v max. @ i f = 10 ma for all types) zener voltage (note 2.) zener impedance leakage current  v z c device v z (volts) @ i zt z zt @ i zt z zk @ i zk i r @ v r  v z (mv/k) @ i zt c @ v r = 0 f = 1 mhz device d ev i ce marking min nom max ma   ma  a volts min max pf lm3z2v4t1 00 2.2 2.4 2.6 5 100 1000 0.5 50 1.0 ?3.5 0 450 lm3z2v7t1 01 2.5 2.7 2.9 5 100 1000 0.5 20 1.0 ?3.5 0 450 lm3z3v0t1 02 2.8 3.0 3.2 5 100 1000 0.5 10 1.0 ?3.5 0 450 lm3z3v3t1 05 3.1 3.3 3.5 5 95 1000 0.5 5 1.0 ?3.5 0 450 lm3z3v6t1 06 3.4 3.6 3.8 5 90 1000 0.5 5 1.0 ?3.5 0 450 lm3z3v9t1 07 3.7 3.9 4.1 5 90 1000 0.5 3 1.0 ?3.5 ?2.5 450 lm3z4v3t1 08 4.0 4.3 4.6 5 90 1000 0.5 3 1.0 ?3.5 0 450 lm3z4v7t1 09 4.4 4.7 5.0 5 80 800 0.5 3 2.0 ?3.5 0.2 260 lm3z5v1t1 0a 4.8 5.1 5.4 5 60 500 0.5 2 2.0 ?2.7 1.2 225 lm3z5v6t1 0c 5.2 5.6 6.0 5 40 200 0.5 1 2.0 ?2.0 2.5 200 lm3z6v2t1 0e 5.8 6.2 6.6 5 10 100 0.5 3 4.0 0.4 3.7 185 lm3z6v8t1 0f 6.4 6.8 7.2 5 15 160 0.5 2 4.0 1.2 4.5 155 lm3z7v5t1 0g 7.0 7.5 7.9 5 15 160 0.5 1 5.0 2.5 5.3 140 lm3z8v2t1 0h 7.7 8.2 8.7 5 15 160 0.5 0.7 5.0 3.2 6.2 135 lm3z9v1t1 0k 8.5 9.1 9.6 5 15 160 0.5 0.2 7.0 3.8 7.0 130 lm3z10vt1 0l 9.4 10 10.6 5 20 160 0.5 0.1 8.0 4.5 8.0 130 lm3z11vt1 0m 10.4 11 11.6 5 20 160 0.5 0.1 8.0 5.4 9.0 130 lm3z12vt1 0n 11.4 12 12.7 5 25 80 0.5 0.1 8.0 6.0 10 130 LM3Z13VT1 0p 12.4 13.25 14.1 5 30 80 0.5 0.1 8.0 7.0 11 120 lm3z15vt1 0t 14.3 15 15.8 5 30 80 0.5 0.05 10.5 9.2 13 110 lm3z16vt1 0u 15.3 16.2 17.1 5 40 80 0.5 0.05 11.2 10.4 14 105 lm3z18vt1 0w 16.8 18 19.1 5 45 80 0.5 0.05 12.6 12.4 16 100 lm3z20vt1 0z 18.8 20 21.2 5 55 100 0.5 0.05 14.0 14.4 18 85 lm3z22vt1 10 20.8 22 23.3 5 55 100 0.5 0.05 15.4 16.4 20 85 lm3z24vt1 11 22.8 24.2 25.6 5 70 120 0.5 0.05 16.8 18.4 22 80 lm3z27vt1 12 25.1 27 28.9 2 80 300 0.5 0.05 18.9 21.4 25.3 70 lm3z30vt1 14 28 30 32 2 80 300 0.5 0.05 21.0 24.4 29.4 70 lm3z33vt1 18 31 33 35 2 80 300 0.5 0.05 23.2 27.4 33.4 70 lm3z36vt1 19 34 36 38 2 90 500 0.5 0.05 25.2 30.4 37.4 70 lm3z39vt1 20 37 39 41 2 130 500 0.5 0.05 27.3 33.4 41.2 45 lm3z43vt1 21 40 43 46 2 150 500 0.5 0.05 30.1 37.6 46.6 40 lm3z47vt1 1a 44 47 50 2 170 500 0.5 0.05 32.9 42.0 51.8 40 lm3z51vt1 1c 48 51 54 2 180 500 0.5 0.05 35.7 46.6 57.2 40 lm3z56vt1 1d 52 56 60 2 200 500 0.5 0.05 39.2 52.2 63.8 40 lm3z62vt1 1e 58 62 66 2 215 500 0.5 0.05 43.4 58.8 71.6 35 lm3z68vt1 1f 64 68 72 2 240 500 0.5 0.05 47.6 65.6 79.8 35 lm3z75vt1 1g 70 75 79 2 255 500 0.5 0.05 52.5 73.4 88.6 35 2. zener voltage is measured with a pulse test current i z at an ambient temperature of 25 c. product specification lm3z2v4t1 series 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of LM3Z13VT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X