Part Number Hot Search : 
56151 ASRD703 P6SMB62 LBS70A22 24000 74LVC74A 89C516RD C25P05Q
Product Description
Full Text Search
 

To Download LBAS40-04LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky barrier diode features low forward current guard ring protected low diode capacitance. applications ultra high-speed switching voltage clamping protection circuits. blocking diodes. description planar schottky barrier diodes with an integrated guard ring for stress protection. sot - 23 1 2 3 bas40-05 double diode. bas40-06 double diode. 1 anode 2 anode 1 anode 3 cathode bas40 single diode. bas40-04 double diode. 3 cathode 1 anode 2 cathode 3 cathode/ anode 1 cathode 2 cathode 3 anode leshan radio company, ltd. device marking shipping b1 cb 3000 tape & reel 10000 tape & reel 3000 tape & reel 10000 tape & reel 3000 tape & reel 10000 tape & reel ordering information cb b1 lbas40lt1g lbas40lt3g LBAS40-04LT1G lbas40-04lt3g lbas40-05lt1g lbas40-05lt3g lbas40-06lt1g lbas40-06lt3g 45 5 45 5 l2 l2 3000 tape & reel 10000 tape & reel we declare that the material of product compliance with rohs requirements. lbas40lt1g series rev.o 1/4
maximum ratings (t a = 25 c) parameter symbol min. max. unit conditions continuous reverse voltage v r - 40 v continuous forward current i f - 120 ma repetitive peak forward surge current i fsm - 120 ma t p <1s; <0.5 non-repetitive peak forward current i fsm - 200 ma t p <10ms storage temperature t stg -65 +150 c junction temperature t j - 150 c operating ambient temperature t amb -65 +150 c device marking lbas40lt1g=b1 LBAS40-04LT1G=cb lbas40-05lt1g=45 lbas40-06lt1g=l2 electrical characteristics( t a = 25 c ) parameter symbol max. unit conditions forward voltage(fig.1) v f 400 mv i f =1ma 560 mv i f =10ma 1v i f =40ma reverse current(fig.2 ; note1) i r 1 ? v r =30v 10 av r =40v diode capacitance(fig.4) c d 5 pf f=1mhz;v r =0 note: 1. pulse test:t p =300 s; =0.02. thermal characteristics parameter symbol v alue unit conditions thermal resistance from junction to ambient r th j-a 500 k/w note1 note 1. refer to sot23 or sot143b standard mounting conditions. leshan radio company, ltd. lbas40lt1g series rev.o 2/4
electrical characteristic curves(t a = 25 c) 10 2   10 1 10 - 1     10 -2 0 0.2 0.4 0.6 0.8 1.0 t amb =150 o c t amb =25 o c t amb = - 40 o c t amb =85 o c fig.1 forward current as a function of  forward voltage; typical values. 10 3  10 2 10 1 10 - 1    10 -2 0 10 20 30 40 fig.2 reverse current as a function of reverse voltage; typical values. 5 4 3  2 1 0 0 10 20 30 40 fig.4 diode capacitance as a function of reverse voltage;typical values. 10 3   10 2   10   1   10 -1 1 10 10 2 fig.3 differential forward resistance as a function of forward current;typical values. t amb =25 o c t amb =85 o c t amb =150 o c f=10khz forward voltage: i f (ma) forward voltage: v f (v) forward voltage: i r ( a) forward voltage: v r (v) forward voltage: r diff ( ? ) forward voltage: c d (pf) forward voltage: i f (ma) forward voltage: v r (v) f=1mhz tamb=25 o c leshan radio company, ltd. lbas40lt1g series rev.o 3/4
notes: 1. dimensioning and tolerancing per ansi y14.5m,1982 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 sot - 23 d j k l a c b s h g v 12 3 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 leshan radio company, ltd. lbas40lt1g series rev.o 4/4


▲Up To Search▲   

 
Price & Availability of LBAS40-04LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X