Part Number Hot Search : 
W83627 78F181J 100EL CYG20XX 06DF1HN 87C196CB CLM7000 LT1206CY
Product Description
Full Text Search
 

To Download JK-P730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  axial lead battery strap type resettable polymer ptcs revision february 27, 2014 1 / 4 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. jk-p series socay electronics co., ltd. www.socay.com the jk-p series device provides reliable, noncycling protection against overcharging and short circuits events for rechargeable battery cells where resettable protection is desired. u rohs compliant and lead C free u axial lead battery strap type devices u slim, low pro ? le design u compact design saves board space u low resistance u fast trip time almost anywhere there is a low voltage power supply, up to dc24v and load to be protested, including: u nicd/nimh rechargeable battery pack, li-ion/polymer li-ion battery u camcorders u portable computers test test conditions accept/reject criteria resistance in still air @25 2 c r min r r max hold current 60 min, at i hold , in still air @25 2 c no trip time to trip specified current, v max , @25 2 c t maximum time to trip trip cycle life v max , i max ,100 cycles no arcing or burning trip endurance vmax,24hours no arcing or burning description features part numbering applications jk - p 350 i hold current product series socay ptcs t est procedures and requirement
axial lead battery strap type resettable polymer ptcs revision february 27, 2014 2 / 4 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. jk-p series socay electronics co., ltd. www.socay.com maximum time to trip resistance part number i hold (a) i trip (a) v max (vdc) i max (a) p dtyp. (w) current (a) time (sec.) r min (m ) r max (m ) jk-p070 0.70 1.45 16 100 1.60 3.5 5.0 100 200 jk-p100 1.00 2.50 16 100 1.60 5.0 5.0 70 130 jk-p120 1.20 2.70 16 100 1.60 6.0 5.0 60 120 jk-p175 1.75 3.80 16 100 1.60 8.5 5.0 30 65 jk-p180 1.80 3.80 16 100 1.60 9.0 5.0 30 60 jk-p190 1.90 4.20 16 100 1.60 9.5 5.0 25 45 jk-p200 2.00 4.40 16 100 1.60 10.0 5.0 20 40 jk-p210 2.10 4.40 16 100 1.60 10.5 5.0 20 35 jk-p260 2.60 5.20 16 100 1.60 13.0 5.0 15 30 jk-p300 3.00 6.30 24 100 2.40 15.0 5.0 15 31 jk-p310 3.10 6.30 24 100 2.40 15.5 5.0 18 31 jk-p340 3.40 6.80 24 100 2.40 17.0 5.0 16 27 jk-p350 3.50 7.00 24 100 2.40 17.5 5.0 17 31 jk-p380 3.80 7.60 24 100 2.40 19.0 5.0 13 22 jk-p420 4.20 8.30 24 100 2.00 21.0 5.0 12 24 jk-p450 4.50 9.00 20 100 2.00 22.5 5.0 11 20 jk-p550 5.50 10.50 20 100 2.00 27.5 5.0 9 16 jk-p600 6.00 11.70 20 100 2.80 30.0 5.0 7 14 JK-P730 7.30 14.10 20 100 3.30 36.5 5.0 5 12 jk-p900 9.00 16.70 20 100 3.80 45.0 5.0 6 10 jk-p1410 14.10 26.20 20 100 6.00 20.5 5.0 3 5 i hold = hold current: maximum current device will pass without tripping in 25 c still air. i trip = trip current: minimum current at which the device will trip in 25 c still air. v max = maximum voltage device can withstand without damage at rated current (i max ) i max = maximum fault current device can withstand without damage at rated voltage (v max ) p dtyp. = power dissipated from device when in the tripped state at 25 c still air. r min = minimum resistance of device in initial (un-soldered) state. r max = maximum resistance of device in initial (un-soldered) state. r 1max = maximum resistance of device at 25 c measured one hour after tripping. caution: operation beyond the speci ? ed rating may result in damage and possible arcing and flame. electrical parameters
axial lead battery strap type resettable polymer ptcs revision february 27, 2014 3 / 4 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. jk-p series socay electronics co., ltd. www.socay.com 0.25 maximum ambient operation temperature -40 c -20 c 0 c 25 c 40 c 50 c 60 c 70 c 85 c part number hold current (a) jk-p070 1.32 1.21 0.99 0.70 0.63 0.60 0.50 0.39 0.26 jk-p100 2.00 1.73 1.52 1.00 0.90 0.85 0.75 0.61 0.40 jk-p120 1.95 1.74 1.54 1.20 1.07 0.98 0.87 0.76 0.58 jk-p175 2.57 2.36 2.07 1.75 1.59 1.39 1.27 1.18 0.99 jk-p180 3.23 2.88 2.35 1.80 1.48 1.20 1.10 0.75 0.45 jk-p190 3.50 3.00 2.51 1.90 1.60 1.35 1.20 0.88 0.52 jk-p200 3.39 2.94 2.55 2.00 1.70 1.55 1.36 1.09 0.77 jk-p210 3.28 2.88 2.59 2.10 1.81 1.70 1.52 1.31 1.02 jk-p260 4.40 3.80 3.19 2.60 2.10 1.80 1.49 1.19 0.70 jk-p300 5.20 4.49 3.78 3.00 2.39 2.04 1.70 1.35 0.78 jk-p310 5.46 4.68 3.80 3.10 2.45 2.11 1.80 1.40 0.80 jk-p340 5.60 4.88 4.10 3.40 2.70 2.33 2.00 1.60 0.89 jk-p350 5.51 4.89 4.42 3.50 3.00 2.89 2.62 2.28 1.79 jk-p380 5.40 4.90 4.40 3.80 3.30 3.00 2.80 2.50 2.10 jk-p420 6.53 5.81 5.20 4.20 3.69 3.38 3.10 2.75 2.24 jk-p450 6.50 5.80 5.30 4.50 3.90 3.60 3.30 2.90 2.40 jk-p550 7.60 6.90 6.20 5.50 4.70 4.30 4.00 3.60 3.00 jk-p600 8.70 7.80 7.10 6.00 5.20 4.70 4.40 3.90 3.20 JK-P730 10.50 9.50 8.60 7.30 6.30 5.70 5.40 4.70 4.00 jk-p900 12.70 11.40 10.00 9.00 7.50 6.80 6.20 5.50 4.50 jk-p1410 21.92 19.51 17.46 14.10 12.39 11.35 10.41 9.23 7.52 a=jk-p070 h=jk-p200 o=jk-p450 b=jk-p100 i=jk-p300 p=jk-p550 c=jk-p120 j=jk-p310 q=jk-p600 d=jk-p175 k=jk-p340 r=JK-P730 e=jk-p180 l=jk-p350 s=jk-p900 f=jk-p190 m=jk-p380 g=jk-p210 n=jk-p420 temperature rerating chart C i hold (a) typical time to trip at 25 c
axial lead battery strap type resettable polymer ptcs revision february 27, 2014 4 / 4 @ socay electronics co., ltd. 2014 specifications are subject to change without notice. please refer to www.socay.com for current information. jk-p series socay electronics co., ltd. www.socay.com 0.25 a b c d e part number min max min max min max min max min max jk-p070 17.0 22.1 4.9 5.5 0.60 1.10 3.5 6.0 3.8 4.2 jk-p100 17.0 22.1 4.9 5.5 0.60 1.10 3.5 6.0 3.8 4.2 jk-p120 17.0 22.1 4.9 5.5 0.60 1.10 3.5 6.0 3.8 4.2 jk-p175 20.9 23.1 4.6 5.5 0.60 1.00 3.5 6.0 3.8 4.2 jk-p180 20.9 23.1 4.6 5.5 0.60 1.00 3.5 6.0 3.8 4.2 jk-p190 20.9 23.1 4.6 5.5 0.60 1.00 3.5 6.0 3.8 4.2 jk-p200 20.9 23.1 4.6 5.5 0.60 1.00 3.5 6.0 3.8 4.2 jk-p210 20.9 23.1 4.6 5.5 0.60 1.00 3.5 6.0 3.8 4.2 jk-p260 20.9 23.1 4.6 5.5 0.60 1.00 3.5 6.0 3.8 4.2 jk-p300 24.0 27.5 6.9 7.5 0.50 1.00 4.0 7.5 4.8 5.2 jk-p310 24.0 27.5 6.9 7.5 0.50 1.00 4.0 7.5 4.8 5.2 jk-p340 24.0 27.5 6.9 7.5 0.50 1.00 4.0 7.5 4.8 5.2 jk-p350 24.0 27.5 6.9 7.5 0.50 1.00 4.0 7.5 4.8 5.2 jk-p380 24.0 27.5 6.9 7.5 0.50 1.00 4.0 7.5 4.8 5.2 jk-p420 24.0 27.5 9.8 10.5 0.60 1.00 4.0 7.5 4.8 5.2 jk-p450 24.0 27.5 9.8 10.5 0.60 1.00 4.0 7.5 4.8 5.2 jk-p550 24.0 27.5 9.8 10.5 0.60 1.00 4.0 7.5 4.8 5.2 jk-p600 24.0 26.0 13.9 14.5 0.60 1.00 4.1 5.5 5.9 6.6 JK-P730 27.1 29.1 13.9 14.5 0.60 1.00 4.1 5.5 5.9 6.6 jk-p900 45.4 47.6 7.9 8.5 0.60 1.30 4.6 6.2 5.9 6.1 jk-p1410 58.0 60.0 13.4 14.0 0.60 1.30 4.2 5.8 5.9 6.1 test item conditions resistance change passive aging +85 o c, 1000hrs 10% typical humidity aging +85 o c, 85%r.h., 168hrs 10% typical thermal shock -55 o c to +125 o c, 10times 12% typical resistance to solvent mil-std-202, method 215 no change vibration mil-std-202, method 201 no chang ambient operating conditions:-40 o c to +85 o c maximum surface temperature of the device in the tripped state is 125 o c dimensions (unit: mm) lead materials: pure nickel strap insulating materials: polyester tape environment al specifications


▲Up To Search▲   

 
Price & Availability of JK-P730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X