Part Number Hot Search : 
04306 SSM3J OC22T 46683C ST2001H ICS9LPR US5881 TMK107B
Product Description
Full Text Search
 

To Download IXTP10N60P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2010 ixys corporation, all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 600 v v dgr t j = 25 c to 150 c, r gs = 1m 600 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c10 a i dm t c = 25 c, pulse width limited by t jm 25 a i a t c = 25 c10 a e as t c = 25 c 500 mj dv/dt i s i dm , v dd v dss , t j 150 c 10 v/ns p d t c = 25 c 200 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6mm (0.062in.) from case for 10s 300 c t sold plastic body for 10 seconds 260 c m d mounting torque (to-220) 1.13 / 10 nm/lb.in. weight to-263 2.5 g to-220 3.0 g n-channel enhancement mode avalanche rated fast intrinsic rectifier ixta10n60p IXTP10N60P v dss = 600v i d25 = 10a r ds(on) 740m ds99330f(04/10) g = gate d = drain s = source tab = drain to-263 aa (ixta) g d s to-220ab (ixtp) d (tab) g s d (tab) polar tm power mosfet symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 a 600 v v gs(th) v ds = v gs , i d = 250 a 3.0 5.5 v i gss v gs = 30v, v ds = 0v 100 na i dss v ds = v dss , v gs = 0v 5 a t j = 125 c 50 a r ds(on) v gs = 10v, i d = 0.5 ? i d25 , notes 1, 2 740 m features z international standard packages z dynamic dv/dt rating z avalanche rated z fast intrinsic rectifier z low q g z low r ds(on) z low drain-to-tab capacitance z low package inductance advantages z easy to mount z space savings applications z dc-dc converters z battery chargers z switch-mode and resonant-mode power supplies z uninterrupted power supplies z ac motor drives z high speed power switching applications
ixys reserves the right to change limits, test conditions, and dimensions. ixta10n60p IXTP10N60P symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 0.5 ? i d25 , note 1 6 11 s c iss 1720 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 160 pf c rss 14 pf t d(on) 23 ns t r 27 ns t d(off) 65 ns t f 21 ns q g(on) 32 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 12 nc q gd 10 nc r thjc 0.62 c/w r thch to-220 0.50 c/w source-drain diode symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. i s v gs = 0v 10 a i sm repetitive, pulse width limited by t jm 30 a v sd i f = i s , v gs = 0v, note 1 1.5 v t rr 500 ns notes: 1. pulse test, t 300 s, duty cycle, d 2%. 2. on through-hole packages, r ds(on) kelvin test contact location must be 5mm or less from the package body. resistive switching time v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 10 (external) i f = 10a, v gs = 0v -di/dt = 100a/ s, v r = 100v ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 pins: 1 - gate 2 - drain 3 - source to-220 outline to-263 outline
? 2010 ixys corporation, all rights reserved ixta10n60p IXTP10N60P fig. 1. output characteristics @ t j = 25oc 0 1 2 3 4 5 6 7 8 9 10 01234567 v ds - volts i d - amperes v gs = 10v 7v 6v 5v fig. 2. extended output characteristics @ t j = 25oc 0 4 8 12 16 20 24 0 5 10 15 20 25 30 v ds - volts i d - amperes v gs = 10v 7v 6v 5v fig. 3. output characteristics @ t j = 125oc 0 1 2 3 4 5 6 7 8 9 10 012345678910111213 v ds - volts i d - amperes v gs = 10v 5v 6v fig. 4. r ds(on) normalized to i d = 5a value vs. junction temperature 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 10a i d = 5a fig. 5. r ds(on) normalized to i d = 5a value vs. drain current 0.6 1.0 1.4 1.8 2.2 2.6 3.0 0 5 10 15 20 25 i d - amperes r ds(on) - normalized t j = 125oc t j = 25oc v gs = 10v fig. 6. maximum drain current vs. case temperature 0 2 4 6 8 10 12 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes
ixys reserves the right to change limits, test conditions, and dimensions. ixta10n60p IXTP10N60P ixys ref: ixf_10n60p (4j)4-18-10-d fig. 7. input admittance 0 2 4 6 8 10 12 14 16 3.2 3.6 4.0 4.4 4.8 5.2 5.6 6.0 6.4 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 2 4 6 8 10 12 14 16 18 20 22 0 2 4 6 8 10 12 14 16 i d - amperes g f s - siemens t j = - 40oc 125oc 25oc fig. 9. forward voltage drop of intrinsic diode 0 5 10 15 20 25 30 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 q g - nanocoulombs v gs - volts v ds = 300v i d = 5a i g = 10ma fig. 11. capacitance 1 10 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. maximum transient thermal impedance 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w


▲Up To Search▲   

 
Price & Availability of IXTP10N60P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X