Part Number Hot Search : 
NJM2120 AZ732 SR2N7 G051003F 33D09100 HAA399 74LS162D 1N4747
Product Description
Full Text Search
 

To Download IRF7380TRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexfet   power mosfet  high frequency dc-dc converters benefits applications  low gate to drain charge to reduce switching losses  fully characterized capacitance including effective c oss to simplify design, (see app. note an1001)  fully characterized avalanche voltage and current notes   through  are on page 8 so-8 v dss r ds(on) max i d 80v 73m @v gs = 10v 3.6a d1 d1 d2 d2 g1 s2 g2 s1 top view 8 1 2 3 4 5 6 7  
       
   absolute maximum ratings parameter units v ds drain-to-source voltage v v gs gate-to-source voltage i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 100c continuous drain current, v gs @ 10v a i dm pulsed drain current p d @t a = 25c maximum power dissipation w linear derating factor w/c dv/dt peak diode recovery dv/dt  v/ns t j operating junction and c t stg storage temperature range thermal resistance parameter typ. max. units r jl junction-to-drain lead ??? 42 c/w r ja junction-to-ambient (pcb mount)  ??? 62.5 20 2.3 2.0 -55 to + 150 0.02 max. 3.6 2.9 29 80
irf7380 
       
  s d g static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v ( br ) dss drain-to-source breakdown voltage 80 ??? ??? v ? v ( br ) dss / ? t j breakdown voltage temp. coefficient ??? 0.09 ??? v/c r ds ( on ) static drain-to-source on-resistance ??? 61 73 m ? v gs ( th ) gate threshold voltage 2.0 ??? 4.0 v i dss drain-to-source leakage current ??? ??? 20 a ??? ??? 250 i gss gate-to-source forward leakage ??? ??? 200 na gate-to-source reverse leakage ??? ??? -200 dynamic @ t j = 25c (unless otherwise specified) parameter min. typ. max. units gfs forward transconductance 4.3 ??? ??? s q g total gate charge ??? 15 23 q g s gate-to-source charge ??? 2.9 ??? nc q g d gate-to-drain ("miller") charge ??? 4.5 ??? t d ( on ) turn-on delay time ??? 9.0 ??? t r rise time ??? 10 ??? t d ( off ) turn-off delay time ??? 41 ??? ns t f fall time ??? 17 ??? c iss input capacitance ??? 660 ??? c oss output capacitance ??? 110 ??? c rss reverse transfer capacitance ??? 15 ??? pf c oss output capacitance ??? 710 ??? c oss output capacitance ??? 72 ??? c oss eff. effective output capacitance ??? 140 ??? avalanche characteristics parameter units e as single pulse avalanche energy  mj i ar avalanche current  a diode characteristics parameter min. typ. max. units i s continuous source current ??? ??? 3.6 a (body diode) i sm pulsed source current ??? ??? 29 a (body diode)  v sd diode forward voltage ??? ??? 1.3 v t rr reverse recovery time ??? 50 ??? ns q rr reverse recovery charge ??? 110 ??? nc i d = 2.2a r g = 24 ? di/dt = 100a/s  conditions v gs = 0v, i d = 250a reference to 25c, i d = 1ma v gs = 10v, i d = 2.2a  v ds = v gs , i d = 250a v ds = 80v, v gs = 0v v ds = 64v, v gs = 0v, t j = 125c v gs = 20v v gs = -20v mosfet symbol showing the integral reverse p-n junction diode. t j = 25c, i s = 2.2a, v gs = 0v  t j = 25c, i f = 2.2a, v dd = 40v conditions v gs = 10v  v gs = 0v v ds = 25v ? = 1.0mhz 75 2.2 max. v gs = 0v, v ds = 1.0v, ? = 1.0mhz v gs = 0v, v ds = 64v, ? = 1.0mhz typ. ??? ??? conditions v ds = 25v, i d = 2.2a i d = 2.2a v ds = 40v v gs = 0v, v ds = 0v to 64v  v gs = 10v  v dd = 40v
irf7380 
       
   fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 v = i = gs d 10v 3.6a 3.0 4.0 5.0 6.0 7.0 v gs , gate-to-source voltage (v) 0 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( ) t j = 25c t j = 150c v ds = 15v 20s pulse width 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 3.7v 20s pulse width tj = 150c vgs top 15v 10v 7.0v 5.0v 4.5v 4.3v 4.0v bottom 3.7v 0.1 1 10 100 1000 v ds , drain-to-source voltage (v) 0.001 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 3.7v 20s pulse width tj = 25c vgs top 15v 10v 7.0v 5.0v 4.5v 4.3v 4.0v bottom 3.7v t j , junction temperature (c) rds(on), drain-to-source on resistance (normalized)
irf7380 
       
   fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 7. typical source-drain diode forward voltage 0.1 1 10 100 0.0 0.5 1.0 1.5 2.0 v = 0 v gs t = 150 c j t = 25 c j 1 10 100 1000 v ds , drain-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 150c single pulse 1msec 10msec operation in this area limited by r ds (on) 100sec fig 8. maximum safe operating area 1 10 100 v ds , drain-to-source voltage (v) 1 10 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 2 4 6 8 10 12 14 16 q g total gate charge (nc) 0 2 4 6 8 10 12 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 64v v ds = 40v v ds = 16v i d = 2.1a v sd , source-to-drain voltage (v) i sd , reverse drain current (a)
irf7380 
       
   fig 11. maximum effective transient thermal impedance, junction-to-case fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms   
 1     0.1 %         + -   fig 9. maximum drain current vs. ambient temperature 25 50 75 100 125 150 0.0 1.0 2.0 3.0 4.0 i , drain current (a) d t a , ambient temperature (c) 0.1 1 10 100 0.00001 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
irf7380 
       
   fig 13. on-resistance vs. gate voltage fig 12. on-resistance vs. drain current fig 14a&b. basic gate charge test circuit and waveform fig 15a&b. unclamped inductive test circuit and waveforms fig 15c. maximum avalanche energy vs. drain current d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -   q g q gs q gd v g charge t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v 25 50 75 100 125 150 0 40 80 120 160 200 i d top bottom 1.0a 1.8a 2.2a 0 5 10 15 20 25 30 i d , drain current (a) 50 55 60 65 70 75 80 85 90 95 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) v gs = 10v 3.0 5.0 7.0 9.0 11.0 13.0 15.0 v gs, gate -to -source voltage (v) 0 100 200 300 400 500 600 700 800 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) i d = 3.6a starting t j , junction temperature (c) e as , single pulse avalanche energy (mj)
irf7380 
       
     
    
         

  



 



 
  



 
 

 
 
 
 
 
 
 
  
 

 
 
 
 
 
 
           

 
 

 
         
                            

       

    


    !"
  ##
  $%$ ! ! !   $$ & !   dimensions are shown in milimeters (inches) so-8 part marking information 

  


  
   
   
  
  
  
    

      

 
 
 

 
   

 

   
  
irf7380 
       
   330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters(inches). 3. outline conforms to eia-481 & eia-541. so-8 tape and reel  
   

 

   
   

   !"#"$%!$&
' ()*$+!, -

$ "  
  .  repetitive rating; pulse width limited by max. junction temperature.  starting t j = 25c, l = 31mh r g = 25 ? , i as = 2.2a.  pulse width 400s; duty cycle 2%.   when mounted on 1 inch square copper board.  c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss.  i sd 2.2a, di/dt 220a/s, v dd v (br)dss ,t j 150c. date comments ? updated the rthja from 50c/w to 62.5c/w, on page 1. ? converted the data sheet to ir corporate template. revision history 09/16/2013


▲Up To Search▲   

 
Price & Availability of IRF7380TRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X