Part Number Hot Search : 
587B201 MP1542DK BAS81 BAS81 CH341DS KDV174 CH341DS F1G09
Product Description
Full Text Search
 

To Download IB0505XS-2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ib ib -x -x s s - - 2 2 w w s s eries eries http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 2 selection selection guide guide order code input output efficiency (%,typ) switching frequency (khz,typ) voltage (vdc) voltage (vdc) current(ma) nominal range max min ib0505 x s-2w 5 4.75-5.25 5 400 40 70 100 ib05 12x s-2w 5 4.75-5.25 12 167 17 7 8 96 ib05 1 5 x s- 1w5 5 4.75-5.25 15 1 00 1 0 7 5 97 ib1205 x s-2w 12 11.4-12.6 5 400 40 71 55 ib12 1 5 x s- 1 w 5 12 11.4-12.6 15 100 10 76 90 ib12 1 5 x s-2w 12 11.4-12.6 15 133 13 76 87 ib1505 x s-2w 15 14.25-15. 5 400 40 71 67 ib2405 x s-2w 24 22.8-25.2 5 400 40 71 67 ib24 1 5 x s-2w 24 22.8-25.2 15 133 13 75 65 model model selection selection ib ib 05 05 05 05 x x s s - - 2 2 w w product series input voltage output voltage fixed input s ip7 package rated power microdc r eserves the copyright fixed input,isolated®ulated single output dc/dc converter features features rohs compliant efficiency up to 84% sip7 package wide temperature performance at full 2 watt load,-40 85 ul 94v-0 package material no heat sink required small footprint industry standard pin out power sharing on output 1kvdc isolation continuous short circuit protection internal smd construction no external components required mttf up to 1. 5 million hours applications applications the ib_ x s-2w series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. these products apply to: 1) where the voltage of the input power supply is fixed (voltage variation ? 5%); 2) where isolation is necessary between input and output (isolation voltage 1000vdc); 3) where the regulation of the output voltage and the output ripple noise are demanded. output output specifications specifications parameter test conditions min typ. max. units output power 0.2 2 w line regulation for vin change of 5% 0.25 % load regulation 10% to 100% full load 1 .5 % output voltage accuracy 100% full load 3 % temperature drift 100% full load 0.03 %/ c output ripple* 20mhz bandwidth 2 0 3 0 mv p-p output noise* 20mhz bandwidth 50 100 mv p-p switching frequency full load,nominal input 100 khz * test ripple and noise by "parallel cable" method. see detailed operation instructions at testing of power converter section, application notes. isolation isolation specifications specifications parameter test conditions min. typ. max. units isolation test voltage flash tested for 1 minute and 1ma max 1000 vdc isolation resistance test at viso=500vdc 1000 m
ib ib -x -x s s - - 2 2 w w s s eries eries http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 2 temperature temperature characteristics characteristics parameter conditions min. typ. max. units storage humidity range 95 % operating temperature -40 8 5 c storage temperature -55 125 c lead temperature 1.5mm from case for 10 seconds 20 30 c temp.rise at full load 30 0 c cooling free air convection case material plastic(ul94-v0) short circuit protection continuous 1 * s mtbf 3500 k hours weight 2.8 g *supply voltage must be discontinued at the end of short circuit duration. recommended circuit if you want to further decrease the input/output ripple, an "lc" filtering network may be connected to the input and output ends of the dc/dc converter, see (figure 1). it should also be noted that the inductance and the frequency of the "lc" filtering network should be staggered with the dc/dc frequency to avoid mutual interference. however, the capacitance of the output filter capacitor must be proper. if the capacitance is too big, a startup problem might arise. for every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (table 1). external capacitor table (table 1) vin vin cin cin vout vout cout cout (vdc) ( f) (vdc) ( f) 5 4.7 5 4.7 12 2.2 - - 15 1 .0 - - 24 0.47 - - it's not recommend to connect any external capacitor in the application field with less than 0.5 watt output. overload protection under normal operating conditions, the output circuit of these products has no protection against over-current and short - circuits . the simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. input over-voltage protection circuit the simplest device for input over-voltage protection is a linear voltage regulator with overheat protection that is connected to the input end in series (figure 2). when the environment temperature is higher than 71 , the product output power should be less then 60% of the rated power. no parallel connection or plug and play. use dual output simultaneously, forbid opening output pin (0v) to use as single output. typical typical characteristics characteristics te m perature derating graph outline outline dimensions dimensions & & pin pin connections connections size graph note: unit:mm(inch) pin section:0.50*0.3mm(0.020*0.012inch) pin section tolerances: 0.10mm( 0.004inch) general tolerances: 0.25mm( 0.010inch) r ecommended footprint top view,grid:2.54mm(0.1inch) diameter:1.00mm(0.039inch) all specifications typical at ta=25 c, nominal input voltage and rated output current unless otherwise specified.another 24v products, please inquire our technical department! requirement on output load to ensure this module can operate efficiently and reliably, during operation, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! if the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load.or use our company's products with a lower rated output power . microdc professional power module,inc. tel:0086-20-86000646 e-mail:tech@microdc.cn website:http://www.microdc.cn rohs compliant information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 c for 10 seconds. the pin termination finish on the sip package type is tin plate, hot dipped over matte tin with nickel preplate. the dip types are matte tin over nickel preplate. both types in this series are backward compatible with sn/pb soldering systems. reach compliant information this series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval. footprint footprint details details pin function 1 vin 2 gnd 4 0v 6 +v0


▲Up To Search▲   

 
Price & Availability of IB0505XS-2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X