Part Number Hot Search : 
2SD350A MSA5980C ATMEGA Z4B160 1N5237B 2SD2052 14607045 70PFT
Product Description
Full Text Search
 

To Download HVC3512 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev date: 01/02/2014 1 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specifications before you order and/or use. hvc series high v oltage thick film chip resistor stackpole electronics, inc. resistive product solutions 0.1% 0.25% 0.5% 1% 2% 5% 10% 20% 50 ppm/oc 10k - 10m 10k - 100m 10k - 500m 10k - 500m 10k - 500m 10k - 500m 100 ppm/oc 10k - 10m 10k - 500m 10k - 1g 10k - 1g 10k - 10g 10k - 10g 200 ppm/oc 10k - 10m 10k - 500m 10k - 1g 10k - 1g 10k - 10g 10k - 50g 300 ppm/oc 10k - 10m 10k - 500m 10k - 1g 10k - 1g 10k - 10g 10k - 50g 50 ppm/oc 10k - 10m 10k - 500m 10k - 500m 10k - 500m 10k - 500m 10k - 500m 100 ppm/oc 10k - 10m 10k - 1g 10k - 1g 10k - 1g 10k - 1g 10k - 1g 200 ppm/oc 10k - 10m 10k - 1g 10k - 1g 10k - 10g 10k - 10g 10k - 50g 300 ppm/oc 10k - 10m 10k - 1g 10k - 1g 10k - 10g 10k - 10g 10k - 50g 25 ppm/oc 1m - 10m 1m - 100m 1m - 100m 1m - 100m 1m - 100m 1m - 100m 1m - 100m 1m - 100m 50 ppm/oc 100k - 10m 100k - 100m 100k - 500m 100k - 500m 100k - 500m 100k - 500m 100k - 500m 100k - 500m 100 ppm/oc 10k - 10m 10k - 100m 10k - 500m 10k - 1g 10k - 1g 10k - 1g 10k - 1g 10k - 1g 200 ppm/oc 10k - 10m 10k - 100m 10k - 500m 10k - 1g 10k - 10g 10k - 10g 10k - 10g 10k - 10g 300 ppm/oc 10k - 10m 10k - 100m 10k - 500m 10k - 1g 10k - 10g 10k - 10g 10k - 10g 10k - 10g 25 ppm/oc 1m - 10m 1m - 100m 1m - 100m 1m - 100m 1m - 100m 1m - 100m 1m - 100m 1m - 100m 50 ppm/oc 100k - 10m 100k - 100m 100k - 500m 100k - 500m 100k - 500m 100k - 500m 100k - 500m 100k - 500m 100 ppm/oc 10k - 10m 10k - 100m 10k - 500m 10k - 1g 10k - 1g 10k - 1g 10k - 1g 10k - 1g 200 ppm/oc 10k - 10m 10k - 100m 10k - 500m 10k - 1g 10k - 10g 10k - 10g 10k - 10g 10k - 10g 300 ppm/oc 10k - 10m 10k - 100m 10k - 500m 10k - 1g 10k - 10g 10k - 10g 10k - 10g 10k - 10g 25 ppm/oc 1m - 100m 1m - 500m 1m - 500m 1m - 500m 1m - 500m 1m - 500m 1m - 500m 1m - 500m 50 ppm/oc 100k - 100m 100k - 500m 100k - 1g 100k - 1g 100k - 1g 100k - 1g 100k - 1g 100k - 1g 100 ppm/oc 10k - 100m 10k - 500m 10k - 1g 10k - 10g 10k - 10g 10k - 10g 100k - 50g 100k - 50g 200 ppm/oc 10k - 100m 10k - 500m 10k - 1g 10k - 10g 10k - 10g 10k - 10g 100k - 50g 100k - 50g 300 ppm/oc 10k - 100m 10k - 500m 10k - 1g 10k - 10g 10k - 10g 10k - 10g 100k - 50g 100k - 50g 25 ppm/oc 1m - 100m 1m - 500m 1m - 500m 1m - 500m 1m - 500m 1m - 500m 1m - 500m 1m - 500m 50 ppm/oc 100k - 100m 100k - 500m 100k - 1g 100k - 1g 100k - 1g 100k - 1g 100k - 1g 100k - 1g 100 ppm/oc 10k - 100m 10k - 500m 10k - 1g 10k - 10g 10k - 10g 10k - 10g 100k - 50g 100k - 50g 200 ppm/oc 10k - 100m 10k - 500m 10k - 1g 10k - 10g 10k - 10g 10k - 10g 100k - 50g 100k - 50g 300 ppm/oc 10k - 100m 10k - 500m 10k - 1g 10k - 10g 10k - 10g 10k - 10g 100k - 50g 100k - 50g (1) the continuous maximum voltage applied cannot exceed the maximum power rating and is ohmic value dependent. (2) to achieve, the terminals must be properly isolated from each other with appropriate potting material. note: other case sizes and tolerances are available. - - type / code power rating (watts) @ 70oc maximum working voltage (1) - resistane temperature coefficient 600v 10kv 40kv hvc0603 0.06w 400v 5kv HVC3512 3w 3,500v hvc2010 hvc2512 1w 1,700v 20kv 2w 2,500v 25kv hvc1206 0.33 hvc0805 0.2w ohmic range () and tolerance absolute maximum voltage (2) 1200v 15kv - features: ? a bsolute voltage ratings up to 40 ,000 volts ? ohmic values to 50g ? available with wire bondable terminations ? tight tolerances to 0.1 % ? utilizes fine film resistor deposition technology ? superior pulse handling c apabilities ? low tcr to 25 ppm/oc ? low vcr to 1 ppm/volt ? very low noise ? ultra high stability ? custom sizes available ? lower values may be available (contact factory) ? standard hvc parts are unmarked ? rohs compliant / lead - free electrical specifications
rev date: 01/02/2014 2 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specifications before you order and/or use. hvc series high v oltage thick film chip resistor stackpole electronics, inc. resistive product solutions operating temperature range: -55oc to +150oc ? r = 0.02% ? r = 2% paragraph 4.2.2.4.2 mil-prf-55342h ipc/eia j-std-002a paragraph 4.2.4.4 ipc/eia j-std-002a mil-prf-55342h pg. 32, paragraph 4.8.6 solderability short time overload ipc/eia j-std-002a pg 11, paragraph 3.12 ipc/eia j-std-002a paragraph 4.2.4 mil-std-202g method 108a test condition d paragraph 4.2.2 acceptable parameter load life temperature cycle (thermal shock) mil-std-202g resistance to soldering heat test test method method 107g test condition a h body height (max.) 0.063 + 0.01 / -0.005 0.031 0.005 0.020 0.010 0.005 0.012 0.008 inches 1.60 + 0.25 / -0.13 0.79 0.13 0.51 0.25 0.13 0.30 0.20 mm 0.079 + 0.01 / -0.005 0.050 0.005 0.025 0.010 0.005 0.013 0.008 inches 2.01 + 0.25 / -0.13 1.27 0.13 0.64 0.25 0.13 0.33 0.20 mm 0.126 + 0.01 / -0.005 0.063 0.005 0.030 0.010 0.005 0.020 0.010 inches 3.20 + 0.25 / -0.13 1.60 0.13 0.76 0.25 0.13 0.51 0.25 mm 0.200 + 0.01 / -0.005 0.100 0.005 0.030 0.018 0.010 0.020 0.010 inches 5.08 + 0.25 / -0.13 2.54 0.13 0.76 0.46 0.25 0.51 0.25 mm 0.250 + 0.01 / -0.005 0.125 0.005 0.030 0.020 0.010 0.024 0.010 inches 6.35 + 0.25 / -0.13 3.18 0.13 0.76 0.51 0.25 0.61 0.25 mm 0.350 + 0.01 / -0.005 0.125 0.005 0.030 0.020 0.010 0.024 0.010 inches 8.89 + 0.25 / -0.13 3.18 0.13 0.76 0.51 0.25 0.61 0.25 mm hvc1206 HVC3512 hvc2010 hvc2512 hvc0603 hvc0805 top termination b bottom termination w body width unit type / code a l body length mechanical specifications performance characteristics
rev date: 01/02/2014 3 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specifications before you order and/or use. hvc series high v oltage thick film chip resistor stackpole electronics, inc. resistive product solutions 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 h v c b 2 5 1 2 f k c 1 0 m 0 nominal size tcr resistance tolerance 1206 t2 100m 5% code termination tcr tol sei types pkg qty description code solderable wraparound t0 = 200ppm 0.1% 0603, 0805 5,000 7" reel - paper tape r 100% matte tin t1 = 100ppm 0.25% 1206, 2010 4,000 7" reel - plastic tape hvcg wire bondable (gold) t2 = 50ppm 0.5% 2512 2,000 7" reel - plastic tape solderable single surface t9 = 25ppm 1% 0603, 0805, 1206 7" reel - paper tape (sn/pb) 2% 2010, 2512, 3512 7" reel - plastic tape solderable single surface 5% 0603, 0805, 1206 7" reel - paper tape 100% matte tin 10% 2010, 2512, 3512 7" reel - plastic tape 20% all types 1,000 bulk a r hvcs hvcz sei type & termination packaging hvcb r hvcb d i 1,000 500 size 0603 code tol code quantity code ppm 0805 b 0.1% 5,000 e 25 hvcg wire bondable (gold) 1206 c 0.25% 4,000 c 50 solderable single surface 2010 d 0.5% 2,000 d 100 (sn/pb) 2512 f 1% l 200 solderable single surface 3512 g 2% m 300 (100% matte tin) j 5% k 10% m 20% b 1,000 bulk all sizes 2010, 2512, 3512 500 7" reel - plastic tape 0.06w 0.2w hvcb solderable wraparound (100% matte tin) 7" reel - plastic tape 2010, 2512, 3512 1,000 0.33w 1w 2w 7" reel - paper tape 0603, 0805, 1206 2512 d k hvcs 3w t hvcz description 7" reel - paper tape 7" reel - paper tape 0603, 0805, 1206 1 mohm = 1m00 four characters with the multiplier used as the decimal holder. 0603, 0805 1206, 2010 10 kohm = 10k0 tcr 7" reel - plastic tape 10 gohm = 10g0 packaging product series power tolerance size resistance value 0 150oc 120 140 160 180 ambient temperature (oc) -60 -40 -20 0 20 40 60 80 100 percent rated power (%) 100 -55oc 70oc 80 60 40 20 power derating curve: legacy part number (before january 3, 2011): how to order


▲Up To Search▲   

 
Price & Availability of HVC3512

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X