Part Number Hot Search : 
2A222 ISP1521 PE9554 NTE799 1A470 00150 MAX3248E U1145
Product Description
Full Text Search
 

To Download HAH1365-0R4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  delt a electronics, inc. (taoyuan plant cpbg) o at 25 c: 100khz, 1v s m t p o w e r i n d u c t o r hah1365 t ype rohs compliant. low profile (6.5mm max. height) smd type. magnetically shielded, suitable for high density mounting. high energy storage and low dcr. provided with embossed carrier tape packing. ideal for power source circuits, dc-dc converter, dc-ac inverters inductor application. in addition to the standard versions shown here, customized inductors are available to meet your exact requirements. features 97 electrical characteristics: mechanical dimension: 252, san ying road, kueisan industrial zone, taoyuan shien, 333, taiwan, r .o.c. tel: 886-3-3591968; fax: 886-3-3591991http://www.deltaww .com unit : mm / inc h a = 13 .0 0 .5 / 0 .512 0.0 20 b = 1 2.7 0.4 / 0.5 00 0.01 6 c = 4.00 / 0.1 57 d = 6.50 / 0.2 56 m ax. e = 0 .03 / 0.00 1 f = 3 .00 / 0.118 1 4.90 14.50 b a f c 4.8 5 . 0 d e 2 1. lo is the initial inductance. 2. isat is the dc current which cause the inductance drop to li. oo 3. operating temperature : -20 c to 105 c ( including self-temperature rise ). recommended pad pa tterns part no. lo li dcr isat (uh) (uh) 20% (m ) max (adc) hah1365-0r2 0.20 0.20 0.50 50 HAH1365-0R4 0.50 0.40 1.00 45 hah1365-1r0 1.00 0.80 1.80 30


▲Up To Search▲   

 
Price & Availability of HAH1365-0R4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X