gs1ae thru GS1ME 1.0 amp silicon rectifier 50 to 1000 volts features ? easy pick and place ? high temp soldering: 2 6 0 c for 10 seconds at terminals maximum ratings ? operating temperature: -55 c to +150 c ? storage temperature: -55 c to +150 c ? maximum thermal resistance; 15 c/w junction to lead mcc catalog number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage gs1ae gs1a 50v 35v 50v gs1be gs1b 100v 70v 100v gs1de gs1d 200v 140v 200v gs1ge gs1g 400v 280v 400v gs1je gs1j 600v 420v 600v gs1ke gs1k 800v 560v 800v GS1ME gs1m 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 1.0a t j = 75 c peak forward surge current i fsm 30a 8.3ms, half sine, maximum instantaneous forward voltage v f 1.1v i fm = 1.0a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 10 a 50 a t j = 25 c t j = 125 c typical junction capacitance c j 15pf measured at 1.0mhz, v r =4.0v *pulse test: pulse width 300 sec, duty cycle 2% omponents 2 0736 marilla street chatsworth
mcc do-214ac (smae) 0.070 0.090 0.085 suggested solder pad layout h j e g a b d c cathode band dimensions inches mm dim min max min max note a .079 .096 2.01 2.44 b .050 .075 1.27 1.90 c .002 .008 .05 .20 d --- .02 --- .51 e .030 .060 .76 1.52 g .189 .208 4.80 5.30 h .157 .180 4.00 4.57 j .090 .115 2.29 2.92 revision: a 2011/01/01 tm micro commercial components x low thermal resistance www. mccsemi .com 1 of 4 ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information) note: 1. high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
gs1ae thru GS1ME figure 4 junction capacitance .1 .2 1 .4 2 10 20 40 4 100 200 1 2 6 10 20 100 junction capacitance - pf versus reverse junction potential (applied v + 0.7 volts) - volts pf volts 1 10 100 6 12 18 24 30 36 figure 2 maximum forward surge current - peak forward current - amperes versus number of cycles at 60hz amps cycles average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 02040 60 80 100 120 140 160 180 0 .2 .4 .6 .8 1.0 1.2 1.4 resistive or inductive load amps c 200 60 40 4 400 1000 typical distribution median figure 1 typical forward characteristics mcc revision: a 2011 /01/01 tm micro commercial components instantaneous forward current - amperes versus instantaneous forward voltage - volts 10 1.0 0.1 1.2 1.0 0.8 0.6 0.4 0.01 t j = 150 c 100 c 25 c ?40 c amps www. mccsemi .com 2 of 4
gs1ae thru GS1ME .01 1 10 10 20 40 100 200 60 figure 5 peak forward surge current peak forward surge current - amperes versus pulse duration - milliseconds (ms) amps ms .02 .06 .1 .2 .6 2 6 400 600 1000 mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 3 of 4
mcc revision: a 2011 /01/01 tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 6kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.
|