Part Number Hot Search : 
HK8SX3B LT660 AHK214Y2 MAX6101 2N3029 BPW34 AT89LV51 FSE0140
Product Description
Full Text Search
 

To Download FMMT723 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0.4 +0.1 -0.1 2.9 +0.1 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.1 2.4 +0.1 -0.1 1.3 +0.1 -0.1 0-0.1 0.38 +0.1 -0.1 0.97 +0.1 -0.1 0.55 0.4 1.base 2.emitter 3.collector 12 3 unit: mm sot-23 0.1 +0.05 -0.01 FMMT723 features 625mw power dissipation i c cont 2.5a i c up to 10a peak pulse current excellent hfe characteristics up to 10a (pulsed) extremely low saturation voltage e.g. 10mv typ. exhibits extremely low equivalent on-resistance; r ce(sat) absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo -100 v collector-emitter voltage v ceo -100 v emitter-base voltage v ebo -5 v collector current i c -1 a peak collector current i cm -2.5 a base current i b -500 ma power dissipation p tot 625 mw operating and storage temperature range t j, t stg -55to+150 smd type ic smd type transistors smd type ic smd type smd type ic smd type smd type ic smd type smd type ic smd type s m d ty p e r a n s i s t o r product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com 4008-318-123
smd type transistors marking marking 723 electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector-base breakdown voltage v (br)cbo i c =-100a -100 -200 v collector-emitter breakdown voltage * v (br)ceo i c =-10ma -100 -160 v emitter-base breakdown voltage v (br)ebo i e =-100a -5 -8.8 v collector cutoff current i cbo v cb =-80v -100 na emitter cut-off current i ebo v eb =-4v -100 na collector emitter cut-off current i ces v ces =-80v -100 na collector-emitter saturation voltage * v ce( sat) i c =-0.1a, i b =-10ma i c =-0.5a, i b =-50ma i c =-1a, i b =-150ma -50 -125 -210 -80 -200 -330 mv base-emitter saturation voltage * v be( sat) i c =-1a,i b =-150ma -0.89 -1.0 v base-emitter voltage * v be(on) i c =-1a,v ce =-10v -0.71 -1.0 v i c =-10ma, v ce =-10v 300 475 i c =-0.1a, v ce =-10v 300 450 i c =-0.5a, v ce =-10v 250 375 i c =-1a, v ce =-10v 250 i c =-1.5a, v ce =-10v 30 current-gain-bandwidth product f t i c =-50ma,v ce =-10v,f=100mhz 150 200 mhz output capacitance c obo v cb =-10v,f=1mhz 13 20 pf ton i c =-0.5a, v cc =-50v 50 ns toff i b1 =i b2 =-50ma 760 ns * pulse test: tp = 300 s; d 0.02. switching times h fe static forward current transfer ratio * FMMT723 smd type ic smd type transistors smd type ic smd type smd type ic smd type smd type ic smd type smd type ic smd type s m d ty p e r a n s i s t o r product specification sales@twtysemi.com 2 of 2 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of FMMT723

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X