Part Number Hot Search : 
7493P CHF5KP15 D013T 3040P XR76203 MC14507 KUS2503 CSC2313F
Product Description
Full Text Search
 

To Download EVQP2T02M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  light touc h switches/evqp2/p9/3p2 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ? es89 ? 1 e 2 v 3 q 4 5 6 7 8 9 product code type height push plate color p p 2/9 3 4.7 mm  3.5 mm smd light touch switch es type: evqp2/evqp9/evq3p2 speci? cations features external dimensions : 4.7 mm  3.5 mm, height : middle push travel 2.5 mm short push travel 2.1 mm, 2.5 mm high operating force and long operational life high mountability with j-bent (4 terminals) recommended ap pli ca tions operation switches for portable electronic equipment (mobile phones, digital still cameras, camcorders, portable audio players, etc.) keyless entry systems (automotive) car audio equipment explanation of part numbers travel type middle push travel short push travel type sn ap action / push-on type spst electrical rating 10 a 2 vdc to 20 ma 15 vdc (resi stive load) contact re sistance 100 m  max. insulation resistance 100 m  min. dielectric with stand ing voltage 250 va c (1 minute) bouncing 10 ms max. (on, off) mechanical operatin g force 2.5 n, 3.5 n, 5.0 n 1.0 n, 1.6 n, 2.4 n, 3.5 n, 5.0 n travel 0.70 mm 0 .20 mm 0. 25 mm + 0.05 mm endurance ope rating life 2. 5 n: 1 000000 cycles min. 3. 5 n: 5 00000 cycles min. 5. 0 n: 2 00000 cycles min. 1. 0 n, 1. 6 n: 1 000000 cycles min. 2. 4 n: 5 00000 cycles min. 3. 5 n: 2 00000 cycles min. 5. 0 n: 2 00000 cycles min. operating temp erature ?40 c to +85 c storage tem per a ture ?40 c to +85 c (bulk) ?20 c to +60 c (taping) minimum quantity/packing unit 4000 pcs. embossed taping (reel pack) qu an ti ty /c ar to n 2 0000 pcs. ?0.15 oct. 2012 00
light touc h switches/e vqp2/p9/3p2 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ? es90 ? 0.6 2.5 3 4 1 2 0.6 0.1 1.7 0.1 2.7 0.1 3.7 0.1 6.6 0.1 4.7 0.1 1.8 1 2 3 4 0.7 0.1 pwb land pattern for reference circuit diagram +0.2 ? 0.1 3.5 0.1 1.65 0.1 5.5 +0 ? 0.3 dimensions in mm (not to scale) no. 1 pa rt nu mbers ground terminal operating force height push plate color operating life evqp2b02b with 2.5 n 2.5 mm blue 1000000 cycles evqp2d02q with 3.5 n 2.5 mm grey 500000 cycles evqp2f02k with 5.0 n 2.5 mm black 200000 cycles evqp2h02b without 2.5 n 2.5 mm blue 1000000 cycles evqp2k02q without 3.5 n 2.5 mm grey 500000 cycles evq3p202k without 5.0 n 2.5 mm black 200000 cycles evqp2 evq3p2 middle push travel with j-bent terminals (with ground terminal) oct. 2012 00
light touc h switches/evqp2/p9/3p2 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ? es91 ? 4.7 0.1 3.5 0.1 2 3 4 1 2 0.6 1.65 0.1 2.6 0.6 0.1 1.7 0.1 2.7 0.1 0.7 0.1 3.7 0.1 6.6 0.1 3 4 1 2 1.6 pwb land pattern for reference circuit diagram h 5.5 2.1 +0.2 ? 0.1 2.5 +0.2 ? 0.1 h +0 ? 0.3 dimensions in mm (not to scale) no. 2 pa rt nu mbers ground terminal operating force h=height push plate color operating life evqp2p02m with 1.0 n 2.1 mm natural 1000000 cycles evqp2p02w with 1.0 n 2.5 mm natural 1000000 cycles evqp2r02m with 1.6 n 2.1 mm natural 1000000 cycles evqp2r02w with 1.6 n 2.5 mm natural 1000000 cycles EVQP2T02M with 2.4 n 2.1 mm natural 500000 cycles evqp2t02w with 2.4 n 2.5 mm natural 500000 cycles evqp2v02m with 3.5 n 2.1 mm natural 200000 cycles evqp2v02w with 3.5 n 2.5 mm natural 200000 cycles evqp2002m without 1.0 n 2.1 mm natural 1000000 cycles evqp2002w without 1.0 n 2.5 mm natural 1000000 cycles evqp2202m without 1.6 n 2.1 mm natural 1000000 cycles evqp2202w without 1.6 n 2.5 mm natural 1000000 cycles evqp2402m without 2.4 n 2.1 mm natural 500000 cycles evqp2402w without 2.4 n 2.5 mm natural 500000 cycles evqp2602m without 3.5 n 2.1 mm natural 200000 cycles evqp2602w without 3.5 n 2.5 mm natural 200000 cycles evqp9h02m with 5.0 n 2.1 mm natural 200000 cycles evqp9h02w with 5.0 n 2.5 mm natural 200000 cycles evqp9p02m without 5.0 n 2.1 mm natural 200000 cycles evqp9p02w without 5.0 n 2.5 mm natural 200000 cycles evqp2 short push travel with j-bent terminals (with ground terminal) oct. 2012 00
light touc h switches/e vqp2/p9/3p2 design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. ? es92 ? 180 260 max. 150 230 90 30 40 10 (normal temp.) operation top ( c) soldering time (s) fan or normal temp. p 2 p 0 p 1 t 2 t 1 d 0 a b feeding hole chip component tape running direction chip pocket f w e tape width=12.0 mm t w a b e c d r t 0.3 mm max. switch mounting surface test pole leaning angle range 90 ? 4? ( vertical direction ) 3.3 to 3.7 r0.1 mm 0.05 mm r0.1 mm 0.05 mm middle push travel type short push travel type 3 recommended re? ow soldering conditions embossed carrier tap ing standard reel dimensions in mm (not to scale) unit: mm part no. height abwfep 1 p 2 p 0 d 0 dia. t 1 t 2 evqp2 evqp9 evq3p2 2.1 2.5 6. 0 0. 24 .7 0 .2 12.00.3 5.50.1 1.750.10 8.00.1 2.00.1 4.00.1 1.5 +0.1 0.30.1 2.70.2 ?0 item a b c d e rate (mm) 370.02.0 5 0.0 min. 13.00.5 21.01 .0 2.00.5 item w t t r rate (mm) 14.01.5 ? 1 .0 to 3.0 1.00.5 recommended shape of test pole recommended operating conditions oct. 2012 00


▲Up To Search▲   

 
Price & Availability of EVQP2T02M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X