Part Number Hot Search : 
FJ128 2SC1623W TTINY MMSZ5226 S541A MMSZ5226 4536Z B1426
Product Description
Full Text Search
 

To Download EMEM1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk low power precision cmos description the euroquartz EMEM1001 oscillator range are mems (micro electro- mechanical system) devices offering excellent jitter and stability performance over a wide range of supply voltages and temperature ranges (up to -40 to +105c). EMEM1001 parts incorporate an all- silicon resonator that is robust and perfoms well in high shock and vibration environments. EMEM1001 oscillators are available in four, industry-standard smd packages: 7 x 5mm, 5 x 3.2mm, 3.2 x 2.5mm and 2.5 x 2.0mm. the part may be 'dropped in' to most pcb footprints as standard crystal oscillators. electrical specifications EMEM1001- mems oscillator features frequency range 1.0 to 150mhz frequency stability 10, 25 or 50ppm operating voltage: 1.7v to 3.6v operating temperature range commercial: 0 to +70c ext. commercial: -20 to +70c industrial: -40 to +85c ext. industrial: -40 to +105c low operating and standby current 5ma operating (40mhz) 15a standby ultra-miniature footprint 2.5 x 2.0 x 0.85mm 3.2 x 2.5 x 0.85mm 5.0 x 3.2 x 0.85mm 7.0 x 5.0 x 0.85mm mil-std 883 shock & vibration resistant pb free, rohs, reach svhc compliant iso9001 (2008) qualified parameter symbol condition min. typ. max. unit supply current no load i dd c l = 0p r l = t = 25c 1mhz 27mhz 70mhz 150mhz 6.0 6.5 7.2 8.3 6.3 6.9 7.5 9.1 ma output transition time rise time fall time t r t f c l = 15pf; t = 25c 20%/80%*v dd 1.0 0.9 3 3 ns jitter, max cyle to cycle j cc f = 100mhz 3 60 ps vdd = 1.8v parameter symbol condition min. typ. max. unit supply current no load i dd c l = 0p r l = t = 25c 1mhz 27mhz 70mhz 150mhz 6.0 6.7 7.7 9.6 6.3 7.0 8.0 10.6 ma output transition time rise time fall time t r t f c l = 15pf; t = 25c 20%/80%*v dd 1.0 0.9 2 2 ns jitter, max cyle to cycle j cc f = 100mhz 3 50 ps vdd = 2.5v parameter symbol condition min. typ. max. unit supply current no load i dd c l = 0p r l = t = 25c 1mhz 27mhz 70mhz 150mhz 6.0 6.8 8.2 10.8 6.3 7.2 8.7 12.0 ma output transition time rise time fall time t r t f c l = 15pf; t = 25c 20%/80%*v dd 1.0 0.9 2 2 ns jitter, max cyle to cycle j cc f = 100mhz 3 50 ps vdd = 3.3v page 1 of 5 freq: 1.0mhz to 150.0mhz notes: 1. absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed. the device should not be operated beyond these limits. 2. t su is time to stable frequency output after vdd is applied. t su and t en (after en is asserted) are identical values. 3. measured over 50k clock cycles.
euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk parameter symbol condition min. typ. max. unit frequency f0 single frequency 1 150 mhz frequency tolerance ?f includes frequency variations due to initial tolerance, temperature and power supply voltage 10, 25, 50 ppm ageing ?f 1 year @25c 5 ppm supply current, standby i dd t=25c 15 a output logic levels output logic high output logic low v oh v ol -4ma 4ma 0.8*v dd 0.2*v dd volts output startup time 2 t su t=25c 1.0 1.3 ms output disable time t da 20 100 ns output duty cycle sym 45 55 % input logic levels input logic high input logic low v ih v il 0.75*v dd 0.25*v dd volts specifications (vdd = 1.8 to 3.3v t a = 85 unless otherwise specified) low power precision cmos EMEM1001- mems oscillator page 2 of 5 ordering information package (plastic qfn) temperature stability frequency packing option p=a: 7.0 x 5.0mm p=b: 5.0 x 3.2mm p=c: 3.2 x 2.5mm p=d: 2.5 x 2.0mm t=c: 0 ~ +70c t=e:-20 ~ +70c t=i:-40 ~ +85c t=l:-40 ~ +105c s=1: 50ppm s=2: 25ppm s=3: 10ppm xxx.xxx blank: tubes t: tape & reel absolute maximum ratings item min. max. unit condition input voltage -0.3 vdd+0.3 v junction temp. - +150 c storage temp. -55 +150 c soldering temp. - +260 c 40 sec. max. esd hbm mm cdm - 4000 200 1500 v standby# (pin 1) output (pin 3) high level output on open (not connected) output on low level high impedance standby function parameter symbol range supply voltage vdd 1.7 ~3.6v output load zl r>10k , c15pf operating temperature option 1 option 2 option 3 option 4 t -40 to +105c -40 to +85c -20 to +70c 0 to + 60c ordering code recommended operating conditions example: EMEM1001 ce1 - 123.000 t package, temp., & stability output freq. 1.0 to 150mhz blank = tubes t = tape & reel family freq: 1.0mhz to 150.0mhz order in the form: EMEM1001pts-frequency-supply format example: EMEM1001ce1-123.000t this is an 123.000mhz oscillator in a plastic 3.2 x 2.5mm package; stability 50ppm over -20 to +70c, shipped in tape and reel.
euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk low power precision cmos EMEM1001- mems oscillator page 3 of 5 freq: 1.0mhz to 150.0mhz nominal performance characteristics
euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk low power precision cmos EMEM1001- mems oscillator freq: 1.0mhz to 150.0mhz 7.0 x 5.0mm plastic package board layout (recommended) solder reflow profile package dimensions msl1 @ 260c refer to jstd-020c ramp-up rate (200c to peak temp.) 3c/s max. preheat time 150c to 200c 60-180s time maintained above 217c 60-150s peak temperature 255-260c time within 5c of actual peak 20-40s ramp-down rate 6c/s max. time 25c to peak temperature 8 min max. page 4 of 5
euro quartz euroquartz limited blacknell lane crewkerne somerset uk ta18 7he tel: +44 (0)1460 230000 fax: +44 (0)1460 230001 email: info@euroquartz.co.uk www.euroquartz.co.uk 5.0 x 3.2mm plastic package 3.2 x 2.5mm plastic package low power precision cmos EMEM1001- mems oscillator 2.5 x 2.0mm plastic package freq: 1.0mhz to 150.0mhz page 5 of 5


▲Up To Search▲   

 
Price & Availability of EMEM1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X