Part Number Hot Search : 
T74C1 G15BN STM6913 SN8P2610 20121 CY7C1046 SGV120 89E58
Product Description
Full Text Search
 

To Download EEE-1AA331P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ s C eee-9 C negative polarity marking (C) (no marking for the bi-polar)  4 capacitance (f) rated voltage mark (v.dc) (6=6.3 v.dc) series indenti?cation (s) or (a) (a size=lot number) mark for lead-free products black dot (square) lot number (no marking=a size) a0.2 w ( ) reference size 0 d0.5 h b0.2 (i) k (p) (i) l + C 0.3 max. pressure relief ( 0 10 and larger) features endurance: 85 c 2000 h vibration-proof product is available upon request. ( 0 8 mm and larger) rohs directive compliant surface mount type series: s type: v specifi cations dimensions in mm (not to scale) marking example:4v 33 f (polarized) marking color: black category temp. range C40 c to +85 c rated w.v. range 4 v.dc to 100 v.dc nominal cap. range 1 f to 1500 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv or 3 (a) (bi-polar i < 0.02 cv or 6 (a) after 2 minutes (whichever is greater) tan d please see the attached standard products list characteristics at low temperature w.v. (v) 4 6.3 10 16 25 35 50 63 100 (impedance ratio at 120 hz) z(C25 c)/z(+20 c) 743222233 z(C40 c)/z(+20 c) 1586443344 endurance after applying rated working voltage for 2000 hours (bi-polar:1000 hours for each polarity) at +85 c 2 c and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change 20 % of inisial measured value size code rated w.v. cap. change a( 0 3) 4 w.v to 50 w.v 1000 hours 30 % b( 0 4) to d, d8( 0 6.3) 4 w.v < d( 0 6.3) miniature 6.3 w.v > 10 w.v 1000 hours 20 % tan d < 200 % initial speci? ed value dc leakege current < initial speci? ed value shelf life after storage for 1000 hours at +85 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci? ed in endurance. (with voltage treatment) resistance to soldering heat after re? ow soldering and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change 10 % of initial measured value tan d < initial speci? ed value dc leakage current < initial speci? ed value size code d l a, b h i w p k a 3.0 5.4 - 0.2 3.3 4.5 max. 1.5 0.550.1 0.6 0.35 - 0.20 b 4.0 5.4 - 0.2 4.3 5.5 max. 1.8 0.650.1 1.0 0.35 - 0.20 c 5.0 5.4 - 0.2 5.3 6.5 max. 2.2 0.650.1 1.5 0.35 - 0.20 d 6.3 5.4 - 0.2 6.6 7.8 max. 2.6 0.650.1 1.8 0.35 - 0.20 d8 6.3 7.70.3 6.6 7.8 max. 2.6 0.650.1 1.8 0.35 - 0.20 e 8.0 6.20.3 8.3 9.5 max. 3.4 0.650.1 2.2 0.35 - 0.20 f 8.0 10.20.3 8.3 10.0 max. 3.4 0.900.2 3.1 0.700.20 g 10.0 10.20.3 10.3 12.0 max. 3.5 0.900.2 4.6 0.700.20 + 0.1 + 0.1 + 0.1 + 0.1 + 0.15 + 0.15 + 0.15 + 0.15 + 0.15 + 0.15 frequency (hz) 50, 60 120 1 k 10 k to correction factor 0.70 1.00 1.30 1.70 frequency correction factor for ripple current (unit : mm) 01 sep. 2013
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ s C eee-10 C standard prod ucts w.v. cap. (20 %) case size speci? cation part no. (rohs:compliant) re? ow min. packaging q'ty dia. length ? size code ripple current (120 hz) (+85 c) tan d (120 hz) (+20 c) en dur ance taping (v) (f) (mm) (mm) (ma r.m.s.) (hours) (pcs) 4 22 3 5.4 a 19 0.37 1000 eee0gs220sr ?? (1) 2000 33 4 5.4 b 26 0.35 1000 eee0ga330sr (1) 2000 47 4 5.4 b 34 0.35 1000 eee0ga470sr (1) 2000 100 5 5.4 c 61 0.35 1000 eee0ga101sr (1) 1000 220 6.3 5.4 d 82 0.35 1000 eee0ga221sp (1) 1000 330 6.3 5.4 (d) 80 0.50 1000 eee0ga331wp (1) 1000 470 6.3 7.7 d8 200 0.35 1000 eee0ga471xp (1) 9 0 0 6.3 22 3 5.4 (a) 20 0.35 1000 eee0js220wr ?? (1) 2000 4 5.4 b 29 0.26 2000 eee0ja220sr (1) 2000 33 4 5.4 (b) 22 0.35 1000 eee0ja330wr (1) 2000 47 4 5.4 (b) 36 0.35 1000 eee0ja470wr (1) 2000 5 5.4 c 46 0.26 2000 eee0ja470sr (1) 1000 100 5 5.4 (c) 47 0.35 1000 eee0ja101wr (1) 1000 6.3 5.4 d 71 0.26 2000 eee0ja101sp (1) 1000 220 6.3 5.4 (d) 74 0.35 1000 eee0ja221wp (1) 1000 330 6.3 7.7 d8 188 0.26 2000 eee0ja331xp (1) 9 0 0 8 6.2 e 300 0.35 2000 eee0ja331p (2) 1000 470 8 10.2 f 380 0.35 2000 eee0ja471p (2) 500 1000 8 10.2 (f) 500 0.35 2000 eee0ja102up (2) 500 10 10.2 g 700 0.35 2000 eee0ja102p (2) 500 1500 10 10.2 g 750 0.35 2000 eee0ja152p (2) 500 10 22 4 5.4 (b) 28 0.30 1000 eee1aa220wr (1) 2000 33 4 5.4 (b) 29 0.30 1000 eee1aa330wr (1) 2000 5 5.4 c 43 0.20 2000 eee1aa330sr (1) 1000 47 5 5.4 (c) 43 0.30 1000 eee1aa470wr (1) 1000 100 5 5.4 (c) 50 0.30 1000 eee1aa101wr (1) 1000 6.3 5.4 d 70 0.26 2000 eee1aa101sp (1) 1000 220 6.3 7.7 d8 173 0.20 2000 eee1aa221xp (1) 9 0 0 8 6.2 e 250 0.26 2000 eee1aa221p (2) 1000 330 8 10.2 f 390 0.26 2000 eee1aa331p (2) 500 470 8 10.2 (f) 390 0.26 2000 eee1aa471up (2) 500 10 10.2 g 400 0.26 2000 eee1aa471p (2) 500 1000 10 10.2 g 580 0.26 2000 eee1aa102p (2) 500 16 10 3 5.4 a 20 0.18 1000 eee1cs100sr ?? (1) 2000 4 5.4 b 28 0.16 2000 eee1ca100sr (1) 2000 22 4 5.4 (b) 28 0.26 1000 eee1ca220wr (1) 2000 5 5.4 c 39 0.16 2000 eee1ca220sr (1) 1000 33 5 5.4 (c) 35 0.26 1000 eee1ca330wr (1) 1000 47 5 5.4 (c) 39 0.26 1000 eee1ca470wr (1) 1000 6.3 5.4 d 70 0.16 2000 eee1ca470sp (1) 1000 100 6.3 5.4 (d) 70 0.26 1000 eee1ca101wp (1) 1000 8 6.2 e 200 0.20 2000 eee1ca101p (2) 1000 220 6.3 7.7 d8 162 0.16 2000 eee1ca221xp (1) 9 0 0 8 10.2 f 280 0.20 2000 eee1ca221p (2) 500 330 8 10.2 (f) 320 0.20 2000 eee1ca331up (2) 500 10 10.2 g 380 0.20 2000 eee1ca331p (2) 500 470 8 10.2 (f) 350 0.20 2000 eee1ca471up (2) 500 10 10.2 g 420 0.20 2000 eee1ca471p (2) 500 ? size code( ):miniaturization product ?? please kindly accept last shipment : 31/mar/2014 please refer to the page of re? ow pro? le and the taping dimensions. when requesting vibration-proof product, please put the last v instead to p 01 sep. 2013
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ s C eee-11 C standard prod ucts w.v. cap. (20 %) case size speci? cation part no. (rohs:compliant) re? ow min. packaging q'ty dia. length ? size code ripple current (120 hz) (+85 c) tan d (120 hz) (+20 c) en dur ance taping (v) (f) (mm) (mm) (ma r.m.s.) (hours) (pcs) 25 4.7 3 5.4 a 12 0.16 1000 eee1es4r7sr ?? (1) 2000 4 5.4 b 22 0.14 2000 eee1ea4r7sr (1) 2000 10 4 5.4 (b) 22 0.20 1000 eee1ea100wr (1) 2000 5 5.4 c 28 0.14 2000 eee1ea100sr (1) 1000 22 5 5.4 (c) 35 0.20 1000 eee1ea220wr (1) 1000 6.3 5.4 d 55 0.14 2000 eee1ea220sp (1) 1000 33 5 5.4 (c) 42 0.20 1000 eee1ea330wr (1) 1000 6.3 5.4 d 65 0.14 2000 eee1ea330sp (1) 1000 47 6.3 5.4 (d) 70 0.20 1000 eee1ea470wp (1) 1000 100 6.3 7.7 d8 143 0.14 2000 eee1ea101xp (1) 9 0 0 8 6.2 (e) 91 0.16 2000 eee1ea101up (2) 1000 8 10.2 f 180 0.16 2000 eee1ea101p (2) 500 220 8 10.2 (f) 230 0.16 2000 eee1ea221up (2) 500 10.0 10.2 g 310 0.16 2000 eee1ea221p (2) 500 330 8 10.2 (f) 270 0.16 2000 eee1ea331up (2) 500 10 10.2 g 340 0.16 2000 eee1ea331p (2) 500 470 10 10.2 g 380 0.16 2000 eee1ea471p (2) 500 35 2.2 3 5.4 a 8 0.14 1000 eee1vs2r2sr ?? (1) 2000 3.3 3 5.4 a 10 0.14 1000 eee1vs3r3sr ?? (1) 2000 4.7 4 5.4 b 22 0.12 2000 eee1va4r7sr (1) 2000 10 4 5.4 (b) 22 0.16 1000 eee1va100wr (1) 2000 5 5.4 c 30 0.12 2000 eee1va100sr (1) 1000 22 5 5.4 (c) 36 0.16 1000 eee1va220wr (1) 1000 6.3 5.4 d 60 0.12 2000 eee1va220sp (1) 1000 33 6.3 5.4 (d) 60 0.16 1000 eee1va330wp (1) 1000 8 6.2 e 130 0.14 2000 eee1va330p (2) 1000 47 6.3 5.4 (d) 70 0.16 1000 eee1va470wp (1) 1000 8 6.2 e 165 0.14 2000 eee1va470p (2) 1000 100 6.3 7.7 d8 132 0.12 2000 eee1va101xp (1) 9 0 0 8 10.2 (f) 140 0.14 2000 eee1va101up (2) 500 10 10.2 g 210 0.14 2000 eee1va101p (2) 500 220 8 10.2 (f) 200 0.14 2000 eee1va221up (2) 500 10 10.2 g 310 0.14 2000 eee1va221p (2) 500 330 10 10.2 g 350 0.14 2000 eee1va331p (2) 500 ? size code( ):miniaturization product ?? please kindly accept last shipment : 31/mar/2014 please refer to the page of re? ow pro? le and the taping dimensions. when requesting vibration-proof product, please put the last v instead to p 01 sep. 2013
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ s C eee-12 C standard prod ucts w.v. cap. (20 %) case size speci? cation part no. (rohs:compliant) re? ow min. packaging q'ty dia. length ? size code ripple current (120 hz) (+85 c) tan d (120 hz) (+20 c) en dur ance taping (v) (f) (mm) (mm) (ma r.m.s.) (hours) (pcs) 50 0.1 3 5.4 a 1 0.14 1000 eee1hs0r1sr ?? (1) 2000 4 5.4 b 1 0.12 2000 eee1ha0r1sr ??? (1) 2000 0.22 3 5.4 a 2 0.14 1000 eee1hsr22sr ?? (1) 2000 4 5.4 b 2 0.12 2000 eee1har22sr ??? (1) 2000 0.33 3 5.4 a 3 0.14 1000 eee1hsr33sr ?? (1) 2000 4 5.4 b 3 0.12 2000 eee1har33sr ??? (1) 2000 0.47 3 5.4 a 5 0.14 1000 eee1hsr47sr ?? (1) 2000 4 5.4 b 5 0.12 2000 eee1har47sr ??? (1) 2000 1 3 5.4 a 8 0.14 1000 eee1hs010sr ?? (1) 2000 4 5.4 b 10 0.12 2000 eee1ha010sr ??? (1) 2000 2.2 3 5.4 a 8 0.14 1000 eee1hs2r2sr ?? (1) 2000 4 5.4 b 16 0.12 2000 eee1ha2r2sr (1) 2000 3.3 4 5.4 b 16 0.12 2000 eee1ha3r3sr (1) 2000 4.7 4 5.4 (b) 18 0.14 1000 eee1ha4r7wr (1) 2000 5 5.4 c 23 0.12 2000 eee1ha4r7sr (1) 1000 10 5 5.4 (c) 27 0.14 1000 eee1ha100wr (1) 1000 6.3 5.4 d 35 0.12 2000 eee1ha100sp (1) 1000 22 6.3 5.4 (d) 40 0.14 1000 eee1ha220wp (1) 1000 8 6.2 e 120 0.12 2000 eee1ha220p (2) 1000 33 6.3 7.7 d8 85 0.12 2000 eee1ha330xp (1) 9 0 0 8 6.2 (e) 65 0.12 2000 eee1ha330up (2) 1000 8 10.2 f 110 0.12 2000 eee1ha330p (2) 500 47 6.3 7.7 d8 105 0.12 2000 eee1ha470xp (1) 9 0 0 8 10.2 (f) 110 0.12 2000 eee1ha470up (2) 500 10 10.2 g 130 0.12 2000 eee1ha470p (2) 500 100 8 10.2 (f) 200 0.12 2000 eee1ha101up (2) 500 10 10.2 g 250 0.12 2000 eee1ha101p (2) 500 220 10 10.2 g 300 0.12 2000 eee1ha221p (2) 500 63 22 8 6.2 (e) 40 0.18 2000 eee1ja220up (2) 1000 8 10.2 f 40 0.18 2000 eee1ja220p (2) 500 33 8 10.2 f 45 0.18 2000 eee1ja330p (2) 500 47 8 10.2 (f) 45 0.18 2000 eee1ja470up (2) 500 10 10.2 g 45 0.18 2000 eee1ja470p (2) 500 100 10 10.2 g 60 0.18 2000 eee1ja101p (2) 500 100 3.3 8 6.2 e 50 0.18 2000 eee2aa3r3p (2) 1000 4.7 8 6.2 (e) 50 0.18 2000 eee2aa4r7up (2) 1000 10 8 6.2 (e) 50 0.18 2000 eee2aa100up (2) 1000 8 10.2 f 85 0.18 2000 eee2aa100p (2) 500 22 8 10.2 (f) 55 0.18 2000 eee2aa220up (2) 500 10 10.2 g 85 0.18 2000 eee2aa220p (2) 500 33 10 10.2 g 90 0.18 2000 eee2aa330p (2) 500 ? size code( ):miniaturization product ?? please kindly accept last shipment : 31/mar/2014 ??? please kindly accept last shipment : 31/mar/2015 please refer to the page of re? ow pro? le and the taping dimensions. when requesting vibration-proof product, please put the last v instead to p 01 sep. 2013
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ s C eee-13 C standard prod ucts (bi-polar) w.v. cap. (20 %) case size speci? cation part no. (rohs:compliant) re? ow min. packaging q'ty dia. length size code ripple current (120 hz) (+85 c) tan d (120 hz) (+20 c) en dur ance taping (v) (f) (mm) (mm) (ma r.m.s.) (hours) (pcs) 6.3 22 5 5.4 c 29 0.52 2000 eee0ja220nr (1) 1000 47 6.3 5.4 d 46 0.52 2000 eee0ja470np (1) 1000 10 10 4 5.4 b 25 0.40 2000 eee1aa100nr (1) 2000 33 6.3 5.4 d 43 0.40 2000 eee1aa330np (1) 1000 16 4.7 4 5.4 b 20 0.32 2000 eee1ca4r7nr (1) 2000 10 5 5.4 c 25 0.32 2000 eee1ca100nr (1) 1000 22 6.3 5.4 d 39 0.32 2000 eee1ca220np (1) 1000 25 3.3 4 5.4 b 12 0.28 2000 eee1ea3r3nr (1) 2000 4.7 5 5.4 c 21 0.28 2000 eee1ea4r7nr (1) 1000 10 6.3 5.4 d 28 0.28 2000 eee1ea100np (1) 1000 35 2.2 4 5.4 b 12 0.24 2000 eee1va2r2nr (1) 2000 4.7 5 5.4 c 22 0.24 2000 eee1va4r7nr (1) 1000 10 6.3 5.4 d 30 0.24 2000 eee1va100np (1) 1000 50 0.22 4 5.4 b 2 0.24 2000 eee1har22nr ??? (1) 2000 0.33 4 5.4 b 3 0.24 2000 eee1har33nr ??? (1) 2000 0.47 4 5.4 b 5 0.24 2000 eee1har47nr ??? (1) 2000 1 4 5.4 b 10 0.24 2000 eee1ha010nr (1) 2000 2.2 5 5.4 c 16 0.24 2000 eee1ha2r2nr (1) 1000 3.3 5 5.4 c 21 0.24 2000 eeenz1h3r3r (1) 1000 4.7 6.3 5.4 d 31 0.24 2000 eee1ha4r7np (1) 1000 ??? please kindly accept last shipment : 31/mar/2015 please refer to the page of re? ow pro? le and the taping dimensions. when requesting vibration-proof product, please put the last v instead to p endurance : 85 c 2000 h 01 sep. 2013


▲Up To Search▲   

 
Price & Availability of EEE-1AA331P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X