Part Number Hot Search : 
ASM5I OZ9976 VN1316N2 WARP20 SR804 FM107 1N5938 2SB762
Product Description
Full Text Search
 

To Download EB000GD410BB0W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  obsolete el/eb www.vishay.com vishay roederstein revision: 13-apr-12 1 document number: 25113 for technical questions, contact: aluminumcaps 1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 aluminum capacitors axial capacitors style features ? polarized aluminum electrolytic capacitors ? standard dimensions ? charge/discharge proof ? high ripple current capability ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? general purpose, industrial electronics and audio/video systems ? coupling, smoothing, filter ing, buffering and timing ? portable and mobile units ? vibration and shock resistant quick reference data description unit low voltage high voltage nominal case size (? d x l ) mm 3.3 x 8 to 3.3 x 11 4.5 x 11 6 x 10 to 10 x 25 6.5 x 18 to 10 x 25 rated capacitance range c r f 0.47 to 10 0.47 to 47 4.7 to 1000 1 to 22 capacitance tolerance % - 10 to + 50 rated voltage range v 6.3 to 63 10 to 100 6.3 to 100 160 to 385 category temperature range c - 40 to + 85 - 40 to + 85 endurance test at uppe r category temp. h 1000 2000 useful life at 105 c and i r applied h - (750) (1000) - useful life at 85 c and i r applied h 1500 3000 5000 useful life at 40 c and i r applied h 40 000 85 000 130 000 failure rate (0.8 u r , 40 c) 10 -9 /h ? 550 ? 105 ? 70 based on sectional specif ications iec 384-4, cecc 30300 based on detailed specifications similar to cecc 30301-044 climatic category iec 60068 40/085/56 40/085/56 din 40040 gpf gpf selection chart for c r , u r and relevant nominal case sizes (? d x l in mm) c r (f) u r (v) ? 100 v u r (v) > 100 v 6.3 10 16 25 40 50 63 100 160 250 350 385 0.47 ? ? ???? 3.3 x 8 3.3 x 11 4.5 x 11 - - - - 1.0 ? el ?? 3.3 x 11 ? 3.3 x 8 4.5 x 11 4.5 x 11 ?? ? 6.5 x 18 2.2 ???? 3.3 x 8 3.3 x 11 ? 3.3 x 11 4.5 x 11 4.5 x 11 ? 6.5 x 18 ? 8 x 18 4.7 ?? 3.3 x 8 3.3 x 11 ? 3.3 x 11 ? 4.5 x 11 ? 6.5 x 18 8 x 18 10 x 18 10 x 25 10 3.3 x 8 3.3 x 11 ? 3.3 x 11 4.5 x 11 4.5 x 11 ?? ? 8 x 18 10 x 25 - - 22 ? 4.5 x 11 ? 4.5 x 11 ? ? eb ? 10 x 25 - - - 47 ? 4.5 x 11 - - - - - - - - - - 100 ? 6 x 10 ? 6.5 x 18 8 x 18 10 x 18 10 x 25 - - - - - 220 eb 6.5 x 18 8 x 18 10 x 18 10 x 18 - - - - - - - 470 8 x 18 10 x 18 10 x 18 10 x 25 - - - - - - - - 1000 10 x 25 10 x 25 10 x 25 - - - - - - - - -
obsolete el/eb www.vishay.com vishay roederstein revision: 13-apr-12 2 document number: 25113 for technical questions, contact: aluminumcaps 1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? axial style capacitors are insulated. note ? unless otherwise specified, all electrical values apply at t a = 20 c, p = 86 kpa to 106 kpa, rh = 45 % to 75 %. ordering example the following table give s the ordering number. the 16th place of ordering code refers to packaging for axial lead capacitors: malaeb000gd410c... eb 1000 f 10 v 10 x 25 malaeb000gd410ca0w a = taped on reel malaeb000gd410cb0w b = taped ammo dimensions in millimeters and available forms axial style: dimensions in millimeters, mass, packaging quantities and ordering code nominal case size ? d x l ? d ? d max. l max. a min. b mass approx. g packaging, ending of ordering code, quantities taped on reel taped ammo code pcs. code pcs. 3.3 x 8 0.6 3.5 9.0 12.5 63.5 1.5 0.3 ..a0w 4000 ..b0w 1000 3.3 x 11 0.6 3.5 12.0 15 63.5 1.5 0.35 ..a0w 3000 ..b0w 1000 4.5 x 11 0.6 5.0 11.5 15 63.5 1.5 0.5 ..a0w 3000 ..b0w 1000 6 x 10 0.6 6.3 10.5 15 63.5 1.5 0.7 ..a0w 1000 ..b0w 1000 6.5 x 18 0.8 6.9 18.5 25 73.0 1.6 1.3 ..a0w 1000 ..b0w 1000 8 x 18 0.8 8.5 18.5 25 73.0 1.6 1.7 ..a0w 500 ..b0w 500 10 x 18 0.8 10.5 18.5 25 73.0 1.6 2.5 ..a0w 500 ..b0w 500 10 x 25 0.8 10.5 25.0 30 73.0 1.6 3.3 ..a0w 500 ..b0w 500 b l ? d ? d + l a ? d ? d electrical data symbol description c r rated capacitance at 100?hz u r rated voltage tan ? max. dissipation factor at 100 hz r esr equivalent series resistance at 100?hz (calculated from tan ? max. and c r ) z max. impedance at 10?khz i r rated alternating current (rms) at 100 hz and upper category temperature t a ambient temperature t uc upper category temperature rh relative humidity pambient pressure
obsolete el/eb www.vishay.com vishay roederstein revision: 13-apr-12 3 document number: 25113 for technical questions, contact: aluminumcaps 1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) tan ? 100 hz max. r esr 100 hz ( ? ) z 10 khz max. ( ? ) i r 100 hz t uc (a) catalog number mala... 6.3 10 3.3 x 8 0.30 47.7 20.0 0.011 el000an210bb0w 10 3.3 x 11 0.30 47.7 20.0 0.015 el000aa210bb0w 470 8 x 18 0.25 0.847 0.430 0.33 eb000fl347bb0w 1000 10 x 25 0.25 0.398 0.200 0.56 EB000GD410BB0W 10 22 4.5 x 11 0.20 14.5 7.30 0.045 el000ba222cb0w 47 4.5 x 11 0.20 6.78 3.40 0.070 el000ba247cb0w 100 6 x 10 0.20 3.19 1.60 0.11 eb000ck310cb0w 220 6.5 x 18 0.20 1.45 0.730 0.21 eb000dl322cb0w 470 10 x 18 0.20 0.680 0.340 0.41 eb000gl347cb0w 1000 10 x 25 0.20 0.320 0.160 0.56 eb000gd410cb0w 16 4.7 3.3 x 8 0.20 68.0 26.0 0.009 el000an147db0w 4.7 3.3 x 11 0.20 67.8 26.0 0.015 el000aa147db0w 10 3.3 x 11 0.20 32.0 12.0 0.016 el000aa210db0w 220 8 x 18 0.16 1.16 0.550 0.27 eb000fl322db0w 470 10 x 18 0.16 0.540 0.280 0.41 eb000gl347db0w 1000 10 x 25 0.16 0.260 0.130 0.55 eb000gd410db0w 25 10 4.5 x 11 0.14 22.300 9.000 0.05 el000ba210eb0w 22 4.5 x 11 0.14 10.200 4.100 0.06 el000ba222eb0w 100 6.5 x 18 0.14 2.200 0.900 0.16 eb000dl310eb0w 220 10 x 18 0.14 1.000 0.410 0.35 eb000gl322eb0w 470 10 x 25 0.14 0.470 0.190 0.50 eb000gd347eb0w 40 1.0 3.3 x 11 0.16 239 75.0 0.008 el000aa110gb0w 2.2 3.3 x 8 0.16 120 32.0 0.007 el000an122gb0w 2.2 3.3 x 11 0.16 109 32.0 0.012 el000aa122gb0w 4.7 3.3 x 11 0.16 54.000 15.000 0.013 el000aa147gb0w 10 4.5 x 11 0.11 17.600 7.000 0.05 el000ba210gb0w 100 8 x 18 0.11 1.750 0.700 0.22 eb000fl310gb0w 220 10 x 18 0.12 0.870 0.340 0.36 eb000gl322gb0w 50 100 10 x 18 0.10 1.60 0.650 0.25 eb000gl310hb0w 63 0.47 3.3 x 8 0.10 340 120 0.004 el000an047jb0w 0.47 3.3 x 11 0.10 339 117 0.008 el000aa047jb0w 1.0 3.3 x 8 0.12 190.000 55.000 0.006 el000an110jb0w 1.0 4.5 x 11 0.09 143.000 55.000 0.013 el000ba110jb0w 2.2 3.3 x 11 0.14 87.000 25.000 0.011 el000aa122jb0w 2.2 4.5 x 11 0.09 66.000 25.000 0.025 el000ba122jb0w 4.7 4.5 x 11 0.09 31.000 12.000 0.040 el000ba147jb0w 100 10 x 25 0.08 1.270 0.550 0.30 eb000gd310jb0w 100 0.47 4.5 x 11 0.08 271 96.0 0.009 el000ba047lb0w 1.0 4.5 x 11 0.08 128 45.0 0.020 el000ba110lb0w 2.2 4.5 x 11 0.08 57.9 21.0 0.030 el000ba122lb0w
obsolete el/eb www.vishay.com vishay roederstein revision: 13-apr-12 4 document number: 25113 for technical questions, contact: aluminumcaps 1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 low temperature behaviour table for the calculation of the maximu m 10 khz impedance at low temperatures: note ? in practical operation the lower limit of the series resistance and impedance is given by the ohmic part of the contact points and the foil resistance values. therefore it will not always be possible to achieve calculated values below 0.05 ? . 160 4.7 6.5 x 18 0.15 51.0 26.0 0.050 eb000dl147mb0w 10 8 x 18 0.15 24.0 12.0 0.070 eb000fl210mb0w 22 10 x 25 0.15 11.0 5.50 0.19 eb000gd222mb0w 250 2.2 6.5 x 18 0.10 72.0 50.0 0.035 eb000dl122nb0w 4.7 8 x 18 0.10 34.0 23.0 0.055 eb000fl147nb0w 10 10 x 25 0.10 16.0 11.0 0.090 eb000gd210nb0w 350 4.7 10 x 18 0.10 34.0 22.0 0.060 eb000gl147ob0w 385 1.0 6.5 x 18 0.10 160 100 0.020 eb000dl110rb0w 2.2 8 x 18 0.10 72.0 45.0 0.040 eb000fl122rb0w 4.7 10 x 25 0.10 34.0 22.0 0.070 eb000gd147rb0w additional electrical data parameter conditions value voltage surge voltage u r ? 100 v u s =1.15 x u r u r ? 160 v u s =1.10xu r reverse voltage - u rev ? 1 v current leakage current u r ? 100 v u r ? 160 v u r , 300 s u r , 300 s i l /a ? 0.0015 x c r /f x u r /v + 3 i l /a ? 0.0150 x c r /f x u r /v + 10 t a (c) rated voltage (v) 6.3 10 16 25 40 50 63 100 160 250 350 385 - 25 1300 1000 860 440 330 270 200 160 1000 940 860 1800 - 40 4800 3500 2400 1200 990 800 550 500 5000 4600 4200 6000 electrical data and ordering information u r (v) c r 100 hz (f) nominal case size ? d x l (mm) tan ? 100 hz max. r esr 100 hz ( ? ) z 10 khz max. ( ? ) i r 100 hz t uc (a) catalog number mala... z10khz ??? ?? tabular value c r f ?? ---------------------------------------- =
obsolete el/eb www.vishay.com vishay roederstein revision: 13-apr-12 5 document number: 25113 for technical questions, contact: aluminumcaps 1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 lifetime table u r ? 100 v note i r rated ripple current (100 hz, rms) [a ] at upper category temperature t uc taken from datasheet i user ripple current [a] t a ambient temperature of capacitor [c] l lifetime multiplier regard l as a function of ambient temperature (x-axis) and of current (y-axis); use the current-axis according to the frequency lifetime table u r > 100 v note i r rated ripple current (100 hz, rms) [a ] at upper category temperature t uc taken from datasheet i user ripple current [a] t a ambient temperature of capacitor [c] l lifetime multiplier regard l as a function of ambient temperature (x-axis) and of current (y-axis); use the current-axis according to the frequency interrelation between alternating current, ambient temperature and lifetime i/i r (frequency dependent) lifetime multiplier l (depending on i/i r and t a ) frequency [hz] ambient temperature t a [c] 50 100 250 500 1000 2500 10k 40 45 50 55 60 65 70 75 80 85 90 95 100 105 00000 0 0563523159.76.44.33.02.01.421.000.710.510.37 0.18 0.20 0.22 0.23 0.24 0.25 0.26 54 34 22 14 9.4 6.3 4.2 2.9 2.0 1.40 0.98 0.70 0.50 0.36 0.36 0.40 0.44 0.46 0.48 0.50 0.52 49 31 20 13 8.8 5.9 4.0 2.7 1.9 1.33 0.94 0.67 0.48 0.35 0.54 0.60 0.66 0.69 0.72 0.75 0.78 43 28 18 12 8.0 5.4 3.7 2.5 1.8 1.24 0.88 0.63 0.45 0.33 0.72 0.80 0.88 0.92 0.96 1.00 1.04 36 24 16 10 7.0 4.8 3.3 2.3 1.6 1.13 0.80 0.58 0.42 0.31 0.90 1.00 1.10 1.15 1.20 1.25 1.30 29 19 13 8.8 6.0 4.1 2.9 2.0 1.4 1.00 0.72 0.52 0.38 0.28 1.08 1.20 1.32 1.38 1.44 1.50 1.56 23 16 11 7.3 5.0 3.5 2.4 1.7 1.2 0.88 0.63 0.46 0.34 1.26 1.40 1.54 1.61 1.68 1.75 1.82 18 12 8.5 5.9 4.1 2.9 2.0 1.5 1.0 0.75 0.55 0.40 0.29 1.44 1.60 1.76 1.84 1.92 2.00 2.08 13 9.4 6.6 4.7 3.3 2.3 1.7 1.2 0.87 0.64 0.47 0.34 1.62 1.80 1.98 2.07 2.16 2.25 2.34 10 7.1 5.1 3.6 2.6 1.9 1.4 1.0 0.72 0.53 0.39 0.29 1.80 2.00 2.20 2.30 2.40 2.50 2.60 7.3 5.3 3.8 2.8 2.0 1.5 1.1 0.80 0.59 0.43 0.32 1.98 2.20 2.42 2.53 2.64 2.75 2.86 5.3 3.9 2.9 2.1 1.6 1.2 0.85 0.63 0.47 0.35 2.16 2.40 2.64 2.76 2.88 3.00 3.12 3.8 2.8 2.1 1.6 1.2 0.89 0.66 0.50 0.37 0.28 2.34 2.60 2.86 2.99 3.12 3.25 3.38 2.7 2.1 1.6 1.2 0.89 0.67 0.51 0.39 0.29 2.52 2.80 3.08 3.22 3.36 3.50 3.64 1.9 1.5 1.1 0.87 0.67 0.51 0.39 0.30 2.70 3.00 3.30 3.45 3.60 3.75 3.90 1.4 1.1 0.82 0.64 0.49 0.38 0.30 combination no t permitted 2.88 3.20 3.52 3.68 3.84 4.00 4.16 0.95 0.75 0.59 0.46 0.36 0.28 3.06 3.40 3.74 3.91 4.08 4.25 4.42 0.66 0.53 0.42 0.34 3.24 3.60 3.96 4.14 4.32 4.50 4.68 0.46 0.37 3.42 3.80 4.18 4.37 4.56 4.75 4.94 0.32 interrelation between alternating current, ambient temperature and lifetime i/i r (frequency dependent) lifetime multiplier l (depending on i/i r and t a ) frequency [hz] ambient temperature t a [c] 50 100 250 500 1000 2500 10k 40 45 50 55 60 65 70 75 80 85 0 0 0 0 0 0 0 66 42 27 17 11 8 5.1 3.5 2.42 1.69 0.17 0.20 0.23 0.25 0.26 0.27 0.28 63 40 26 17 11 7 5.0 3.4 2.35 1.64 0.34 0.40 0.46 0.50 0.52 0.54 0.56 54 35 23 15 10 6.7 4.6 3.1 2.18 1.53 0.51 0.60 0.70 0.74 0.78 0.80 0.84 44 29 19 13 8.7 5.9 4.0 2.8 1.95 1.37 0.68 0.80 0.93 0.99 1.04 1.07 1.12 35 23 16 11 7.2 4.9 3.4 2.4 1.68 1.19 0.85 1.00 1.16 1.24 1.30 1.34 1.40 26 17 12 8.3 5.7 4.0 2.8 2.0 1.40 1.00 1.02 1.20 1.39 1.49 1.56 1.61 1.68 18 13 9.0 6.3 4.4 3.1 2.2 1.6 1.14 1.19 1.40 1.62 1.74 1.82 1.88 1.96 13 9.2 6.5 4.7 3.3 2.4 1.7 1.2 1.36 1.60 1.86 1.98 2.08 2.14 2.24 8.8 6.4 4.7 3.4 2.5 1.8 1.3 1.53 1.80 2.09 2.23 2.34 2.41 2.52 5.9 4.4 3.2 2.4 1.8 1.3 1.70 2.00 2.32 2.48 2.60 2.68 2.80 3.9 3.0 2.2 1.7 1.2 1.87 2.20 2.55 2.73 2.86 2.95 3.08 2.6 2.0 1.5 1.1 combination not permitted 2.04 2.40 2.78 2.98 3.12 3.22 3.36 1.7 1.3 1.0 2.21 2.60 3.02 3.22 3.38 3.48 3.64 1.1
obsolete el/eb www.vishay.com vishay roederstein revision: 13-apr-12 6 document number: 25113 for technical questions, contact: aluminumcaps 1@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 test procedures and requirements test procedure (quick reference) requirements name of test reference endurance iec?60384-4/ en?1300300, subclause?4.13 t a ?=?upper cat. temp.; u r applied 6.3 v ? u r ? 100 v: 1000 h t a ?=?85 c; u r applied 160 v ? u r ? 500 v: 2000 h u r = 6.3 v: - 40 % ? ? c/c ? 25 % u r = 6.3 v: - 30 % ? ? c/c ? 30 % tan? ??? ?1.5 x spec. limit z ? 3 x spec. limit i l (300 s) ? spec. limit useful life cecc?30301, subclause?1.8.1 t a ?=?105?c; u r and i r applied 6.3 v ? u r ? 100 v case 4.5 x 11: 750 h cases 6 x 10 to 10 x 25: 1000 h cases 6 x 10 to 10 x 25: 1000 h u r = 6.3 v: - 50 % ? ? c/c ? 45 % u r = 6.3 v: - 45 % ? ? c/c ? 45 % tan ? ? 3 x spec. limit z ? 3 x spec. limit i l (300 s) ? spec. limit no short or open circuit total failure percentage: ? 1 % t a ?=?85 c; u r and i r applied 160 v ? u r ? 400 v: 5000 h shelf life (storage at high temperature) iec?60348-4/ en?1300300, subclause?4.17 t a ?= upper cat. temp.; no voltage applied 6.3 v ? u r ? 100 v cases 3.3 x 8 to 10 x 25: 500 h after test: u r to be applied for 30?min 24 h to 48?h befo re measurement u r = 6.3 v: - 40 % ? ? c/c ? 25 % u r = 6.3 v: - 30 % ? ? c/c ? 30 % tan ? ? 1.5 x spec. limit z? ? 3 x spec. limit i l (300 s) ? 2 x?spec. limit
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of EB000GD410BB0W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X