Part Number Hot Search : 
BA1332F TGA2958 8C84E2 SF601 MGF4319 HZS7A1 1410313 TDA7294S
Product Description
Full Text Search
 

To Download DMP3056LDM-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4. detail go to our website at www.twtysemi.com dmp3056ldm features ? low r ds(on) : ? 45m @v gs = -10v ? 65m @v gs = -4.5v ? low input/output leakage ? lead free by design/rohs compliant (note 3) ? qualified to aec-q101 standards for high reliability ? "green" device (note 4) mechanical data ? case: sot-26 ? case material ? molded plasti c, ?green? molding compound. ul flammability rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish - matte ti n annealed over copper leadframe. solderable per mil-std-202, method 208 ? terminal connections: see diagram ? weight: 0.008 grams (approximate) maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit drain-source voltage v dss -30 v gate-source voltage v gss 20 v drain current (note 1) continuous (v gs = -10v) t a = 25c t a = 70c i d -5 -4.2 a pulsed drain current (note 2) i dm -13 a thermal characteristics characteristic symbol value unit total power dissipation (note 1) p d 1.25 w thermal resistance, junction to ambient (note 1); steady-state r ja 100 c/w operating and storage temperature range t j , t stg -55 to +150 c notes: 1. device mounted on 1"x1", fr-4 pc board on 0.1in. 2 pads on 2 oz. copper pads and test pulse width t 10s. 2. repetitive rating, pulse widt h limited by junction temperature. 3. no purposefully added lead. sot-26 top view internal schematic g s d d d d top view 1 of 1 4008-318-123 sales@twtysemi.com http://www.twtysemi.com smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification


▲Up To Search▲   

 
Price & Availability of DMP3056LDM-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X