Part Number Hot Search : 
MMSZ526 L8150 2SC3995 EDREDRED EUP2570 17S682K BT138 CL766
Product Description
Full Text Search
 

To Download CP5200M0000NBT0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document no. 008-0321-0 page 1 - 4 rev. b ? ? ? cts electronic co mponents, inc. ? 171 covington drive ? bloomingdale, il 60108 ? ? ? ? ? ? www.ctscorp.com ? ? ? model cp5 and cp7 features ? standard 5x3.2 and 7x5mm smt footprint ? lvcmos output ? pll technology ? frequency range 2 ? 200 mhz ? frequency stability, 50 ppm ? +2.5vdc or +3.3vdc operation ? operating temperature to ?40c to +85c ? output enable (stand-by) ? tape & reel packaging ? rohs/green compliant ordering information m - indicates mhz and decimal point. frequency is recorded with 4 significant digits to the right of the "m". supply voltage package type clock, programmable a = 50 ppm, -20c to +70c b = 50 ppm, -40c to +85c m 5 = 5x3.2mm, lcc 7 = 7x5mm, lcc model number frequency in mhz cp l = +3.3v n = +2.5v packaging options t0 = tape and reel (1k pcs.) t3 = tape and reel (250 pcs.) sp = slide pak (plastic tube) bk = bulk stability / temperature range example part number: cp7032m7680labk description the cp5 and cp7 is a ceramic packaged programmable clock oscillator for quick turn delivery. wide range of frequencies allows engineers to develop new designs and bring them to market faster and more efficiently.
document no. 008-0321-0 page 2 - 4 rev. b ? ? ? cts electronic components, inc. ? 171 covington drive ? bloomingdale, il 60108 ? ? ? model cp5 and cp7 5x3.2mm and 7x5mm low cost programmable clock oscillator electrical characteristics parameter symbol conditions min typ max unit maximum supply voltage v cc - -0.5 - 4.6 v storage temperature t stg - -55 - 125 c frequency range f o - 2 - 200 mhz frequency stability (see note 1 and ordering information) o p eratin g tem p erature commercial -20 70 industrial -40 85 data retention - @ 85c 10 - - years supply voltage (see note 2) 2.25 2.5 2.75 2.97 3.3 3.63 supply current i cc @ c l = 15 pf - -40ma output load c l ---15pf output voltage levels logic '1' level v oh cmos load i oh = -4ma 0.1v cc -- logic '0' level v ol cmos load i ol = +4ma -- 0.9v cc output duty cycle sym @ 50% level 45 - 55 % rise and fall time t r , t f @ 20% - 80% levels - 2.5 4 ns start up time t s application of v cc --10ms enable function enable input voltage v ih pin 1 logic '1', output enabled 0.7v cc -- disable input voltage v il pin 1 logic '0', output disabled - - 0.2v cc standby current i st pin 1 logic '0', output disabled - - 10 ua enable start up time t plz pin 1 logic '1', output enabled - - 10 ms jitter (peak - peak) j p-p 10k hits & 0.1uf bypass capacitor - 100 250 ps phase jitter tjms bandwidth 12 khz - 20 mhz - 2.5 - ps rms notes: 1. 2. power supply start-up time should be greater than 150 us (0%v cc to 90%v cc ). inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and first year aging at an ave rage operating temperature of +40 c. -50 v t a -c 25 ? f/f o electrical and waveform parameters v cc 10 % v v ppm - - absolute maximums cmos/ttl output waveform period (t) 90%, 80%, 2.4v 50%, 1.5v 10%, 20%, 0.5v duty cycle = t/t x 100 (%) v v oh ol tr tf uptime (t) t est circuit, cmos load power supply + - +- - + vm ma .01uf d.u.t. 43 12 c l including probe capacitance. enable input enable truth table pin 1 pin 3 logic ?1? output open output logic ?0? high imp. d.u.t. pin assignments pin symbol description 1 eoh enable input (standby) 2 gnd circuit & package ground 3 output rf output 4 v cc supply voltage
document no. 008-0321-0 page 3 - 4 rev. b ? ? ? cts electronic components, inc. ? 171 covington drive ? bloomingdale, il 60108 ? ? ? model cp5 and cp7 5x3.2mm and 7x5mm low cost programmable clock oscillator mechanical specifications package drawing 1 pin 1 identifier 4 3 2 l w t p4 p1 p2 p3 suggested solder pad geometry s4 s3 s2 s1 12 3 4 c bypass cp5 marking information, label cp7 marking information, label 1. p5 ? programmable, 5x3.2mm packag e. 1. yyww ? programmed date code, 2. v - voltage code (see ordering information). yy ? year, ww ? week. 2. s - stability/temperature code (see ordering information). 2. xxx . xxxx - frequency marked with 4 significant digits 3. d ? manufactured date code (see table i). after the decimal. 4. xx . xxx - frequency marked with 3 significant digits 3. p7vsp after the decimal or xxx . xx - frequency marked with p7 ? programmable, 7x5mm package. 2 significant digits after the decimal. v - voltage code. s - stability/temperature code. cts yyww xxx . xxxx p7vs marking label here p5vsd xx . xxx table i ? date code month year jan feb mar apr may jun jul aug sep oct nov dec 2001 2005 2009 2013 2017 a b c d e f g h j k l m 2002 2006 2010 2014 2018 n p q r s t u v w x y z 2003 2007 2011 2015 2019 a b c d e f g h j k l m 2004 2008 2012 2016 2020 n p q r s t u v w x y z dimension table package l w t p1 p2 p3 p4 s1 s2 s3 s4 5.0 0.2 3.2 0.2 1.2 max 1.2 1.0 2.54 2.2 1.2 1.4 2.2 2.54 0.197 0.008 0.126 0.008 0.047 max 0.047 0.039 0.100 0.087 0.047 0.055 0.087 0.100 7.0 0.2 5.0 0.2 1.6 max 1.4 1.2 5.08 3.7 2.0 1.8 4.2 5.08 0.276 0.008 0.197 0.008 0.063 max 0.055 0.047 0.200 0.146 0.079 0.071 0.165 0.200 mm inch cp5 cp7 key: p5vsd xxx . xx
document no. 008-0321-0 page 4 - 4 rev. b ? ? ? cts electronic components, inc. ? 171 covington drive ? bloomingdale, il 60108 ? ? ? model cp5 and cp7 5x3.2mm and 7x5mm low cost programmable clock oscillator quality and reliability quality systems meet or exceed the requirements of iso 9000:2000 standards. packaging information contact cts distributors for quantity requirements and mechanical details for each packaging option. environmental specifications temperature cycle: 400 cycles from ?55c to + 125c, 10 minute dwell at each temperature, 1 minute transfer time between temperatures. mechanical shock: 1,500g?s, 0.5ms duration, ? sinewave, 3 shocks each direction along 3 mutually perpendicular planes (18 total shocks). sinusoidal vibration: 0.06 inches do uble amplitude, 10 to 55 hz and 20 g ?s, 55 to 2,000 hz, 3 cycles each in 3 mutually perpendicular planes (9 times total). gross leak: no leak shall appear while imme rsed in an fc40 or equivalent liquid at +125c for 20 seconds. fine leak: mass spectrometer leak rates less than 2x10 -8 atm cc/sec air equivalent. resistance to solder heat: pr oduct must survive 3 reflows of +260c peak, 10 seconds maximum. high temperature operating bias: 2,000 hours at +125 c, maximum bias, disregarding frequency shift. frequency aging: 1,000 hours at +85c, full bias, less than 5 ppm shift. moisture sensitivity level: level 1 per jedec j-std-020.


▲Up To Search▲   

 
Price & Availability of CP5200M0000NBT0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X