Part Number Hot Search : 
2SC4097 EC4A12 CXA3106Q M67749HR 3979SLPT BZX976V8 RLZ11 107AF
Product Description
Full Text Search
 

To Download CAPA80014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  111 audio sata capa800 intel ? atom? n450/ d410/ d510 3.5" embedded sbc with intel ? ich8m chipset, lvds/vga, dual lans and audio intel ? atom? processor n450/d410/d510 1.66 ghz 1 ddr2 so-dimm supports up to 2 gb memory capacity 8 usb 2.0 ports 4 com ports pci express mini card expansion display: lvds/vga i/o ordering information packing list system mio 3 x rs-232 (com 2~4); with +5v/+12v powered 1 x rs-232/422/485 (com1); with +5v/+12v powered sata 2 x sata-300 hardware monitoring detect system temperature, voltage and fan speed ethernet 1st port 10/100/1000 mbps supports wake-on-lan, pxe boot rom with intel ? 82567v 2nd port 10/100/1000 mbps supports wake-on-lan, pxe boot rom with realtek rtl8111dl audio hd codec audio as mic-in/line-in/line-out/speaker-out with realtek alc662 usb 8 x usb 2.0 smbus system management bus for advanced monitoring/control digital i/o 8 channels in/out programmable standard capa800vgga-n450 (fanless) (p/n: e38e800100) 3.5" sbc with intel ? atom? processor n450, vga/lvds, 2 10/100/1000mbps ethernet, 4 com, 8 usb and audio capa800vgga-d510 (heatsink fan included) (p/n: e38e800103) 3.5" sbc with intel ? atom? processor d510, vga/lvds, 2 10/100/1000mbps ethernet, 4 com, 8 usb and audio optional/moq capa800vgga-d410 (heatsink fan included) (p/n: e38e800102) 3.5" sbc with intel ? atom? processor d410, vga/lvds, 2 10/100/1000mbps ethernet, 4 com, 8 usb and audio ax95601 (p/n: e395601100) lvds converter for scale up to 1920 x 1080 48bit ax95601 (p/n: e395601101) lvds converter for pixel compensated to 1280 x 1024 48bit standard quick installation guide, user's manual/utility cd, cable cable part number description qty 59380000300e 2 x com w/ bracket p=1.27 x 2.54 l=300 mm 1 59384500100e audio cable w/ bracket p=2,450 mm 1 59382631000e 2 x usb 2.0 wafer cable w/ bracket 180 mm 1 cpu intel ? atom? processor n450/ d410 1.66 ghz single core & d510 1.66 ghz dual core onboard system memory 1 x 200-pin so-dimm supports ddr2-667/800 max. up to 4 gb (n450 supports ddr2-667 max. up to 2 gb) chipset intel ? ich8m bios ami ssd 1 x compactflash? watchdog timer 255 levels, 1~255 sec. expansion interface 1 x pci express mini card v1.2 battery lithium 3v/220mah power input 2 x 2-pin connector +12v dc-in only at auto power on function supported power requirements *intel ? atom? n450 @1.66 ghz, 1 gb ddr2 max. rms: +12v @ 907ma *intel ? atom? d410 @1.66 ghz, 1 gb ddr2 max. rms: +12v @ 1.02a *intel ? atom? d510 @1.66 ghz, 1 gb ddr2 max. rms: +12v @ 1.207a size 146 x 104 mm board thickness 1.6 mm operating standard: 0 ~ +60c (32f ~ 140f) temperature optional: -20c ~ +70c (-4f ~ +158f) relative humidity 10% ~ 95% relative humidity, non-condensing features rear view top view ddr2 so-dimm cf type-ii fanless low power lvds pci express mini card vga usb 2.0 3~8 ethernet 1 ethernet 2 usb 2.0 1/2 com 1 com 2 com 3/4 display chipset intel ? gma 3150 graphics core memory size intel ? dvmt 4.0 compliant display interface 1 x vga 1 x lvds; 18-bit single channel aird pcie mini pcie mini pcie mini * all specifications and photos are subject to change without notice.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: axiomtek: ? capa800vgga-d510? capa800vgga-n450


▲Up To Search▲   

 
Price & Availability of CAPA80014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X