Part Number Hot Search : 
DP8303 ADV7179 SMAJ26A AM29L TCZX8V2 ADT5115T ATA6285 T46R0
Product Description
Full Text Search
 

To Download BZX84C5V6-AU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 june 14,2011-rev.02 bzx84c2v4$8 series surface mount silicon zener diodes voltage 2.4 to 75 volts power 410 mwatts mechanical data ? case: sot-23, molded plastic ? terminals: solderable per mil-std-750, method 2026 ? polarity: see diagram below ? approx. weight: 0.0003 ounces, 0.0084 grams ? mounting position: any maximum ratings and electrical characteristics(t a =25 o c unless otherwise noted) notes: 1. mounted on 50mmx16mm fr-4 board. 2. mounted on minimum pad layout (1cmx1cm fr-4 board). parameter symbol value units maximum power dissipation (notes 1) at 25 o c p d 410 mw typical thermal resistance ,junction to ambient (notes 2) r ja 500 o c/w operating junction and storagetemperature range t j -55 to +150 o c single 12 3 sot-23 unit inch(mm) 0.120(3.04) 0.110(2.80) 0.056(1.40) 0.047(1.20) 0.079(2.00) 0.070(1.80) 0.020(0.50) 0.013(0.35) 0.044(1.10) 0.035(0.90) 0.008(0.20) 0.003(0.08) 0.004(0.10) 0.000(0.00) features ? planar die construction ? 410mw power dissipation ? zener voltages from 2.4~75v ? ideally suited for automated assembly processes ? acqire quality system certificate : ts16949 ? aec-q101 qualified ? lead free in comply with eu rohs 2002/95/ec directives. ? green molding compound as per iec61249 std. . (halogen free)
page . 2 june 14,2011-rev.02 part number nominal zener voltage max. zener impedance max reverse leakage current marking code v z @ i zt z zt @ i zt z zk @ i zk i r @ v r nom. v min. v max. v ma ma a v 410 mwatts zener diodes 2.4 2.28 2.52 100 5.0 600 1.00 50 1.0 w1 2.7 2.57 2.84 100 5.0 600 1.00 20 1.0 w2 3 2.85 3.15 95 5.0 600 1.00 10 1.0 w3 3.3 3.14 3.47 95 5.0 600 1.00 5.0 1.0 w4 3.6 3.42 3.78 90 5.0 600 1.00 5.0 1.0 w5 3.9 3.71 4.10 90 5.0 600 1.00 3.0 1.0 w6 4.3 4.09 4.52 90 5.0 600 1.00 3.0 1.0 w7 4.7 4.47 4.94 80 5.0 500 1.00 3.0 2.0 w8 5.1 4.85 5.36 60 5.0 480 1.00 2.0 2.0 w9 5.6 5.32 5.88 40 5.0 400 1.00 1.0 2.0 wa 6.2 5.89 6.51 10 5.0 150 1.00 3.0 4.0 wb 6.8 6.46 7.14 15 5.0 80 1.00 2.0 4.0 wc 7.5 7.13 7.88 15 5.0 80 1.00 1.0 5.0 wd 8.2 7.79 8.61 15 5.0 80 1.00 0.7 5.0 we 8.7 8.27 9.14 15 5.0 100 1.00 0.7 5.0 87c 9.1 8.65 9.56 15 5.0 100 1.00 0.5 6.0 wf 10 9.50 10.50 20 5.0 150 1.00 0.2 7.0 wg 11 10.45 11.55 20 5.0 150 1.00 0.1 8.0 wh 12 11.40 12.60 25 5.0 150 1.00 0.1 8.0 wi 13 12.35 13.65 30 5.0 170 1.00 0.1 8.0 wk 14 13.30 14.70 30 5.0 170 1.00 0.1 10.0 wj 15 14.25 15.75 30 5.0 200 1.00 0.1 10.5 wl 16 15.20 16.80 40 5.0 200 1.00 0.1 11.2 wm 17 16.15 17.85 40 5.0 200 1.00 0.1 12.2 17c 18 17.10 18.90 45 5.0 225 1.00 0.1 12.6 wn 20 19.00 21.00 55 5.0 225 1.00 0.1 14.0 wo 22 20.90 23.10 55 5.0 250 1.00 0.1 15.4 wp 24 22.80 25.20 70 5.0 250 1.00 0.1 16.8 wr 27 25.65 28.35 80 5.0 300 1.00 0.1 18.9 ws 28 26.60 29.40 80 5.0 300 1.00 0.1 20.5 28c 30 28.50 31.50 80 5.0 300 1.00 0.1 21.0 wt 33 31.35 34.65 80 5.0 325 1.00 0.1 23.1 wu 36 34.20 37.80 90 5.0 350 1.00 0.1 25.2 ww 39 37.05 40.95 130 5.0 350 1.00 0.1 27.3 wx 43 40.85 45.15 150 5.0 375 1.00 0.1 30.1 wy 47 44.65 49.35 170 5.0 375 1.00 0.1 32.9 wz 51 48.45 53.55 100 5.0 400 1.00 0.1 38.0 xa 56 53.20 58.80 135 2.5 1000 1.00 0.1 42.0 x2 62 58.90 65.10 150 2.5 1000 1.00 0.1 46.0 x3 68 64.60 71.40 200 2.5 1000 1.00 0.1 51.0 x4 75 71.25 78.75 250 2.5 1000 1.00 0.1 56.0 x5 bzx84c2v4-au bzx84c2v7-au bzx84c3-au bzx84c3v3-au bzx84c3v6-au bzx84c3v9-au bzx84c4v3-au bzx84c4v7-au bzx84c5v1-au BZX84C5V6-AU bzx84c6v2-au bzx84c6v8-au bzx84c7v5-au bzx84c8v2-au bzx84c8v7-au bzx84c9v1-au bzx84c10-au bzx84c11-au bzx84c12-au bzx84c13-au bzx84c14-au bzx84c15-au bzx84c16-au bzx84c17-au bzx84c18-au bzx84c20-au bzx84c22-au bzx84c24-au bzx84c27-au bzx84c28-au bzx84c30-au bzx84c33-au bzx84c36-au bzx84c39-au bzx84c43-au bzx84c47-au bzx84c51-au bzx84c56-au bzx84c62-au bzx84c68-au bzx84c75-au bzx84c2v4$8 series
page . 3 june 14,2011-rev.02 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o 100 10 1 10 100 0.6 0.5 0.4 0.3 0.2 0.1 0 125 100 75 50 25 0 t=25c a o 150 fig.2 temperature coefficents fig.4 typical forward voltage fig.1 steady state power derating nominal zener voltage,volts forward voltage, volts temperature ( c) o temperature coefficient,(mv/ c) o power dissipation, watts forward current,ma 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 8070605040302010 0 +150 c o +25 c o -55 c o fig.3 typical leakage current leakage current,ua normal zener voltage, volts bzx84c2v4$8 series
page . 4 june 14,2011-rev.02 mounting pad layout ? packing information t/r - 12k per 13" plastic reel t/r - 3k per 7 plastic reel order information sot-23 0.031 min. (0.80) min. 0.037 (0.95) 0.043 (1.10) 0.078 (2.00) 0.035 min. (0.90) min. 0.043 (1.10) 0.106 (2.70) unit inch(mm) bzx84c2v4$8 series
page . 5 june 14,2011-rev.02 part no_packing code_version bzx84c2v4-au _r1_000a 1 for example : rb500v-40 _ r2 _ 00001 bzx84c2v4-au _r2_000 a 1 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d bx4c2v4-au series
disclaimer z reproducing and modifying information of the document is prohibited without permission from panjit international inc.. z panjit international inc. reserves the right s to make changes of the content herein the document anytime without notific ation. please refer to our website for the latest document. z panjit international inc. disclaims any and a ll liability arising out of the application or use of any product including damages inci dentally and consequentially occurred. z panjit international inc. does not assume any and all im plied warranties, including warranties of fitness for particular pur pose, non-infringement and merchantability. z applications shown on the herein doc ument are examples of standard use and operation. customers are responsible in co mprehending the suitable use in particular applications. panjit international inc. make s no representation or warranty that such applications will be suitable for the specified us e without further testing or modification. z the products shown herein are not desi gned and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera . customers using or selli ng these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages result ing from such improper use or sale. page . 6 june 14,2011-rev.02 bzx84c2v4$8 series


▲Up To Search▲   

 
Price & Availability of BZX84C5V6-AU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X