Part Number Hot Search : 
UPC2807A MBRF1050 LH1485AT TLP59 3600B 1580C MAX9326 SDH40F
Product Description
Full Text Search
 

To Download BT134-600G-127 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t o - 2 2 0 a b bt134-600g 4q triac 21 november 2013 product data sheet scan or click this qr code to view the latest information for this product 1. general description planar passivated four quadrant triac in a sot82 plastic package intended for use in general purpose bidirectional switching and phase control applications. 2. features and benefits ? compact package ? high blocking voltage capability ? least sensitive gate for highest noise immunity ? planar passivated for voltage ruggedness and reliability ? triggering in all four quadrants 3. applications ? general purpose low power motor control ? home appliances ? industrial process control 4. quick reference data table 1. quick reference data symbol parameter conditions min typ max unit v drm repetitive peak off- state voltage - - 600 v i tsm non-repetitive peak on- state current full sine wave; t j(init) = 25 c; t p = 20 ms; fig. 4 ; fig. 5 - - 25 a i t(rms) rms on-state current full sine wave; t mb 107 c; fig. 1 ; fig. 2 ; fig. 3 - - 4 a static characteristics v d = 12 v; i t = 0.1 a; t2+ g+; t j = 25 c; fig. 7 - 5 50 ma v d = 12 v; i t = 0.1 a; t2+ g-; t j = 25 c; fig. 7 - 8 50 ma i gt gate trigger current v d = 12 v; i t = 0.1 a; t2- g-; t j = 25 c; fig. 7 - 11 50 ma
nxp semiconductors bt134-600g 4q triac bt134-600g all information provided in this document is subject to legal disclaimers. ? nxp n.v. 2013. all rights reserved product data sheet 21 november 2013 2 / 13 symbol parameter conditions min typ max unit v d = 12 v; i t = 0.1 a; t2- g+; t j = 25 c; fig. 7 - 30 100 ma 5. pinning information table 2. pinning information pin symbol description simplified outline graphic symbol 1 t1 main terminal 1 2 t2 main terminal 2 3 g gate mb t2 mounting base; main terminal 2 3 2 1 sip3 (sot82) s y m 0 5 1 t 1 g t 2 6. ordering information table 3. ordering information package type number name description version bt134-600g sip3 plastic single-ended package; 3 leads (in-line) sot82
nxp semiconductors bt134-600g 4q triac bt134-600g all information provided in this document is subject to legal disclaimers. ? nxp n.v. 2013. all rights reserved product data sheet 21 november 2013 3 / 13 7. limiting values table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). symbol parameter conditions min max unit v drm repetitive peak off-state voltage - 600 v i t(rms) rms on-state current full sine wave; t mb 107 c; fig. 1 ; fig. 2 ; fig. 3 - 4 a full sine wave; t j(init) = 25 c; t p = 20 ms; fig. 4 ; fig. 5 - 25 a i tsm non-repetitive peak on-state current full sine wave; t j(init) = 25 c; t p = 16.7 ms - 27 a i 2 t i2t for fusing t p = 10 ms; sin - 3.1 a 2 s i t = 6 a; i g = 0.2 a; di g /dt = 0.2 a/s; t2+ g+ - 50 a/s i t = 6 a; i g = 0.2 a; di g /dt = 0.2 a/s; t2+ g- - 50 a/s i t = 6 a; i g = 0.2 a; di g /dt = 0.2 a/s; t2- g- - 50 a/s di t /dt rate of rise of on-state current i t = 6 a; i g = 0.2 a; di g /dt = 0.2 a/s; t2- g+ - 10 a/s i gm peak gate current - 2 a p gm peak gate power - 5 w p g(av) average gate power over any 20 ms period - 0.5 w t stg storage temperature -40 150 c t j junction temperature - 125 c
nxp semiconductors bt134-600g 4q triac bt134-600g all information provided in this document is subject to legal disclaimers. ? nxp n.v. 2013. all rights reserved product data sheet 21 november 2013 4 / 13 t m b ( c ) - 5 0 1 5 0 1 0 0 0 5 0 0 0 3 a a e 8 2 8 2 3 1 4 5 i t ( r m s ) ( a ) 0 fig. 1. rms on-state current as a function of mounting base temperature; maximum values 003aae830 4 8 1 2 i t(rms) (a) 0 surge duration (s) 1 0 - 2 1 0 1 1 0 - 1 2 6 1 0 f = 50 hz t mb 107 c fig. 2. rms on-state current as a function of surge duration; maximum values 003aae827 4 2 6 8 p tot (w) 0 i t(rms) (a) 0 5 4 2 3 1 conduction angle (degrees) form factor a 3 0 6 0 9 0 120 180 4 2.8 2.2 1.9 1.57 # # = 1 8 0 120 9 0 6 0 3 0 = conduction angle a = form factor = i t(rms) / i t(av) fig. 3. total power dissipation as a function of rms on-state current; maximum values
nxp semiconductors bt134-600g 4q triac bt134-600g all information provided in this document is subject to legal disclaimers. ? nxp n.v. 2013. all rights reserved product data sheet 21 november 2013 5 / 13 003aae831 1 0 2 0 3 0 i tsm (a) 0 num ber of cycles 1 1 0 4 1 0 3 1 0 1 0 2 5 1 5 2 5 i tsm t i t t j(init) = 25 c m ax 1/ f f = 50 hz fig. 4. non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum values 003aae829 t p (s) 1 0 - 5 1 0 - 1 1 0 - 2 1 0 - 4 1 0 - 3 1 0 2 1 0 3 i tsm (a) 1 0 i tsm t i t t j(init) = 25 c m ax t p (1) (2) t p 20 ms (1) di t /dt limit (2) t2- g+ quadrant limit fig. 5. non-repetitive peak on-state current as a function of pulse width; maximum values
nxp semiconductors bt134-600g 4q triac bt134-600g all information provided in this document is subject to legal disclaimers. ? nxp n.v. 2013. all rights reserved product data sheet 21 november 2013 6 / 13 8. thermal characteristics table 5. thermal characteristics symbol parameter conditions min typ max unit half cycle; fig. 6 - - 3.7 k/w r th(j-mb) thermal resistance from junction to mounting base full cycle; fig. 6 - - 3 k/w r th(j-a) thermal resistance from junction to ambient in free air - 100 - k/w 0 0 3 a a e 8 3 6 t p ( s ) 1 0 - 5 1 1 0 1 0 - 1 1 0 - 2 1 0 - 4 1 0 - 3 1 1 0 - 1 1 0 z t h ( j - m b ) ( k / w ) 1 0 - 2 b i d i r e c t i o n a l u n i d i r e c t i o n a l t p p t fig. 6. transient thermal impedance from junction to mounting base as a function of pulse width
nxp semiconductors bt134-600g 4q triac bt134-600g all information provided in this document is subject to legal disclaimers. ? nxp n.v. 2013. all rights reserved product data sheet 21 november 2013 7 / 13 9. characteristics table 6. characteristics symbol parameter conditions min typ max unit static characteristics v d = 12 v; i t = 0.1 a; t2+ g+; t j = 25 c; fig. 7 - 5 50 ma v d = 12 v; i t = 0.1 a; t2+ g-; t j = 25 c; fig. 7 - 8 50 ma v d = 12 v; i t = 0.1 a; t2- g-; t j = 25 c; fig. 7 - 11 50 ma i gt gate trigger current v d = 12 v; i t = 0.1 a; t2- g+; t j = 25 c; fig. 7 - 30 100 ma v d = 12 v; i g = 0.1 a; t2+ g+; t j = 25 c; fig. 8 - 7 30 ma v d = 12 v; i g = 0.1 a; t2+ g-; t j = 25 c; fig. 8 - 16 45 ma v d = 12 v; i g = 0.1 a; t2- g-; t j = 25 c; fig. 8 - 5 30 ma i l latching current v d = 12 v; i g = 0.1 a; t2- g+; t j = 25 c; fig. 8 - 7 45 ma i h holding current v d = 12 v; t j = 25 c; fig. 9 - 5 30 ma v t on-state voltage i t = 5 a; t j = 25 c; fig. 10 - 1.4 1.7 v v d = 12 v; i t = 0.1 a; t j = 25 c; fig. 11 - 0.7 1.5 v v gt gate trigger voltage v d = 400 v; i t = 0.1 a; t j = 125 c; fig. 11 0.25 0.4 - v i d off-state current v d = 600 v; t j = 125 c - 0.1 0.5 ma dynamic characteristics dv d /dt rate of rise of off-state voltage v dm = 402 v; t j = 125 c; (v dm = 67% of v drm ); exponential waveform; gate open circuit 200 250 - v/s t gt gate-controlled turn-on time i tm = 6 a; v d = 600 v; i g = 0.1 a; di g / dt = 5 a/s - 2 - s
nxp semiconductors bt134-600g 4q triac bt134-600g all information provided in this document is subject to legal disclaimers. ? nxp n.v. 2013. all rights reserved product data sheet 21 november 2013 8 / 13 t j ( c ) - 60 140 9 0 - 10 4 0 003aae833 1 2 3 0 (1) (2) (3) (4) (1) (2) (3) (4) i g t i g t (25 c) (1) t2- g+ (2) t2- g- (3) t2+ g- (4) t2+ g+ fig. 7. normalized gate trigger current as a function of junction temperature t j (c) - 60 140 9 0 - 10 4 0 003aae835 1 2 3 0 i l i l(25c) fig. 8. normalized latching current as a function of junction temperature t j ( c ) - 60 140 9 0 - 10 4 0 003aae837 1.0 0.5 1.5 2.0 0 i h i h(25c) fig. 9. normalized holding current as a function of junction temperature v t (v) 0 3 2 1 003aae834 4 8 1 2 i t (a) 0 (1) (2) (3) v o = 1.27 v r s = 0.091 ? (1) t j = 125 c; typical values (2) t j = 125 c; maximum values (3) t j = 25 c; maximum values fig. 10. on-state current as a function of on-state voltage
nxp semiconductors bt134-600g 4q triac bt134-600g all information provided in this document is subject to legal disclaimers. ? nxp n.v. 2013. all rights reserved product data sheet 21 november 2013 9 / 13 t j ( c ) - 60 140 9 0 - 10 4 0 003aae832 0.8 0.4 1.2 1.6 0 v g t v g t (25 c) fig. 11. normalized gate trigger voltage as a function of junction temperature
nxp semiconductors bt134-600g 4q triac bt134-600g all information provided in this document is subject to legal disclaimers. ? nxp n.v. 2013. all rights reserved product data sheet 21 november 2013 10 / 13 10. package outline r e f e r e n c e s o u t l i n e v e r s i o n e u r o p e a n p r o j e c t i o n i s s u e d a t e i e c j e d e c e i a j n o t e 1 . t e r m i n a l d i m e n s i o n s w i t h i n t h i s z o n e a r e u n c o n t r o l l e d t o a l l o w f o r b o d y a n d t e r m i n a l i r r e g u l a r i t i e s . s o t 8 2 9 7 - 0 6 - 1 1 0 2 . 5 5 m m s c a l e p l a s t i c s i n g l e - e n d e d p a c k a g e ; 3 l e a d s ( i n - l i n e ) s o t 8 2 d l 1 q e a p l q 3 2 1 c e 1 e b u n i t d b e e w q q p l c l 1 ( 1 ) m a x . e 1 0 . 2 5 4 d i m e n s i o n s ( m m a r e t h e o r i g i n a l d i m e n s i o n s ) a 4 . 5 8 m m 2 . 8 2 . 3 0 . 8 8 0 . 6 5 0 . 5 8 0 . 4 7 1 1 . 1 1 0 . 5 7 . 8 7 . 2 2 . 2 9 1 6 . 5 1 5 . 3 2 . 5 4 1 . 5 0 . 9 3 . 9 3 . 5 3 . 1 2 . 5 w m fig. 12. package outline sip3 (sot82)
nxp semiconductors bt134-600g 4q triac bt134-600g all information provided in this document is subject to legal disclaimers. ? nxp n.v. 2013. all rights reserved product data sheet 21 november 2013 11 / 13 11. legal information 11.1 data sheet status document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objective specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification. [1] please consult the most recently issued document before initiating or completing a design. [2] the term 'short data sheet' is explained in section "definitions". [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. the latest product status information is available on the internet at url http://www.nxp.com . 11.2 definitions preview the document is a preview version only. the document is still subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. draft the document is a draft version only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. short data sheet a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request via the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer, unless nxp semiconductors and customer have explicitly agreed otherwise in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 11.3 disclaimers limited warranty and liability information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customers own risk. quick reference data the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not complete, exhaustive or legally binding. applications applications that are described herein for any of these products are for illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customers sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customers applications and products planned, as well as for the planned application and use of customers third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customers applications or products, or the application or use by customers third party customer(s). customer is responsible for doing all necessary testing for the customers applications and products using nxp semiconductors products in order to avoid a default of the applications and the products or of the application or use by customers third party customer(s). nxp does not accept any liability in this respect. limiting values stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale nxp semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customers general terms and conditions with regard to the purchase of nxp semiconductors products by customer. no offer to sell or license nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the
nxp semiconductors bt134-600g 4q triac bt134-600g all information provided in this document is subject to legal disclaimers. ? nxp n.v. 2013. all rights reserved product data sheet 21 november 2013 12 / 13 grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from competent authorities. non-automotive qualified products unless this data sheet expressly states that this specific nxp semiconductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liability for inclusion and/or use of non- automotive qualified products in automotive equipment or applications. in the event that customer uses the product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors warranty of the product for such automotive applications, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors specifications such use shall be solely at customers own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive applications beyond nxp semiconductors standard warranty and nxp semiconductors product specifications. translations a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 11.4 trademarks notice: all referenced brands, product names, service names and trademarks are the property of their respective owners. adelante , bitport , bitsound , coolflux , coreuse , desfire , ez-hv , fabkey , greenchip , hipersmart , hitag , i2c-bus logo, icode , i-code , itec , labelution , mifare , mifare plus , mifare ultralight , moreuse , qlpak , silicon tuner , siliconmax , smartxa , starplug , topfet , trenchmos , trimedia and ucode are trademarks of nxp b.v. hd radio and hd radio logo are trademarks of ibiquity digital corporation.
nxp semiconductors bt134-600g 4q triac bt134-600g all information provided in this document is subject to legal disclaimers. ? nxp n.v. 2013. all rights reserved product data sheet 21 november 2013 13 / 13 12. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 quick reference data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 5 pinning information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 7 limiting values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 8 thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 9 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 10 package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 11 legal information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 11.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 11.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 11.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 11.4 trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 ? nxp n.v. 2013. all rights reserved for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com date of release: 21 november 2013


▲Up To Search▲   

 
Price & Availability of BT134-600G-127

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X