Part Number Hot Search : 
MIHW2046 TK65418 FQA30N40 DCC407 43000 LC83025 TC0274A GBPC3512
Product Description
Full Text Search
 

To Download BAW56W-AUA200001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 march 30,2012-rev.03 baw56w-au,bav70w-au,bav99w-au,bal99w-au surface mount switching diodes voltage 100volts 200mwatts mechanical case: sot-323, plastic terminals: solderable per mil-std-750, method 2026 approx. weight: 0.0002 ounces, 0.005 grams data power maximum ratings and electrical characteristics (t a =25 o c unless otherwise noted) note: 1. cj at v r =0, f=1mhz 2. from i f =10ma to i r =1ma, v r =6volts, r l =100 3. mountde on minimum pad. 4. mounted on 48 cm 2 pcb. single ( alt ) common cathode series common anode parameter symbol units marking code jc ja jb jf reverse voltage v r 75 v peak reverse voltage v rm 100 v rectified current (average), half wave rectification with resistive load and f >=50 hz i o 150 ma peak forward surge current,0.001ms i fsm 4.0 a power dissipation derate above 25 o c p tot 200 mw maximum forward voltage v f 0.715 @ if=0.001a 0.855 @ if=0.01a 1.0 @ if=0.05a 1.25 @ if=0.15a v maximum dc reverse current at 25v 75v i r 0.03 2.5 a maximum junction capacitance( notes 1) c j 1.5 pf maximum reverse recovery time (notes 2) t rr 4.0 ns typical thermal resistance, junction to ambient(notes 3) junction to case (notes 4) r ja r jc 625 250 o c / w junction temperature range t j -55 to +150 o c circuit figure common anode common cathode series single(alt) 1 2 1 2 1 2 1 2 3 3 3 3 features ? fast switching speed. ? surface mount package ideally suited for automatic insertion ? electrically identical to standard jedec ? high conductance ? ? ? lead free in comply with eu rohs 2011/65/eu directives. ? green molding compound as per iec61249 std. . (halogen free) acqire quality system certificate : ts16949 aec-q101 qualified bav70w -au baw56w -au bav99w -au ba l99w-au
page . 2 fig. 2-typical reverse characteristics fig. 4 power derating curve fig. 3 typical junction capacitance 0 10 1.0 0.1 0.01 0.001 20 40 60 80 100 4.0 0 0 3.0 2.0 1.0 0 200 300 400 100 2 50 4 100 6 150 8 200 reverse current, a u reverse voltage, volts t =125 c j o t=75c j o t=25c j o diode capacitance, pf reverse voltage, volts p power dissipation (mw) d , ambient temperature( c) o march 30,2012-rev.03 . 0.1 1 10 100 1000 0 0.2 0.4 0.6 0.8 1 1.2 v f , forward voltage (v) t j =125c t j = -20c t j = 150c t j = 25c t j =75c i f , forward current (ma) fig. 1 typical forward characteristics baw56w-au,bav70w-au,bav99w-au,bal99w-au
page . 3 mounting pad layout ? packing information t/r - 12k per 13" plastic reel t/r - 3k per 7 plastic reel order information sot-323 0.026 (0.66) 0.073 (1.85) 0.034 (0.86) 0.026 (0.65) 0.026 (0.65) unit inch(mm) march 30,2012-rev.03 baw56w $8 ,bav70w $8 ,bav99w$8,bal99w$8
page . 4 march 30,2012-rev.03 part no_packing code_version baw56w-au_ r1_000 a 1 baw56w-au _r2_000a 1 for exampl e : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code tape and ammunition box (t/b) a n/a 0 hf 0 serial number tape and reel (t/r) r 7" 1 rohs 1 serial number bulk packing (b/p) b 13" 2 tube packing (t/p) t 26mm x tape and reel (right oriented) (trr) s 52mm y tape and reel (left oriented) (trl) l panasert t/b cathode up (pbcu) u forming f panasert t/b cathode down (pbcd) d baw56w $8 ,bav70w $8 ,bav99w$8,bal99w$8
page . 5 disclaimer ? reproducing and modifying information of the document is prohibited without permission from panjit international inc.. ? panjit international inc. reserves the rights to make changes of the content herein the document anytime without notification. please refer to our website for the latest document. panjit international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ? panjit international inc. does not assume any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchantability. ? applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications. panjit international inc. makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. ? the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment, aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify panjit international inc. for any damages resulting from such improper use or sale. ? ? since panjit uses lot number as the tracking base, please provide the lot number for tracking when complaining. $8 ,bav70w $8 ,bav99w$8,bal99w$8 march 30,2012-rev.03


▲Up To Search▲   

 
Price & Availability of BAW56W-AUA200001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X