Part Number Hot Search : 
2SB861 MT3S0 002000 MT3S0 104Z4UA HA3002 0885274 S78L09F
Product Description
Full Text Search
 

To Download AXE610224 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axe5, 6 acctb7e 201303-t ordering information for board-to-fpc a4s series narrow pitch connectors (0.4mm pitch) features 1. 2.5 mm wide slim two-piece type connector compact and slim structure contributes ov erall miniaturization of product design. width: 30% down footprint: 30% down 2. ensures high resistance to various environments in lieu of slim and low pro?e body 3. mated heights of 0.8 and 1.0 mm are av ailable for the same foot pattern. 4. connectors for inspection available applications recommended for board-to-fpc connections of mobile equipment, such as cellular phones, smart phones, laptops, and portable music players socket header 2.0mm 2.5mm rohs compliant a4s 0.8 2.5 3.6 1.0 f4s bellows contact construction (against dropping!) ni barrier construction (against solder rise!) por osity treatment (against corrosive gases!) v notch and double contact constructions (against foreign particles and flux!) surface treatment (contact portion / terminal portion) 4: ni plating on base, au plating on surface (for ni barrier available)
4: ni plating on base, au plating on surface 5: narrow pitch connector a4s (0.4 mm pitch) socket 6: narrow pitch connector a4s (0.4 mm pitch) header mated height 1: for mated height 0.8/1.0 mm
1: for mated height 0.8 mm 2: for mated height 1.0 mm axe 2 4 number of pins (2 digits) functions 2: without positioning bosses
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axe5, 6 acctb7e 201303-t product types notes: 1. order unit: for volume production: 1-inner carton (1-reel) units samples for mounting check: 50-connector units. please contact our sales of?e. samples: small lot orders are possible. please contact our sales of?e. 2. please contact us for connectors having a number of pins other than those listed above. mated height number of pins pa rt number pac king so cket header inner carton (1-reel) outer carton 0.8mm 10 axe510124 axe610124 5,000 pieces 10,000 pieces 12 axe512124 axe612124 14 axe514124 axe614124 16 axe516124 axe616124 18 axe518124 axe618124 20 axe520124 axe620124 22 axe522124 axe622124 24 axe524124 axe624124 26 axe526124 axe626124 28 axe528124 axe628124 30 axe530124 axe630124 32 axe532124 axe632124 34 axe534124 axe634124 36 axe536124 axe636124 40 axe540124 axe640124 44 axe544124 axe644124 50 axe550124 axe650124 54 axe554124 axe654124 60 axe560124 axe660124 64 axe564124 axe664124 70 axe570124 axe670124 80 axe580124 axe680124 1.0mm 10 axe510124 AXE610224 12 axe512124 axe612224 14 axe514124 axe614224 20 axe520124 axe620224 24 axe524124 axe624224 26 axe526124 axe626224 30 axe530124 axe630224 32 axe532124 axe632224 40 axe540124 axe640224 44 axe544124 axe644224 50 axe550124 axe650224 54 axe554124 axe654224 60 axe560124 axe660224 70 axe570124 axe670224 80 axe580124 axe680224
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axe5, 6 acctb7e 201303-t specifications characteristics material and surface treatment item speci?ations conditions electrical characteristics rated current 0.3a/pin contact (max. 5 a at total pin contacts) rated voltage 60v ac/dc breakdown voltage 150v ac for 1 min. no short-circuiting or damage at a detection current of 1 ma when the speci?d voltage is applied for one minute. insulation resistance min. 1,000m ? (initial) using 250v dc megger (applied for 1 min.) contact resistance max. 90m ? based on the contact resistance measurement method speci?d by jis c 5402. mechanical characteristics composite insertion force max. 1.200n/pin contacts pin contacts (initial) composite removal force min. 0.165n/pin contacts pin contacts contact holding force (socket contact) min. 0.20n/pin contacts measuring the maximum force. as the contact is axially pull out. environmental characteristics ambient temperature ?5 c to +85 c no freezing at low temperatures. no dew condensation. soldering heat resistance peak temperature: 260 c or less (on the surface of the pc board around the connector terminals) infrared re?w soldering 300 c within 5 sec. 350 c within 3 sec. soldering iron storage temperature ?5c to +85 c (product only) ?0c to +50 c (emboss packing) no freezing at low temperatures. no dew condensation. thermal shock resistance (header and socket mated) 5 cycles, insulation resistance min. 100m ?, contact resistance max. 90m ? conformed to mil-std-202f, method 107g humidity resistance (header and socket mated) 120 hours, insulation resistance min. 100m ?, contact resistance max. 90m ? bath temperature 40 2c, humidity 90 to 95% r.h. saltwater spray resistance (header and socket mated) 24 hours, insulation resistance min. 100m ?, contact resistance max. 90m ? bath temperature 35 2c, saltwater concentration 5 1% h 2 s resistance (header and socket mated) 48 hours, contact resistance max. 90m ? bath temperature 40 2c, gas concentration 3 1 ppm, humidity 75 to 80% r.h. lifetime characteristics insertion and removal life 30 times repeated insertion and removal speed of max. 200 times/ hours unit weight 20 pin contact type: socket: 0.02 g header: 0.01 g pa rt name material surface treatment molded portion lcp resin (ul94v-0) contact and post copper alloy contact portion: base: ni plating surface: au plating te r minal portion: base: ni plating surface: au plating (except the terminal tips) the socket terminals close to the portion to be soldered have nickel barriers (exposed ni ck el portions). soldering terminals: sockets: base: ni plating surface: pd+au ?sh plating (except the terminal tips) headers: base: ni plating surface: au plating (except the terminal tips) order temperature ( c) time (minutes) 1 2 3 4 ?5 85 ?5 0 ?3 30 max. 5 30 max. 5 +3 0 0 ?3
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axe5, 6 acctb7e 201303-t dimensions (unit: mm) the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ socket (mated height: 0.8 mm/1.0 mm) 0.08 (contact and soldering terminals) te r minal coplanarity y note 0.150.03 a b0.1 0.400.05 z note 0.300.03 c0.1 2.20 0.70 (suction face) 0.77 2.50 1.72 (0.39) (0.90) 2.50 1.06 general tolerance: 0.2 note: since the soldering terminals has a single-piece construction, sections y and z are electrically connected. dimension table (mm) number of pins/ dimension a b c 10 4.50 1.60 3.40 12 4.90 2.00 3.80 14 5.30 2.40 4.20 16 5.70 2.80 4.60 18 6.10 3.20 5.00 20 6.50 3.60 5.40 22 6.90 4.00 5.80 24 7.30 4.40 6.20 26 7.70 4.80 6.60 28 8.10 5.20 7.00 30 8.50 5.60 7.40 32 8.90 6.00 7.80 34 9.30 6.40 8.20 36 9.70 6.80 8.60 40 10.50 7.60 9.40 44 11.30 8.40 10.20 50 12.50 9.60 11.40 54 13.30 10.40 12.20 60 14.50 11.60 13.40 64 15.30 12.40 14.20 70 16.50 13.60 15.40 80 18.50 15.60 17.40 cad data header (mated height: 0.8 mm) 2.00 1.28 (0.36) 0.08 (post and soldering terminals) te r minal coplanarity soldering terminals 0.150.03 b0.1 0.400.05 soldering terminals 0.150.03 c0.1 a 1.42 0.70 (suction face) 0.65 1.46 0.84 (0.31) general tolerance: 0.2 dimension table (mm) number of pins/ dimension a b c 10 3.80 1.60 3.20 12 4.20 2.00 3.60 14 4.60 2.40 4.00 16 5.00 2.80 4.40 18 5.40 3.20 4.80 20 5.80 3.60 5.20 22 6.20 4.00 5.60 24 6.60 4.40 6.00 26 7.00 4.80 6.40 28 7.40 5.20 6.80 30 7.80 5.60 7.20 32 8.20 6.00 7.60 34 8.60 6.40 8.00 36 9.00 6.80 8.40 40 9.80 7.60 9.20 44 10.60 8.40 10.00 50 11.80 9.60 11.20 54 12.60 10.40 12.00 60 13.80 11.60 13.20 64 14.60 12.40 14.00 70 15.80 13.60 15.20 80 17.80 15.60 17.20 cad data
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axe5, 6 acctb7e 201303-t socket and header are mated embossed tape dimensions (unit: mm) (common for respective contact types, sockets and headers) dimension table (unit: mm) connector orientation with respect to embossed tape feeding direction type/mated height number of pins type of taping a b c d quantity per reel common for sockets and headers 0.8 mm/1.0 mm max. 24 tape i 16.00 7.50 17.40 5,000 26 to 70 tape i 24.00 11.50 25.40 5,000 80 tape ii 32.00 28.40 14.20 33.40 5,000 header (mated height: 1.0 mm) 0.70 (suction face) 2.00 (0.36) 1.28 0.85 0.84 (0.31) 1.46 0.150.03 c0.1 1.42 a b0.1 0.150.03 0.400.05 soldering terminals soldering terminals 0.08 (post and soldering terminals) te r minal coplanarity general tolerance: 0.2 dimension table (mm) number of pins/ dimension a b c 10 3.80 1.60 3.20 12 4.20 2.00 3.60 14 4.60 2.40 4.00 20 5.80 3.60 5.20 24 6.60 4.40 6.00 26 7.00 4.80 6.40 30 7.80 5.60 7.20 32 8.20 6.00 7.60 40 9.80 7.60 9.20 44 10.60 8.40 10.00 50 11.80 9.60 11.20 54 12.60 10.40 12.00 60 13.80 11.60 13.20 70 15.80 13.60 15.20 80 17.80 15.60 17.20 so cket header 0.800.1 1.000.1 header so cket speci?ations for taping (in accordance with jis c 0806-3:1999. however, not applied to the mounting-hole pitch of some connectors.) speci?ations for the plastic reel (in accordance with eiaj et-7200b.) tape i tape ii (a0.3) 8.0 (2.0) (4.0) (b) (c) (1.75) leading direction after packaging (a ) +0.3 ?0.1 8.0 (2.0) (4.0) (c) (1.75) 1.5 dia. +0.1 0 1.5 dia. +0.1 0 embossed mounting-hole taping reel top cover tape embossed carrier tape (d1) 380 dia. label type direction of tape progress common for a4s socket header note: there is no indication on this product regarding top-bottom or left-right orientation.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ axe5, 6 acctb7e 201303-t table of product types ?: av ailable for sale notes: 1. please inquire about number of pins other than those shown above. 2. please inquire with us regarding availability. 3. please keep the minimum order quantities no less than 50 pieces per lot. 4. please inquire if further information is needed. product types note: when placing an order, substitute the ?? (asterisk) in the above part number with the number of pins for the speci? connector. notes for board-to-fpc a4s series connectors for inspection usage (0.4mm pitch) product name number of pins a4s for inspection 10 12 14 16 18 20 22 24 26 28 30 32 34 36 40 44 50 54 60 64 70 80 ? ?? ?? ?? ?? ?? ?? ?? ?? ?? ?? ? speci?ations part no. speci?ations part no. socket without positioning bosses axe5e ??26 header without positioning bosses axe6e ??26 features 1. 3,000 mating and unmating cycles 2. same external dimensions and foot pattern as standard type. 3. improved mating insertion and removal easy due to a reduction in mating retention force. this is made possible by a simple locking structure design. note: mating retention force cannot be warranted. applications ideal for module unit inspection and equipment assembly inspection socket header 2.0mm 2.5mm rohs compliant recommended pc board and metal mask patterns connectors are mounted with high pitch density, intervals of 0.35 mm, 0.4 mm or 0.5 mm. in order to reduce solder and ?x rise, solder bridges and other issues make sure the proper levels of solder is used. the ?ures to the right are recommended metal mask patterns. please use them as a reference. socket (mated height: 0.8mm/1.0mm) recommended pc board pattern (top view) recommended metal mask pattern metal mask thickness: when 120 m (terminal opening ratio: 70%) (metal-part opening ratio: 100%) header (mated height: 0.8mm/1.0mm) recommended pc board pattern (top view) recommended metal mask pattern metal mask thickness: when 120 m (terminal opening ratio: 70%) (metal-part opening ratio: 100%) 0.200.03 1.060.03 2.900.03 (0.50) (0.92) 0.230.03 0.400.03 0.900.03 1.450.03 c 0.30 1.900.03 : insulation area 1.060.01 2.900.01 0.200.01 (0.40) 1.450.01 0.900.01 0.400.01 (0.92) c 0.30 2.000.01 2.800.01 0.230.03 0.400.03 0.450.03 0.800.03 0.600.03 1.660.03 (0.53) (0.65) 1.100.03 2.400.03 0.800.01 0.600.01 1.660.01 (0.53) 0.450.01 0.400.01 (0.52) 1.260.01 2.300.01 0.200.01 please refer to the latest product speci?ations when designing your product.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ notes on using narrow pitch connectors acctb48e 201303-t regarding the design of devices and pc board patterns regarding the selection of the connector placement machine and the mounting procedures notes on using narrow pitch connectors 1) when connecting several connectors together b y stacking, make sure to maintain proper accuracy in the design of structure and mounting equipment so that the connectors are not subjected to twisting and torsional forces. 2) with mounting equipment, there may be up to a 0.2 to 0.3-mm error in positioning. be sure to design pc boards and patterns while taking into consideration the performance and abilities of the required equipment. 3) some connectors have tabs embossed on the body to aid in positioning. when using these connectors, make sure that the pc board is designed with positioning holes to match these tabs. 4) to ensure the required mechanical strength when soldering the connector terminals, make sure the pc board meets recommended pc board pattern design dimensions given. 5) for all connectors of the narrow pitch series, to prevent the pc board from coming off during vibrations or impacts, and to prevent loads from falling directly on the soldered portions, be sure to design some means to ? the pc board in place. example) secure in place with screws when connecting pc boards, take appropriate measures to prevent the connector from coming off. 6) notes when using a fpc. (1) when the connector is soldered to an fpc board, during its insertion and removal procedures, forces may be applied to the terminals and cause the soldering to come off. it is recommended to use a reinforcement board on the backside of the fpc board to which the connector is being connected. please make the reinforcement board dimensions bigger than the outer limits of the recommended pc board pattern (should be approximately 1 mm greater than the outer limit). material should be glass epoxy or polyimide, and the thickness should be between 0.2 and 0.3 mm. (2) collisions, impacts, or turning of fpc boards, may apply forces on the connector and cause it to come loose. therefore, make to design retaining plates or screws that will ? the connector in place. 7) the narrow pitch connector series is designed to be compact and thin. although ease of handling has been taken into account, take care when mating the connectors, as displacement or angled mating could damage or deform the connector. connector spacer spacer pc board screw 1) select the placement machine taking into consider ation the connector height, required positioning accuracy, and packaging conditions. 2) be aware that if the catching force of the placement machine is too great, it may deform the shape of the connector body or connector terminals. 3) be aware that during mounting, external forces may be applied to the connector contact surfaces and terminals and cause deformations. 4) depending on the size of the connector being used, self alignment may not be possible. in such cases, be sure to carefully position the terminal with the pc board pattern. 5) the positioning bosses give an approximate alignment for positioning on the pc board. for accurate positioning of the connector when mounting it to the pc board, we recommend using an automatic positioning machine. 6) excessive mounter chucking force may deform the molded or metal part of the connector. consult us in advance if chucking is to be applied.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ notes on using narrow pitch connectors acctb48e 201303-t regarding soldering 1. re?w soldering 1) measure the recommended pro?e temperature for re?w soldering by placing a sensor on the pc board near the connector surface or terminals. (the setting for the sensor will differ depending on the sensor used, so be sure to carefully read the instructions that comes with it.) 2) as for cream solder printing, screen printing is recommended. 3) to determine the relationship between the screen opening area and the pc- board foot pattern area, refer to the diagrams in the recommended patterns for pc boards and metal masks. make sure to use the terminal tip as a reference position when setting. avoid an excessive amount of solder from being applied, otherwise, interference by the solder will cause an imperfect contact. 4) consult us when using a screen- printing thickness other than that recommended. 5) when mounting on both sides of the pc board and the connector is mounting on the underside, use adhesives or other means to ensure the connector is properly ?ed to the pc board. (double re?w soldering on the same side is possible.) 6) n 2 re?w, conducting re?w soldering in a nitrogen atmosphere, increases the solder ?w too greatly, enabling wicking to occur. make sure that the solder feed rate and temperature pro?e are appropriate. soldering conditions please use the re?w temperature pro?e conditions recommended below for re?w soldering. please contact us before using a temperature pro?e other than that described below (e.g. lead-free solder). narrow pitch connectors (except p8 type) narrow pitch connector (p8) for products other than the ones above, please refer to the latest product speci?ations. 7) the temperatures are measured at the surface of the pc board near the connector terminals. (the setting for the sensor will differ depending on the sensor used, so be sure to carefully read the instructions that comes with it.) 8) the temperature pro?es given in this catalog are values measured when using the connector on a resin-based pc board. when performed re?w soldering on a metal board (iron, aluminum, etc.) or a metal table to mount on a fpc, make sure there is no deformation or discoloration of the connector beforehand and then begin mounting. 9) consult us when using a screen- printing thickness other than that recommended. 10) some solder and ?x types may cause serious solder or ?x creeping. solder and ?x characteristics should be taken into consideration when setting the re?w soldering conditions. 2. hand soldering 1) set the soldering iron so that the tip temperature is less than that given in the table below. ta b le a 2) do not allow ?x to spread onto the connector leads or pc board. this may lead to ?x rising up to the connector inside. 3) touch the soldering iron to the foot pattern. after the foot pattern and connector terminal are heated, apply the solder wire so it melts at the end of the connector terminals. 4) be aware that soldering while applying a load on the connector terminals may cause improper operation of the connector. 5) thoroughly clean the soldering iron. 6) flux from the solder wire may get on the contact surfaces during soldering operations. after soldering, carefully check the contact surfaces and clean off any solder before use. 7) for soldering of prototype devices during product development, you can perform soldering at the necessary locations by heating with a hot-air gun by applying cream solder to the foot pattern beforehand. however, at this time, make sure that the air pressure does not move connectors by carefully holding them down with tweezers or other similar tool. also, be careful not to go too close to the connectors and melt any of the molded components. 8) if an excessive amount of solder is applied during manual soldering, the solder may creep up near the contact points, or solder interference may cause imperfect contact. 3. solder reworking 1) finish reworking in one operation. 2) for reworking of the solder bridge, use a soldering iron with a ?t tip. to prevent ?x from climbing up to the contact surfaces, do not add more ?x. 3) keep the soldering iron tip temperature below the temperature given in table a. te rm inal paste solder pc board foot pattern 60 to 120 sec. preheating peak temperature 200c 220c upper limited (solder heat resistance) peak temperature 260 c 230c 180c 150c 70 sec. 25 sec. lower limited (solder wettability) time temperature 60 to 120 sec. preheating time temperature peak temperature 200c 155 to 165c 245c max. within 30 sec. product name soldering iron temperature smd type connectors 300c within 5 sec. 350c within 3 sec. apply the solder wire here terminal pattern pc board small angle as possible up to 45 degrees soldering iron
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ notes on using narrow pitch connectors acctb48e 201303-t handling single components storage of connectors other notes 1) make sure not to drop or allow parts to fall from w ork bench 2) excessive force applied to the terminals could cause warping, come out, or weaken the adhesive strength of the solder. handle with care. 3) repeated bending of the terminals may cause terminals to break. 4) do not insert or remove the connector when it is not soldered. forcibly applied external pressure on the terminals can w eaken the adherence of the terminals to the molded part or cause the terminals to lose their evenness. 5) excessive prying-force applied to one end may cause product breakage and separation of the solder joints at the terminal. excessive force applied for insertion in a pivot action as shown may also cause product breakage. align the header and socket positions before connecting them. cleaning ?x from pc board 1) to increase the cleanliness of the cleaning ?id and cleaning oper ations, prepare equipment for cleaning process beginning with boil cleaning, ultrasonic cleaning, and then vapor cleaning. 2) carefully oversee the cleanliness of the cleaning ?ids to make sure that the contact surfaces do not become dirty from the cleaning ?id itself. 3) since some powerful cleaning solutions may dissolve molded components of the connector and wipe off or discolor printed letters, we recommend aqua pura electronic parts cleaners. please consult us if you wish to use other types of cleaning ?ids. 4) please note that the surfaces of molded parts may whiten when cleaned with alcohol. handling the pc board handling the pc board after mounting the connector when cutting or bending the pc board after mounting the connector , be careful that the soldered sections are subjected to excessive force. the soldered areas should not be subjected to force. 1) to prevent problems from voids or air poc kets due to heat of re?w soldering, av oid storing the connectors in areas of high humidity. when storing the connectors for more than six months, be sure to consider storage area where the humidity is properly controlled. 2) depending on the connector type, the color of the connector may vary from connector to connector depending on when it is produced. some connectors may change color slightly if subjected to ultraviolet rays during storage. this is normal and will not affect the operation of the connector. 3) when storing the connectors with the pc boards assembled and components alreeady set, be careful not to stack them up so the connectors are subjected to excessive forces. 4) avoid storing the connectors in locations with excessive dust. the dust may accumulate and cause improper connections at the contact surfaces. 1) these products are made for the design of compact and lightweight devices and therefore the thickness of the molded components has been made very thin. therefore, be careful during insertion and removal operations for excessive forces applied may damage the products. 2) dropping of the products or rough mishandling may bend or damage the terminals and possibly hinder proper re?w soldering. 3) before soldering, try not to insert or remove the connector more than absolutely necessary. 4) when coating the pc board after soldering the connector to prevent the deterioration of insulation, perform the coating in such a way so that the coating does not get on the connector. 5) there may be variations in the colors of products from different production lots. this is normal. 6) the connectors are not meant to be used for switching. 7) be sure not to allow external pressure to act on connectors when assembling pcbs or moving in block assemblies.
panasonic corporation automation controls business division industrial.panasonic.com/ac/e/ notes on using narrow pitch connectors acctb48e 201303-t regarding sample orders to con?m proper mounting when ordering samples to con?m proper mounting with the placement machine, connectors are delivered in 50- piece units in the condition given right. consult a sale representative for ordering sample units. condition when delivered from manufacturing required number of products for sample production (unit 50 pcs.) embossed tape amount required for the mounting reel (delivery can also be made on a reel by customer request.) please refer to the latest product speci?ations when designing your product.


▲Up To Search▲   

 
Price & Availability of AXE610224

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X