Part Number Hot Search : 
DLM50 200AAO5B CT350 LT1172MK 1102B KRC102M Q68000 MX25V
Product Description
Full Text Search
 

To Download AWG5014C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  arbitrary waveform generators awg5000 series data sheet features & bene ts 480 mhz carrier, high dynamic range rf signals high dynamic range if signals with up to 180 mhz modulation bandwidth 180 mhz modulation bandwidth with ?58 dbc sfdr only stand-alone awg with 4 channels simpli es test setup and reduces uncertainty rfxpress software enables quick creation of digitally modulated and radar si gnals waveform sequencing and subsequencing enables creation of in nite waveform loops, jumps, and conditional branches enhance the ability to replicate real-world signal behavior dynamic jump capability enables the creation of complex waveforms that respond to changing external environment 2 or 4 differential/single-ended outputs provide testing flexibility up to 8 marker outputs ideal for system synchronization 28 digital output channels create highly precise digital signals deep memory enables the creation of long complex waveform sequences playback of signals captured on scopes and real-time spectrum analyzers allows for simulation of real-world environments down to 800 ps resolution edge timing shift control 8,000 steps real-time sequencing creates in nite waveform loops, jumps, and conditional branches easy to use and learn, shortens test time convenient benchtop form factor integrated pc supports network integration and provides a built-in dvd, removable hard drive, lan, and usb ports applications high-resolution wireless communications and defense electronics education and research adc/dac testing mixed-signal design and test real-world, ideal, or distorted signal generation ? including all the glitches, anomalies, and impairments system synchronization and timing control for large-scale test systems
data sheet evm/const ellation measurement. industry's best mixed-signal stimulus solution for today's complex measurement challenges the awg5000 series of arbitrary waveform generators delivers the optimal combination of sample rate, vertical resolution, signal delity, and waveform memory length, all in an easy-to-use self-contained package. the series offers the industry's best solution to the challenging signal stimulus issues faced by designers verifying, characterizing, and debugging sophisti cated electronic designs. meeting the needs of today's design engineers, the series provides excellen t dynamic range over all modulation bandwidths. awg5000 series models, with a 14-bit dac, sample rates up to 1.2 gs/s, 2 to 4 output channels, synchronized 4 to 8 digital marker outputs, and 28 channels of digital data outputs, easily solve the toughest measurement challenges in wireless communications, defense electronics, digital consumer product design, data conversion equipment, test system synchronization, and semicon ductor design and test. the open windows (windows 7) based instruments are easy, convenient to use, and connect with peripherals and other third-party software. the capabilities of the awg5000 series are further enhanced by the addition of key features: equation editor the equation editor is an ascii text editor that uses text strings to create waveforms by loading, editing, and compiling equation les. the editor provides control and exibility to create more complex waveforms using customer-de ned parameters. waveform sequencing and subsequencing real-time sequencing creates in nite waveform loops, jumps, and conditional branches for longer pattern-length generation suitable for replicating real-world behavior of serial transmitters. dynamic jump the dynamic jump capability enables the creation of complex waveforms by enabling the ability to dynamically jump to any prede ned index in a waveform sequence. users can de ne up to 16 distinct jump indexes that respond to changing external environments. lxi class c using the lxi web interface, you can connect to the awg5000 series through a standard web browser by simply entering the awg's ip address in the address bar of the browser. the web interface enables viewing of instrument status and con guration, as well as status and modi cation of network settings. all web interaction conforms to the lxi class c speci cation. wireless i/q and if signal generation the awg5000 series provides good sfdr over modulation bandwidths up to 180 mhz, meeting the demands of iq and if signal generation. the rfxpress (rfx100) software package utilizes the raw awg performance to simplify the creation of rf signals. supporting a wide range of modulation schemes, the software is exible enough to create either generic or propriety signals for digital communication systems. power ramping, frequency hopping, and impairments can easily be added to generate the desired signal. radar signal creation is a software module for rfxpress that gives you the ulti mate exibility in creating pulsed radar waveforms. it gives you the ability to build your own radar pulse suite starting from pulse-to-pulse trains to pulse groups. it supports a variety of modulation schemes including lfm, barker and polyphase codes, user-de ned codes, step fm, nonlinear fm, user-de ned fm, and custom modulation. it also has the ability to generate pulse trains with staggered pri to resolve range and doppler ambiguity, freque ncy hopping for electronic counte r-counter measures (eccm), and pulse-to-pulse amplitude variation to simulate swerling target models including antenna scan patterns, clutter, and multipath effects. rfxpress is a powerful easy-to-use software package to synthesize iq and if signals for arbitrary waveform generators. it runs as an integral part of the awg5000 series or from an external pc. 2 www.tektronix.com/awg5000
arbitrary waveform generators ? awg5000 series environment signal generation radar signals must coexist with other commercial standard signals sharing the same spectrum, yet are still expected to perform with no performance degradation. this isn't unreasonable given its mission-critical operations. to meet this exp ectation, a radar designer has to thoroughly test all the corner cases at the design/debug stage. the awg5000 and rfxpress environment plug-in offers extreme exibility to de ne and create these worst-case scenarios. you can specify up to 25 signals to de ne your environment, including wimax, wifi, gsm, gsm-edge, egprs 2a, egprs2b, cdma, w-cdma, dvb-t, noise, and cw radar. this plug-in also allows you to seamlessly import signals from other rfxpress plug-ins (including radar, gener ic signal, etc.), as well as from matlab ? and from tektronix spectrum analyzers and oscilloscopes, into your environment. you can also con gure phy parameters of your standard-speci c signals. you can de ne the carrier frequency, power, start time, and duration for all the signals in your environment, so you have full control over the way these signals interact/interfere with each other. mixed-signal generation awg5012 and awg5002 models have an optional 28 digital output channels with high-resolution edge placement, making them a great mixed-signal test by tds/tla iview. solution for digital signal generation applications, such as digital design and validation, system synchroniza tion, and adc/dac testing. www.tektronix.com/awg5000 3
data sheet characteristics de nitions speci cations (not noted) ? product characteristics described in terms of speci ed performance with tolerance limits which are warranted/guaranteed to the customer. speci cations are checked in the manufacturin gprocessandintheperformanceveri cation section of the product manual with a direct measurement of the parameter. typical (noted) ? product characteristics described in terms of typical performance, but not guaranteed performance. the values given are never warranted, butmostunits will perform to the level indicated. typical characteristics are not tested in the manufacturing process or the performance veri cation section of the product manual. nominal (noted) ? product characteristics described in terms of being guaranteed by design. nominal characteristics are non-warranted, so they are not chec kedinthe manufacturing process or the performance veri cation section of the product manual. awg5000c series speci cations general characteristics characteristic AWG5014C awg5012c awg5002c digital to analog converter sample rate 10 ms/s to 1.2 gs/s 10 ms/s to 600 ms/s resolution 14 bit sin (x)/x roll-off sin(x)/x(?1db) 300 mhz 150 mhz sin(x)/x(?3db) 520 mhz 260 mhz 4 www.tektronix.com/awg5000
arbitrary waveform generators ? awg5000 series frequency domain characteristics characteristic AWG5014C awg5012c awg5002c output frequency characteristics effective frequency output fmaximum (speci ed) is determined as "sample rate / oversampling rate" or "sr/2.5" fmaximum 480 mhz 240 mhz fmaximum (typical) 540 mhz 275 mhz effective frequency switching time minimum frequency switching time from selected frequencies f 1 to f 2 is determined as "1/fmaximum" standard ts 2.1 ns 4.2 ns ts (typical) 1.8 ns 3.7 ns modulation bandwidth modulation bandwidth is a combination of sin(x)/x and rise time bandwidths, de ned as the lower of the sin(x)/x bandwidth or the calculated percentage of rise time bandwidth (as shown) mod bandwidth (?1 db) (typical) ?1 db bw = 0.932 (?1 db trbw) normal: upto130mhz direct: upto180mhz normal: up to 100 mhz direct: up to 130 mhz mod bandwidth (?3 db) (typical) ?3 db bw = 0.913 (?3 db trbw) normal: upto230mhz direct: upto300mhz normal: up to 180 mhz direct: up to 230 mhz output amplitude characteristics amplitude amplitude levels are measured as single-ended outputs. amplitude level will be 3 dbm higher when using differential (both) outputs range normal: ?30 dbm to 17 dbm direct: ?30dbmto0dbm resolution 0.01 db accuracy at 0 dbm level, with no offset, 0.3 db output flatness mathematically corrected for characteristic sin (x)/x roll-off, uncorrected by external calibration methods flatness (typical) 1.0 db, from 10 mhz to 480 mhz digital data out (option 03) number of outputs 14-bit output on ch1 and ch2 (28 total) output connector smb (rear panel), single ended output impedance 50 ? digital data out levels (into 50 ? ) window ?1.0 v to 2.7 v amplitude 0.1 v p-p to 3.7 v p-p resolution 10 mv accuracy (10% of setting + 120 mv) current (max) 54 ma per channel rise/fall time (20% to 80%) 300 ps (1.0 v p-p ,hi: 1.0v,lo: 0v) delay from marker ?41 ns to ?82 ns skew between outputs <400 ps www.tektronix.com/awg5000 5
data sheet time domain characteristics characteristic AWG5014C awg5012c awg5002c data rate characteristics data rate bit rate is determined as "sample rate / 4 points per cycle", allow ing full impairm ent generation bit rate (typical) 300 mb/s 150 mb/s rise/fall time characteristics rise/fall time rise/fall time measured at 10% to 90% levels tr/tf normal: 1.4 ns direct: 0.95 ns rise time bandwidth rise-time bandwidth converted from rise-time (0.34/tr, assumed gaussian transition) characteristics through analog output circuitry and cabling tr bandwidth (?1 db) (typical) normal: 14 0mhz direct: 21 0mhz tr bandwidth (?3 db) (typical) normal: 250 mhz direct: 370 mhz low-pass lter normal: bessel type, 50 and 100 mhz output amplitude characteristics amplitude amplitude levels are measured between differential outputs (+) and (?) for single-ended output (+) the amplitude level will be one-half the levels below range normal: 40 mv p-p to 9.0 v p-p direct: 40 mv p-p to 1.2 v p-p resolution 1.0 mv accuracy at0.5v,withnooffset,(2%ofamplitude2mv) offset range normal: 2.25 v resolution 1.0 mv accuracy at minimum amplitude, (2.0% of offset 10 mv) 6 www.tektronix.com/awg5000
arbitrary waveform generators ? awg5000 series common characteristics characteristic AWG5014C awg5012c awg5002c output distortion characteristics spurious free dynamic range (sfdr) sfdr is determined as a function of the directly generated carrier frequency. harmonics not included sfdr (direct) (typical) clock: 1.2 gs/s, 14-bit operation frequency: 10 mhz to 480 mhz level: 4 dbm (1 v p-p ) offset: none clock: 0.6 gs/s, 14-bit operation frequency: 10 mhz to 240 mhz level: 4 dbm (1 v p-p ) offset: none dc to 10 mhz carrier ?70 dbc ?74 dbc 10 to 20 mhz carrier ?70 dbc ?70 dbc 20 to 40 mhz carrier ?62 dbc ?62 dbc 40 to 80 mhz carrier ?62 dbc ?57 dbc 80 to 150 mhz carrier ?58 dbc ?54 dbc 150 to 300 mhz carrier ?58 dbc ?54 dbc 300 to 480 mhz carrier ?56 dbc spurious free dynamic range (sfdr) when viewed as a modulation bandwidth and used with external frequency up-conversion, the speci cations will hold and be independent of carrier frequency with proper conversion circuitry design. harmonics not included sfdr (di rect) (typical) clock: 1 .2 gs/s, 14-bit operation modulat ion bandwidth: up to 180 mhz level: 4 dbm (1 v p-p ) offset: none clock: 0 .6 gs/s, 14-bit operation modulat ion bandwidth: up to 130 mhz level: 4 dbm (1 v p-p ) offset: none dc to 10 mhz bandwidth ?70 dbc ?74 dbc dc to 20 mhz bandwidth ?70 dbc ?70 dbc dc to 40 mhz bandwidth ?62 dbc ?62 dbc dc to 80 mhz bandwidth ?62 dbc ?57 dbc dc to 150 mhz bandwidth ?58 dbc ?54 dbc dc to 180 mhz bandwidth ?58 dbc www.tektronix.com/awg5000 7
data sheet characteristic AWG5014C awg5012c awg5002c harmonic distortion clock: 1.2 gs/s, 14-bit operation 32-point waveform 37.5 mhz output normal: 10 dbm (2.0 v p-p ) direct: 0 dbm (0.6 v p-p ) offset: none clock: 0.6 gs/s, 14-bit operation 32-point waveform 18.7 mhz output normal: 10 dbm (2.0 v p-p ) direct: 0 dbm (0.6 v p-p ) offset: none harmonics normal: <40 dbc direct: <49 dbc normal: <46 dbc direct: <55 dbc nonharmonic distortion clock: 1.2 gs/s, 14-bit operation frequency: 10 mhz to 480 mhz level: 4 dbm (1 v p-p ) offset: none clock: 0.6 gs/s, 14-bit operation frequency: 10 mhz to 240 mhz level: 4 dbm (1 v p-p ) offset: none spurious AWG5014C/5012c phase noise (typical). awg5002c phase noise (typical). 8 www.tektronix.com/awg5000
arbitrary waveform generators ? awg5000 series awg5000c series common features common hardwa re characteristics characteristic AWG5014C awg5012c awg5002c number of outputs 4 channels 2 channels output connector differential, bnc (front panel) output impedance 50 ? waveform length standard ? to 16m points extended memory ? to 32m points number of waveforms 1to16,200 sequence length/counter 1to8,000steps 1 to 65,536 count run modes continuous waveform is iteratively output. if a sequence is de ned, the sequence order and repeat functions are applied triggered waveform is output only once when an internal, external, programmatic (gpib, lan), or manual trigger is received gated waveform begins output when gate is "true" and resets when gate is "false" sequence waveform is output as de ned by the sequence selected jump synchronous and asynchronous sampling clock resolution 8 digits accuracy within (1 ppm + aging) aging: within 1 ppm per year internal trigger generator range 1.0sto10.0s resolution 3 digits, 0.1 s minimum output skew control range ?5nsto5ns resolution 5ps common software characteristics characteristic AWG5014C awg5012c awg5002c operating system / peripherals / io windows 7 4 gb memory cd/dvd drive (front panel) 300 gb solid state drive (std) / 1 tb mechanical hard disk drive (opt) (rear-panel removable, optional front mount kit) usb compact keyboard and mouse usb 2.0 compliant ports (6 total ? 2 front, 4 rear) ps/2 mouse and keyboard connections (rear panel) rj-45 ethernet connector (rear panel) supports 10/100/1000base-t esata (rear panel) dvi/i video (rear panel) dis play characteristics led backlit monitor with touch screen, 10.4 in. (264 mm) 1024 768 (v) xga wa veform file import capability im port waveform format by series: *. awg le created by tektronix awg5000 or awg7000 series *. pat, *.seq, *.wfm, and *.equ le formats created by tektronix arbitrary waveform generators su ch as the awg400/500/600/700 series *. tiq and *.iqt les created by tektronix real-time spectrum analyzers *. tfw le created by tektronix afg3000 series arbitrary/function generators *. dtg le created by tektronix dtg5000 series data timing generators * .wfm or *.isf le created by tektronix tds/dpo series oscilloscopes text le (*.txt) waveform file export capability export waveform format by series: tektronix awg400/500/600/700 (*.wfm or *.pat) and text format software driver for third-party applications ivi-com driver, matlab library instrument control / data transfer gpib remote control and data transfer (conforms to ieee-std 488.1, compatible with ieee-std 488.2 and scpi-1999.0) ethernet remote control and data transfer (conforms to ieee-std 802.3) teklink remote control and data transfer (proprietary bus for tektronix product high-speed interconnection and communication) lan extensions for instrumentation (lxi) class lxi class c version 1.3 www.tektronix.com/awg5000 9
data sheet auxiliary outputs characteristic AWG5014C awg5012c awg5002c markers number total: 8 (2 per channel) total: 4 (2 per channel) style single ended connector bnc (front panel) impedance 50 ? level (into 50 ? ) amplitude levels are measured between differential outputs (+) to (?) single-ended output amplitude level will be one-half the voltage levels below window ?2.0 v to 5.4 v amplitude 0.2 v p-p to 7.4 v p-p resolution 10 mv accuracy (10% of setting + 120 mv) rise/fall time (20% to 80%) 300 ps (1.0 v p-p , hi: 1.0 v, lo: 0.0 v) timing skew range 0to1000ps resolution 50 ps delay control range 0to300ps resolution 1ps accuracy (5% of setting + 50 ps) jitter random rms (typical) 5ps total p-p (typical) 80 ps (2 15 ?1pnpatternat10 ?12 ber) 10 mhz reference out amplitude 1.2 v p-p into 50 ? , maximum 2.5 v open connector bnc (rear panel) impedance 50 ? , ac coupled clock out (vco) range 600 mhz, 1.2 ghz amplitude 0.4 v p-p into 50 ? to ground connector bnc (rear panel) impedance 50 ? , ac coupled dc outputs number 4, independently controlled range ?3.0 v to 5.0 v resolution 10 mv accuracy (3% of setting + 120 mv) connector 24 pin header (front panel) current (max) 100 ma 10 www.tektronix.com/awg5000
arbitrary waveform generators ? awg5000 series auxiliary inputs characteristic AWG5014C awg5012c awg5002c trigger / gate in polarity pos or neg range 50 ? :5v 1k ? :10v jitter (typical) 2.0 ns to 4.5 ns connector bnc (front panel) impedance 50 ? ,1k ? threshold level ?5.0 v to 5.0 v resolution 0.1 v trigger to output uncertainty asynchronous (typical) between internal/external clock and trigger timing: 2.0 ns to 4.5 ns trigger mode minimum pulse width 20 ns trigger hold-off 160samplingperiod?200ns delay to output 48 sampling period + 500 ns gated mode minimum pulse width 1024 sampling period + 10 ns delay to output 240 sampling period + 500 ns event in polarity pos or neg range 50 ? :5v 1k ? :10v connector bnc (front panel) impedance 50 ? ,1k ? threshold level ?5.0 v to 5.0 v resolution 0.1 v sequence mode minimum pulse width 20 ns event hold-off 200 sampling period + 500 ns delay to output 260 sampling period + 300 ns (ju mp timing: asynchronous jump) external clock in input voltage range 0.2 v p-p to 0.8 v p-p , ?10 dbm to 2 dbm frequency range 600 mhz to 1.2 ghz (acceptable frequency drift of 5%) clock divider 1/1, 1/2, 1/4...1/256 connector bnc (rear panel) impedance 50 ? , ac coupled fixed reference clock in input voltage range 0.2 v p-p to 3.0 v p-p ,?10dbmto14dbm frequency range 10 mhz, 20 mhz, 100 mhz (within 0.1%) connector bnc (rear panel) impedance 50 ? , ac coupled www.tektronix.com/awg5000 11
data sheet characteristic AWG5014C awg5012c awg5002c phase lock in input voltage range 0.2 v p-p to 3.0 v p-p ,?10dbmto14dbm frequency range 5 mhz to 600 mhz (acceptable frequency drift is 0.1%) multiplier rate 1to240 connector bnc (rear panel) impedance 50 ? , ac coupled add in input voltage range 1.0 v dc gain 1 bandwidth dc to 100 mhz (?3 db) connector bnc (rear panel) impedance 50 ? , ac coupled physical characteristics dimension mm in. height 245 9.6 width 465 18 depth 500 19.7 weight kg lb. net (instrument) 19.5 43 net (with packaging) 28.5 62.8 mechanical cooling clearance cm in. top/bottom 20.8 side 15 6 rear 7.5 3 power supply rating 100to240vac,47to63hz consumption 450 watts environmental characteristics characteristic description temperature operational 10to40c nonoperational 20 to 60 c humidity operational 5% to 80% relative humidity (% rh) at up to 30 c, 5% to 45% relative humidity above 30 c up to 50 c nonoperational 5% to 90% relative humidity (% rh) at up to 30 c, 5% to 45% relative humidity above 30 c up to 50 c altitude operational up to 10,000 ft. (3,048 m) nonoperational up to 40,000 ft. (12,192 m) vibration sine operational 0.33 mm p-p (0.013 in p-p) constant displacement, 5 to 55 hz nonoperational n/a random operational 0.27 g rms, 5 to 500 hz, 10 minutes per axis nonoperational 2.28 g rms, 5 to 500 hz, 10 minutes per axis mechanical shock operational half-sine mechanical shocks, 30 g peak, 11 ms duration, 3 drops in each direction of each axis non operational half-sine mechanical sho cks, 10 g peak, 11 ms duration, 3 drops in each direction of each axis regulatory safety ul61010-1, can/csa-22.2, no.61010-1-04, en61010-1, iec61010-1 emissions en55011 (class a), iec61000-3-2, iec61000-3-3 immunity iec61326, iec61000-4-2/3/4/5/6/8/11 regional certi cations europe en61326 australia / new zealand as/nzs 2064 12 www.tektronix.com/awg5000
arbitrary waveform generators ? awg5000 series ordering information arbitrary waveform generator mainframe AWG5014C 1.2 gs/s, 14-bit resolution, 16m point per channel, 4-channel arbitrary waveform generator awg5012c 1.2 gs/s, 14-bit resolution, 16m point per channel, 2-channel arbitrary waveform generator awg5002c 600 ms/s, 14-bit resolution, 16m point per channel, 2-channel arbitrary waveform generator all models include : accessory pouch, front cover, usb mouse, compact usb keyboard, lead set for dc output, awg5000c series product software cd and instructions, documentation cd with browser, quick start user manual and registration card, certi cate of calibration, and power cable. note : please specify power cord and language option when ordering. instrument options option description AWG5014C/awg5012c/awg5002c opt. 01 waveform length expansion (from 16m to 32m) opt. 05 removable mechanical hdd (1 tb) opt. 09 subsequencing and dynamic jump option (subsequencing les created for legacy awg400, awg500, awg600, and awg700 instrument are compatible with this option) opt. rfx adds rfxpress (rfx100) software to the awg opt. rdr adds radar signal generation to rfxpress (requires opt. rfx) opt. spara adds s-parameter emulation to rfxpress (requires opt. rfx) opt. ofdm adds ofdm signal generation to rfxpress (requires opt. rfx) opt. env adds environment signal generation to rfxpress (requires opt. rfx) opt. env01 bundling option ? opt. env + opt. rdr (requires opt. rfx) opt. env02 bundling option ? opt. env + opt. rdr + opt. ofdm (requires opt. rfx) opt. env03 bundling option ? opt. env + opt. rdr + opt. ofdm + opt. spara (requires opt. rfx) opt. env04 bundling option ? opt. env + opt. rdr + opt. ofdm + opt. spara + opt. uwbct (requires opt. rfx) opt. uwbcf adds uwb-wimedia conformance signal generation to rfxpress (requires opt. rfx) opt. uwbct adds uwb-wimedia custom and conformance signal generation to rfxpress (requires opt. rfx, includes opt. uwbcf) awg5012c/awg5002c opt. 03 28-bit digital data outputs (digital data of ch1 and ch2) note : must be ordered at time of purchase opt. 0309 combination of opt. 03 and opt. 09 note : must be ordered at time of purchase common options international power plugs option description opt. a0 north america opt. a1 universal euro opt. a2 united kingdom opt. a3 australia opt. a5 switzerland opt. a6 japan opt. a10 china opt. a11 india opt. a99 no power cord or ac adapter language options option description opt. l0 english opt. l5 japanese opt. l7 simpli ed chinese opt. l8 traditional chinese opt. l10 russian application software model option description jitter generation software package (includes usb dongle) opt. isi s-parameter and isi creation (requires sdx100 as prerequisite) sdx100 opt. ssc spread spectrum clock addition option (requires sdx100 as prerequisite) service options option description opt. ca1 a single calibration event opt. c3 calibration service 3 years opt. c5 calibration service 5 years opt. d1 calibration data report opt. d3 calibration data report 3 years (with opt. c3) opt. d5 calibration data report 5 years (with opt. c5) opt. r3 repair service 3 years opt. r5 repair service 5 years post sales service options: (e.g. awg5012-ca1) ca1 a single calibration event r3dw repair service coverage 3 years r5dw repair service coverage 5 years r2pw repair service coverage 2 years post warranty r1pw repair service coverage 1 year post warranty www.tektronix.com/awg5000 13
data sheet product upgrade product options to upgrade description AWG5014C awg50cup opt. m03 waveform length expansion from 16m point to 32m point awg5012c awg50cup opt. m02 waveform length expansion from 16m point to 32m point awg5002c awg50cup opt. m01 waveform length expansion from 16m point to 32m point opt. d01 additional removable disk ? solid state all awg5000c models awg50cup opt. d02 additional removable disk ? mechanical note : to add any rfxpress software as an upgrade, please refer to the rfx100 data sheet. recommended accessories item description part number pin header cable sma cable 40 in. (102 cm) 012-1690-xx smb cable 20 in. (51 cm) 012-1503-xx rackmount kit rackmount kit with instruction 016-1983-xx front removable hdd bay front removable hdd bay 016-1979-xx english 071-2481-xx japanese 071-2482-xx simpli ed chinese 071-2483-xx tradition al chinese 071-2484-xx quick-star t user manual russian 020-2971-xx programmer manual english 077-0061-xx opt. 09 us er manual english 020-2971-xx service m anual english visit tektronix website warranty one-year parts and labor. tektronix is registered to iso 9001 and iso 14001 by sri quality system registrar. product(s) complies with ieee standard 488.1-1987, rs-232-c, and with tektronix standard codes and formats. 14 www.tektronix.com/awg5000
arbitrary waveform generators ? awg5000 series www.tektronix.com/awg5000 15
data sheet contact tektronix: asean / australa sia (65) 6356 3900 austria 00800 2255 4835* balkans, israel, south africa and other ise countries +41 52 675 3777 belgium 00800 22 55 4835* brazil +55(11)37597627 canada 1 800 833 9200 central east eu rope and the baltics +41526753777 central europe & greece +41 52 675 3777 denmark +4580881401 finland +41526 75 3777 france 00800 2255 4835* germany 00800 2255 4835* hong kong 400 8 20 5835 india 000 800 650 1835 italy 00800 2255 4835* japan 81 (3) 67 14 3010 luxembourg +41526753777 mexico, central/south america & caribbean 52 (55) 56 04 50 90 middle east, asia, and north africa +41 52 675 3777 the netherlands 00800 2255 4835* norway 800 16098 people?s rep ublic of china 400 820 5835 poland +41 52 675 3777 portugal 80 08 12370 republic of korea 001 800 8255 2835 russia & cis +7 (495) 7484900 south africa +41526753777 spain 00800 2255 4835* sweden 00800 2255 4835* switzerland 00800 2255 4835* taiwan 886 ( 2) 2722 9622 united kingdom & ireland 00800 2255 4835* usa 1 800 833 9200 * european toll-free number. if not accessible, call: +41 52 675 3777 updated 10 february 2011 for further information. tektronix maintains a comprehensive, constantly expanding collection of application notes, technical bri efs and other resources to help engineers working on the cutting edge of technology. please visit www.tektronix.com copyrigh t ? tektronix, inc. all rights reserved. tektroni x products are covered by u.s. and foreign patents, issued an d pending. information in this publication supersedes that in all previously published material. speci ca tion and price change privileges reserved. tektronix and tek are registered trademarks of tektroni x, inc. all other trade names referenced are the service marks, trademarks, or registered trademarks of their r espective companies. 04 jun 2012 76w-22260-9 www.tektronix.com/awg5000


▲Up To Search▲   

 
Price & Availability of AWG5014C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X