Part Number Hot Search : 
010012TD 6PHR20 VQ2001P ON0621 T113031 RX300 1N4751 1616A
Product Description
Full Text Search
 

To Download ASL210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 / 8 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 february 20 11 as l210 5 - 30 00 mhz high linearity lna mmic parameters units typical frequency mhz 50 450 900 2000 2700 gain db 24.5 22.5 18.5 12 10 s11 db - 12 - 15 - 20 - 18 - 14 s22 db - 18 - 15 - 18 - 12 - 10 output ip3 dbm 35 1) 35 2) 36 3) 37 4) 38 4) noise figure db 2.5 0.8 0.8 0.9 1.2 output p1db dbm 18.5 20 20 20.5 20.5 current ma 80 67 67 67 67 device voltage v 3 3.3 3.3 3.3 3.3 1) oip3 is measured with two tones at an output power of +7 dbm/tone separated by 1 mhz. 2) oip3 is measured with two tones at an output power of +10 dbm /tone separated by 1 mhz. 3) oip3 is measured with two tones at an output power of +12 dbm/tone separated by 1 mhz. 4) oip3 is measured with two tones at an output power of +11 dbm/tone separated by 1 mhz. parameters units min typ max testing frequency mhz 900 gain db 18.5 s11 db - 20 s22 db - 18 output ip3 dbm 36 noise figure db 0.8 output p1db dbm 20 current ma 67 device voltage v 3.3 parameters rating operating case temperature - 40 to + 85 c storage temperature - 40 to + 150 c device voltage +5 v operating junction temper a ture + 150 c input rf power ( cw, 50ohm matched)* 22 dbm * please find the max. input power data from http://www.asb.co.kr/pdf/m aximum_input_power_analysis.pdf feature s description absolute maximum ratings 18.5 db gain at 900 mhz 20 dbm p1db at 900 mhz 36 dbm output ip3 at 900 mhz 0.8 db nf at 900 mhz mttf > 100 years single supply the ASL210, a wideband linear low noise amplifier mmic, has a low noise and high linearity at low bias current, being suitable for use in both receiver and transmitter of telecommunic a tion systems up to 3 ghz. the amplifier is avai l able in a n sot - 89 package and passes through the stringent dc, rf, and reliabi l ity tests. application circuit if ( 50 ~ 200 mhz ) if ( 470 ~ 510 mhz ) cdma gsm pcs & dcs wcdma 2300 ~ 2700 mhz pr oduct specifications typical perfor m ance ASL210 package style: sot - 89 pin configuration pin no. functi on 1 rf in 2 gnd 3 rf out / bias
2 / 8 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 february 20 11 as l210 5 - 30 00 mhz high linearity lna mmic pin no. function 1 rf in 2 gnd 3 rf out / bias mounting recommendation (in mm) outline drawing note : 1. the number and size of ground via holes in a circuit board is critical for thermal and rf grounding consi d erations. 2. we recommend that the ground via holes be placed on the bottom of the lead pin 2 and exposed p ad of the device for better rf and thermal performance, as shown in the drawing at the left side. esd classification hbm class 1b voltage level: 550 v mm class a voltage level: 50 v caution: esd - sensitive device! moisture sensitivity level (msl) level 3 at 260 c reflow esd classificat ion & moisture sensitivity level symbols dimensions (in mm) min nom max a 1.40 1.50 1.60 l 0.89 1.04 1.20 b 0.36 0.42 0.48 b1 0.41 0.47 0.53 c 0.38 0.40 0.43 d 4.40 4.50 4.60 d1 1.40 1.60 1.75 e 3.64 --- 4.25 e1 2.40 2.50 2.60 e1 2.90 3.00 3.10 h 0.35 0. 40 0.45 s 0.65 0.75 0.85 e 1.40 1.50 1.60 as l210 pxxxx lot no. part no.
3 / 8 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 february 20 11 as l210 5 - 30 00 mhz high linearity lna mmic 1) oip3 is measured with two tones at an output power of +7 dbm/tone sep a- rated by 1 mhz. board layout ( fr4, 40x40 mm 2 , 0.8t) schematic s - parameters & k - factor application circuit if 50 ~ 200 mhz +3 v frequency (mhz) 50 100 200 magnitude s21 (db) 24.5 24 23 magnitude s11 (db) - 12 - 12 - 11 magnitude s22 (db) - 18 - 20 - 20 output p1db (dbm) 18.5 18.5 18.5 output ip3 1) (dbm) 35 35 35 noise figure (db) 2.5 2.4 2.4 device voltage (v) 3 3 3 current (ma) 80 80 80 vs=3 v rf in rf out c3=100 pf c4=10 m f ASL210 r1=9.1 k w c1=1 m f r2=100 w c2=1 m f l1=1.2 mh 0 50 100 150 200 250 300 0 5 10 15 20 25 30 gain (db) frequency (mhz) 0 50 100 150 200 250 300 -20 -15 -10 -5 0 s11 (db) frequency (mhz) 0 50 100 150 200 250 300 -30 -25 -20 -15 -10 -5 0 s22 (db) frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 0 1 2 3 4 5 stability factor frequency (mhz)
4 / 8 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 february 20 11 as l210 5 - 30 00 mhz high linearity lna mmic 1) oip3 is measured with two tones at an output power of +10 dbm/tone s e- parated by 1 mhz. board layout ( fr4, 40x40 mm 2 , 0.8t) schematic s - parameters & k - factor application circuit frequency (mhz) 470 510 magnitude s21 (db) 22.5 22 magnitude s11 (db) - 15 - 17 magnitude s22 (db) - 15 - 15 output p1db (dbm) 20 20 output ip3 1) (dbm) 35 35 noise figure (db) 0.8 0.9 device voltage (v) 3.3 3.3 current (ma) 67 67 if 470 ~ 510 mhz +3.3 v c1=100 pf l1=220 nh c3=100 pf vs=3.3 v rf in rf out c4=100 pf c5=0.1 m f ASL210 l3=47 nh r1=7.5 k w c2=5 pf l2=12 nh 200 300 400 500 600 700 800 0 5 10 15 20 25 30 gain (db) frequency (mhz) 200 300 400 500 600 700 800 -20 -15 -10 -5 0 s11 (db) frequency (mhz) 200 300 400 500 600 700 800 -20 -15 -10 -5 0 s22 (db) frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 0 1 2 3 4 5 stability factor frequency (mhz)
5 / 8 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 february 20 11 as l210 5 - 30 00 mhz high linearity lna mmic 1) oip3 is measured with two tones at an output power of +12 dbm/tone sep a- rated by 1 mhz. board layout ( fr4, 40x40 mm 2 , 0.8t) schematic s - parameters & k - factor application circuit cdma & gsm 824 ~ 960 mhz +3.3 v c1=100 pf l1=39 nh c3=100 pf vcc=3.3 v rf in rf out c4=100 pf c5=0.1 m f ASL210 l3=47 nh r1=7.5 k w c2=3.3 pf l2=6.8 nh 600 700 800 900 1000 1100 1200 0 5 10 15 20 25 gain (db) frequency (mhz) 600 700 800 900 1000 1100 1200 -30 -25 -20 -15 -10 -5 0 s11 (db) frequency (mhz) 600 700 800 900 1000 1100 1200 -30 -25 -20 -15 -10 -5 0 s22 (db) frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 0 1 2 3 4 5 stability factor frequency (mhz) frequency (mhz) 824 894 960 magnitude s21 (db) 19.5 18.5 18 magnitude s11 ( db) - 15 - 20 - 15 magnitude s22 (db) - 20 - 18 - 15 output p1db (dbm) 20 20 19.5 output ip3 1) (dbm) 35 35 35.5 noise figure (db) 0.7 0.8 0.8 device voltage (v) 3.3 3.3 3.3 current (ma) 67 67 67
6 / 8 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 february 20 11 as l210 5 - 30 00 mhz high linearity lna mmic 1) oip3 is measured with two tones at an output power of +11 dbm/tone s e- parated by 1 mhz. board layout ( fr4, 40x40 mm 2 , 0.8t) schematic s - parameters & k - factor application circuit frequency (mhz) 1710 1990 magnitude s21 (db) 14 13 magnitude s11 (db) - 18 - 16 magnitude s22 (db) - 16 - 14 output p1db (dbm) 19.5 19.5 output ip3 1) (dbm) 37 37.5 noise figure (db) 0.7 0.8 device voltage (v) 3.3 3.3 current (ma) 67 67 pcs & dcs 1710 ~ 19 90 mhz +3.3 v c1=100 pf l1=39 nh c3=100 pf vcc=3.3 v rf in rf out c4=100 pf c5=0.1 m f ASL210 l3=39 nh r1=7.5 k w c2=1.2 pf l2=2.2 nh 1500 1600 1700 1800 1900 2000 2100 0 5 10 15 20 gain (db) frequency (mhz) 1500 1600 1700 1800 1900 2000 2100 -30 -25 -20 -15 -10 -5 0 s11 (db) frequency (mhz) 1500 1600 1700 1800 1900 2000 2100 -25 -20 -15 -10 -5 0 s22 (db) frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 0 1 2 3 4 5 stability factor frequency (mhz)
7 / 8 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 february 20 11 as l210 5 - 30 00 mhz high linearity lna mmic 1) oip3 is measured with two tones at an output power of +11 dbm/tone s e- parated by 1 mhz. board layout ( fr4, 40x40 mm 2 , 0.8t) schematic s - parameters & k - factor application circuit frequency (mhz) 1920 2170 magnitude s21 (db) 13 12 magnitude s11 (db) - 15 - 18 magnitude s22 (db) - 14 - 12 output p1db (dbm) 20 20.5 output ip3 1) (dbm) 37 37 noise figure (db) 0.8 0.9 devic e voltage (v) 3.3 3.3 current (ma) 67 67 wcdma 1920 ~ 2170 mhz +3.3 v c1=100 pf l1=39 nh c3=100 pf vcc=3.3 v rf in rf out c4=100 pf c5=0.1 m f ASL210 l3=39 nh r1=7.5 k w c2=1.2 pf 4 mm 1700 1800 1900 2000 2100 2200 2300 2400 0 5 10 15 20 gain (db) frequency (mhz) 1700 1800 1900 2000 2100 2200 2300 2400 -25 -20 -15 -10 -5 0 s11 (db) frequency (mhz) 1700 1800 1900 2000 2100 2200 2300 2400 -25 -20 -15 -10 -5 0 s22 (db) frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 0 1 2 3 4 5 stability factor frequency (mhz)
8 / 8 asb inc. sales@asb .co.kr tel: +82 - 42 - 528 - 7223 february 20 11 as l210 5 - 30 00 mhz high linearity lna mmic 1) oip3 is measured with two tones at an output power of +11 dbm/tone sep a- rated by 1 mhz. board layout ( fr4, 40x40 mm 2 , 0.8t) schematic s - parameters & k - factor application circuit frequency (mhz) 2300 2500 2700 magnitude s21 (db) 11.5 10.5 10 magnitude s11 (db) - 14 - 15 - 14 magnitude s22 (db) - 14 - 12 - 10 output p1db (dbm) 20.5 21 20.5 output ip3 1) (dbm) 38 38 38 noise figure (db) 1.0 1.1 1.2 device voltage (v) 3.3 3.3 3.3 current (ma) 67 67 67 2300 ~ 2700 mhz +3.3 v c1=100 pf l1=39 nh c3=100 pf vcc=3.3 v rf in rf out c4=100 pf c5=0.1 m f ASL210 l3=39 nh r1=7.5 k w c2=1 pf 1.5 mm 2000 2200 2400 2600 2800 3000 0 5 10 15 20 gain (db) frequency (mhz) 2000 2200 2400 2600 2800 3000 -20 -15 -10 -5 0 s11 (db) frequency (mhz) 2000 2200 2400 2600 2800 3000 -25 -20 -15 -10 -5 0 s22 (db) frequency (mhz) 0 500 1000 1500 2000 2500 3000 3500 0 1 2 3 4 5 stability factor frequency (mhz)


▲Up To Search▲   

 
Price & Availability of ASL210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X