Part Number Hot Search : 
C2621 CT244 D5611 FN4727 M32X6 MIC39300 TDA15 201346B
Product Description
Full Text Search
 

To Download AS386-GS18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay bas386 document number 85505 rev. 1.8, 27-apr-04 vishay semiconductors www.vishay.com 1 9612315 small signal schottky barrier diode features ? integrated protection ring against static discharge  very low forward voltage applications applications where a very low forward voltage is required mechanical data case: micromelf glass case weight: approx. 12 mg cathode band color: black packaging codes/options: gs18 / 10 k per 13" reel (8 mm tape), 10 k/box gs08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box parts table absolute maximum ratings t amb = 25 c, unless otherwise specified thermal characteristics t amb = 25 c, unless otherwise specified part type differentiation ordering code remarks bas386 v r = 50 v bAS386-GS18 or bas386-gs08 tape and reel parameter test condition symbol value unit reverse voltage v r 50 v peak forward surge current t p = 10 ms i fsm 5a repetitive peak forward current t p 1 s i frm 500 ma forward current i f 200 ma average forward current i fav 200 ma parameter test condition symbol value unit junction ambient on pc board 50 mm x 50 mm x 1.6 mm r thja 320 k/w junction temperature t j 125 c storage temperature range t stg - 65 to + 150 c
www.vishay.com 2 document number 85505 rev. 1.8, 27-apr-04 vishay bas386 vishay semiconductors electrical characteristics t amb = 25 c, unless otherwise specified typical characteristics (t amb = 25 c unless otherwise specified) parameter test condition symbol min ty p. max unit forward voltage i f = 0.1 ma v f 300 mv i f = 1 ma v f 380 mv i f = 10 ma v f 450 mv i f = 30 ma v f 600 mv i f = 100 ma v f 900 mv reverse current v r = 40 v i r 5 a diode capacitance v r = 1 v, f = 1 mhz c d 8pf fig. 1 max. reverse power dissipat ion vs. junction temperature fig. 2 reverse current vs. junction temperature 15827 0 50 100 150 200 250 300 350 400 450 500 25 50 75 100 125 150 t j - junction temperature (c) p - reverse power dissipation ( mw ) r - limit @ 100% v p r r - limit @ 80% v p r r r thja = 540 k/w v r =50v 1 10 100 1000 10000 25 50 75 100 125 150 15828 i - reverse current ( a) r t j - junction temperature (c) v r =v rrm fig. 3 forward current vs. forward voltage fig. 4 diode capacitance vs. reverse voltage 15829 0 0.5 1.0 1.5 0.1 1 10 100 1000 i - forward curren t(a) f v f - forward voltag e(v) t j =25 c t j = 150 c 15830 0 1 2 3 4 5 6 7 8 9 10 0.1 1 10 100 f=1mhz v r - reverse voltag e(v) c - diode capacitance ( pf ) d
vishay bas386 document number 85505 rev. 1.8, 27-apr-04 vishay semiconductors www.vishay.com 3 package dimensions in mm fig. 5 board for r thja definition (in mm) 25 2.5 10 0.71 1.3 1.27 9.9 24 0.152 0.355 95 10329 iso method e 9612072 1.2 (0.047) 2.4 (0.094) 2.8 (0.109) 0.8 (0.031) 0.8 (0.031) 0.9 (0.035) 0.9 (0.035) reflow soldering wave soldering 0.8 (0.031) 1.0 (0.039) 1.4 (0.055)
www.vishay.com 4 document number 85505 rev. 1.8, 27-apr-04 vishay bas386 vishay semiconductors ozone depleting substances policy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its policy of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all operating parameters must be validated for each customer application by the customer. should the buyer use vishay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany telephone: 49 (0)7131 67 2831, fax number: 49 (0)7131 67 2423
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of AS386-GS18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X