Part Number Hot Search : 
2N6377 CIM039P1 4A000 EB13C3 MC100B SSD25 IRLR8711 EVB71112
Product Description
Full Text Search
 

To Download 70280-0012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/03/2014 please check www.molex.com for latest part information part number: 10-89-7241 status: active overview: c-grid? products description: 2.54mm pitch c-grid? breakaway header, dual row, vertical, high temperature, 24 circuits, tin (sn) plating, 2.72mm pc tail length documents: 3d model product specification ps-70280 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 70280 application board-to-board, signal, wire-to-board overview c-grid? products product name c-grid? upc 800753977716 physical breakaway yes circuits (loaded) 24 circuits (maximum) 24 color - resin black durability (mating cycles max) 25 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal copper alloy material - plating mating tin material - plating termination tin material - resin high temperature thermoplastic net weight 1.883/g number of rows 2 orientation vertical pc tail length 2.79mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 2.54mm plating min - mating 3.810m plating min - termination 3.810m polarized to mating part no polarized to pcb no shrouded no stackable yes temperature range - operating -40c to +105c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70280 series
electrical current - maximum per contact 3a voltage - maximum 250v solder process data lead-free process capability smc & wave capable (th only) process temperature max. c 260 material info old part number 70280-0012 reference - drawing numbers product specification ps-70280 sales drawing sda-70280-0001-4000 this document was generated on 04/03/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 70280-0012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X