Part Number Hot Search : 
17101 F06T4 NTE3026 16X5R CM509K R3000 CO55C 30452
Product Description
Full Text Search
 

To Download 3030AN50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3030 series m16 [5/8 in] high output vrs sensors - sensing and control - honeywell automation and control solutions encoders environmentally sealed proximity sensors fiber optic sensors infrared sensors linear and rotary potentiometric sensors liquid level sensors magnetic position sensors navigation and compass sensors potentiometers resolvers turbidity sensors ultrasonic sensors vrs aerospace proximity switches and sensors vrs industrial speed sensors > literature > 3010 series general purpose vrs sensors > 3015 series general purpose vrs sensors > 30x9 series high resolution vrs sensors > 304x series high resolution vrs sensors > 30x4 series high resolution vrs sensors > 3070/3090 series explosion proof vrs sensors > 2015/2025/2030/2040 series molded vrs sensors > 3030 series high output vrs sensors > 3025 series high output vrs sensors > 3040 series power output vrs sensors > ma230/ma240 series sealed front-end vrs sensors 3030 series m16 [5/8 in] high output vrs sensors for speed sensing applications where higher output voltages are needed. performs best at low to medium speeds with medium to high impedance loads. optimum actuator: 20 dp (module 1.27) ferrous metal gear test condition: a vp/p specifications parameter value output voltage 190v p-p min. coil resistance 191 ohm to 1200 ohms pole piece diameter 2,69 mm [0.106 in] minimum surface speed 10 ips (0.25 m/sec.) typical operating temperature range -55 c to 120 c [-67 f to 250 f] inductance 450 mh max. gear pitch range 24 dp (module 1.06) or coarser maximum operating frequency 15 khz typical vibration meets mil-std 202f method 204d sensors with 5/8-18 unf-2a mounting thread*, ms3106 connector dimensions part number thread length weight 3030an 28 mm [1.1 in] 70 g [2.5 oz] 3030an25 63 mm [2.5 in] 84 g [3.0 oz] 3030an30 76 mm [3.0 in] 84 g [3.0 oz] 3030an40 101 mm [4.0 in] 98 g [3.5 oz] 3030AN50 127 mm [5.0 in] 128 g [4.5 oz] search the sensing and control interactive catalog. search for product and support information. advanced search http://content.honeywell.com/sensing/prodinfo/vrs_industrial/3030series.asp (2 of 3)17/11/2005 13:35:53
3030 series m16 [5/8 in] high output vrs sensors - sensing and control - honeywell automation and control solutions > ma243ht series sealed front-end hi- temp sensor > ma215ht/ma315ht series sealed front-end hi-temp vrs sensors > ma3055 series sealed front-end hi-temp vrs sensor > 3042 series intrinsically safe vrs sensors > 3042 series control drawing > 3050 series miniature vrs sensors > 3080 series sub miniature vrs sensor > 3015htb series high temperature vrs sensors > download vrs calculator products & applications contact us request free literature mates with 41010(vr) connector or ca210 cable assembly. * for m16 x 1.5 6g mounting thread versions, add ?m? as the first character of the model number. sensors with 5/8-18 unf-2a mounting thread*, 24" (300 mm) leads dimensions part number thread length weight 3030s20 50 mm [2.0 in] 70 g [2.5 oz] 3030s30 76 mm [3.0 in] 84 g [3.0 oz] * for m16 x 1.5 6g mounting thread versions, add ?m? as the first character of the model number. sensors with 5/8-18 unf-2a mounting thread*, 1/2-14 npt conduit mount, 300 mm [24 in] leads dimensions part number thread length weight 3030h20 50 mm [2.0 in] 140 g [5.0 oz] * for m16 x 1.5 6g mounting thread versions, add ?m? as the first character of the model number. sensors with 5/8-18 unf-2a mounting thread*, ms3106 connector, 7,9 mm [0.312 in] thread relief dimensions part number thread length weight 3030a 1.4" (35 mm) 2.5 oz. (70 gr.) 3030a25 2.5" (63 mm) 3.0 oz. (84 gr.) mates with 41010(vr) connector or ca210 cable assembly. * for m16 x 1.5 6g mounting thread versions, add ?m? as the first character of the model number. http://content.honeywell.com/sensing/prodinfo/vrs_industrial/3030series.asp (3 of 3)17/11/2005 13:35:53
invensys sensor systems / electro corporation, u.s.a. tel. 941-355-8411 www.speed-position.invensys.com fax 941-355-3120 iso 9001 *for m16 x 1.5 6g mounting thread versions, add m as the first character of the model number. contact invensys/electro for availability and pricing. sensors with 5/8-18 unf-2a mounting thread*, ms3106 connector model thread length weight 3030an 1.1" (28 mm) 2.5 oz. (70 gr.) 3030an25 2.5" (63 mm) 3.0 oz. (84 gr.) 3030an30 3.0" (76 mm) 3.0 oz. (84 gr.) 3030an40 4.0" (101 mm) 3.5 oz. (98 gr.) 3030AN50 5.0" (127 mm) 4.5 oz. (128 gr.) mates with 41010(vr) connector or ca210 cable assembly 0 100 200 300 400 500 600 700 800 900 1000 0 2.5 5.1 7.6 10.1 12.7 15.2 17.8 20.3 22.9 25.4 meters / second 200 175 150 100 125 50 75 25 inches / second optimum actuator: 20 dp (module 1.27) ferrous metal gear test condition: a 5/8 m16* 3030 series high output vrs sensors output voltage: 190v p-p min. coil resistance: 910 to 1200 ohms pole piece dia.: .106" (2.69mm) min. surface speed: 10 ips (.25 m/sec.) typical oper. temp. range: -67 to 250f (-55 to 120c) inductance: 450 mh max. gear pitch range: 24 dp (module 1.06) or coarser max. oper. freq.: 15 khz typical sensors with 5/8-18 unf-2a mounting thread*, 24" (300 mm) leads model thread length weight 3030s20 2.0" (50 mm) 2.5 oz. (70 gr.) 3030s30 3.0 (76 mm) 3.0 oz. (84 gr.) sensors with 5/8-18 unf-2a mounting thread*, 1/2-14 npt conduit mount, 24" (300 mm) leads model thread length weight 3030h20 2.0" (50 mm) 5.0 oz. (140 gr.) sensors with 5/8-18 unf-2a mounting thread*, ms3106 connector, .312" thread relief model thread length weight 3030a 1.4" (35 mm) 2.5 oz. (70 gr.) 3030a25 2.5" (63 mm) 3.0 oz. (84 gr.) mates with 41010(vr) connector or ca210 cable assembly v p/p vibration: meets mil-std 202f method 204d vrs tech data for speed sensing applications where higher output voltages are needed. performs best at low to medium speeds with medium to high impedance loads. general specifica tions


▲Up To Search▲   

 
Price & Availability of 3030AN50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X