Part Number Hot Search : 
MBR0540 109C1XAH 2SC4669 54HC1 HER208GU 12003 ANTXV1N UGB8BT
Product Description
Full Text Search
 

To Download 277LMH400M2BH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3757 w. touhy ave., lincolnwood, il 60712 (847)675-1760 fax (847) 675-2850 www.illcap.com lmh +105c long life snap mount aluminum electrolytic capacitors features ? standard case sizes ? multiple case sizes ? lead free leads ? high ripple current applications ? bypass ? filtering ? coupling ? de-coupling specifications operating temperature range -40c to +105c capacitance tolerance + 20% at 120 hz, 20c wvdc 160 200 250 350 400 450 surge voltage svdc 200 250 300 400 450 500 wvdc 160 200 250 350 400 450 dissipation factor tan .15 .15 .15 .15 .15 .15 5 minutes leakage current .02cv or 3000ua,whichever is greater wvdc 160 200 250 350 400 450 low temperature stability impedance ratio (120 hz) -25c to +20c 4 4 4 6 6 6 2000 hours at 105c with rated wvdc and ripple current applied capacitance change < 20% of initial measured value dissipation factor < 175% of maximum specified value load life leakage current < 100% of maximum specified value 1000 hours at 85c with no voltage applied capacitance change < 20% of initial measured value dissipation factor < 175% of maximum specified value shelf life leakage current < 100% of maximum specified value frequency (hz) temperature (c) 60 120 400 1k 10k +105 +85 +70 +60 +45 ripple current multipliers .8 1.0 1.1 1.3 1. 4 1 1.8 2 2.2 2.5
3757 w. touhy ave., lincolnwood, il 60712 (847)675-1760 fax (847) 675-2850 www.illcap.com lmh 105c snap-mount aluminum electrolytic capacitors lead style options code 2 (standard) diameter 20 to 40 mm code z diameter 20 to 40 mm code p diameter 22 to 35 mm code d diameter 30 to 40 mm code 9 diameter 25 to 35 mm code t diameter 25 to 35 mm code 4 diameter 35 to 45 mm code 4s (straight leads) diameter 35 to 45 mm code 5 diameter 40 to 50 mm code g d 35 40 50 63 76 p 14 14 18 25 25 diameter 35 to 76 mm
lmh +105c, long life 2000 hrs capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 68 450 686lmh450m2bc 3657.05 0.47 22x25 82 450 826lmh450m2bd 3032.68 0.55 22x30 100 400 107lmh400m2bc 2486.8 0.61 22x25 100 450 107lmh450m2bd 2486.8 0.61 22x30 100 450 107lmh450m2cc 2486.8 0.61 25x25 120 350 127lmh350m2bc 2072.33 0.58 22x25 120 400 127lmh400m2bd 2072.33 0.72 22x30 120 450 127lmh450m2be 2072.33 0.71 22x35 120 450 127lmh450m2cd 2072.33 0.72 25x30 150 350 157lmh160m2bd 1657.86 0.71 22x30 150 400 157lmh400m2bd 1657.86 0.8 22x30 150 400 157lmh400m2cc 1657.86 0.8 25x25 150 450 157lmh450m2dc 1657.86 0.84 30x25 150 450 157lmh450m2bf 1657.86 0.85 22x40 150 450 157lmh450m2cd 1657.86 0.81 25x30 180 350 187lmh350m2bd 1381.55 0.73 22x30 180 350 187lmh350m2cc 1381.55 0.73 25x25 180 400 187lmh400m2be 1381.55 0.89 22x35 180 400 187lmh400m2cd 1381.55 0.9 25x30 180 450 187lmh450m2bg 1381.55 0.93 22x45 180 450 187lmh450m2cf 1381.55 0.95 25x40 180 450 187lmh450m2dd 1381.55 0.93 30x30 220 250 227lmh250m2bc 1130.62 0.89 22x25 220 350 227lmh350m2be 1130.62 0.87 22x35 220 350 227lmh350m2cd 1130.62 0.87 25x30 220 400 227lmh400m2bg 1130.62 1.1 22x45 220 400 227lmh400m2ce 1130.62 1.06 25x35 220 400 227lmh400m2dc 1130.62 1.03 30x25 220 450 227lmh450m2cg 1130.62 1.1 25x45 220 450 227lmh450m2dd 1130.62 1.03 30x30 220 450 227lmh450m2ec 1130.62 1.06 35x25 270 250 277lmh250m2bc 921.04 0.94 22x25 270 350 277lmh350m2bf 921.04 0.96 22x40 270 350 277lmh350m2cd 921.04 0.92 25x30 270 350 277lmh350m2dc 921.04 0.95 30x25 270 400 277lmh400m2cf 921.04 1.18 25x40 270 400 277lmh400m2dd 921.04 1.16 30x30 270 400 277LMH400M2BH 921.04 1.21 22x50 270 400 277lmh400m2ec 921.04 1.19 35x25 270 450 277lmh450m2df 921.04 1.22 30x40 270 450 277lmh450m2ed 921.04 1.19 35x30 270 450 277lmh450m2ch 921.04 1.21 25x50 330 250 337lmh250m2cc 753.58 1.12 25x25 330 250 337lmh250m2bd 753.58 1.12 22x30 330 350 337lmh350m2dd 753.58 1.13 30x30 330 350 337lmh350m2bg 753.58 1.12 22x45 330 350 337lmh350m2cf 753.58 1.15 25x50 330 400 337lmh400m2cg 753.58 1.37 25x45 330 400 337lmh400m2de 753.58 1.37 30x35 330 400 337lmh400m2ed 753.58 1.41 35x30 330 450 337lmh450m2dg 753.58 1.42 30x45 330 450 337lmh450m2ee 753.58 1.4 35x35 390 200 397lmh200m2bc 637.64 1.29 22x25 390 250 397lmh250m2be 637.64 1.3 22x35 390 250 397lmh250m2cc 637.64 1.21 25x25 390 350 397lmh350m2cg 637.64 1.31 25x45 390 350 397lmh350m2de 637.64 1.31 30x35 390 400 397lmh400m2ch 637.64 1.56 25x50 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 390 400 397lmh400m2df 637.64 1.58 30x40 390 400 397lmh400m2ed 637.64 1.54 35x30 390 450 397lmh450m2dh 637.64 1.61 30x50 390 450 397lmh450m2ef 637.64 1.6 35x40 470 160 477lmh160m2bc 529.11 1.44 22x25 470 200 477lmh200m2bd 529.11 1.44 22x30 470 250 477lmh250m2cd 529.11 1.36 25x30 470 250 477lmh250m2bf 529.11 1.42 22x40 470 350 477lmh350m2ch 529.11 1.42 25x50 470 350 477lmh350m2de 529.11 1.36 30x35 470 350 477lmh350m2ed 529.11 1.4 35x30 470 400 477lmh400m2dg 529.11 1.72 30x45 470 400 477lmh400m2ee 529.11 1.69 35x35 470 450 477lmh450m2eg 529.11 1.75 35x45 560 200 567lmh200m2cc 444.07 1.48 25x25 560 200 567lmh200m2bd 444.07 1.48 22x30 560 250 567lmh250m2bg 444.07 1.54 22x45 560 250 567lmh250m2ce 444.07 1.49 25x35 560 250 567lmh250m2dc 444.07 1.44 30x25 560 350 567lmh350m2dg 444.07 1.55 30x45 560 350 567lmh350m2ee 444.07 1.53 35x35 560 400 567lmh400m2ef 444.07 1.84 35x40 560 400 567lmh400m2dh 444.07 1.85 30x50 560 450 567lmh450m2eh 444.07 1.88 35x50 680 160 687lmh160m2bd 365.71 1.63 22x30 680 160 687lmh160m2cc 365.71 1.63 25x25 680 200 687lmh200m2bf 365.71 1.84 22x40 680 200 687lmh200m2cd 365.71 1.75 25x30 680 250 687lmh250m2dd 365.71 1.71 30x30 680 250 687lmh250m2ec 365.71 1.75 35x25 680 250 687lmh250m2bh 365.71 1.78 22x50 680 250 687lmh250m2cf 365.71 1.73 25x40 680 350 687lmh350m2dh 365.71 1.79 30x50 680 350 687lmh350m2ef 365.71 1.78 35x40 680 400 687lmh400m2eg 365.71 2.12 35x45 820 160 827lmh160m2be 303.27 1.84 22x35 820 160 827lmh160m2cd 303.27 1.85 25x30 820 200 827lmh200m2ce 303.27 1.98 25x35 820 200 827lmh200m2dc 303.27 1.92 30x25 820 200 827lmh200m2bg 303.27 2.05 22x45 820 250 827lmh250m2cg 303.27 1.93 25x45 820 250 827lmh250m2de 303.27 1.92 30x35 820 250 827lmh250m2ed 303.27 1.98 35x30 820 350 827lmh350m2eg 303.27 1.97 35x45 820 400 827lmh400m2eh 303.27 2.35 35x50 1000 160 108lmh160m2bf 248.68 2.1 22x40 1000 160 108lmh160m2ce 248.68 2.13 25x35 1000 160 108lmh160m2dc 248.68 2.07 30x25 1000 200 108lmh200m2bh 248.68 2.31 22x50 1000 200 108lmh200m2cg 248.68 2.37 25x45 1000 200 108lmh200m2dd 248.68 2.22 30x30 1000 200 108lmh200m2ec 248.68 2.28 35x25 1000 200 108lmh200m2cg 248.68 2.37 25x45 1000 250 108lmh250m2df 248.68 2.19 30x40 1000 250 108lmh250m2ed 248.68 2.13 35x30 1200 160 128lmh160m2cf 207.23 2.3 25x40 1200 160 128lmh160m2dd 207.23 2.27 30x30 1200 160 128lmh160m2ec 207.23 2.33 35x25
lmh +105c, long life 2000 hrs capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 1200 200 128lmh200m2ch 207.23 2.54 25x50 1200 200 128lmh200m2de 207.23 2.42 30x35 1200 200 128lmh200m2ed 207.23 2.49 35x30 1200 250 128lmh250m2dg 207.23 2.35 30x45 1200 250 128lmh250m2ee 207.23 2.32 35x35 1500 160 158lmh160m2cg 165.79 2.42 25x45 1500 160 158lmh160m2de 165.79 2.41 30x35 1500 200 158lmh200m2ch 165.79 2.53 25x50 1500 200 158lmh200m2df 165.79 2.55 30x40 1500 200 158lmh200m2ed 165.79 2.49 35x30 1500 200 158lmh200m2ed 165.79 2.49 35x30 1500 250 158lmh250m2eg 165.79 2.56 35x45 capacitance (f) wvdc ic part number maximum esr (m) 120 hz, +20c maximum rms ripple current (a) 120 hz, +105c dims dxl (mm) 1800 160 188lmh160m2ch 138.16 2.56 25x50 1800 160 188lmh160m2df 138.16 2.58 30x40 1800 160 188lmh160m2ed 138.16 2.52 35x30 1800 200 188lmh200m2dg 138.16 2.71 30x45 1800 200 188lmh200m2ef 138.16 2.82 35x40 1800 250 188lmh250m2eh 138.16 2.71 35x50 2200 160 228lmh160m2dg 113.06 2.89 30x45 2200 160 228lmh160m2ee 113.06 2.85 35x35 2200 200 228lmh200m2eg 113.06 3.16 35x45 2700 160 278lmh160m2dh 92.1 3.13 30x50 2700 160 278lmh160m2ef 92.1 3.11 35x40 3300 160 338lmh160m2eh 75.358 3.77 35x50


▲Up To Search▲   

 
Price & Availability of 277LMH400M2BH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X