Part Number Hot Search : 
M3604A FMB12 VSC6134 FXXXX A106S MLL983B R400B EPD1007G
Product Description
Full Text Search
 

To Download 19323-0002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  versakrimp ? and avikrimp ? metric ring terminals avikrimp ? metric ring terminal versakrimp ? metric ring terminal high-quality, seamless-barrel metric ring terminals allow for optimum ft and maximum electrical performance when terminating connections to metric screws or threaded posts and are widely used in solderless wiring applications introducing high-quality metric-size solderless ring terminals featuring insulated avikrimp ? and un-insulated versakrimp ? seamless barrel types. the terminals provide maximum electrical performance for metric terminations using studs up to 10mm in diameter and wire size up to 6mm 2 . solderless ring terminals meet ul requirements only when crimped using molex recommended tooling; however terminals may be crimped with a variety of industry-standard tooling. for additional information visit: www.molex.com/link/metricringterminals.html terminals designed with metric ring sizes versakrimp ? style un-insulated rings feature a brazed seam on the crimp barrel avikrimp ? style rings are pre- insulated with nylon on the barrel avikrimp ? barrel has tin-plated brass ferrule terminals are constructed of high- quality, oxygen-free copper with tin plating terminals available on mylar tape on request molex crimp tooling available enables universal use with metric- size studs/screws up to 10mm in diameter and wire sizes up to 6mm 2 creates a seamless barrel that eliminates the need for proper orientation of the barrel during crimping; permits 360 of rotation in the crimp jaws for faster and more reliable crimping prevents arcing between adjacent terminals on a barrier strip when the barrels are exposed beyond the edge of the strip nylon does not contain halogens and is glow wire tested for safety provides double-crimp: both conductor and insulation crimp (strain relief) for optimum vibration resistance; fulflls tuv, vde, iec and din requirements creates a seamless conductor crimp that eliminates the need for proper orientation of the barrel during crimping; permits 360 of rotation in the crimp jaws protects from oxidation, which can result in high contact resistance and failure; ensures a highly conductive and reliable crimp allows for high-volume termination and the most cost-effective and effcient wire-harness production terminals meet ul requirements only when used with molex recommended tooling features and benefts metric ring terminals 19323 versakrimp ? style (un-insulated) 19324 avikrimp ? style (barrel insulated)
www.molex.com /link/metricringterminals.html ordering information specifcations additional product features reference information packaging: bulk box ul file no.: e32244 designed in: mm rohs: yes halogen free: yes glow wire compliant: yes electrical voltage (max.): 300v ac or dc (avikrimp) current (max.): 5 to 30a depending on wire size physical housing: nylon contact: copper plating: tin operating temperature: -55 to +105c ?2013 molex order no. 987650-8412 printed in eur/gf/2013.01 nominal wire size and range (mm2) stud size (mm) order numbers avikrimp ? insulated versakrimp ? un-insulated 1 (0,5 C 1) 2,5 19324-0001 19323-0001 1 (0,5 C 1) 3 19324-0002 19323-0002 1 (0,5 C 1) 3,5 19324-0003 19323-0003 1 (0,5 C 1) 4 19324-0004 19323-0004 1 (0,5 C 1) 5 19324-0005 19323-0005 2,5 (1 C 2,5) 3 19324-0006 19323-0006 2,5 (1 C 2,5) 3,5 19324-0007 19323-0007 2,5 (1 C 2,5) 4 19324-0008 19323-0008 2,5 (1 C 2,5) 5 19324-0009 19323-0009 2,5 (1 C 2,5) 6 19324-0010 19323-0010 2,5 (1 C 2,5) 8 19324-0011 19323-0011 6 (2,5 C 6) 4 19324-0012 19323-0012 6 (2,5 C 6) 5 19324-0013 19323-0013 6 (2,5 C 6) 6 19324-0014 19323-0014 6 (2,5 C 6) 8 19324-0015 19323-0015 6 (2,5 C 6) 10 19324-0016 19323-0016 metric ring terminals avikrimp ? ring terminal insulated metric stud hole tin plated brass sleeve nylon insulation brazed seam metric stud hole versakrimp ? ring terminal un-insulated industrial electrical panels wiring harnesses terminal blocks automotive aftermarket wiring harnesses after-market audio or video consumer appliances / white goods consumer electronics / brown goods applications hvac ring terminals connected to molex euromate ? terminal block security


▲Up To Search▲   

 
Price & Availability of 19323-0002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X