Part Number Hot Search : 
BT933 BF547 HMC132 UPD6133 TMP86F 15W10 BYV26EG 20C1X
Product Description
Full Text Search
 

To Download 12SE-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com mounting hardware for 200, 210, 270 and 280 series = most popular standard values = standard values = non-standard values subject to minimum handling charge per item type dimensions slotted a b c d e f g h 6101e 0.781" 0.75" 0.031" 0.438" 0.25" 6104e 0.781" 0.75" 0.031" 0.438" 0.25" 6110e 1" 1.125" 0.063" 0.813" 0.313" elongated 6120e 1" 0.5" 0.031" 0.422" 0.219" .438 .750 6126e 1.5" 1.25" 0.063" 0.438" 0.281" .563 .875 6127e 1.5" 2" 1.25" 0.063" 0.438" 0.281" .563 .875 6128e 1.5" 2" 1.25" 0.063" 0.438" 0.281" .563 .875 6129e 1.5" 2" 1.25" 0.063" 0.438" 0.281" .563 .875 std. core bolt length length 1 3 / 4 " 2 1 / 4 " 2 " 2 1 / 2 " 2 1 / 4 " 2 3 / 4 " 4 " 4 3 / 4 " 6 " 6 5 / 8 " 6 1 / 2 " 7 " 8 1 / 2 " 9 1 / 8 " 10 1 / 2 11 1 / 8 thru-bol t s and mount ing brackets sturdy plated steel brackets, along with thru-bolts, centering washers and insulat - ing washers (included), allow for secure mounting of 210 type and 270 type resis - tors. mounting brackets are available in either slotted (one with end-slot/one with side-slot) or elongated styles. mica w asher e .063" 1.588 mm f c e d a center ing w asher slotted type f c e h resistor length plus .125" (3.175 mm ) g mica w asher d a center ing w asher b elongated type ordering inf orma tion more detailed information at http://www.ohmite.com/techdata/lug-mounting.php 6104-e m-6 1 / 2 -e no. of resistors 1 2 3 1 2 3 1 2 3 1 2 3 1 1 bracket 6101 6102 6103 6104 6105 6106 61 10a 6111 a 61 12a 61 10 6111 61 12 61 13b 61 14 core code k m n p r s std. core length in. mm 2 4 6 2 4 6 1 / 2 4 6 8 1 / 2 10 1 / 2 8 1 / 2 10 1 / 2 11 3 / 119 119 119 170 170 170 252 252 252 375 4 12 15 20 6121-d-1 3 / 4 -e no. of resistors 1 2 1 2 3 4 1 2 3 4 bracket 6120 6121 6122 6123 6124 6125 6126 6127 6128 6129 cor e code d h k m n p standard core length (in) 1 1 3 / 4 2 2 1 / 4 4 2 4 6 1 / 2 8 1 / 2 10 1 / 2 rohs compliant euro lug slotted elongated euro lug rohs complian t tubular r esis t or mounting moun t ing hardware
1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com was hers one standard screwdriver type adjustable lug is sup - plied with each unit. two types of lugs can be ordered separately: stan - dard or with a silver contact button; both types are available with a screwdriver type lug. double thumb screw lug (part number 2160e) the double thumb screw adjustable lug permits easier adjustment and less chance of damage to resistance wire. available for 1.125" cores only. metal centering diameter for max. for resistors part no. outer inner screw size (power ratings) 6000e 0.563" 0.313 #10 25, 50, 75 watt 6001e 0.75" 0.5 #10 100 watt 6003e 1.125" 0.75 0.25" 175, 225 watt mica insulating diameter for resistors part no. outer inner (power ratings) 6010e 0.75" 0.625" 25, 50, 75 watt 6011e* 0.75" 0.313" 25, 50, 75 watt 6012e 1" 0.625" 100 watt 6013e* 1" 0.5" 100 watt 6014e 1.25" 0. 625 " core 1" o.d. x 0.625" i.d. 6015e* 1.25" 0.625" core 1" o.d. x 0.625" i.d. 6016e 1.5" 0.625" 175, 225 watt 6017e* 1.5" 0.75" 175, 225 watt * use with centering washers. resistor core diam. standard part numbers (o.d., in. / mm ) standard silver 0.313 / 7.94 2115e 2116e 0.563 / 14.3 2121e 2123e 0.750 / 19.05 2125e 2127e 1.125 / 28.58 2133e 2135e tubular r esis t or mounting moun t ing hardware mounting hardware for 200, 210, 270 and 280 series = most popular standard values = standard values = non-standard values subject to minimum handling charge per item adjust able lugs for 210 series thru-bolts, with centering washers and mica insulat - ing washers, permit perpendicular mounting of 200, 210 and 270 type resistors to panels up to 0.25" thick. bolt size for resistors part no. length no. (power rating) 7pa5e 1.75" 8 8 watt 7pa10e 2.5" 8 12 watt 7pa20e 2.75" 8 20 watt 7pa25e 2.75" 10 25 watt 7pa50e 4.75" 10 50 watt 7pa75e 6.75" 10 75 watt 7pa100e 7.313" 10 100 watt 7pa160e 9.5" 0.25" 175 watt 7pa200e 11.5" 0.25" 225 watt brackets fit inside cores of 200, 210 and 270 type resistors and remain in place by spring tension. standard brackets are plated steel and have no suffix to part number. spring steel brackets are indicated with an s suffix following part number. part number mtg screw for resistors standard spring steel size (max.) (power ratings) 5e 5se 6 8, 12 watt 7e 7se 6 20 watt 9e 9se 6 25, 50, 75 watt 12e 12se 10 100 watt 18e 18se 10 175, 225 watt mount ing brackets th ru bol ts more detailed information at http://www.ohmite.com/techdata/lug-mounting.php
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: ohmite: ? 6120d-1 3-4? 6110-8 1-2? 6104-6.5? 7s-10? 7pa20? 6110-10 1-2? 9s-10? 6126p-8 1-2? 6127p-8 1-2? 7pa75? 7pa25? 2123? 7pa50? 7pa10? 7pa5? 7pa200? 7pa100? 7pa160? 6120k-4? 6120k-2? 6101-2? 6101-6? 6101-4? 18-100? 2133e? 7pa25e? 6110-10 1-2e? 6010e? 2122e? 2121e? 2125e? 7pa75e? 6129p-8 1-2e? 6120k-2e? 6120k-4e? 12e-100? 18e- 100? 6128p-8 1-2-e? 7e-100? 18-10? 7e-10? 2115e? 5s-10? 5se-10? 7b-10? 7se-10? 9b-10? 9se-10? 12b-10? 12be-10? 12s-10? 12se-10? 18be-10? 18s-10? 18se-10? 12SE-100? 6126p-8 1-2e? 6127p-8 1-2e? 7pa200e? 6110-8 1-2e? 7pa5e? 7pa160e? 7pa100e? 7s-10e? 7pa50e? 7pa10e? 5e-100? 9e-100? 6101-4e? 6101-2e? 6101-6e? 6003e? 6017e ? 6016e


▲Up To Search▲   

 
Price & Availability of 12SE-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X