Part Number Hot Search : 
FQA17P10 6D61A KP30A MC74VHC1 NCS210 N82503 DA05N KAD1512D
Product Description
Full Text Search
 

To Download 10INCH-D-4V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a 16035 vineyard blvd. morgan hill, ca 95037 p 408 225 4314 f 408 225 2079 e www.allsensors.com all sensors all sensors ds-0024 r ev c pinout: pin 1: vs pin 2: gnd pin 3: vout pin 4: do not connect mkt date mfg date eng date qa da te approvals as is with change as is with change as is with change as is with change the amplifed line of low pressure sensors are based upon a proprietary technology to reduce all output ofset or common mode er - rors. this model provides a ratiometric 4-volt output with superior output ofset characteristics. output ofset errors due to change in temperature, stability to warm-up, stability to long time period, and position sensitivity are all signifcantly reduced when compared to conventional compensation methods. in addition the sensor utilizes a silicon, micromachined, stress concentration enhanced structure to provide a very linear output to measured pressure. these calibrated and temperature compensated sensors give an accurate and stable output over a wide temperature range. this series is intended for use with non-corrosive, non-ionic working fuids such as air, dry gases and the like. the output of the device is ratiometric to the supply voltage over a supply voltage range of 4.5 to 5.5 volts. 1 mbar (0.4 in h2o) to 60 in h2o pressure sensors ? 0 to 1 mbar to 0 to 60 in h2o pressure ranges ? ratiometric 4v output ? temperature compensated ? calibrated zero and span physical dimensions ? medical instrumentation ? environmental controls ? hvac general description applications features amplifed low pressure sensors - + vs vout gnd equivalent circuit pin 1 iden tifier c l port a port b 0. 020" x 0.010" pin 0.30" minimum le ngth 21.59 0.850 20.32 0.800 27.43 1.080 10.67 0.420 10.67 0.420 2.54 0.12 5r 3.18 0.140 3.56 (typ) 0.100 0.050 1.27 0.210 5.33 por t 0. 179"/0.189" 0.550 13.97 0.480 12.19 3.18 0.125 0.344 8.74
ds-0024 r ev c amplifed l ow pressure sensors part number 1 mbar-d-4v 1 inch-d-4v 1 inch-g-4v 2.5 inch-d-4v 2.5 inch-g-4v 5 inch-d-4v 5 inch-g-4v 10 inch-d-4v 10 inch-g-4v 20 inch-d-4v 20 inch-g-4v 30 inch-d-4v 30 inch-g-4v 40 inch-g-4v 60 inch-g-4v operating pressure 1 mbar 1 inh2o 0 - 1 inh2o 2.5 inh2o 0 - 2.5 inh2o 5 inh2o 0 - 5 inh2o 10 inh2o 0 - 10 inh2o 20 inh2o 0 - 20 inh2o 30 inh2o 0 - 30 inh2o 0 - 40 inh2o 0 - 60 inh2o nominal span 4 v 4 v 4 v 4 v 4v 4 v 4 v 4 v 4 v 4 v 4 v 4 v 4v 4v 4v proof pressure 100 inh2o 100 inh2o 100 inh2o 200 inh2o 200 inh2o 200 inh2o 200 inh2o 200 inh2o 200 inh2o 300 inh2o 300 inh2o 500 inh2o 500 inh2o 500 inh2o 500 inh2o burst pressure 200 inh2o 200 inh2o 200 inh2o 300 inh2o 300 inh2o 300 inh2o 300 inh2o 300 inh2o 300 inh2o 500 inh2o 500 inh2o 800 inh2o 800 inh2o 800 inh2o 800 inh2o standard pressure ranges supply supply voltage vs common-mode pressure lead temperature, max (soldering 2-4 sec.) +4.5 to +5.5 vdc -10 to +10 psig 250c pressure sensor ratings temperature ranges compensated operating storage humidity limits 5 to 50 c -25 to 85 c -40 to 125 c 0 to 95% rh (non condensing) environmental specifcations parameter, note 1 operating range, diferential pressure output span, note 5 ofset voltage @ zero diferential pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 1.80 2.00 nominal 1.0 2.0 2.25 20 40 20 0.05 maximum 2.20 2.50 120 0.25 4 units mbar v v mv mv mv mv %fss %fss performance characteristics for: 1 mbar-d-4v
a 16035 vineyard blvd. morgan hill, ca 95037 p 408 225 4314 f 408 225 2079 e www.allsensors.com all sensors all sensors ds-0024 r ev c parameter, note 1 operating range, diferential pressure output span, note 5 ofset voltage @ zero diferential pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 1.90 2.15 nominal 2.5 2.0 2.25 5 5 5 0.05 maximum 2.10 2.35 60 0.25 2 units inh2o v v mv mv mv mv %fss %fss performance characteristics for 2.5 inch-d-4v parameter, note 1 operating range, diferential pressure output span, note 5 ofset voltage @ zero diferential pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 1.90 2.15 nominal 1.0 2.0 2.25 10 5 10 0.05 maximum 2.10 2.35 60 0.25 2 units inh2o v v mv mv mv mv %fss %fss performance characteristics for 1 inch-d-4v parameter, note 1 operating range, gage pressure output span, note 5 ofset voltage @ zero pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 3.90 0.15 nominal 1.0 4.0 0.25 10 15 10 0.05 maximum 4.10 0.35 60 0.25 2 units inh2o v v mv mv mv mv %fss %fss performance characteristics for 1 inch-g-4v
ds-0024 r ev c amplifed l ow pressure sensors parameter, note 1 operating range, diferential pressure output span, note 5 ofset voltage @ zero diferential pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 1.90 2.15 nominal 5.0 2.0 2.25 5 5 5 0.05 maximum 2.10 2.35 40 0.25 1 units inh2o v v mv mv mv mv %fss %fss performance characteristics for 5 inch-d-4v parameter, note 1 operating range, gage pressure output span, note 5 ofset voltage @ zero gage pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 3.90 0.15 nominal 2.5 4.0 0.25 5 5 5 0.05 maximum 4.10 0.35 60 0.25 2 units inh2o v v mv mv mv mv %fss %fss performance characteristics for 2.5 inch-g-4v parameter, note 1 operating range, gage pressure output span, note 5 ofset voltage @ zero pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 3.90 0.15 nominal 5.0 4.0 0.25 5 5 5 0.05 maximum 4.10 0.35 40 0.25 1 units inh2o v v mv mv mv mv %fss %fss performance characteristics for: 5 inch-g-4v
a 16035 vineyard blvd. morgan hill, ca 95037 p 408 225 4314 f 408 225 2079 e www.allsensors.com all sensors all sensors ds-0024 r ev c parameter, note 1 operating range, diferential pressure output span, note 5 ofset voltage @ zero diferential pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 1.90 2.15 nominal 20.0 2.0 2.25 5 5 5 0.05 maximum 2.10 2.35 20 0.25 1 units inh2o v v mv mv mv mv %fss %fss performance characteristics for 20 inch-d-4v parameter, note 1 operating range, diferential pressure output span, note 5 ofset voltage @ zero diferential pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 1.90 2.15 nominal 10.0 2.0 2.25 5 5 5 0.05 maximum 2.10 2.35 20 0.25 1 units inh2o v v mv mv mv mv %fss %fss performance characteristics for: 10 inch-d-4v parameter, note 1 operating range, gage pressure output span, note 5 ofset voltage @ zero pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 3.90 0.15 nominal 10.0 4.0 0.25 5 5 5 0.05 maximum 4.10 0.35 20 0.25 1 units inh2o v v mv mv mv mv %fss %fss performance characteristics for: 10 inch-g-4v
ds-0024 r ev c amplifed l ow pressure sensors parameter, note 1 operating range, diferential pressure output span, note 5 ofset voltage @ zero diferential pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 1.90 2.15 nominal 30.0 2.0 2.25 5 5 5 0.05 maximum 2.10 2.35 20 0.25 1 units inh2o v v mv mv mv mv %fss %fss performance characteristics for 30 inch-d-4v parameter, note 1 operating range, gage pressure output span, note 5 ofset voltage @ zero pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 3.9 0.15 nominal 30.0 4.0 0.25 5 5 5 0.05 maximum 4.1 0.35 20 0.25 1 units inh2o v v mv mv mv mv %fss %fss performance characteristics for 30 inch-g-4v parameter, note 1 operating range, gage pressure output span, note 5 ofset voltage @ zero pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 3.90 0.15 nominal 20.0 4.0 0.25 5 5 5 0.05 maximum 4.1 0.35 20 0.25 1 units inh2o v v mv mv mv mv %fss %fss performance characteristics for 20 inch-g-4v
a 16035 vineyard blvd. morgan hill, ca 95037 p 408 225 4314 f 408 225 2079 e www.allsensors.com all sensors all sensors ds-0024 r ev c specifcation notes note 1: a ll p ar a meters are measured a t 5.0 volt excit a tion , for the nominal full sc ale pressure and room temper a ture unless otherwise specified . p ressure mea surements are with positive pressure applied to p ort b. note 2: s hift is rela tive to 25c. note 3: s hift is within the first hour of excit a tion applied to the device . note 4: m easured a t one - half full sc ale r a ted pressure using best str aight line curve fit . note 5: t he sp a n is the a l ge b r a ic difference b e tween full sc a le output volt a ge a nd the offse t volt a ge . all sensors reserves the right to make changes to any products herein. all sensors does not assume any liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent rights nor the rights of others. pressure response: for any pressure applied the response time to get to 90% of pressure applied is typically less than 500 useconds. parameter, note 1 operating range, gage pressure output span, note 5 ofset voltage @ zero pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 3.9 0.15 nominal 60.0 4.0 0.25 5 5 5 0.05 maximum 4.1 0.35 20 0.25 1 units inh2o v v mv mv mv mv %fss %fss performance characteristics for 60 inch-g-4v parameter, note 1 operating range, gage pressure output span, note 5 ofset voltage @ zero pressure ofset temperature shift (5c-50c), note 2 ofset warm-up shift, note 3 ofset position sensitivity (1g) ofset long term drift (one year) linearity, hysteresis error, note 4 span temperature shift (5c-50c), note 2 minimum 3.9 0.15 nominal 40.0 4.0 0.25 5 5 5 0.05 maximum 4.1 0.35 20 0.25 1 units inh2o v v mv mv mv mv %fss %fss performance characteristics for 40 inch-g-4v


▲Up To Search▲   

 
Price & Availability of 10INCH-D-4V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X