Part Number Hot Search : 
SPG8650D PIC16F87 APW8822C 331M25 PIC16F87 RT5021 BAS16L 68HC908
Product Description
Full Text Search
 

To Download 08055F104K4T4A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0805 size 0603 0805 1206 5 voltage 25v = 3 50v = 5 f dielectric x8r = f 104 capacitance code (in pf) 2 sig. digits + number of zeros e.g. 10? = 106 k capacitance tolerance j = 5% k = ?0% m = 20% 4 failure rate 4 = automotive a = not applicable t terminations t = plated ni and sn z = flexiterm tm u = conductive epoxy for hybrid apps 2 packaging 2 = 7" reel 4 = 13" reel a special code a = std. product x8r dielectric general specifications avx have developed a range of multilayer ceramic capacitors designed for use in applications up to 150?. these capacitors are manufactured with an x8r dielectric material which has a capacitance variation of ?5% between -55? and +150?. the need for x8r performance has been driven by customer requirements for parts that operate at elevated temperatures. they provide a highly reliable capacitor with low loss and stable capacitance over temperature. they are ideal for automotive under the hood sensors, measure while drilling and log while drilling. typical applications include wire line logging tools such as gamma ray receivers, acoustic trans- ceivers and micro-resistivity tools. they can also be used as bulk capacitors for high temperature camera modules. x8r capacitors are available as standard and automotive aec-q200 qualified parts. optional termi- nation systems, tin, flexiterm tm and conductive epoxy for hybrid applications are available. providing this series with our flexiterm tm termination system provides further advantage to cus- tomers by way of enhanced resistance to both, temperature cycling and mechanical damage. part number (see page 2 for complete part number explanation) note: contact factory for availability of termination and tolerance options for specific part numbers. letter a c e g j k m n p q x y z max. 0.33 0.56 0.71 0.86 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 thickness (0.013) (0.022) (0.028) (0.034) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) paper embossed 12 size 0603 0805 1206 wvdc 25v 50v 25v 50v 25v 50v 271 cap 270 g g 331 (pf) 330 g g j j 471 470 g g j j 681 680 g g j j 102 1000 g g j j j j 152 1500 g g j j j j 182 1800 g g j j j j 222 2200 g g j j j j 272 2700 g g j j j j 332 3300 g g j j j j 392 3900 g g j j j j 472 4700 g g j j j j 562 5600 g g j j j j 682 6800 g g j j j j 822 8200 g g j j j j 103 cap 0.01 g g j j j j 123 (?) 0.012 g g j j j j 153 0.015 g g j j j j 183 0.018 g g j j j j 223 0.022 g g j j j j 273 0.027 g g j j j j 333 0.033 g g j j j j 393 0.039 g g j j j j 473 0.047 g g j j j j 563 0.056 g n n m m 683 0.068 g n n m m 823 0.082 g n n m m 104 0.1 g n n m m 124 0.12 g n n m m 154 0.15 n n m m 184 0.18 n m m 224 0.22 n m m 274 0.27 n m m 334 0.33 n m m 394 0.39 n m 474 0.47 n m 684 0.68 m 824 0.82 105 1 wvdc 25v 50v 25v 50v 25v 50v size 0603 0805 1206 = under development (contact factory for advanced samples) = aec-q200 qualified
13 x8r dielectric general specifications applications for x8r capacitors all market sectors with a 150? requirement ? automotive on engine applications ? oil exploration applications ? hybrid automotive applications ? battery control ? inverter / converter circuits ? motor control applications ? water pump ? hybrid commercial applications ? emergency circuits ? sensors ? temperature regulation engineering tools for high voltage mlc capacitors samples technical articles application engineering application support advantages of x8r mlc capacitors capacitance variation of ?5% between ?5? and +150? qualified to the highest automotive aec-q200 standards ? excellent reliability compared to other capacitor technologies rohs compliant low esr / esl compared to other technologies tin solder finish flexiterm tm available hybrid available 50v range available x8r dielectric -25.00 -20.00 -15.00 -10.00 -5.00 0.00 5.00 -60 -40 -20 0 20 40 60 x7r included for comparison 80 100 120 140 160 temperature (?) % cap change 0805, 50v, x8r typical temperature coefficient


▲Up To Search▲   

 
Price & Availability of 08055F104K4T4A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X