|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
data sheet rev. 2.0 / october 2011 zadcs146/147 12-bit, 200ksps, adc family
zadcs146/147 12-bit, 200ksps, adc family ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. brief description the zmdi zadcs146 and zadcs147 are 12-bit low power analog-to-digital (a/d) converters with up to 250ksps conversion rate. the converter is based on successive-approximation-register architecture. all converters have an 8-channel input multiplexer and a high-bandwidth a track/hold circuit. all analog inputs are software configurable as eight / four/two single ended or four/two/one differential analog input channels as well as for unipolar or bipolar output coding. the zadcs146 and zadcs147 operate from a single +2.7v to +5.25v supply. the synchronous four wire serial interface connects directly to a microcontroller using one of the standards like spi?, qspi?, and microwire? without external components. the zadcs146 and zadcs147 use either the external serial-interface clock or an internally generated clock to perform successive- approximation analog-to-di gital conversions. the internal clock mode can be used to run synchronous conversions on several zmdi adcs in parallel. the zadcs 146 is equipped with a high accurate internal 2.5v reference with an additional external 1.5% voltage adjustment range. the device provides a hard-wired shut-down pin (nshdn) and software-selectable power-down modes to automatically shut down the ic at the end of a conversion. accessing the serial interface automatically powers up the zadcs146 and zadcs147. a quick turn-on time allows the device to be shut down between measurements. features ? 12-bit resolution sar adc ? 8 channel single or 4 channel diff. inputs ? software configurable uni- or bipolar output code ? spi?/qspi?, microwire? compatible serial interface ? no missing codes ? low power consumption ? internal 2.5v reference (only zadcs146) ? software programmable power down mode ? single-supply operation +2.5v to +5.25v ? benefits ? accurate measurements ? long battery life cycles due to low power consumption available support ? zadcs146 kit - evaluation kit for zadcs146 and zadcs147 based on zadcs146 device - standalone and pc based operation modus - usb 2.0 (1.1) compatible - user interface for pc operated modus - graphical oscilloscope appl. and fft analyzer physical characteristics ? adc resoluti on............................ 12 bit ? conversion ra te........................... 200 ksps ? power supply rate ....................... 2.7v to 5.25v ? inl............................................... 1.0 lsb max. ? dnl ............................................. 1.0 lsb max. ? sinad ......................................... >70 db ? standby (idle) current.................. <0.5 a ? current consumption @ 200 ksps, 3v supply - with internal reference .............. < 1.2 ma - without internal reference ......... < 0.9 ma ? 85c ? 20-pin ssop package temperature range ..................... -25c to + zadcs146/147 12-bit, 200ksps, adc family ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. typical applications ? embedded control & real time appl. ? industrial control & process control applications ? motion control applications ? three phase motor control ? power generation (solar, windmills, etc.) ? data acquisition ? portable data logging ? battery-powered systems ? automotive zadcs146 block diagram x 2.00 8-channel analog input multiplexer sar dac with inherent t&h + - in - in + comparator internal 3.2 mhz oscillator +1.25v reference serial interface and control state machine ch0 ch1 ch2 ch3 ch4 ch5 ch6 ch7 com refadj vref ncs sclk din dout sstrb nshdn vdd dgnd agnd available in zadcs146 ordering information order code resolution [bit] channels [number] sample rate [ksps] temperature range [c] internal vref inl dnl pins [number] package [type] packing zadcs146 vis20t 12 8 200 -25c to +85c ? 1 lsb 1 lsb 20 ssop tube zadcs147 is20t 12 8 200 -25c to +85c -- 1 lsb 1 lsb 20 ssop tube sales and further information www.zmdi.com adc@zmdi.com zentrum mikroelektronik dresden ag grenzstrasse 28 01109 dresden germany zmd america, inc. 8413 excelsior drive suite 200 madison, wi 53717 usa zentrum mikroelektronik dresden ag, japan office 2nd floor, shinbashi tokyu bldg. 4-21-3, shinbashi, minato-ku tokyo, 105-0004 japan zmd far east, ltd. 3f, no. 51, sec. 2, keelung road 11052 taipei taiwan phone +49 (0)351.8822.7232 fax +49 (0)351.8822.87232 phone +1 (608) 829-1987 fax +1 (631) 549-2882 phone +81.3.6895.7410 fax +81.3.6895.7301 phone +886 2 2377 8189 fax +886 2 2377 8199 disclaimer : this information applies to a product under development. its characteristics and specifications are preliminary and subject to change without notice. zentrum mikroelektronik dresden ag (zmd ag) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. t he information furnished hereby is believed to be true and accurate. however, under no circumstances shall zmd ag be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever arising out of or in any way related to the furnishing, performance, or use of this te chnical data. zmd ag hereby expressly disclaims any liability of zmd ag to any customer, licensee or any other third party, and any such customer, licensee and any other third par ty hereby waives any liability of zmd ag for any damages in connection with or arising out of the furnishing, performance or use of this technical data, whether based on contra ct, warranty, tort (including negligence), strict liability, or otherwise. zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 4 of 25 contents 1 ................................................................................................................................. 7 general device specification 1.1. ............................................................................................. 7 absolute maximum ratings (non operating) 1.2. ............................................................................................ 8 package pin assignment zadcs146 / zadcs147 1.3. ............................................................................................................................ 9 electrical characteristics 1.3.1. ................................................................................................................................... 9 general parameters 1.3.2. ..................................................................................... 10 specific parameters of zadcs146 versions 1.3.3. ......................................................................... 11 specific parameters of basic zadcs147 versions 1.3.4. ............................................................................................................................. 11 digital pin parameters 1.4. ........................................................................................................... 12 typical operating characteristics 2 ............................................................................................................................... ................. 14 detailed description 2.1. ............................................................................................................................... ............. 14 general operation 2.2. ............................................................................................................................... .......................... 15 analog input 2.3. ................................................................................................................... 17 internal & external reference 2.4. ............................................................................................................................... ................. 17 digital interface 2.5. ............................................................................................................................... ............... 21 power dissipation 3 ............................................................................................................................... ............................................. 23 layout 4 ............................................................................................................................... ........................ 24 package drawing zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 5 of 25 list of figures figure 1 package pin assignment for zadcs146 & zadcs147 ..............................................................................8 figure 2: basic application schematic for zadcs146 ..............................................................................................14 figure 3: basic application schematic for zadcs147 ..............................................................................................14 figure 4: input voltage range in unipolar mode ........................................................................................................15 figure 5: input voltage range for bipolar mode ........................................................................................................15 figure 6: block diagram of input multiplexer ............................................................................................................16 figure 7: equivalent input circuit during sampling ....................................................................................................16 figure 8: reference adjust circuit ............................................................................................................................17 figure 9: 24-clock external clock mode timing (f 3.2mhz) sclk ...........................................................................18 figure 10: internal clock mode timing with interleaved control byte transmission ................................................18 figure 11: 16-clock external clock mode conversion .............................................................................................19 figure 12: 15-clock external clock mode conversion .............................................................................................19 figure 13 detailed timing diagram ..........................................................................................................................20 figure 14: unipolar transfer function ......................................................................................................................21 figure 15: bipolar transfer function ........................................................................................................................21 figure 16: supply current versus sampling rate ....................................................................................................23 figure 17: optimal power-supply grounding system ..............................................................................................23 figure 18: package outline dimensions ..................................................................................................................24 zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 6 of 25 list of tables table 1: absolute maximum ratings ..........................................................................................................................7 table 2: pin list zadcs146 / zadcs147 ...................................................................................................................8 table 3: channel selection in single ended mode ...................................................................................................14 table 4: channel selection in differential mode .......................................................................................................14 table 5: control byte format ............................................................................................................................... .... 18 table 6: timing characterisitics (vdd = +2.7v to + 5.25v; ? = ? ? ? ) op opmin opmax ...............................................20 table 7: package dimensions for zadc146/zadcs147 devices (mm) ..................................................................24 zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 7 of 25 1 general device specification 1.1. absolute maximum ratings (non operating) symbol parameter min max unit note v dd-gnd vdd to agnd, dgnd -0.3 6 v v agnd-dgnd agnd to dgnd -0.3 0.3 v ch0 ? ch7, com to agnd, dgnd -0.3 vdd+0.3 v vref, vrefadj to agnd -0.3 vdd+0.3 v digital inputs to dgnd -0.3 6 v digital outputs to dgnd -0.3 vdd+0.3 v digital output sink current 25 ma i in input current into any pin except supply pins (latch-up) -100 100 ma v hbm electrostatic discharge ? human body model (hbm) 2000 v 1 ? jct maximum junction temperature +150 c ? op operating temperatur e range -25 +85 ? stg storage temperature -65 +150 c ? lead lead temperature 100%sn jedec-j-std-20c 260 c h humidity non-condensing 2 p tot total power dissipation 250 mw thermal resistance of package r thj ssop20 / 5.3mm 100 k/w table 1: absolute maximum ratings 1 hbm: c = 100pf charged to v hbm with resistor r = 1.5k ? in series, valid for all pins 2 level 4 according to jedec-020a is guaranteed zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 8 of 25 1.2. package pin assignment zadcs146 / zadcs147 package pin numb er name direction type description 1 ch0 in analog analog input channel 0 2 ch1 in analog analog input channel 1 3 ch2 in analog analog input channel 2 4 ch3 in analog analog input channel 3 5 ch4 in analog analog input channel 4 6 ch5 in analog analog input channel 5 7 ch6 in analog analog input channel 6 8 ch7 in analog analog input channel 7 9 com in analog ground reference for analog inputs in single- ended mode 10 nshdn in analog active low shutdown 11 vref i/o analog reference buffer output / external reference input 12 refadj i/o analog input to reference buffer amplifier / 13 agnd supply analog ground 14 dgnd supply digital ground 15 dout out cmos digital serial data output 16 sstrb out cmos digital serial strobe output 17 din in cmos digital serial data input 18 ncs in cmos digital active low chip select 19 sclk in cmos digital serial clock input 20 vdd supply positive supply voltage table 2: pin list zadcs146 / zadcs147 figure 1 pac kage pin assignment for zadcs146 & zadcs147 c h 0 vdd sc lk c h1 zadcs 146 / zadcs 147 n cs c h2 din c h 3 ss trb c h4 d ou t c h 5 d g nd c h 6 ag nd c h7 refadj / n.c. for zadcs147 co m vref n s hdn zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 9 of 25 1.3. electrical characteristics 1.3.1. general parameters (vdd = +2.7v to + 5.25v; f sclk = 3.2mhz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); v ref = 2.500v applied to vref pin; ? op = ? opmin ? ? opmax ) parameter symbol conditions min typ max unit dc accuracy resolution 12 bits relative accuracy inl zadcs146/ zadcs147 ? 1.0 lsb no missing codes nmc 12 bits differential nonlinearity dnl zadcs146/ zadcs147 ? 1.0 lsb offset error ? 0.5 ? 3.0 lsb gain error ? 0.5 ? 4.0 lsb gain temperature coefficient ? 0.25 ppm/c dynamic specifications (10khz sine-wave input, 0v to 2.500vpp, 200ksps, 3.2mhz external clock) signal-to-noise + distortion ratio sinad 68 73 db total harmonic distortion thd up to the 5 th harmonic -88 -75 db spurious-free dynamic range sfdr 74 80 db small-signal bandwidth -3db roll off 3.8 mhz conversion rate sampling time (= track/hold acquisition time) t acq ext. clock = 3.2mhz, 2.5 clocks/ acquisition 0.758 s ext. clock = 3.2mhz, 12 clocks/ conversion 3.75 s conversion time t conv int. clock = 3.2mhz +/- 12% tolerance 3.30 4.20 s aperture delay 30 ns aperture jitter < 50 ps external clock frequency 0.1 3.2 mhz internal clock frequency 2.81 3.2 3.58 mhz analog inputs unipolar, com = 0v 0 to vref input voltage range, single- ended and differential bipolar, com = vref/2 ? vref / 2 v input capacitance 16 pf zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 10 of 25 1.3.2. specific parameters of zadcs146 versions (vdd = +2.7v to + 5.25v; f sclk = 3.2mhz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); ? op = ? opmin ? ? opmax ) parameter symbol conditions min typ max unit internal reference at vref vref output voltage t a = + 25c 2.480 2.500 2.520 v vref short-circuit current 30 ma vref temperature coefficient 30 50 ppm/c load regulation 0 to 0.2ma output load 0.35 mv capacitive bypass at vref 4.7 f capacitive bypass at refadj 0.047 f refadj adjustment range ? 1.5 % external reference at vref (internal buffer disabled by v(refadj) = vdd ) vref input voltage range 1.0 vdd + 50mv v vref input current vref = 2.5v 180 215 a vref input resistance 11.5 14 k? shutdown vref input current 0.1 a refadj buffer disable threshold vdd- 0.5 v external reference at vref_adj reference buffer gain 2.00 vref_adj input current 80 a full power down vrefadj input current full power-down mode 0.1 a power requirements positive supply voltage vdd 2.7 5.25 v operating mode ext. vref 0.85 1.0 ma operating mode int. vref 1.3 1.4 ma fast power-down 250 300 positive supply current zadcs146 zadcs147 idd vdd=3.6v full power-down 0.5 4.0 a operating mode ext. vref 1.00 1.3 ma operating mode int. vref 1.40 1.6 ma fast power-down 250 300 positive supply current zadcs146 zadcs147 idd vdd=5.2v full power-down 0.5 4.0 a zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 11 of 25 1.3.3. specific parameters of basic zadcs147 versions (vdd = +2.7v to + 5.25v; f sclk = 3.2mhz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); ? op = ? opmin ? ? opma x ) parameter symbol conditions min typ max unit external reference at vref vref input voltage range 1.0 vdd + 50mv v vref input current vref = 2.5v 180 215 a vref input resistance 11.5 14 k? shutdown vref input current 0.1 a capacitive bypass at vref 4.7 f power requirements positive supply voltage vdd 2.7 5.25 v operating mode 0.85 1.0 positive supply current idd vdd = 3.6v full power-down 0.5 4.0 a operating mode 1.00 1.3 positive supply current idd vdd = 5.25v full power-down 0.5 4.0 a 1.3.4. digital pin parameters (vdd = +2.7v to + 5.25v; f sclk = 3.2mhz (50% duty cycle); 16 clocks/conversion cycle (200 ksps); ? op = ? opmin ? ? opmax ) parameter symbol conditions min typ max unit digital inputs (din, sclk, cs, nshdn) vdd = 2.7v 1.9 v logic high level v ih vdd = 5.25v 3.3 v vdd = 2.7v 0.7 v logic low level v il vdd = 5.25v 1.4 v hysteresis v hyst 0.7 v input leakage i in vin = 0v or vdd 0.1 1.0 a input capacitance c in 5 pf digital outptus (dout, sstrb) vdd = 2.7v 3.5 8.5 ma output high current i oh v oh = vdd ? 0.5v vdd = 5.25v 5.5 10.8 ma vdd = 2.7v 4 11.5 ma output low voltage i ol v ol = 0.4v vdd = 5.25v 6.4 15.3 ma three-state leakage current i leak ncs = vdd 0.1 1.0 a three-state output capacitance c out ncs = vdd 5 pf zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 12 of 25 1.4. typical operating characteristics integral nonlinearity vs. code -1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1 0 512 1024 1536 2048 2560 3072 3584 4096 code inl (lsb) differential nonlinearity vs. code -1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1 0 512 1024 1536 2048 2560 3072 3584 4096 code dnl (lsb) idd vs. vdd 0 150 300 450 600 750 900 1050 1200 1350 1500 2.73.44.14.8 vdd (v) idd (a) 5 . 5 iddstatic vs. temperature zadcs146 with internal reference at vdd = 3.3v 500 550 600 650 700 -40-20 0 20406080100 temperatur (c) idd (a) frequency spectrum f in = 1khz, 4096 point fft -140 -120 -100 -80 -60 -40 -20 0 20 0 102030405060708090100 frequency (khz) amplitude (db) frequency spectrum f in = 10khz, 4096 point fft -140 -120 -100 -80 -60 -40 -20 0 20 0 102030405060708090100 frequency (khz) amplitude (db) iddactive (converting) iddstatic external v internal v ref ref zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 13 of 25 offset error vs. vdd -3 -2.5 -2 -1.5 -1 -0.5 0 2.7 3.4 4.1 4.8 5.5 vdd (v) offset error (lsb) offset error vs. temperatur -2.2 -2.1 -2 -1.9 -1.8 -1.7 -1.6 -1.5 -50 -25 0 25 50 75 100 temperature (c) offset error (lsb) gain error vs. vdd -0.45 -0.4 -0.35 -0.3 -0.25 -0.2 -0.15 -0.1 -0.05 0 2.7 3.4 4.1 4.8 5.5 vdd (v) gain error (lsb) gain error vs. temperatur -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0 -50-25 0 25507510 temperature (c) gain error (lsb) 0 zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 14 of 25 2 detailed description 2.1. general operation the zadcs 14x are classic successive approximation r egister (sar) type converte rs. the architecture is based on a capacitive charge redistribut ion dac merged with a resistor stri ng dac building a hybrid converter with excellent monotonicity and dnl properties. the sample & hold function is inherent to the capacitive dac. thi s avoids additional active components in t he signal path that could dist ort the input signal or introduce errors. both devices zadcs146 / zadcs147 build on the same converter core and differ only in the availability of an internal reference voltage generator. zadcs146 is equi pped with a highly accurate internal 1.25v bandgap reference which is available at the vrefadj pin. t he bandgap voltage is further amplified by an internal buffer amplifier to 2.50v that is available at pin vr ef. zadcs147 comes without the internal reference and the internal buffer amplifier. it requires an exter nal reference supplied at vref, with the benefit of considerably lower power consumption. a basic application schematic for zadcs146 is shown in figure 2 , for zadcs147 in figure 3 . zadcs 146 can also be operated with an external reference, if vrefadj is tied to vdd. figure 2: basic applicatio n schematic for zadcs146 figure 3: basic applicatio n schematic for zadcs147 a2 a1 a0 ch0 ch1 ch2 ch3 ch4 ch5 ch6 ch7 com 0 0 0 in+ in- 1 0 0 in+ in- 0 0 1 in+ in- 1 0 1 in+ in- 0 1 0 in+ in- 1 1 0 in+ in- 0 1 1 in+ in- 1 1 1 in+ in- table 3: channel selection in single ended mode a2 a1 a0 ch0 ch1 ch2 ch3 ch4 ch5 ch6 ch7 0 0 0 in+ in- 0 0 1 in+ in- 0 1 0 in+ in- 0 1 1 in+ in- 1 0 0 in- in+ 1 0 1 in- in+ 1 1 0 in- in+ 1 1 1 in- in+ table 4: channel selection in differential mode single-ended or differential analog inputs, 0v ? +2.5v ncs 1 din 2 dgnd 3 a gnd 4 v ref 5 com 6 ch0 7 ch1 8 ch4 9 ch5 10 sclk 20 sstrb 19 dout 18 nshdn 17 vdd 16 v refadj 15 ch2 14 ch3 13 ch6 12 ch7 11 zadcs146 47nf 4.7f 0.1f 10f sck i/o mosi miso c +2.7v to 5.25v single-ended or differential analog inputs, 0v ? +v ref ncs 1 din 2 dgnd 3 a gnd 4 v ref 5 com 6 ch0 7 ch1 8 ch4 9 ch5 10 sclk 20 sstrb 19 dout 18 nshdn 17 vdd 16 n.c. 15 ch2 14 ch3 13 ch6 12 ch7 11 zadcs147 4.7f 0.1f c mi so mosi sck i/o +2.7v to 5.25v 10f zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 15 of 25 2.2. analog input the a nalog input to the converter is fully differential. both converter input signals in + and in ? (see functional block diagram at front page) get sampled during the ac quisition period enabling the converter to be used in fully differential applications where both signals can vary over time. the zadcs146 /zadcs147 converters do not require that the negative input signal be kept constant within 0.5lsb during the entire conversion as is commonly required by converters featuring pseudo differential operation only. the input signals can be applied single ended, referenced to the com pin, or differential, using pairs of the input channels. the desired configurat ion is selectable for every conversion via the control-byte received on din pin of the digital interface (see further description below) a block diagram of the inpu t multiplexer is shown in figure 6 . table 3 and table 4 show the relationship of the control-byte bits a2, a1, a0 and sgl/di f to the configuration of the analog multiplexer. both input signals in + and in ? are generally allowed to swing between ?0.2v and vdd+0.2v. however, depending on the selected conversion mode ? uniploar or bi polar ? certain input voltage relations can limit the output code range of the converter. in unipolar mode the voltage at in + must exceed the voltage at in ? to obtain codes unequal to 0x00. the entire 8 bit transfer characteristic is then covered by in + if in + ranges from in ? to (in ? +vref). any voltage on in + >(in ? +vref) results in code 0xff. code 0xff is not reached, if (in ? +vref) > vdd + 0.2v because the input voltage is clamped at vdd + 0.2v by esd protection devices. figure 4: input voltage range in unipolar mode figure 5: input voltage range for bipolar mode v v in+ cm the voltage at in ? can range from -0.2v ? ? v ref without limiting the code r ange, assuming the fore mentioned vdd condition is true. see also figure 4 for input voltage ranges in unipolar conversion mode. 0v 1.5*v ref v ref v in- v dd -v ref code range 0xff 0x00 0.5*v ref 0v v ref ? v range v cm ? v ref -v /2 0v +v /2 v ref ref diff zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 16 of 25 in bipola r mode, in + can range from (in ? - vref/2) to (in ? +vref/2) keeping the converter out of code saturation. for instance, if in ? is set to a constant dc voltage of vref/2, then in + can vary from 0v to v ref to cover the entire code range. lower or higher voltages of in + keep the output code at the minimum or maximum code value. figure 5 shows the input voltage ranges in bipolar mode when in ? is set to a constant dc voltage. as explained before, zadcs146 /zadcs147 can also be used to convert fully differential input signals that change around a common mode input voltage. the bipolar mode is best used for such purposes since it allows the input signals to be positive or negative in relation to each other. the common mode level of a differential input signal is calculated v cm = (v(in + )+ v(in ? )) / 2. to avoid code clipping or over steering of the converter, the common mode level can change from ? v ref ? ? v ref . within this range the peak to peak amplitude of the differential input signal can be v ref /2. the average input current on the analog inputs depends on the conversion rate. the signal source must be capable of charging the internal sampling capacitors (typically 16pf on each input of the converter: in + and in ? ) within the acquisition time t acq to the required accuracy. the equivalent input circuit in sampling mode is shown in figure 7 . the follo wing equation provides a rough hand calculation for a source impedance r s that is required to settle out a dc input signal referenced to agnd with 8 bit accuracy in a given acquisition time sw in acq s r c9 t r ? ? ? for example, if f sclk = 3.2mhz, the acquisition time is t acq = 781.25ns. thus the output impedance of the signal source r s must be less than 1.34k ? k ? 3 20pf9 781.25ns r s ?? ? ? if the output impedance of the source is higher than the calculated maximum r s the acquisition time must be extended by reducing f sclk to ensure 8 bit accuracy. another option is to add a capacitor of > 20nf to the individual input. although this limits the bandwidth of the input signal because an rc low pass filter is build together with the source impedance, it may be useful for certain applications. figure 6: block diagram of input multiplexer sho wn configuration figure 7: equivalent input circuit during sampling ch0 ch1 ch2 ch3 ch4 ch5 ch6 ch7 a2 ? a0 = 0x 000 in+ converter in- com sgl/dif = high see table 3 & t able 4 for coding schemes r sw c hold+ 16pf c in 4pf r sw ch0 a gnd c hold- 16pf c in 4pf a gnd in + in - ch1 ch2 ch3 ch4 ch5 ch6 ch7 com channel multiplexer 3k v dc 3k zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 17 of 25 the sm all-signal bandwidth of the input tracking circuitry is 3.8mhz. hence it is possi ble to digitize high-speed transient events and periodic signals with frequencies exceeding the adc?s sampling rate. this allows the application of certain under-sampling techniques like down conversion of modulated high frequency signals. be aware that under-sampling techniques still require a band width limitation of the input signal to less than the nyquist frequency of the converter to avoid aliasing e ffects. also, the output impedance of the input source must be very low to achieve the mentioned sm all signal bandwidth in the overall system. 2.3. internal & external reference zadcs1 46 is equipped with a highly accurate internal 2.5v reference voltage source. the voltage is generated from a trimmed 1.25v bandgap with an internal buffer that is set to a gain of 2.00. the bandgap voltage is supplied at vrefadj with an output impedance of 20k ? . an external capacitor of 47nf at vrefadj is useful to further decrease noise on the internal reference. the vrefadj pin also provides an opportunity to exte rnally adjust the bandgap vo ltage in a limited range (see figure 8 ) as well as the possibility to overdrive the inte rnal b andgap with an external 1.25v reference. the internal bandgap reference and the vref buffer can be shut down completely by setting vrefadj to vdd. this reduces power consumpt ion of the zadcs146 device and allows the supply of an external reference at vref. zadcs147 does not contain the internal bandgap or the vref buffer. an external reference must be supplied all the time at vref. the valu e of the reference voltage at vref sets the input range of the converter and the analog voltage weight of each digital code. the size of the lsb (least significant bit) is equal to the value of vref (reference to agnd) divided by 4096. for example at a reference voltage of 2.500v, the voltage level of a lsb is equal to 0.610mv. the average current consumption at vref depends on the value of vref and the sampling frequency. two effects contribute to the current at vref, a resistive connection from vref to agnd and charge currents that result from the switching and recharging of the capacit or array (cdac) during sampling and conversion. for an external reference of 2.5v the input current at vref is approximately 100a. 2.4. digital interface zadcs1 46 and zadcs147 are controlled by a 4-wire serial interface that is compatible to spi?, qspi? and microwire? devices without external logic. any conversion is started by sending a control byte into din while ncs is low. a typical sequence is shown in figure 9 . the control byte defines the input channel(s), unipolar or bipolar operation and output coding, single-ended or differential input configuration, external or internal conversion clock and the kind of power down that is activated after the completion of a conversion. a detail ed description of the control bits can be obtained from figure 9 . as it can also be seen in figure 9 the acquisition of the input signal o ccurs at the end of the control byte for 2.5 clock cycles. outside this range, the track & hold is in hold mode. the conversion process is star ted, with the falling clock edge (sclk) of the eighth bit in the control byte. it takes twelve clock cycles to complete the conversion and one additional cycle to shift out the last bit of the conversion result. during the remaining seven clock cycles the output is filled with zeros in 24-clock conversion mode. depending on what cloc k mode was selected, either the external spi clock or an internal clock is used to drive the successive approximation. figure 10 shows the timing for internal clock mode. figure 8: reference adjust circuit vdd = +2.7v ? +5.25v z adcs146 510k ? vrefadj 47nf zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 18 of 25 figure 9: 24-clock external clock mode timing (f sclk 3.2mhz) ncs t acq figure 10: internal clock mode timing with interleaved control byte transmission table 5: control byte format bit name description 7 (msb) start the start bit is defined by the first logic ?1? after ncs goes low. 6 5 4 a2 a1 a0 channel select bits. along with sgl/dif these bits control the setting of the input multiplexer. for further details on the decoding see also table 3 and table 4 . 3 uni/bip output code bit. the value of the bit determines conversion mode and output code format. ?1? = unipolar - straight binary coding ?0? = bipolar - two?s complement coding 2 sgl/dif single-ended / differential select bit. along with the channel select bits a2 .. a0 this bit controls the setting of the input multiplexer ?1? = single ended - all channels ch0 ? ch7 measured referenced to com ?0? = differential - the voltage between two channels is measured 1 0 (lsb) pd1 pd0 power down and clock mode select bits pd1 pd0 mode 0 0 full power-down 0 1 fast power-down 1 0 internal clock mode 1 1 external clock mode s a2 a1 a0 uni/ bip sgl/ dif pd1 pd0 b11 b10 b9 b2 b1 b0 zero filled acquire idle conversion ( msb ) ( lsb ) 1 8 ( start ) ncs sclk din sstrb dout b5 b4 b3 b8 b8 b6 18 18 s a2 a1 a0 uni/ bip sgl/ dif pd1 pd0 acquire result output t conv s a2 a1 a0 uni/ bip sgl/ dif pd1 pd0 sclk 1 8 1 8 1 8 din ( start ) ac q uire idle conversion idle sst rb b11 b10 zero filled b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 dout ( msb ) ( lsb ) zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 19 of 25 figure 11: 16-clock external clock mode conversion dout sstrb din sclk ncs 8 1 8 1 s a2 a1 a0 uni/ bip sgl/ dif pd1 pd0 ( msb ) b11 b10 b9 b8 b7 b6 b5 b4 b3 b2 b1 b0 zero filled ( start ) idle ( lsb ) 1 8 uni/ bip sgl/ dif pd1 pd0 b11 b10 1 ac q uire a0 a1 a2 s ac q uire idle conversion figure 12: 15-clock external clock mode conversion sclk ncs 1 8 1 s a2 a1 a0 uni/ bip sgl/ dif pd1 pd0 b11 b10 b9 b8 b7 dout sstr din ( msb ) b6 b5 b3 b2 b1 b0 zero filled ( start ) ac q uire idle conversion ( lsb ) 1 a2 a1 a0 uni/ bip sgl/ dif pd1 pd0 ac q uire b11 b10 1 1 b9 b8 b7 b6 b5 b4 s a2 conversion b4 s internal clock mode in internal clock mode, the conversion starts at t he falling clock edge of the eighth control bit just as in external clock mode. however, there are no further clock pulses required at sclk to complete the conversion. the conversion clock is generated by an internal oscillator that runs at appro ximately 3.2mhz. while the conversion is running, the sstrb signal is dr iven low. as soon as the conversion is complete, sstrb is switched to high, signalling that the conversion result can be re ad out on the serial interface. to shorten cycle times zadcs146 and zadcs147 devices allo w interleaving of the read out process with the transmission of a new control byte. thus it is possib le to read the conversion result and to start a new conversion with just two consecutive by te transfers, instead of thee bytes that would have to be send without the interleaving function. while the ic is performing a conversion in internal clock mode, the chip select signal (ncs) may be tied high allowing other devices to communicate on the bus. the output driver at dout is switched into a high impedance state while ncs is high. the conversion time t conv may vary in the specified limits depending on the actual vdd and temperature values. 16-clocks per conversion interleaving of the data read out process and transmis sion of a new control byte is also supported for external clock mode operation. figure 11 shows the transmission timing for conversion runs using 16 clock cy cles per run. 15-clocks per conversion zadcs146 and zadcs147 do also support a 15 clock cycle conversion mode (see figure 12 ). this is the fastest conve rsion mode possible. in fact, the specified converter sampling rate of 200ksps will be reached in this mode, provided the clock frequency is set to 3.2mhz . usually micro controllers do not support this kind of 15 bit serial communication transfers. however, specif ically designed digital state machines implemented in field programmable gate arrays (fpga) or application specific integrated circuits (asic) may use this operation mode. zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 20 of 25 digital timing in gen eral the clock frequency at sclk may vary from 0. 1mhz to 3.2mhz. considering all telegram pauses or other interruptions of a continuous clock at sclk, each conversion must be completed within 1.2ms from the falling clock edge of the eighth bit in the control by te. otherwise the signal that was captured during sample/hold may drop to noticeable affect the conversion result. further detailed timing information on the digital interface is provided in table 6 and figure 13 . parameter symbol conditions min typ max unit sclk periode t sclk 303.0 ns sclk pulse width high t sclkhigh 151.5 ns sclk pulse width low t sclklow 151.5 ns din to sclk setup t dinsetup 30 ns din to sclk hold t dinhold 10 ns ncs fall to sclk setup t ncssetup 30 ns sclk fall to dout & sstrb hold t outhold c load = 20pf 10 ns sclk fall to dout & sstrb valid t outvalid c load = 20pf 40 ns ncs rise to dout & sstrb disable t outdisable c load = 20pf 10 60 ns ncs fall to dout & sstrb enable t outenable c load = 20pf 60 ns ncs pulse width high t ncshigh 100 ns table 6: timing characterisitics (vdd = +2.7v to + 5.25v; ? op = ? opmin ? ? opmax ) figure 13 detailed timing diagram ncs sclk din sstrb dout t t sclkhigh scl t sclklow t dinhold t dinsetup t ncssetup t outvalid t outenable t outenable t outdisable t outhold t ncshig zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 21 of 25 outpu t code format zadcs146 and zadcs147 do support unipolar and bipolar operation modes. the digital output code is straight binary in unipolar mode. it ranges from 0x00 for an input voltage difference of 0v to 0xff for an input voltage difference of vref (full scale = fs). the first code transition (0x00 ? 0x01) occurs at a voltage equivalent to ? lsb, the last (0xfe ? 0xff) at vref-1.5 lsb. see also figure 14 for details. in bipolar mode a two?s complement coding is applied. code transitions occur again halfway between successive integer lsb values. the transfer function is shown in figure 15 . figure 14 : unipolar transfer function figure 15: bipolar transfer function 2.5. power dissipation zadcs1 46 and zadcs147 offer three different ways to save operating current between conversions. two different software controlled power down modes can be ac tivated to automatically shut-down the device after completion of a conversion. they differ in t he amount of circuitry that is powered down. software power down full power down mode shuts down the entire analog part of the ic, reducing the static idd of the device to less than 0.5a if no external clock is provided at sclk. fast power down mode is only useful with zadcs146 devices if the internal voltage reference is used. during fast power-down the bandgap and the vrefadj output buffer are kept alive while all other inte rnal analog circuitry is shut down. the benefit of fast power down mode is a shorter turn on time of the reference compared to full power-down mode. this is basically due to the fact that the low pass which is formed at the vrefadj output by the internal 20k ? resistor and the external buffer capacitor of 47nf is not discharged in fast power-down mode. the settling time of the low pass at vrefadj is about 9ms to re ach 12 bit accuracy. the fast power down mode omits this settling and reduces the turn on time to about 200s. to wake up the ic out of either software power down mode, it is sufficient to send a start bit while ncs is low. since micro controllers can commonly transfer full bytes per transaction only, a dummy conversion is usually carried out to wake the device. in all application cases where an external reference voltage is supplied (zadcs147 and zadcs146 with vrefadj tied to vdd) there is no turn on time to be considered. the first conversion is already valid. fast power-down and full power-down mode do not s how any difference in this configuration. 11 ? 111 11 ? 110 11 ? 101 00 ? 000 00 ? 001 00 ? 010 1 2 3 fs 0 in p ut volta g e ( lsb ) fs-3/2 lsb zs = v ( in- ) fs = v ref +v(in- ) 1lsb = v ref 4096 (zs) out p ut code out p ut code zs = v ( in- ) + fs = ?v +v(in-) ref 01 ? 111 01 ? 110 10 ? 000 10 ? 001 00 ? 000 +fs -fs in p ut volta g e ( lsb ) +fs-3/2 lsb 1lsb = v ref 4096 00 ? 001 00 ? 011 11 ? 111 11 ? 110 - fs = -?v +v(in-) ref 11 ? 101 zs zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 22 of 25 hardware power down the third power down mode is called hardware power-down. it is initiated by pulling the nshdn pin low. if this condition is true, the device w ill immediately shut down all circuitry just as in full power down-mode. the ic wakes up if nshdn is tied high. there is no internal pull-up that would allow nshdn to float during normal operation. this ensures the lowest pos sible power consumption in power down mode. general power considerations even without activating any power down mode, the zadcs146 and zadcs147 reduce their power consumption between conversions automatically. the com parator, which contributes a considerable amount to the overall current consumption of the device, is sh ut off as soon as a conversion is ended. it gets turned on at the start of the next acquisition period. this expl ains the difference between the iddstatic and iddactive measurements shown in chapter 1.4 typical operating characteristics . the avera ge current consumption of the device depe nds very much on the sampling frequency and the type of protocol used to communicate with the device. in order to achieve the lowest powe r consumption at low sampling frequencies, it is suggested to keep the conversion clock frequency at the maximum level of 3.2mhz and to power down the device between consecutive conversions. figure 16 shows the characteristic current con sumption of the zadcs147 with external reference supply versus sampling rate zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 23 of 25 3 layout to achieve o ptimum conversion performance care must be taken in design and layout of the application board. it is highly recommended to use printed circuit boar ds instead of wire wrap designs and to establish a single point star connection ground system towards agnd (see figure 17 ). for optim al noise performance the star point should be lo cated very close to the agnd pin of the converter. the ground return to the power supply should be as short as possible and low impedance. all other analog ground points of external circuitry that is related to the a/d converter as well as the dgnd pin of the device should be connected to this ground poin t too. any other digital ground system should be kept apart as far as possible and connect on the power supply point only. analog and digital signal domains should also be separ ated as well as possible and analog input signals should be shielded by agnd ground planes from electromagnetic interferences. four-layer pcb boards that allow smaller vertical distances between the ground plane and the shielded signals do generally show a better performance than two-layer boards. the sampling phase is the most critical portion of the ov erall conversion timing for signal distortion. if possible, the switching of any high power devic es or nearby digital logic should be avoided during the sampling phase of the converter. current consumption vs. sample rate external clock mode, external v ref , f sclk = 3.3mhz 1 10 100 1000 10000 1 10 100 1000 sample rate (ksps) average supply current (a) figure 16: supply current versus sampling rate figure 17: optimal power-supply grounding system optional r = 10 ? vdd1 (+2.7 ? +5.25v) zadcs146 za dcs147 power supplies com dgnd other dgnd gnd digital dvdd circuitr y vdd2 the fully differential internal architecture of the zadcs146 and zadcs147 ensures very good suppression of power supply noise. nevertheless, the sar architecture is generally sensitive to glitches or sudden changes of the power supply that occur shortly before the la tching of the comparator output. it is therefore recommended to bypass the power supply connection very close to the device with capacitors of 0.1f (ceramic) and >1f (electrolytic). in case of a noisy su pply, an additional series resistor of 5 to 10 ohms can be used to low-pass filter the supply voltage. t he reference voltage should always be bypassed with capacitors of 0.1f (ceramic) and 4.7f (electrolytic) as close as possible to the vref pin. if v ref is provided by an external source, any series resistance in the v ref supply path can cause a gain error of the converter. during conversion, a dc current of about 100a is drawn th rough the vref pin that could cause a noticeable voltage drop across the resistance. zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 24 of 25 4 package drawing zadcs1 46 and zadcs147 devices are delivered in a 20-pin ssop-package that has the dimensions as shown in figure 18 and table 7 . figure 18: package outline dimensions symbol a a 1 a 2 b p c d e e nom h e l p z k ? nominal 1.86 0.13 1.73 0.30 0. 15 7.20 5.30 7.80 4 maximum 1.99 0.21 1.78 0.38 0. 20 7.33 5.38 7.90 0.74 8 minimum 1.73 0.05 1.68 0.25 0.09 7.07 5.20 0.65 7.65 0.63 0.25 0 table 7: package dimensions for zadc146/zadcs147 devices (mm) zadcs146/147 12-bit, 200ksps, adc family data sheet october 12, 2011 ? 2011 zentrum mikroelektronik dresden ag ? rev. 2.0 all rights reserved. the material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. the information furnished in this publication is preliminary and subject to changes without notice. 25 of 25 sales and further information www.zmdi.com adc@zmdi.com zentrum mikroelektronik dresden ag grenzstrasse 28 01109 dresden germany zmd america, inc. 8413 excelsior drive suite 200 madison, wi 53717 usa zentrum mikroelektronik dresden ag, japan office 2nd floor, shinbashi tokyu bldg. 4-21-3, shinbashi, minato-ku tokyo, 105-0004 japan zmd far east, ltd. 3f, no. 51, sec. 2, keelung road 11052 taipei taiwan phone +49 (0)351.8822.7232 fax +49 (0)351.8822.87232 phone +1 (608) 829-1987 fax +1 (631) 549-2882 phone +81.3.6895.7410 fax +81.3.6895.7301 phone +886 2 2377 8189 fax +886 2 2377 8199 disclaimer : this information applies to a product under development. its characteristics and specifications are preliminary and subject to change without notice. zentrum mikroelektronik dresden ag (zmd ag) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. t he information furnished hereby is believed to be true and accurate. however, under no circumstances shall zmd ag be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever arising out of or in any way related to the furnishing, performance, or use of this technical data. zmd ag hereby expressly disclaims any liability of zmd ag to any customer, licensee or any other third party, and any such customer, licensee and any other third party hereby waives any liability of zmd ag for any damages in connection with or arising out of the furnishing, performance or use of this technical data, whether based on contract, warranty, tort (includi ng negligence), strict liability, or otherwise. mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: zmdi: ? ZADCS146VIS20T? zadcs147is20t |
Price & Availability of ZADCS146VIS20T |